Part Number Hot Search : 
FAN4800 15ETL06S 8016A 2SK122 CEH2311 SZ5A13 2DD1766P R47M1
Product Description
Full Text Search
 

To Download AD8310ARMZ-REEL71 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier AD8310
FEATURES
Multistage demodulating logarithmic amplifier Voltage output, rise time <15 ns High current capacity: 25 mA into grounded RL 95 dB dynamic range: -91 dBV to +4 dBV Single supply of 2.7 V min at 8 mA typ DC-440 MHz operation, 0.4 dB linearity Slope of +24 mV/dB, intercept of -108 dBV Highly stable scaling over temperature Fully differential dc-coupled signal path 100 ns power-up time, 1 mA sleep current
SUPPLY
5
FUNCTIONAL BLOCK DIAGRAM
VPOS BAND GAP REFERENCE 8mA AND BIASING INHI 1.0k INLO 3 NINE DETECTOR CELLS SPACED 14.3dB COMMON
2 COMM
AD8310
ENBL BFIN
7 ENABLE 6 BUFFER
SIX 14.3dB 900MHz AMPLIFIER STAGES MIRROR 2A /dB 2 3k COMM
+ -
+INPUT -INPUT
8 1
INPUT
VOUT 3k
4 OUTPUT
1k OFLT 33pF COMM
3
APPLICATIONS
Conversion of signal level to decibel form Transmitter antenna power measurement Receiver signal strength indication (RSSI) Low cost radar and sonar signal processing Network and spectrum analyzers Signal-level determination down to 20 Hz True-decibel ac mode for multimeters
Figure 1.
GENERAL DESCRIPTION
The AD8310 is a complete, dc-440 MHz demodulating logarithmic amplifier (log amp) with a very fast voltage mode output, capable of driving up to 25 mA into a grounded load in under 15 ns. It uses the progressive compression (successive detection) technique to provide a dynamic range of up to 95 dB to 3 dB law conformance or 90 dB to a 1 dB error bound up to 100 MHz. It is extremely stable and easy to use, requiring no significant external components. A single-supply voltage of 2.7 V to 5.5 V at 8 mA is needed, corresponding to a power consumption of only 24 mW at 3 V. A fast-acting CMOScompatible enable pin is provided. Each of the six cascaded amplifier/limiter cells has a smallsignal gain of 14.3 dB, with a -3 dB bandwidth of 900 MHz. A total of nine detector cells are used to provide a dynamic range that extends from -91 dBV (where 0 dBV is defined as the amplitude of a 1 V rms sine wave), an amplitude of about 40 V, up to +4 dBV (or 2.2 V). The demodulated output is accurately scaled, with a log slope of 24 mV/dB and an intercept of -108 dBV. The scaling parameters are supplyand temperature-independent.
The fully differential input offers a moderately high impedance (1 k in parallel with about 1 pF). A simple network can match the input to 50 and provide a power sensitivity of -78 dBm to +17 dBm. The logarithmic linearity is typically within 0.4 dB up to 100 MHz over the central portion of the range, but it is somewhat greater at 440 MHz. There is no minimum frequency limit; the AD8310 can be used down to low audio frequencies. Special filtering features are provided to support this wide range. The output voltage runs from a noise-limited lower boundary of 400 mV to an upper limit within 200 mV of the supply voltage for light loads. The slope and intercept can be readily altered using external resistors. The output is tolerant of a wide variety of load conditions and is stable with capacitive loads of 100 pF. The AD8310 provides a unique combination of low cost, small size, low power consumption, high accuracy and stability, high dynamic range, a frequency range encompassing audio to UHF, fast response time, and good load-driving capabilities, making this product useful in numerous applications that require the reduction of a signal to its decibel equivalent. The AD8310 is available in the industrial temperature range of -40C to +85C in an 8-lead MSOP package.
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
01084-001
INPUT-OFFSET COMPENSATION LOOP
COMM
OFFSET FILTER
AD8310 TABLE OF CONTENTS
Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 4 ESD Caution.................................................................................. 4 Pin Configuration and Function Descriptions............................. 5 Typical Performance Characteristics ............................................. 6 Theory of Operation ........................................................................ 9 Progressive Compression ............................................................ 9 Slope and Intercept Calibration................................................ 10 Offset Control ............................................................................. 10 Product Overview........................................................................... 11 Enable Interface .......................................................................... 11 Input Interface............................................................................. 11 Offset Interface ........................................................................... 12 Output Interface ......................................................................... 12 Using the AD8310........................................................................... 14 Basic Connections ...................................................................... 14 Transfer Function in Terms of Slope and Intercept............... 15 dBV vs. dBm................................................................................ 15 Input Matching ........................................................................... 15 Narrow-Band Matching ............................................................ 16 General Matching Procedure.................................................... 16 Slope and Intercept Adjustments ............................................. 17 Increasing the Slope to a Fixed Value ...................................... 17 Output Filtering.......................................................................... 18 Lowering the High-Pass Corner Frequency of the Offset Compensation Loop .................................................................. 18 Applications..................................................................................... 19 Cable-Driving ............................................................................. 19 DC-Coupled Input ..................................................................... 19 Evaluation Board ............................................................................ 20 Outline Dimensions ....................................................................... 22 Ordering Guide .......................................................................... 22
REVISION HISTORY
10/04--Data Sheet Changed from Rev. C to Rev. D Format Updated .......................................................... Universal Typical Performance Characteristics Reordered ......................... 6 Changes to Figures 41 and 42 ....................................................... 20 7/03--Data Sheet Changed from Rev. B to Rev. C Replaced TPC 12............................................................................... 5 Change to DC-Coupled Input Section ........................................ 14 Replaced Figure 20 ......................................................................... 15 Updated Outline Dimensions ....................................................... 16 2/03--Data Sheet Changed from Rev. A to Rev. B Change to Evaluation Board Section ........................................... 15 Change to Table III ......................................................................... 16 Updated Outline Dimensions ....................................................... 16 1/00--Data Sheet Changed from Rev. 0 to Rev. A 10/99--Revision 0: Initial Version
Rev. D | Page 2 of 24
AD8310 SPECIFICATIONS
TA = 25C, VS = 5 V, unless otherwise noted. Table 1.
Parameter INPUT STAGE Maximum Input1 Equivalent Power in 50 Noise Floor Equivalent Power in 50 Input Resistance Input Capacitance DC Bias Voltage LOGARITHMIC AMPLIFIER 3 dB Error Dynamic Range Transfer Slope Intercept (Log Offset)2 Conditions Inputs INHI, INLO Single-ended, p-p Termination resistor of 52.3 Differential drive, p-p Terminated 50 source 440 MHz bandwidth From INHI to INLO From INHI to INLO Either input Output VOUT From noise floor to maximum input 10 MHz f 200 MHz Overtemperature, -40C < TA < +85C 10 MHz f 200 MHz Equivalent dBm (re 50 ) Overtemperature, -40C TA +85C Equivalent dBm (re 50 ) Temperature sensitivity Input from -88 dBV (-75 dBm) to +2 dBV (+15 dBm) Input = -91 dBV (-78 dBm) Input = 9 dBV (22 dBm) Min 2.0 Typ 2.2 4 17 20 1.28 -78 1000 1.4 3.2 95 24 -108 -95 Max Unit V dBV dBm dBm nV/Hz dBm pF V dB mV/dB mV/dB dBV dBm dBV dBm dB/C dB V V mA MHz ns ns ns ns ns V mA mA A V A V
800
1200
22 20 -115 -102 -120 -107
26 26 -99 -86 -96 -83
Linearity Error (Ripple) Output Voltage Minimum Load Resistance, RL Maximum Sink Current Output Resistance Video Bandwidth Rise Time (10% to 90%) Fall Time (90% to 10%) Output Settling Time to 1% POWER INTERFACES Supply Voltage, VPOS Quiescent Current Overtemperature Disable Current Logic Level to Enable Power Input Current when High Logic Level to Disable Power
Input Level = -43 dBV (-30 dBm), RL 402 , CL 68 pF Input Level = -3 dBV (+10 dBm), RL 402 , CL 68 pF Input Level = -43 dBV (-30 dBm), RL 402 , CL 68 pF Input Level = -3 dBV (+10 dBm), RL 402 , CL 68 pF Input Level = -13 dBV (0 dBm), RL 402 , CL 68 pF 2.7 6.5 5.5
-0.04 0.4 0.4 2.6 100 0.5 0.05 25 15 20 30 40 40 5.5 9.5 10
Zero-signal -40C < TA< +85C High condition, -40C < TA< +85C 3 V at ENBL Low condition, -40C < TA< +85C
8.0 8.5 0.05 2.3 35 0.8
1
The input level is specified in dBV, because logarithmic amplifiers respond strictly to voltage, not power. 0 dBV corresponds to a sinusoidal single-frequency input of 1 V rms. A power level of 0 dBm (1 mW) in a 50 termination corresponds to an input of 0.2236 V rms. Therefore, the relationship between dBV and dBm is a fixed offset of 13 dBm in the special case of a 50 termination. 2 Guaranteed but not tested; limits are specified at six sigma levels.
Rev. D | Page 3 of 24
AD8310 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter Supply Voltage, VS Input Power (re 50 ), Single-Ended Differential Drive Internal Power Dissipation JA Maximum Junction Temperature Operating Temperature Range Storage Temperature Range Lead Temperature Range (Soldering 60 s) Value 7.5 V 18 dBm 22 dBm 200 mW 200C/W 125C -40C to +85C -65C to +150C 300C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may effect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. D | Page 4 of 24
AD8310 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
INLO 1 COMM 2 OFLT 3 VOUT 4
8
INHI ENBL
01084-002
AD8310
TOP VIEW (Not to Scale)
7 6 5
BFIN VPOS
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No. 1 2 3 4 5 6 7 8 Mnemonic INLO COMM OFLT VOUT VPOS BFIN ENBL INHI Function One of Two Balanced Inputs, Biased Roughly to VPOS/2. Common Pin (Usually Grounded). Offset Filter Access, Nominally at about 1.75 V. Low Impedance Output Voltage, 25 mA Maximum Load. Positive Supply, 2.7 V to 5.5 V at 8 mA Quiescent Current. Buffer Input; Used to Lower Postdetection Bandwidth. CMOS Compatible Chip Enable (Active when High). Second of Two Balanced Inputs.
Rev. D | Page 5 of 24
AD8310 TYPICAL PERFORMANCE CHARACTERISTICS
3.0
2.4 2.1 1.8 4.0 3.0 2.0
2.5
RSSI OUTPUT (V)
2.0
1.5
+25C
-40C
1.5 TA = -40C TA = +25C 0.5 TA = +85C 0 -120 -100 (-87dBm) -80 -60 -40 -20 INPUT LEVEL (dBV) 0 (+13dBm)
01084-011
1.2 0.9 0.6 0.3 +25C -80 -70 -60 -50 -40 -30 -20 -10 0 0 -90 +85C
0 -1.0 +85C -2.0 -3.0 -4.0 10
1.0
-40C
20
PIN (dBm)
Figure 3. RSSI Output vs. Input Level, 100 MHz Sine Input at TA = -40C, +25C, and +85C, Single-Ended Input
3.0 10MHz 50MHz
Figure 6. Log Linearity of RSSI Output vs. Input Level, 100 MHz Sine Input at TA = -40C, +25C, and +85C
5 4
2.5 100MHz
RSSI OUTPUT (V)
3 2
2.0
ERROR (dB)
1 0 -1 -2 50MHz -3
10MHz
1.5
1.0
0.5
-4
01084-012
100MHz -100 (-87dBm) -80 -60 -40 -20 0 (+13dBm) 20
01084-015
01084-016
0 -120
-100 (-87dBm)
-80
-60
-40
-20
INPUT LEVEL (dBV)
0 (+13dBm)
20
-5 -120
INPUT LEVEL (dBV)
Figure 4. RSSI Output vs. Input Level at TA = 25C for Frequencies of 10 MHz, 50 MHz, and 100 MHz
3.0 200MHz 300MHz 2.5
Figure 7. Log Linearity of RSSI Output vs. Input Level, at TA = 25C, for Frequencies of 10 MHz, 50 MHz, and 100 MHz
5 4 3 2
RSSI OUTPUT (V)
2.0
ERROR (dB)
440MHz 1.5
1 0 -1 -2 -3 300MHz 440MHz -4
200MHz
1.0
0.5
01084-013
0 -120
-100 (-87dBm)
-80
-60 -40 -20 INPUT LEVEL (dBV)
0 (+13dBm)
20
-5 -120
-100 (-87dBm)
-80
-60
-40
-20
INPUT LEVEL (dBV)
0 (+13dBm)
20
Figure 5. RSSI Output vs. Input Level at TA = 25C for Frequencies of 200 MHz, 300 MHz, and 440 MHz
Figure 8. Log Linearity of RSSI Output vs. Input Level at TA = 25C for Frequencies of 200 MHz, 300 MHz, and 440 MHz
Rev. D | Page 6 of 24
01084-014
ERROR (dB)
1.0
VOUT (V)
AD8310
100pF 3300pF 0.01F GROUND REFERENCE VOUT 500mV PER VERTICAL DIVISION
500mV PER VERTICAL DIVISION
VOUT 25ns PER HORIZONTAL DIVISION
GROUND REFERENCE 10mV PER VERTICAL DIVISION
01084-009
01084-010
50s PER HORIZONTAL DIVISION
INPUT
Figure 9. Small-Signal AC Response of RSSI Output with External BFIN Capacitance of 100 pF, 3300 pF, and 0.01 F
200 VOUT 500mV PER VERTICAL DIVISION 100 154
Figure 12. Small-Signal RSSI Pulse Response with RL = 402 and CL = 68 pF
VOUT 500mV PER VERTICAL DIVISION
CURVES OVERLAP
GND REFERENCE INPUT 500mV PER VERTICAL DIVISION 100ns PER HORIZONTAL DIVISION
GND REFERENCE INPUT 500mV PER VERTICAL DIVISION 100ns PER HORIZONTAL DIVISION
01084-005
Figure 10. Large-Signal RSSI Pulse Response with CL = 100 pF and RL = 100 , 154 , and 200
100ns PER HORIZONTAL DIVISION
Figure 13. Large-Signal RSSI Pulse Response with RL = 100 and CL = 33 pF, 68 pF, and 100 pF
VOUT 500mV PER VERTICAL DIVISION
VOUT 200mV PER VERTICAL DIVISION 100ns PER HORIZONTAL DIVISION
GND REFERENCE
GND REFERENCE INPUT 500mV PER VERTICAL DIVISION
INPUT 20mV PER VERTICAL DIVISION
01084-006
Figure 11. RSSI Pulse Response with RL = 402 and CL = 68 pF, for Inputs Stepped from 0 dBV to -33 dBV, -23 dBV, -13 dBV, and -3 dBV
Figure 14. Small-Signal RSSI Pulse Response with RL = 50 and Back Termination of 50 (Total Load = 100 )
Rev. D | Page 7 of 24
01084-008
-3dBV INPUT LEVEL SHOWN HERE
01084-007
AD8310
100 10
VOUT
SUPPLY CURRENT (mA)
-3dBV -23dBV -43dBV
1 0.1 0.01 TA = +25C 0.001 TA = +85C
500mV PER VERTICAL DIVISION
-63dBV -83dBV
0.0001 TA = -40C
01084-003
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
ENABLE VOLTAGE (V)
200ns PER HORIZONTAL DIVISION
Figure 15. Supply Current vs. Enable Voltage at TA = -40C, +25C, and +85C
Figure 18. Power-On/Off Response Time with RF Input of -83 dBV to -3 dBV
30 29 28
-99 -101 -103
RSSI INTERCEPT (dBV)
RSSI SLOPE (mV/dB)
27 26 25 24 23 22 21
01084-017
-105 -107 -109 -111 -113 -115 -117
01084-018
20 1 10 100 FREQUENCY (MHz) 1000
-119 1 10 100 FREQUENCY (MHz) 1000
Figure 16. RSSI Slope vs. Frequency
Figure 19. RSSI Intercept vs. Frequency
40 35 30 25
COUNT
24
NORMAL (23.6584, 0.308728)
22 20 18 16 NORMAL (-107.6338, 2.36064)
20 15 10 5
01084-019
COUNT
14 12 10 8 6 4 2
22.0
22.5
23.0 23.5 SLOPE (mV/dB)
24.0
24.5
-113
-111
-109 -107 -105 -103 INTERCEPT (dBV)
-101
-99
-97
Figure 17. Transfer Slope Distribution, VS = 5 V, Frequency = 100 MHz, 25C
Figure 20. Intercept Distribution VS = 5 V, Frequency = 100 MHz, 25C
Rev. D | Page 8 of 24
01084-020
0 21.5
0 -115
01084-004
0.00001 0.5
5V PER VERTICAL DIVISION
ENABLE
AD8310 THEORY OF OPERATION
Logarithmic amplifiers perform a more complex operation than classical linear amplifiers, and their circuitry is significantly different. A good grasp of what log amps do and how they do it can help users avoid many pitfalls in their applications. For a complete discussion of the theory, see the AD8307 data sheet. The essential purpose of a log amp is not to amplify (though amplification is needed internally), but to compress a signal of wide dynamic range to its decibel equivalent. It is, therefore, a measurement device. An even better term might be logarithmic converter, because the function is to convert a signal from one domain of representation to another via a precise nonlinear transformation:
VOUT = VSLOPE PIN - PO
where:
(
)
(2)
VOUT is the demodulated and filtered baseband (video or RSSI) output. VSLOPE is the logarithmic slope, now expressed in V/dB (25 mV/dB for the AD8310). PIN is the input power, expressed in dB relative to some reference power level. PO is the logarithmic intercept, expressed in dB relative to the same reference level.
VOUT where:
V = VY log IN V X

(1)
VOUT is the output voltage. VY is the slope voltage. The logarithm is usually taken to base ten, in which case VY is also the volts-per-decade. VIN is the input voltage. VX is the intercept voltage.
Log amps implicitly require two references (here VX and VY) that determine the scaling of the circuit. The accuracy of a log amp cannot be any better than the accuracy of its scaling references. In the AD8310, these are provided by a band gap reference.
VOUT 5VY 4VY VSHIFT 3VY 2VY VY LOG VIN VOUT = 0 VIN = 10-2VX -40dBc VIN = VX 0dBc VIN = 102VX +40dBc VIN = 104VX +80dBc
01084-021
A widely used reference in RF systems is dB above 1 mW in 50 , a level of 0 dBm. Note that the quantity (PIN - PO) is dB. The logarithmic function disappears from the formula, because the conversion has already been implicitly performed in stating the input in decibels. This is strictly a concession to popular convention. Log amps manifestly do not respond to power (tacitly, power absorbed at the input), but rather to input voltage. The input is specified in dBV (decibels with respect to 1 V rms) throughout this data sheet. This is more precise, although still incomplete, because the signal waveform is also involved. Many users specify RF signals in terms of power (usually in dBm/50 ) and this convention is used in this data sheet when specifying the performance of the AD8310.
PROGRESSIVE COMPRESSION
High speed, high dynamic-range log amps use a cascade of nonlinear amplifier cells to generate the logarithmic function as a series of contiguous segments, a type of piecewise linear technique. The AD8310 employs six cells in its main signal path, each having a small-signal gain of 14.3 dB (x5.2) and a -3 dB bandwidth of about 900 MHz. The overall gain is about 20,000 (86 dB) and the overall bandwidth of the chain is approximately 500 MHz, resulting in a gain-bandwidth product (GBW) of 10,000 GHz, about a million times that of a typical op amp. This very high GBW is essential to accurate operation under smallsignal conditions and at high frequencies. The AD8310 exhibits a logarithmic response down to inputs as small as 40 V at 440 MHz. Progressive compression log amps either provide a baseband video response or accept an RF input and demodulate this signal to develop an output that is essentially the envelope of the input represented on a logarithmic or decibel scale. The AD8310 is the latter kind. Demodulation is performed in a total of nine detector cells. Six are associated with the amplifier stages, and three are passive detectors that receive a progressively attenuated fraction of the full input. The maximum signal frequency can be 440 MHz, but, because all the gain stages are dc-coupled, operation at very low frequencies is possible.
LOWER INTERCEPT
-2VY
Figure 21. General Form of the Logarithmic Function
While Equation 1, plotted in Figure 21, is fundamentally correct, a different formula is appropriate for specifying the calibration attributes or demodulating log amps like the AD8310, operating in RF applications with a sine wave input.
Rev. D | Page 9 of 24
AD8310
SLOPE AND INTERCEPT CALIBRATION
All monolithic log amps from Analog Devices use precision design techniques to control the logarithmic slope and intercept. The primary source of this calibration is a pair of accurate voltage references that provide supply- and temperature-independent scaling. The slope is set to 24 mV/dB by the bias chosen for the detector cells and the subsequent gain of the postdetector output interface. With this slope, the full 95 dB dynamic range can be easily accommodated within the output swing capacity, when operating from a 2.7 V supply. Intercept positioning at-108 dBV (-95 dBm re 50 ) has likewise been chosen to provide an output centered in the available voltage range. Precise control of the slope and intercept results in a log amp with stable scaling parameters, making it a true measurement device as, for example, a calibrated received signal strength indicator (RSSI). In this application, the input waveform is invariably sinusoidal. The input level is correctly specified in dBV. It can alternatively be stated as an equivalent power, in dBm, but in this case, it is necessary to specify the impedance in which this power is presumed to be measured. In RF practice, it is common to assume a reference impedance of 50 , in which 0 dBm (1 mW) corresponds to a sinusoidal amplitude of 316.2 mV (223.6 mV rms). However, the power metric is correct only when the input impedance is lowered to 50 , either by a termination resistor added across INHI and INLO, or by the use of a narrow-band matching network. Note that log amps do not inherently respond to power, but to the voltage applied to their input. The AD8310 presents a nominal input impedance much higher than 50 (typically 1 k at low frequencies). A simple input matching network can considerably improve the power sensitivity of this type of log amp. This increases the voltage applied to the input and, therefore, alters the intercept. For a 50 reactive match, the voltage gain is about 4.8, and the whole dynamic range moves down by 13.6 dB. The effective intercept is a function of waveform. For example, a square-wave input reads 6 dB higher than a sine wave of the same amplitude, and a Gaussian noise input reads 0.5 dB higher than a sine wave of the same rms value.
OFFSET CONTROL
In a monolithic log amp, direct coupling is used between the stages for several reasons. First, it avoids the need for coupling capacitors, which typically have a chip area at least as large as that of a basic gain cell, considerably increasing die size. Second, the capacitor values predetermine the lowest frequency at which the log amp can operate. For moderate values, this can be as high as 30 MHz, limiting the application range. Third, the parasitic back-plate capacitance lowers the bandwidth of the cell, further limiting the scope of applications. However, the very high dc gain of a direct-coupled amplifier raises a practical issue. An offset voltage in the early stages of the chain is indistinguishable from a real signal. If it were as high as 400 V, it would be 18 dB larger than the smallest ac signal (50 V), potentially reducing the dynamic range by this amount. This problem can be averted by using a global feedback path from the last stage to the first, which corrects this offset in a similar fashion to the dc negative feedback applied around an op amp. The high frequency components of the feedback signal must, of course, be removed to prevent a reduction of the HF gain in the forward path. An on-chip filter capacitor of 33 pF provides sufficient suppression of HF feedback to allow operation above 1 MHz. The -3 dB point in the high-pass response is at 2 MHz, but the usable range extends well below this frequency. To further lower the frequency range, an external capacitor can be added at OFLT (Pin 3). For example, 300 pF lowers it by a factor of 10. Operation at low audio frequencies requires a capacitor of about 1 F. Note that this filter has no effect for input levels well above the offset voltage, where the frequency range would extend down to dc (for a signal applied directly to the input pins). The dc offset can optionally be nulled by adjusting the voltage on the OFLT pin (see the Applications section).
Rev. D | Page 10 of 24
AD8310 PRODUCT OVERVIEW
The AD8310 has six main amplifier/limiter stages. These six cells and their and associated gm styled full-wave detectors handle the lower two-thirds of the dynamic range. Three topend detectors, placed at 14.3 dB taps on a passive attenuator, handle the upper third of the 95 dB range. The first amplifier stage provides a low noise spectral density (1.28 nV/Hz). Biasing for these cells is provided by two references: one determines their gain, and the other is a band gap circuit that determines the logarithmic slope and stabilizes it against supply and temperature variations. The AD8310 can be enabled or disabled by a CMOS-compatible level at ENBL (Pin 7). The differential current-mode outputs of the nine detectors are summed and then converted to single-sided form, nominally scaled 2 A/dB. The output voltage is developed by applying this current to a 3 k load resistor followed by a high speed gain-of-four buffer amplifier, resulting in a logarithmic slope of 24 mV/dB (480 mV/decade) at VOUT (Pin 4). The unbuffered voltage can be accessed at BFIN (Pin 6), allowing certain functional modifications such as the addition of an external postdemodulation filter capacitor and the alteration or adjustment of slope and intercept.
VPOS SUPPLY 8mA
a typical tolerance of 15% and essentially zero temperature or voltage sensitivity. Most interfaces have additional small junction capacitances associated with them, due to active devices or ESD protection, which might not be accurate or stable. Component numbering in these interface diagrams is local.
ENABLE INTERFACE
The chip-enable interface is shown in Figure 23. The currents in the diode-connected transistors control the turn-on and turnoff states of the band gap reference and the bias generator. They are a maximum of 100 A when ENBL is taken to 5 V under worst-case conditions. For voltages below 1 V, the AD8310 is disabled and consumes a sleep current of under 1 A. When tied to the supply or a voltage above 2 V, it is fully enabled. The internal bias circuitry is very fast (typically <100 ns for either off or on). In practice, however, the latency period before the log amp exhibits its full dynamic range is more likely to be limited by factors relating to the use of ac-coupling at the input or the settling of the offset-control loop (see the following sections).
40k ENBL 7
AD8310
TO BIAS STAGES
01084-023
AD8310
BAND GAP REFERENCE AND BIASING SIX 14.3dB 900MHz AMPLIFIER STAGES MIRROR 2A /dB NINE DETECTOR CELLS SPACED 14.3dB 2 3k COMM + - 3k 1k OFLT 33pF COMM OFFSET FILTER VOUT OUTPUT ENBL ENABLE BUFFER INPUT
BFIN
2 COMM
+INPUT -INPUT
INHI 1.0k INLO 3
Figure 23. Enable Interface
INPUT INTERFACE
Figure 24 shows the essentials of the input interface. CP and CM are parasitic capacitances, and CD is the differential input capacitance, largely due to Q1 and Q2. In most applications, both input pins are ac-coupled. The S switches close when enable is asserted. When disabled, bias current IE is shut off and the inputs float; therefore, the coupling capacitors remain charged. If the log amp is disabled for long periods, small leakage currents discharge these capacitors. Then, if they are poorly matched, charging currents at power-up can generate a transient input voltage that can block the lower reaches of the dynamic range until it becomes much less than the signal. A single-sided signal can be applied via a blocking capacitor to either Pin 1 or Pin 8, with the other pin ac-coupled to ground. Under these conditions, the largest input signal that can be handled is 0 dBV (a sine amplitude of 1.4 V) when using a 3 V supply; a 5 dBV input (2.5 V amplitude) can be handled with a 5 V supply. When using a fully balanced drive, this maximum input level is permissible for supply voltages as low as 2.7 V. Above 10 MHz, this is easily achieved using an LC matching network. Such a network, having an inductor at the input, usefully eliminates the input transient noted above.
COMMON
COMM INPUT-OFFSET COMPENSATION LOOP
COMM
Figure 22. Main Features of the AD8310
The last gain stage also includes an offset-sensing cell. This generates a bipolarity output current, if the main signal path exhibits an imbalance due to accumulated dc offsets. This current is integrated by an on-chip capacitor that can be increased in value by an off-chip component at OFLT (Pin 3). The resulting voltage is used to null the offset at the output of the first stage. Because it does not involve the signal input connections, whose ac-coupling capacitors otherwise introduce a second pole into the feedback path, the stability of the offset correction loop is assured. The AD8310 is built on an advanced, dielectrically isolated, complementary bipolar process. In the following interface diagrams, resistors labeled as R are thin-film resistors that have a low temperature coefficient of resistance (TCR) and high linearity under large-signal conditions. Their absolute tolerance is typically within 20%. Similarly, capacitors labeled as C have
Rev. D | Page 11 of 24
01084-022
AD8310
5 VPOS S 125 6k COM CP INHI 8 CD INLO 1 CM COM TYP 2.2V FOR 3V SUPPLY, 3.2V AT 5V S 2 COMM 4k TOP-END DETECTORS ~3k Q2 2k 6k Q1
BIAS, 1.2V OFLT Q3 36k Q4 48k 3 COFLT Q1 Q2 16A AT BALANCE S gm AVERAGE ERROR CURRENT 33pF 2 COMM
01084-025
5 VPOS INPUT STAGE 125 MAIN GAIN STAGES TO LAST DETECTOR
IE 2.4mA
01084-024
Figure 25. Offset Interface and Offset-Nulling Path
Figure 24. Signal Input Interface
Occasionally, it might be desirable to use the dc-coupled potential of the AD8310 in baseband applications. The main challenge here is to present the signal at the elevated commonmode input level, which might require the use of low noise, low offset buffer amplifiers. In some cases, it might be possible to use dual supplies of 3 V, which allow the input pins to operate at ground potential. The output, which is internally referenced to the COMM pin (now at -3 V), can be positioned back to ground level, with essentially no sensitivity to the particular value of the negative supply.
In normal operation using an ac-coupled input signal, the OFLT pin should be left unconnected. The gm cell, which is gated off when the chip is disabled, converts a residual offset (sensed at a point near the end of the cascade of amplifiers) to a current. This is integrated by the on-chip capacitor, CHP, plus any added external capacitance, COFLT, to generate the voltage that is applied back to the input stage in the polarity needed to null the output offset. From a small-signal perspective, this feedback alters the response of the amplifier, which exhibits a zero in its ac transfer function, resulting in a closed-loop high-pass -3 dB corner at about 2 MHz. An external capacitor lowers the highpass corner to arbitrarily low frequencies; using 1 F, the 3 dB corner is at 60 Hz.
OFFSET INTERFACE
The input-referred dc offsets in the signal path are nulled via the interface associated with Pin 3, shown in Figure 25. Q1 and Q2 are the first-stage input transistors, having slightly unbalanced load resistors, resulting in a deliberate offset voltage of about 1.5 mV referred to the input pins. Q3 generates a small current to null this error, dependent on the voltage at the OFLT pin. When Q1 and Q2 are perfectly matched, this voltage is about 1.75 V. In practice, it can range from approximately 1 V to 2.5 V for an input-referred offset of 1.5 mV.
OUTPUT INTERFACE
The nine detectors generate differential currents, having an average value that is dependent on the signal input level, plus a fluctuation at twice the input frequency. These are summed at nodes LGP and LGN in Figure 26. Further currents are added at these nodes to position the intercept by slightly raising the output for zero input and to provide temperature compensation.
VPOS 5 0.4pF LGP FROM ALL DETECTORS LGN 1.25k 1.25k 4 0.2pF BIAS 2A/dB R1 3k 4k 4k BIAS 1k 60A COMM 2 6 BFIN
01084-026
1.25k
1.25k
0.4pF
3k
VOUT
Figure 26. Simplified Output Interface
Rev. D | Page 12 of 24
AD8310
For zero-signal conditions, all the detector output currents are equal. For a finite input of either polarity, their difference is converted by the output interface to a single-sided unipolar current, nominally scaled 2 A/dB (40 A/decade), at the output pin BFIN. An on-chip resistor, R1, of ~3 k converts this current to a voltage of 6 mV/dB. This is then amplified by a factor of 4 in the output buffer, which can drive a current of up to 25 mA in a grounded load resistor. The overall rise time of the AD8310 is under 15 ns. There is also a delay time of about 6 ns when the log amp is driven by an RF burst, starting at zero amplitude. When driving capacitive loads, it is desirable to add a low value of load resistor to speed up the return to the baseline; the buffer is stable for loads of a least 100 pF. The output bandwidth can be lowered by adding a grounded capacitor at BFIN. The timeconstant of the resulting single-pole filter is formed with the 3 k internal load resistor (with a tolerance of 20%). Therefore, to set the -3 dB frequency to 20 kHz, use a capacitor of 2.7 nF. Using 2.7 F, the filter corner is at 20 Hz.
Rev. D | Page 13 of 24
AD8310 USING THE AD8310
The AD8310 has very high gain and bandwidth. Consequently, it is susceptible to all signals that appear at the input terminals within a very broad frequency range. Without the benefit of filtering, these are indistinguishable from the desired signal and have the effect of raising the apparent noise floor (that is, lowering the useful dynamic range). For example, while the signal of interest has an IF of 50 MHz, any of the following can easily be larger than the IF signal at the lower extremities of its dynamic range: a few hundred mV of 60 Hz hum picked up due to poor grounding techniques, spurious coupling from a digital clock source on the same PC board, local radio stations, and so on. Careful shielding and supply decoupling is, therefore, essential. A ground plane should be used to provide a low impedance connection to the common pin COMM, for the decoupling capacitor(s) used at VPOS, and for the output ground. The coupling time constant, 50 x CC/2, forms a high-pass corner with a 3 dB attenuation at fHP = 1/( x 50 x CC ), where C1 = C2 = CC. In high frequency applications, fHP should be as large as possible to minimize the coupling of unwanted low frequency signals. In low frequency applications, a simple RC network forming a low-pass filter should be added at the input for similar reasons. This should generally be placed at the generator side of the coupling capacitors, thereby lowering the required capacitance value for a given high-pass corner frequency. For applications in which the ground plane might not be an equipotential (possibly due to noise in the ground plane), the low input of an unbalanced source should generally be ac-coupled through a separate connection of the low associated with the source. Furthermore, it is good practice in such situations to break the ground loop by inserting a small resistance to ground in the low side of the input connector (see Figure 28).
4.7 OPTIONAL C2 0.01F NC
8 7 6 5
BASIC CONNECTIONS
Figure 27 shows the connections needed for most applications. A supply voltage between 2.7 V and 5.5 V is applied to VPOS and is decoupled using a 0.01 F capacitor close to the pin. Optionally, a small series resistor can be placed in the power line to give additional filtering of power-supply noise. The ENBL input, which has a threshold of approximately 1.3 V (see Figure 21), should be tied to VPOS when this feature is not needed.
4.7 OPTIONAL C2 0.01F SIGNAL INPUT NC
8 7 6 5
VS (2.7V-5.5V)
C4 0.01F
INHI ENBL BFIN VPOS SIGNAL INPUT 52.3 C1 0.01F 4.7 BOARD-LEVEL GROUND
AD8310
INLO COMM OFLT VOUT
1 2 3 4
NC GENERATOR COMMON NC = NO CONNECT
VOUT (RSSI)
01084-028
VS (2.7V-5.5V)
C4 0.01F
Figure 28. Connections for Isolation of Source Ground from Device Ground
INHI ENBL BFIN VPOS 52.3 C1 0.01F
AD8310
INLO COMM OFLT VOUT
1 2 3 4
Figure 29 shows the output vs. the input level for sine inputs at 10 MHz, 50 MHz, and 100 MHz. Figure 30 shows the logarithmic conformance under the same conditions.
3.0
VOUT (RSSI)
01084-027
NC NC = NO CONNECT
10MHz
50MHz
2.5 100MHz 2.0
OUTPUT (V)
Figure 27. Basic Connections
While the AD8310's input can be driven differentially, the input signal is, in general, single-ended. C1 is tied to ground, and the input signal is coupled in through C2. Capacitors C1 and C2 should have the same value to minimize start-up transients when the enable feature is used; otherwise, their values need not be equal. The 52.3 resistor combines with the 1.1 k input impedance of the AD8310 to yield a simple broadband 50 input match. An input matching network can also be used (see the Input Matching section).
1.5
1.0
0.5
-80 -100 (-87dBm)
-60
-40
-20
INPUT LEVEL (dBV)
0 (+13dBm)
20
INTERCEPT
Figure 29. Output vs. Input Level at 10 MHz, 50 MHz, and 100 MHz
Rev. D | Page 14 of 24
01084-029
0 -120
AD8310
5 4 3 2
ERROR (dB)
dBV vs. dBm
3dB DYNAMIC RANGE
1dB DYNAMIC RANGE 10MHz
1 0 -1 -2 50MHz -3 -4 -5 -120 -100 (-87dBm) -80 -60 -40 100MHz -20
INPUT LEVEL (dBV)
0 (+13dBm)
20
Figure 30. Log Conformance Errors vs. Input Level at 10 MHz, 50 MHz, and 100 MHz
The most widely used convention in RF systems is to specify power in dBm, decibels above 1 mW in 50 . Specification of the log amp input level in terms of power is strictly a concession to popular convention. As mentioned previously, log amps do not respond to power (power absorbed at the input), but to the input voltage. The use of dBV, defined as decibels with respect to a 1 V rms sine wave, is more precise. However, this is still ambiguous, because waveform is also involved in the response of a log amp, which, for a complex input such as a CDMA signal, does not follow the rms value exactly. Because most users specify RF signals in terms of power (more specifically, in dBm/50 ) both dBV and dBm are used to specify the performance of the AD8310, showing equivalent dBm levels for the special case of a 50 environment. Values in dBV are converted to dBm re 50 by adding 13 dB.
Table 4. Correction for Signals with Differing Crest Factors
Signal Type Sine wave Square wave or dc Triangular wave GSM channel (all time slots on) CDMA channel (forward link, nine channels on) CDMA channel (reverse link) PDC channel (all time slots on)
__________________________________________ 1
TRANSFER FUNCTION IN TERMS OF SLOPE AND INTERCEPT
The transfer function of the AD8310 is characterized in terms of its slope and intercept. The logarithmic slope is defined as the change in the RSSI output voltage for a 1 dB change at the input. For the AD8310, slope is nominally 24 mV/dB. Therefore, a 10 dB change at the input results in a change at the output of approximately 240 mV. The plot of log conformance shows the range over which the device maintains its constant slope. The dynamic range of the log amp is defined as the range over which the slope remains within a certain error band, usually 1 dB or 3 dB. In Figure 30, for example, the 1 dB dynamic range is approximately 95 dB (from +4 dBV to -91 dBV). The intercept is the point at which the extrapolated linear response would intersect the horizontal axis (see Figure 29). For the AD8310, the intercept is calibrated to be -108 dBV (-95 dBm). Using the slope and intercept, the output voltage can be calculated for any input level within the specified input range using the following equation:
VOUT = VSLOPE x (PIN - PO)
01084-030
Correction Factor1 (dB) 0 -3.01 0.9 0.55 3.55 0.5 0.58
Add to the measured input level.
INPUT MATCHING
Where higher sensitivity is required, an input matching network is useful. Using a transformer to achieve the impedance transformation also eliminates the need for coupling capacitors, lowers the offset voltage generated directly at the input, and balances the drive amplitude to INLO and INHI. The choice of turns ratio depends somewhat on the frequency. At frequencies below 50 MHz, the reactance of the input capacitance is much higher than the real part of the input impedance. In this frequency range, a turns ratio of about 1:4.8 lowers the input impedance to 50 , while raising the input voltage lowers the effect of the short-circuit noise voltage by the same factor. The intercept is also lowered by the turns ratio; for a 50 match, it is reduced by 20 log10 (4.8) or 13.6 dB. The total noise is reduced by a somewhat smaller factor, because there is a small contribution from the input noise current.
where:
VOUT is the demodulated and filtered RSSI output. VSLOPE is the logarithmic slope expressed in V/dB. PIN is the input signal expressed in dB relative to some reference level (either dBm or dBV in this case). PO is the logarithmic intercept expressed in dB relative to the same reference level.
For example, for an input level of -33 dBV (-20 dBm), the output voltage is
VOUT = 0.024 V/dB x (-33 dBV - (-108 dBV)) = 1.8 V
Rev. D | Page 15 of 24
AD8310
NARROW-BAND MATCHING
Transformer coupling is useful in broadband applications. However, a magnetically coupled transformer might not be convenient in some situations. Table 5 lists narrow-band matching values.
Table 5. Narrow-Band Matching Values
FC (MHz) 10 20 50 100 150 200 250 500 10 20 50 100 150 200 250 500 ZIN () 45 44 46 50 57 57 50 54 103 102 99 98 101 95 92 114 C1 (pF) 160 82 30 15 10 7.5 6.2 3.9 100 51 22 11 7.5 5.6 4.3 2.2 C2 (pF) 150 75 27 13 8.2 6.8 5.6 3.3 91 43 18 9.1 6.2 4.7 3.9 2.0 LM (nH) 3300 1600 680 270 220 150 100 39 5600 2700 1000 430 260 180 130 47 Voltage Gain (dB) 13.3 13.4 13.4 13.4 13.2 12.8 12.3 10.9 10.4 10.4 10.6 10.5 10.3 10.3 9.9 6.8
14 13 12 11 10 9
DECIBELS
GAIN
8 7 6 5 4 3 2 1
01084-032
INPUT
0 -1 60 70 80 90 100 110 120 FREQUENCY (MHz) 130 140 150
Figure 32. Response of 100 MHz Matching Network
GENERAL MATCHING PROCEDURE
For other center frequencies and source impedances, the following steps can be used to calculate the basic matching parameters.
Step 1: Tune Out CIN
At a center frequency, fC, the shunt impedance of the input capacitance, CIN, can be made to disappear by resonating with a temporary inductor, LIN, whose value is given by
L IN = 1 C IN
2
At high frequencies, it is often preferable to use a narrow-band matching network, as shown in Figure 31. This has several advantages. The same voltage gain is achieved, providing increased sensitivity, but a measure of selectivity is also introduced. The component count is low: two capacitors and an inexpensive chip inductor. Additionally, by making these capacitors unequal, the amplitudes at INP and INM can be equalized when driving from a single-sided source, that is, the network also serves as a balun. Figure 32 shows the response for a center frequency of 100 MHz; note the very high attenuation at low frequencies. The high frequency attenuation is due to the input capacitance of the log amp.
SIGNAL INPUT C1 8 INHI LM
where CIN = 1.4 pF. For example, at fC = 100 MHz, LIN = 1.8 H.
Step 2: Calculate CO and LO
Now, having a purely resistive input impedance, calculate the nominal coupling elements, CO and LO, using
CO =
2f C
1 ; R IN R M
LO =
(R IN R M )
2 f C
For the AD8310, RIN is 1 k. Therefore, if a match to 50 is needed, at fC = 100 MHz, CO must be 7.12 pF and LO must be 356 nH.
Step 3: Split CO into Two Parts
To provide the desired fully balanced form of the network shown in Figure 31, two capacitors C1 and C2, each of nominally twice CO, can be used. This requires a value of 14.24 pF in this example. Under these conditions, the voltage amplitudes at INHI and INLO are similar. A somewhat better balance in the two drives can be achieved when C1 is made slightly larger than C2, which also allows a wider range of choices in selecting from standard values. For example, capacitors of C1 = 15 pF and C2 = 13 pF can be used, making CO = 6.96 pF.
AD8310
INLO
01084-031
C2
1
Figure 31. Reactive Matching Network
Rev. D | Page 16 of 24
AD8310
Step 4: Calculate LM
The matching inductor required to provide both LIN and LO is the parallel combination of these.
LM L IN LO = (L IN + LO )
SIGNAL INPUT 0.01F 4.7 +VS (2.7V-5.5V) VR2 100k
RS C2 0.01F 52.3 C1 0.01F
8 7 6 5
INHI ENBL BFIN VPOS
FOR VPOS = 3V, RS = 500k FOR VPOS = 5V, RS = 850k 25k
AD8310
INLO COMM OFLT VOUT
1 2 3 4
With LIN = 1.8 H and LO = 356 nH, the value of LM to complete this example of a match of 50 at 100 MHz is 297.2 nH. The nearest standard value of 270 nH can be used with only a slight loss of matching accuracy. The voltage gain at resonance depends only on the ratio of impedances, as given by
R IN GAIN = 20 log RS = 10 log R IN R S
NC 10k NC = NO CONNECT
VOUT (RSSI)
24mV/dB 10%
Figure 33. Slope and Intercept Adjustments
INCREASING THE SLOPE TO A FIXED VALUE
It is also possible to increase the slope to a new fixed value and, therefore, to increase the change in output for each decibel of input change. A common example of this is the need to map the output swing of the AD8310 into the input range of an analogto-digital converter (ADC) with a rail-to-rail input swing. Alternatively, a situation might arise when only a part of the total dynamic range is required--say, just 20 dB--in an application where the nominal input level is more tightly constrained and a higher sensitivity to a change in this level is required. Of course, the maximum output is limited either by the load resistance and the maximum output current rating of 25 mA or by the supply voltage (see the Specifications section). The slope can easily be raised by adding a resistor from VOUT to BFIN, as shown in Figure 34. This alters the gain of the output buffer, by means of stable positive feedback, from its normal value of 4 to an effective value that can be as high as 16, corresponding to a slope of 100 mV/dB.
0.01F C2 0.01F
8 7 6 5
SLOPE AND INTERCEPT ADJUSTMENTS
Where system (that is, software) calibration is not available, the adjustments shown in Figure 33 can be used, either singly or in combination, to trim the absolute accuracy of the AD8310. The log slope can be raised or lowered by VR1; the values shown provide a calibration range of 10% (22.6 mV/dB to 27.4 mV/dB), which includes full allowance for the variability in the value of the internal resistances. The adjustment can be made by alternately applying two fixed input levels, provided by an accurate signal generator, spaced over the central portion of the dynamic range, for example, -60 dBV and -20 dBV. Alternatively, an AM-modulated signal at about the center of the dynamic range can be used. For a modulation depth M, expressed as a fraction, the decibel range between the peaks and troughs over one cycle of the modulation period is given by
4.7
VS (2.7V-5.5V)
dB = 20 log 10
1+ M 1+ M
(3)
SIGNAL INPUT
INHI ENBL BFIN VPOS 52.3 C1 0.01F
NC NC = NO CONNECT
VOUT 100mV/dB
The log intercept is adjustable by VR2 over a -3 dB range with the component values shown. VR2 is adjusted while applying an accurately known CW signal, preferably near the lower end of the dynamic range, to minimize the effect of any residual uncertainty in the slope. For example, to position the intercept to -80 dBm, a test level of -65 dBm can be applied, and VR2 adjusted to produce a dc output of 15 dB above 0 at 24 mV/dB, which is 360 mV.
Figure 34. Raising the Slope to 100 mV/dB
The resistor, RSLOPE, is set according to the equation
R SLOPE = 9.22 k 24 mV/dB Slope
1+
Rev. D | Page 17 of 24
01084-034
For example., using a generator output of -40 dBm with a 70% modulation depth (M = 0.7), the decibel range is 15 dB, because the signal varies from -47.5 dBm to -32.5 dBm.
AD8310
INLO COMM OFLT VOUT
1 2 3 4
RSLOPE 12.1k
01084-033
VR1 10k
AD8310
OUTPUT FILTERING
For applications in which maximum video bandwidth and, consequently, fast rise time are desired, it is essential that the BFIN pin be left unconnected and free of any stray capacitance. The nominal output video bandwidth of 25 MHz can be reduced by connecting a ground-referenced capacitor (CFILT) to the BFIN pin, as shown in Figure 35. This is generally done to reduce output ripple (at twice the input frequency for a symmetric input waveform such as sinusoidal signals).
AD8310
2A/dB +4 3k BFIN CFILT
01084-035
LOWERING THE HIGH-PASS CORNER FREQUENCY OF THE OFFSET COMPENSATION LOOP
In normal operation using an ac-coupled input signal, the OFLT pin should be left unconnected. Input-referred dc offsets of about 1.5 mV in the signal path are nulled via an internal offset control loop. This loop has a high-pass -3 dB corner at about 2 MHz. In low frequency ac-coupled applications, it is necessary to lower this corner frequency to prevent input signals from being misinterpreted as offsets. An external capacitor on OFLT lowers the high-pass corner to arbitrarily low frequencies (Figure 36). For example, by using a 1 F capacitor, the 3 dB corner is reduced to 60 Hz.
AD8310
VOUT
CFILT = 1/(2 x 3k x VIDEO BANDWIDTH) - 2.1pF
OFLT
01084-036
Figure 35. Lowering the Postdemodulation Video Bandwidth
COFLT (SEE TEXT)
CFILT is selected using the following equation:
C FILT = 1 (2 x 3 k x VideoBandwidth ) - 2.1 pF
Figure 36. Lowering the High-Pass Corner Frequency of the Offset Control Loop
The corner frequency is set by the following equation:
f CORNER =
The video bandwidth should typically be set at a frequency equal to about one-tenth the minimum input frequency. This ensures that the output ripple of the demodulated log output, which is at twice the input frequency, is well filtered. In many log amp applications, it might be necessary to lower the corner frequency of the postdemodulation filtering to achieve low output ripple while maintaining a rapid response time to changes in signal level. An example of a 4-pole active filter is shown in the AD8307 data sheet.
(2 x 2625 x C OFLT )
1
where COFLT is the capacitor connected to OFLT.
Rev. D | Page 18 of 24
AD8310 APPLICATIONS
The AD8310 is highly versatile and easy to use. It needs only a few external components, most of which can be immediately accommodated using the simple connections shown in the Using the AD8310 section. A few examples of more specialized applications are provided in the following sections. See the AD8307 data sheet for more applications (note the slightly different pin configuration).
SIGNAL INPUT 5V 10k 499 2.5V 10k 0.1F 499 5V
01084-038
0.01F 5V 499 5V 0.1F 499
8 7
NC
6 5
INHI ENBL BFIN VPOS
AD8310
AD8138 INLO COMM OFLT VOUT
1 2 3 4
VOUT
CABLE-DRIVING
For a supply voltage of 3 V or greater, the AD8310 can drive a grounded 100 load to 2.5 V. If reverse-termination is required when driving a 50 cable, it should be included in series with the output, as shown in Figure 37. The slope at the load is then 12 mV/dB. In some cases, it might be permissible to operate the cable without a termination at the far end, in which case, the slope is not lowered. Where a further increase in slope is desirable, the scheme shown in Figure 34 can be used.
AD8310
50 VOUT 50
01084-037
50
1.87k NC = NO CONNECT
3.01k
Figure 38. DC-Coupled Log Amp
In this application the offset voltage of the AD8138 must be trimmed. The internal offset compensation circuitry of the AD8310 is disabled by applying a nominal voltage of ~1.9 V to the OFLT pin, so the trim on the AD8138 is effectively trimming both devices' offsets. The trim is done by grounding the circuit's input and slightly varying the gain resistors on the AD8138's inverting input (a 50 potentiometer is used in this example) until the voltage on the AD8310's output reaches a minimum. After trimming, the lower end of the dynamic range is limited by the broadband noise at the output of the AD8138, which is approximately 425 V p-p. A differential low-pass filter can be added between the AD8138 and the AD8310 when the very fast pulse response of the circuit is not required.
2.7 2.5 2.3 2.1
RSSI OUTPUT (V)
Figure 37. Output Response of Cable-Driver Application
DC-COUPLED INPUT
It might occasionally be necessary to provide response to dc inputs. Because the AD8310 is internally dc-coupled, there is no reason why this cannot be done. However, its differential inputs must be positioned at least 2 V above the COM potential for proper biasing of the first stage. Usually, the source is a singlesided ground-referenced signal, so level-shifting and a singleended-to-differential conversion must be provided to correctly drive the AD8310's inputs. Figure 38 shows how a level-shift to midsupply (2.5 V in this example) and a single-ended-to-differential conversion can be accomplished using the AD8138 differential amplifier. The four 499 resistors set up a gain of unity. An output common-mode (or bias) voltage of 2.5 is achieved by applying 2.5 V from a supply-referenced resistive divider to the AD8138's VOCM pin. The differential outputs of the AD8138 directly drive the 1.1 k input impedance of the AD8310.
1.9 1.7 1.5 1.3 1.1 0.9 0.1 1 10 INPUT LEVEL (mV) 100 1000
01084-039
0.7
Figure 39. Transfer Function of DC-Coupled Log Amp Application
Rev. D | Page 19 of 24
AD8310 EVALUATION BOARD
An evaluation board is available, which has been carefully laid out and tested to demonstrate the specified high speed performance of the AD8310. Figure 40 shows the schematic of the evaluation board, which follows the basic connections schematic shown in Figure 27. Connectors INHI, INLO, and VOUT are of the SMA type. Supply and ground are connected to the TP1 and TP2 vector pins. The layout and silkscreen for the component side of the board are shown in Figure 41 and Figure 42. Switches and component settings for different setups are described in Table 6. For ordering information, see the Error! Reference source not found..
TP1 R5 0 VPOS A B INHI C2 0.01F
8
Figure 41. Layout of the Component Side of the Evaluation Board
SW1 C3 OPEN
7 6 5
C4 0.01F
C5 OPEN
R4 0 R3 52.3 INLO C1 0.01F
INHI ENBL BFIN VPOS
AD8310
INLO COMM OFLT VOUT
1 2 3 4
R6 0 W1 W2 C6 OPEN
VOUT
R7 OPEN
Figure 40. Evaluation Board Schematic
01084-040
R1 0
R2 0
TP2
C7 OPEN
01084-041
Figure 42. Component Side Silkscreen of the Evaluation Board
Rev. D | Page 20 of 24
01084-042
Preliminary Technical Data
Table 6. Evaluation Boards Setup Options
Component TP1, TP2 SW1 Function Supply and Ground Vector Pins. Device Enable. When in Position A, the ENBL pin is connected to +VS and the AD8310 is in normal operating mode. In Position B, the ENBL pin is connected to ground, putting the device into sleep mode. SMA Connector Grounds.Connects common of INHI and INLO SMA connectors to ground. Can be used to isolate the generator ground from the evaluation board ground (see Figure 28). Input Interface. R3 (52.3 ) combines with the AD8310's 1 k input impedance to give an overall broadband input impedance of 50 . C1, C2, and the AD8310's input impedance combine to set a high-pass input corner of 32 kHz. Alternatively, R3, C1, and C2 can be replaced by an indicator and matching capacitors to form an input matching network. See the Input Matching section for details. RSSI (Video) Bandwidth Adjust. The addition of C3 (farads) lowers the RSSI bandwidth of the VLOG output according to the following equation: CFILT = 1/(2 x 3 k Video Bandwidth) - 2.1 pF Supply Decoupling. The normal supply decoupling of 0.01 F (C4) can be augmented by a larger capacitor in C5. An inductor or small resistor can be placed in R5 for additional decoupling. Output Source Impedance. In cable-driving applications, a resistor (typically 50 or 75 ) can be placed in R6 to give the circuit a back-terminated output impedance. Output Loading. Resistors and capacitors can be placed in C6 and R7 to load-test VOUT. Jumpers W1 and W2 are used to connect or disconnect the loads. Offset Compensation Loop. A capacitor in C7 reduces the corner frequency of the offset control loop in low frequency applications.
AD8310
Default Condition Not Applicable SW1 = A
R1/R4 C1, C2, R3
R1 = R4 = 0 R3 = 52.3 , C1 = C2 = 0.01 F
C3
C3 = Open
C4, C5, R5 R6 W1,W2, C6, R7 C7
C4 = 0.01 F, C5 = Open, R5 = 0 R6 = 0 C6 = R7 = Open, W1 = W2 = Installed C7 = Open
Rev. D | Page 21 of 24
AD8310 OUTLINE DIMENSIONS
3.00 BSC
8 5
Preliminary Technical Data
3.00 BSC
1
4.90 BSC
4
PIN 1 0.65 BSC 1.10 MAX 8 0 0.80 0.60 0.40
0.15 0.00 0.38 0.22 COPLANARITY 0.10
0.23 0.08 SEATING PLANE
COMPLIANT TO JEDEC STANDARDS MO-187AA
Figure 43. 8-Lead Mini Small Outline Package [MSOP] (RM-8) Dimensions shown in millimeters
ORDERING GUIDE
Model AD8310ARM AD8310ARM-REEL7 AD8310ARMZ-REEL1 AD8310ARMZ-REEL71 AD8310-EVAL Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C Package Description 8-Lead MSOP, Tube 8-Lead MSOP, 7 Tape and Reel 8-Lead MSOP, 13 Tape and Reel 8-Lead MSOP, 7 Tape and Reel Evaluation Board Package Option RM-8 RM-8 RM-8 RM-8 Branding J6A J6A J6A J6A
1
Z = Pb-free part.
Rev. D | Page 22 of 24
Preliminary Technical Data NOTES
AD8310
Rev. D | Page 23 of 24
AD8310 NOTES
Preliminary Technical Data
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. C01084-0-10/04(D)
Rev. D | Page 24 of 24


▲Up To Search▲   

 
Price & Availability of AD8310ARMZ-REEL71

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X