Part Number Hot Search : 
PNZ150L 56000 ISL64 60N6S2D CD4C1290 25NTT 2SK131 DB101G
Product Description
Full Text Search
 

To Download AD79002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 45 ns max Propagation Delay Single 5 V or Dual 15 V Supply Operation CMOS or TTL Compatible Output 250 V max Input Offset Voltage 500 V max Input Hysteresis Voltage 15 V max Differential Input Voltage Onboard Latch 60 mW Power Dissipation Available in 8-Pin Plastic and Hermetic Cerdip Packages Available in Tape and Reel in Accordance with EIA-481A Standard APPLICATIONS Zero-Crossing Detectors Overvoltage Detectors Pulse-Width Modulators Precision Rectifiers Discrete A/D Converters Delta-Sigma Modulator A/Ds
+VS +IN -IN -VS
Fast, Precision Comparator AD790
CONNECTION DIAGRAMS 8-Pin Plastic Mini-DIP (N) and Cerdip (Q) Packages
1
8
AD790
2 3 4
VLOGIC OUTPUT GROUND LATCH
+ -
7 6 5
8-Pin SOIC (R) Package
1 2 GROUND LATCH -VS -IN
OUTPUT VLOGIC +VS +IN
AD790
8 7
4
+
3
-
6 5
PRODUCT DESCRIPTION
PRODUCT HIGHLIGHTS
The AD790 is a fast (45 ns), precise voltage comparator, with a number of features that make it exceptionally versatile and easy to use. The AD790 may operate from either a single 5 V supply or a dual 15 V supply. In the single-supply mode, the AD790's inputs may be referred to ground, a feature not found in other comparators. In the dual-supply mode it has the unique ability of handling a maximum differential voltage of 15 V across its input terminals, easing their interfacing to large amplitude and dynamic signals. This device is fabricated using Analog Devices' Complementary Bipolar (CB) process--which gives the AD790's combination of fast response time and outstanding input voltage resolution (1 mV max). To preserve its speed and accuracy, the AD790 incorporates a "low glitch" output stage that does not exhibit the large current spikes normally found in TTL or CMOS output stages. Its controlled switching reduces power supply disturbances that can feed back to the input and cause undesired oscillations. The AD790 also has a latching function which makes it suitable for applications requiring synchronous operation. The AD790 is available in five performance grades. The AD790J and the AD790K are rated over the commercial temperature range of 0C to 70C. The AD790A and AD790B are rated over the industrial temperature range of -40C to +85C. The AD790S is rated over the military temperature range of -55C to +125C. REV. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
1. The AD790's combination of speed, precision, versatility and low cost makes it suitable as a general purpose comparator in analog signal processing and data acquisition systems. 2. Built-in hysteresis and a low-glitch output stage minimize the chance of unwanted oscillations, making the AD790 easier to use than standard open-loop comparators. 3. The hysteresis combined with a wide input voltage range enables the AD790 to respond to both slow, low level (e.g., 10 mV) signals and fast, large amplitude (e.g., 10 V) signals. 4. A wide variety of supply voltages is acceptable for operation of the AD790, ranging from single 5 V to dual +5 V/-12 V, 5 V, or +5 V/ 15 V supplies. 5. The AD790's power dissipation is the lowest of any comparator in its speed range. 6. The AD790's output swing is symmetric between VLOGIC and ground, thus providing a predictable output under a wide range of input and output conditions.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
AD790-SPECIFICATIONS
DUAL SUPPLY
Parameter RESPONSE CHARACTERISTIC Propagation Delay, tPD OUTPUT CHARACTERISTICS Output HIGH Voltage, VOH
(Operation @ 25 C and +VS = 15 V, -VS = -15 V, VLOGIC = 5 V unless otherwise noted.)
Conditions 100 mV Step 5 mV Overdrive TMIN to TMAX 1.6 mA Source 6.4 mA Source TMIN to TMAX 1.6 mA Sink 6.4 mA Sink TMIN to TMAX Min AD790J/A Typ Max 40 45 45/50 Min AD790K/B Typ Max 40 45 45/50 AD790S Min Typ Max 40 45 60 Unit ns ns
Output LOW Voltage, VOL
4.65 4.3 4.45 4.3/4.3 0.35 0.44
4.3 4.3 0.5 0.5/0.5 1.0 1.5 0.6 5 6.5 0.25 0.3
4.65 4.45 0.35 0.44
4.3 4.3 0.5 0.5 0.25 0.5 0.5 3.5 4.5 0.15 0.2
4.65 4.45 0.35 0.44
0.5 0.5 1.0 1.5 0.65 5 7 0.25 0.4
V V V V V mV mV mV A A A A dB dB
INPUT CHARACTERISTICS Offset Voltage1 Hysteresis2 Bias Current Offset Current TMIN to TMAX Power Supply Rejection Ratio DC Input Voltage Range Differential Voltage Common Mode Common Mode Rejection Ratio VS 20% TMIN to TMAX VS 15 V -VS -10 V0.2 0.4 2.5 0.04
0.05 0.3 0.4 1.8 0.02
0.2 0.3 0.4 2.5 0.04
90 88 VS +VS-2 V 95 90 20 2 25 5 35 10 0.8
88 85
100 93
80 76 VS +VS-2 V -VS
90 85
-VS 88 85 105 100 20 2 25 5 1.6
VS V +VS-2 V V 95 88 20 2 25 5 35 10 0.8 5 8 dB dB M pF ns ns V V A A
80 76
Input Impedance LATCH CHARACTERISTICS Latch Hold Time, tH Latch Setup Time, tS LOW Input Level, VIL HIGH Input Level, VIH Latch Input Current SUPPLY CHARACTERISTICS Diff Supply Voltage3 Logic Supply Quiescent Current +VS -VS VLOGIC Power Dissipation TEMPERATURE RANGE Rated Performance
TMIN to TMAX TMIN to TMA X TMIN to TMAX VLOGIC = 5 V TMIN to TMAX TMIN to TMAX +VS = 15 V -VS = -15 V VLOGIC = 5 V
35 10 0.8 1.6 3.5 5
1.6 2.3 5 7
2.3
2.3
4.5 4.0 8 4 2
33 7 10 5 3.3 242
4.5 4.0 8 4 2
33 7 10 5 3.3 242
4.7 4.2 8 4 2
33 7 10 5 3.3 242
V V mA mA mA mW C
TMIN to TMAX
0 to 70/-40 to +85
0 to 70/-40 to +85
-55 to +125
NOTES 1 Defined as the average of the input voltages at the low to high and high to low transition points. Refer to Figure 6. 2 Defined as half the magnitude between the input voltages at the low to high and high to low transition points. Refer to Figure 6. 3 +VS must be no lower than (V LOGIC -0.5 V) in any supply operating conditions, except during power up. All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final test. Specifications subject to change without notice.
-2-
REV. D
AD790 SINGLE SUPPLY
Parameter RESPONSE CHARACTERISTIC Propagation Delay, tPD OUTPUT CHARACTERISTICS Output HIGH Voltage, VOH
(Operation @ 25 C and +VS = VLOGIC = 5 V, -VS = 0 V unless otherwise noted.)1
Conditions 100 mV Step 5 mV Overdrive TMIN to TMAX 1.6 mA Source 6.4 mA Source TMIN to TMAX 1.6 mA Sink 6.4 mA Sink TMIN to TMAX Min AD790J/A Typ Max 45 50 50/60 Min AD790K/B Typ Max 45 50 50/60 AD790S Min Typ Max 45 50 65 Unit ns ns
4.3 4.3
4.65 4.45 0.35 0.44
4.3 4.3 0.5 0.5 1.5 2.0 0.75 5 7 0.25 0.3
4.65 4.45 0.35 0.44
4.3 4.3 0.5 0.5 0.6 0.85 0.65 3.5 5 0.15 0.2
4.65 4.45 0.35 0.44
Output LOW Voltage, VOL
0.5 0.5 1.5 2.0 1.0 5 8 0.25 0.4
V V V V V mV mV mV A A A A dB dB
INPUT CHARACTERISTICS Offset Voltage2 Hysteresis3 Bias Current Offset Current TMIN to TMAX Power Supply Rejection Ratio DC Input Voltage Range Differential Voltage Common Mode Input Impedance LATCH CHARACTERISTICS Latch Hold Time, tH Latch Setup Time, tS LOW Input Level, VIL HIGH Input Level, VIH Latch Input Current SUPPLY CHARACTERISTICS Supply Voltage4 Quiescent Current Power Dissipation TEMPERATURE RANGE Rated Performance 4.5 VVS5.5 V TMIN to TMAX TMIN to TMAX TMIN to TMAX Either Input TMIN to TMAX 0.3
0.45 0.5 2.7 0.04
0.35 0.3 0.5 2.0 0.02
0.45 0.3 0.7 2.7 0.04
80 90 76/76 88 VS +VS-2 V 20 2 25 5 35 10 0.8
86 82
100 93
80 76 VS +VS-2 V 0
90 85
0
0 20 2 25 5 1.6
20 2 35 10 0.8 1.6 3.5 5 7 12 60 4.7 10 25 5
VS V +VS-2 V V M pF 35 10 0.8 5 8 7 12 60 ns ns V V A A V mA mW C
TMIN to TMAX TMIN to TMAX TMIN to TMAX TMIN to TMAX
1.6 2.3 5 7 7 12 60
2.3
2.3
4.5 10
4.5 10
TMIN to TMAX
0 to 70/-40 to +85
0 to 70/-40 to +85
-55 to +125
NOTES 1 Pin 1 tied to Pin 8, and Pin 4 tied to Pin 6. 2 Defined as the average of the input voltages at the low to high and high to low transition points. Refer to Figure 6. 3 Defined as half the magnitude between the input voltages at the low to high and high to low transition points. Refer to Figure 6. 4 -VS must not be connected above ground. All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final test. Specifications subject to change without notice.
REV. D
-3-
AD790
ABSOLUTE MAXIMUM RATINGS 1, 2 ORDERING GUIDE
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Internal Power Dissipation2 . . . . . . . . . . . . . . . . . . . 500 mW Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . 16.5 V Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite Storage Temperature Range (N, R) . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +125C (Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 60 sec) . . . . . . . . 300C Logic Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
NOTES 1 Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Thermal characteristics: plastic N-8 package: JA = 90C/watt; ceramic Q-8 package: JA = 110C/watt, JC = 30C/watt. SOIC (R-8) package: JA = 160C watt; JC = 42C/watt.
Model AD790JN AD790JR AD790JR-REEL AD790JR-REEL7 AD790KN* AD790AQ AD790BQ* AD790SQ
Temperature Range 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C -40C to +85C -40C to +85C -55C to +125C
Package Package Description Option Plastic DIP SOIC Reel SOIC Plastic DIP Cerdip Cerdip Cerdip N-8 SO-8 R-8 N-8 Q-8 Q-8 Q-8
*Not for new designs; obsolete April 2002.
For military processed devices, please refer to the standard Microcircuit Drawing (SMD) available at www.dscc.dla.mil/programs/milspec/default.asp SMD Part Number 5962-9150501MPA*
*Not for new designs; obsolete April 2002.
ADI Equivalent AD790 SQ/883
+ 15V 0.1F + 5V 0.1F
LATCH (OPTIONAL)
+ 5V 0.1F
LATCH (OPTIONAL)
510 1 +IN 2 8 5
+IN 2 1 8
510
AD790
-IN 3 4 6
7
OUTPUT
5
AD790
-IN 3 4 6
7
OUTPUT
0.1F - 15V
Figure 1. Basic Dual Supply Configuration (N, Q Package Pinout)
Figure 2. Basic Single Supply Configuration (N, Q Package Pinout)
0.1F
+15V
+5V
0.1F
-100mV 2 130 25 3
1 8 5
1k TEK 7904 SCOPE
AD790
6 4
7
0.1F
-1.3V PULSE GENERATOR -1.7V
MPS 571
0.1F -15V
HP8112
HP2835
50 400 650 -5mV -5V 10 10k
- 5V VOLTAGE SOURCE
Figure 3. Response Time Test Circuit (N, Q Package Pinout)
-4-
REV. D
Typical Performace Characteristics-AD790
TPC 1. Propagation Delay vs. Overdrive
TPC 2. Propagation Delay vs. Load Capacitance
TPC 3. Propagation Delay vs. Fanout (LSTTL and CMOS)
0.8
OUTPUT LOW VOLTAGE - Volts
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 TEMP = +25C
0
2
4
6
8
10
I SINK - mA
TPC 4. Propagation Delay vs. Source Resistance
TPC 5. Propagation Delay vs. Temperature
TPC 6. Output Low Voltage vs. Sink Current
tH
5.0
OUTPUT LOW VOLTAGE - Volts
INPUT
0
4.9 4.8 4.7 4.6 4.5 4.4 4.3 4.2 0 2 4 6 ISOURCE - mA 8 10
tPD VOH OUTPUT VOL tS VIH LATCH VIL
TEMP = +25C
TPC 7. Output High Voltage vs. Source Current
TPC 8. Total Supply Current vs. Temperature
tS = SETUP TIME tH = HOLD TIME tPD = COMPARATOR RESPONSE TIME
Figure 4. Latch Timing
REV. D
-5-
AD790
CIRCUIT DESCRIPTION
VOUT VH VOH VH
The AD790 possesses the overall characteristics of a standard monolithic comparator: differential inputs, high gain and a logic output. However, its function is implemented with an architecture which offers several advantages over previous comparator designs. Specifically, the output stage alleviates some of the limitations of classic "TTL" comparators and provides a symmetric output. A simplified representation of the AD790 circuitry is shown in Figure 5.
VLOGIC
VOL 0 +IN VOS
VH = HYSTERESIS VOLTAGE
+ -
A1 Q1
VOS = INPUT OFFSET VOLTAGE
+IN
2 7 3 VOUT
GND
+IN - IN
+ -
Av
OUTPUT
Figure 6. Hysteresis Definitions (N, Q Package Pinout)
- A2 +
GAIN STAGE OUTPUT STAGE
hysteresis range. This built-in hysteresis allows the AD790 to avoid oscillation when an input signal slowly crosses the ground level.
Q2
SUPPLY VOLTAGE CONNECTIONS
GND
Figure 5. AD790 Block Diagram
The output stage takes the amplified differential input signal and converts it to a single-ended logic output. The output swing is defined by the pull-up PNP and the pull-down NPN. These produce inherent rail-to-rail output levels, compatible with CMOS logic, as well as TTL, without the need for clamping to internal bias levels. Furthermore, the pull-up and pull-down levels are symmetric about the center of the supply range and are referenced off the VLOGIC supply and ground. The output stage has nearly symmetric dynamic drive capability, yielding equal rise and fall times into subsequent logic gates. Unlike classic TTL or CMOS output stages, the AD790 circuit does not exhibit large current spikes due to unwanted current flow between the output transistors. The AD790 output stage has a controlled switching scheme in which amplifiers A1 and A2 drive the output transistors in a manner designed to reduce the current flow between Q1 and Q2. This also helps minimize the disturbances feeding back to the input which can cause troublesome oscillations. The output high and low levels are well controlled values defined by VLOGIC (5 V), ground and the transistor equivalent Schottky clamps and are compatible with TTL and CMOS logic requirements. The fanout of the output stage is shown in TPC 3 for standard LSTTL or HCMOS gates. Output drive behavior vs. capacitive load is shown in TPC 2.
HYSTERESIS
The AD790 may be operated from either single or dual supply voltages. Internally, the VLOGIC circuitry and the analog frontend of the AD790 are connected to separate supply pins. If dual supplies are used, any combination of voltages in which +VS VLOGIC - 0.5 V and -VS 0 may be chosen. For single supply operation (i.e., +VS = VLOGIC), the supply voltage can be operated between 4.5 V and 7 V. Figure 7 shows some other examples of typical supply connections possible with the AD790.
BYPASSING AND GROUNDING
Although the AD790 is designed to be stable and free from oscillations, it is important to properly bypass and ground the power supplies. Ceramic 0.1 F capacitors are recommended and should be connected directly at the AD790's supply pins. These capacitors provide transient currents to the device during comparator switching. The AD790 has three supply voltage pins, +VS, -VS and VLOGIC. It is important to have a common ground lead on the board for the supply grounds and the GND pin of the AD790 to provide the proper return path for the supply current.
LATCH OPERATION
The AD790 has a latch function for retaining input information at the output. The comparator decision is "latched" and the output state is held when Pin 5 is brought low. As long as Pin 5 is kept low, the output remains in the high or low state, and does not respond to changing inputs. Proper capture of the input signal requires that the timing relationships shown in Figure 4 are followed. Pin 5 should be driven with CMOS or TTL logic levels. The output of the AD790 will respond to the input when Pin 5 is at a high logic level. When not in use, Pin 5 should be connected to the positive logic supply. When using dual supplies, it is recommended that a 510 resistor be placed in series with Pin 5 and the driving logic gate to limit input currents during powerup.
The AD790 uses internal feedback to develop hysteresis about the input reference voltage. Figure 6 shows how the input offset voltage and hysteresis terms are defined. Input offset voltage (VOS) is the difference between the center of the hysteresis range and the ground level. This can be either positive or negative. The hysteresis voltage (VH) is one-half the width of the
-6-
REV. D
Applying the AD790
+5V + 12V 0.1F 1 +IN 2 8 5 7 6 4 OUT -IN 3 4 0.1F -15V 0.1F 1 +IN 2 8 5 7 6 4 0.1F - 5V +VS = +5V, -VS = -5V, VLOGIC = +5V +VS = +5V, -VS = -15V VLOGIC = +5V 510 +IN 2 0.1F 1 8 5 +5V 0.1F
AD790
-IN 3
AD790
6
7
OUT
The minus supply current is proportional to absolute temperature and compensates for the change in the sense resistance with temperature. The width and length of the PC board trace determine the resistance of the trace and consequently the trip current level. ILIMIT = 10 mV/RSENSE RSENSE = rho (trace length/trace width) rho = resistance of a unit square of trace
+VS
+VS = +12V, -VS = 0V VLOGIC = +5V
+5V
AD790
-IN 3
OUT
L O A D
+ 5V
0.1F
1
Figure 7. Typical Power Supply Connections (N, Q Package Pinout)
Window Comparator for Overvoltage Detection
PC BOARD TRACE
510 8 5
2
AD790
3 4 6
7
OUTPUT
The wide differential input range of the AD790 makes it suitable for monitoring large amplitude signals. The simple overvoltage detection circuit shown in Figure 8 illustrates direct connection of the input signal to the high impedance inputs of the comparator without the need for special clamp diodes to limit the differential input voltage across the inputs.
0.1F +15V +5V 0.1F
RSENSE 10mV/100mA
2.7
Figure 9. Ground Referred Overload Detector Circuit (N, Q Package Pinout)
510 8 5 SIGN 1 = HIGH 0 = LOW 7 6
1 +7.5V 3
Precision Full-Wave Rectifier
AD790
2 4
OVERRANGE = 1
-15V VIN 0.1F 0.1F +15V +5V 0.1F 1 3 8 5 510
7432
The high speed and precision of the AD790 make it suitable for use in the wide dynamic range full-wave rectifier shown in Figure 10. This circuit is capable of rectifying low level signals as small as a few mV or as high as 10 V. Input resolution, propagation delay and op amp settling will ultimately limit the maximum input frequency for a given accuracy level. Total comparator plus switch delay is approximately 100 ns, which limits the maximum input frequency to 1 MHz for clean rectification.
10k +15V 0.1F 10k VIN +15V 0.1F +5V 1 3 8 5 0.1F -15V 20k 7
AD790
-7.5V 2 4 6
7
2
AD711
3 4
6 0.1F
VOUT
-15V
0.1F
510 7 6
Figure 8. Overvoltage Detector (N, Q Package Pinout)
Single Supply Ground Referred Overload Detector
FET SWITCHES THE GAIN FROM +1 TO -1 NMOS FET (RON < 20 )
AD790
2 4 -15V 0.1F
The AD790 is useful as an overload detector for sensitive loads that must be powered from a single supply. A simple ground referenced overload detector is shown in Figure 8. The comparator senses a voltage across a PC board trace and compares that to a reference (trip) voltage established by the comparator's minus supply current through a 2.7 resistor. This sets up a 10 mV reference level that is compared to the sense voltage. REV. D -7-
Figure 10. Precision Full-Wave Rectifier (N, Q Package Pinout)
AD790
Bipolar to CMOS/TTL
- 5V BIPOLAR SIGNAL INPUT 1k 2 STANDARD SCHOTTKY DIODE 1 8 5 7 3 4 6 TTL LEVEL OUTPUT + 5V 4.7V 0.3V 400 *
GND
*A RESISTOR UP TO 10k MAYBE USED TO REDUCE THE SOURCE AND SINK CURRENT OF THE DRIVER. HOWEVER, THIS WILL SLIGHTLY LOWER THE MAXIMUM USABLE CLOCK RATE.
Figure 11. A Bipolar to CMOS TTL Line Receiver (N, Q Package Pinout)
It is sometimes desirable to translate a bipolar signal (e.g., 5 V) coming from a communications cable or another section of the system to CMOS/TTL logic levels; such an application is referred to as a line receiver. Previously, the interface to the bipolar signal required either a dual ( ) power supply or a reference voltage level about which the line receiver would switch. The AD790 may be used in a simple circuit to provide a unique capability: the ability to receive a bipolar signal while powered from a single 5 V supply. Other comparators cannot perform this task. Figure 11 shows a 1 k resistor in series with the input signal which is then clamped by a Schottky diode, holding the input of the comparator at 0.4 V below ground. Although the comparator is specified for a common mode range down to -VS, (in this case ground) it is permissible to bring one of the inputs a few hundred mV below ground. The comparator switches around this level and produces a CMOS/TTL compatible swing. The circuit will operate to switching frequencies of 20 MHz.
-8-
REV. D
AD790
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic Mini-DIP (N-8) Package
8-Pin Cerdip (Q-8) Package
SOIC (R-8) Package
5.00 (0.1968) 4.80 (0.1890)
8 5 4
0.1574 (4.00) 0.1497 (3.80) PIN 1
1
6.20 (0.2440) 5.80 (0.2284)
1.27 (0.0500) BSC COPLANARITY 0.25 (0.0098) 0.10 (0.0040) SEATING PLANE 1.75 (0.0688) 1.35 (0.0532) 0.51 (0.0201) 0.33 (0.0130) 8 0.25 (0.0098) 0 0.19 (0.0075)
0.50 (0.0196) 0.25 (0.0099)
45
1.27 (0.0500) 0.41 (0.0160)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-012 AA
REV. D
-9-
AD790 Revision History
Location Data Sheet changed from REV. C to REV. D. Page
Edits to SOIC (R-8) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
03/02--Data Sheet changed from REV. B to REV. C.
Edits to FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Edits to PRODUCT DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Deleted METALIZATION PHOTOGRAPH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Edits to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
-10-
REV. D
-11-
-12-
C00844-0-5/02(D)
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD79002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X