Part Number Hot Search : 
2N350 MJE2091 124EF PCA953 0J1GAC FRF254R PCA953 4401B
Product Description
Full Text Search
 

To Download AD7490BRU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Fast Throughput Rate: 1 MSPS Specified for VDD of 2.7 V to 5.25 V Low Power at Max Throughput Rates: 5.4 mW Max at 870 kSPS with 3 V Supplies 12.5 mW Max at 1 MSPS with 5 V Supplies 16 (Single-Ended) Inputs with Sequencer Wide Input Bandwidth: 69.5 dB SNR at 50 kHz Input Frequency Flexible Power/Serial Clock Speed Management No Pipeline Delays High Speed Serial Interface SPITM/QSPITM/ MICROWIRETM/DSP Compatible Full Shutdown Mode: 0.5 A Max 28-Lead TSSOP and 32-Lead LFCSP Packages
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP AD7490
FUNCTIONAL BLOCK DIAGRAM
VDD REFIN VIN0 * * * * * * * * * * * * * VIN15
T/H 12-BIT SUCCESSIVE APPROXIMATION ADC I/P MUX
SCLK DOUT SEQUENCER CONTROL LOGIC DIN CS
GENERAL DESCRIPTION
The AD7490 is a 12-bit high speed, low power, 16-channel, successive-approximation ADC. The part operates from a single 2.7 V to 5.25 V power supply and features throughput rates up to 1 MSPS. The part contains a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 1 MHz. The conversion process and data acquisition are controlled using CS and the serial clock signal, allowing the device to easily interface with microprocessors or DSPs. The input signal is sampled on the falling edge of CS and conversion is also initiated at this point. There are no pipeline delays associated with the part. The AD7490 uses advanced design techniques to achieve very low power dissipation at high throughput rates. For maximum throughput rates, the AD7490 consumes just 1.8 mA with 3 V supplies, and 2.5 mA with 5 V supplies. By setting the relevant bits in the Control Register, the analog input range for the part can be selected to be a 0 to REFIN input or a 0 to 2 REFIN with either straight binary or twos complement output coding. The AD7490 features 16 single-ended analog inputs with a channel sequencer to allow a preprogrammed selection of channels to be converted sequentially. The conversion time is determined by the SCLK frequency as this is also used as the master clock to control the conversion. The AD7490 is available in a 28-lead thin shrink small outline (TSSOP) package, and a 32-lead chip scale package.
AD7490
GND
VDRIVE
PRODUCT HIGHLIGHTS
1. High Throughput with Low Power Consumption The AD7490 offers up to 1 MSPS throughput rates. At maximum throughput with 3 V supplies, the AD7490 dissipates just 5.4 mW of power. 2. Sixteen Single-Ended Inputs with Channel Sequencer A Sequence of channels can be selected, through which the AD7490 will cycle and convert. 3. Single-Supply Operation with VDRIVE Function The AD7490 operates from a single 2.7 V to 5.25 V supply. The VDRIVE function allows the serial interface to connect directly to either 3 V or 5 V processor systems independent of VDD. 4. Flexible Power/Serial Clock Speed Management The conversion rate is determined by the serial clock, allowing the conversion time to be reduced through the serial clock speed increase. The part also features various shutdown modes to maximize power efficiency at lower throughput rates. Power consumption is 0.5 A max when in full shutdown. 5. No Pipeline Delay The part features a standard successive-approximation ADC with accurate control of the sampling instant via a CS input and once off conversion control.
SPI and QSPI are trademarks of Motorola Inc. MICROWIRE is a trademark of National Semiconductor Corporation
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
AD7490-SPECIFICATIONS
Parameter DYNAMIC PERFORMANCE Signal to Noise +1 Distortion (SINAD)3 Signal to Noise Ratio (SNR)3 Total Harmonic Distortion (THD)3 Peak Harmonic or Spurious Noise (SFDR)3 Intermodulation Distortion (IMD)3 Second Order Terms Third Order Terms Aperture Delay Aperture Jitter Channel-to-Channel Isolation3 Full Power Bandwidth DC ACCURACY3 Resolution Integral Nonlinearity Differential Nonlinearity 0 V to VREF IN Input Range Offset Error Offset Error Match Gain Error Gain Error Match 0 V to 2 VREF IN Input Range Positive Gain Error Positive Gain Error Match Zero Code Error Zero Code Error Match Negative Gain Error Negative Gain Error Match ANALOG INPUT Input Voltage Ranges
(VDD = VDRIVE = 2.7 V to 5.25 V, REFIN = 2.5 V, fSCLK1 = 20 MHz, TA = TMIN to TMAX, unless otherwise noted.)
B Version2 69 68 69.5 -74 -71 -75 -73 -85 -85 10 50 -82 8.2 1.6 12 1 -0.95/+1.5 8 0.5 2 0.6 2 0.5 8 0.5 1 0.5 Unit dB min dB min dB min dB max dB max dB max dB max dB typ dB typ ns typ ps typ dB typ MHz typ MHz typ Bits LSB max LSB max LSB max LSB max LSB max LSB max Test Conditions/Comments fIN = 50 kHz Sine Wave, fSCLK = 20 MHz @ 5 V, 70.5 dB typ @ 3 V, 69.5 dB typ @ 5 V, -84 dB typ @ 3 V, -77 dB typ @ 5 V, -86 dB typ @ 3 V, -80 dB typ fa = 40.1 kHz, fb = 41.5 kHz
fIN = 400 kHz @ 3 dB @ 0.1 dB
Guaranteed No Missed Codes to 12 Bits Straight Binary Output Coding 0.6 LSB typ
-VREF IN to +VREF IN Biased about VREF with Twos Complement Output Coding Offset LSB max LSB max LSB max LSB max LSB max LSB max 0.6 LSB typ
V 0 to REFIN 0 to 2 REFIN V 1 20 2.5 1 36 0.7 0.3 1 10 VDRIVE VDRIVE A max pF typ V A max k typ V min V max A max pF max
RANGE Bit Set to 1 RANGE Bit Set to 0, VDD/VDRIVE = 4.75 V to 5.25 V for 0 to 2
REFIN
DC Leakage Current Input Capacitance REFERENCE INPUT REFIN Input Voltage DC Leakage Current REFIN Input Impedance LOGIC INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IIN Input Capacitance, CIN4 LOGIC OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL Floating-State Leakage Current Floating-State Output Capacitance4 Output Coding
1% Specified Performance fSAMPLE = 1 MSPS
Typically 10 nA, VIN 5 0 V or VDRIVE
VDRIVE - 0.2 V min 0.4 V max 10 A max 10 pF max Straight (Natural) Binary Twos Complement
ISOURCE = 200 A; VDD = 2.7 V to 5.25 V ISINK = 200 A Weak/Tri Bit Set to 0 Weak/Tri Bit Set to 0 Coding Bit Set to 1 Coding Bit Set to 0
-2-
REV. A
AD7490
Parameter CONVERSION RATE Conversion Time Track-and-Hold Acquisition Time3 Throughput Rate POWER REQUIREMENTS VDD VDRIVE IDD5 Normal Mode (Static) Normal Mode (Operational) (fS = Max Throughput) Auto Standby Mode Auto Shutdown Mode Full Shutdown Mode Power Dissipation5 Normal Mode (Operational) Auto Standby Mode (Static) Auto Shutdown Mode (Static) Full Shutdown Mode B Version2 800 300 300 1 2.7/5.25 2.7/5.25 600 2.5 1.8 1.55 92 960 0.5 0.5 12.5 5.4 460 276 2.5 1.5 2.5 1.5 Unit ns max ns max ns max MSPS max V min/max V min/max A typ mA max mA max mA typ A max A typ A max A max mW max mW max W max W max W max W max W max W max Digital I/Ps = 0 V or VDRIVE VDD = 2.7 V to 5.25 V, SCLK On or Off VDD = 4.75 V to 5.25 V, fSCLK = 20 MHz VDD = 2.7 V to 3.6 V, fSCLK = 20 MHz fSAMPLE = 500 kSPS Static fSAMPLE = 250 kSPS Static SCLK On or Off (20 nA typ) VDD = 5 V, fSCLK = 20 MHz VDD = 3 V, fSCLK = 20 MHz VDD = 5 V VDD = 3 V VDD = 5 V VDD = 3 V VDD = 5 V VDD = 3 V Test Conditions/Comments 16 SCLK Cycles, SCLK = 20 MHz Sine Wave Input Full-Scale Step Input @ 5 V (See Serial Interface section.)
NOTES 1 Specifications apply for f SCLK up to 20 MHz. However, for serial interfacing requirements, see Timing Specifications. 2 Temperature Ranges (B Version): -40C to +85C. 3 See Terminology section. 4 Sample tested at 25C to ensure compliance. 5 See Power Versus Throughput Rate section. Specifications subject to change without notice.
REV. A
-3-
AD7490 TIMING SPECIFICATIONS1
Parameter fSCLK2 tCONVERT tQUIET t2 t3 3 t 3 b4 t4 3 t5 t6 t7 t8 5 t9 t10 t11 t12 10 16 16 50
(VDD = 2.7 V to 5.25 V, VDRIVE VDD, REFIN = 2.5 V; TA = TMIN to TMAX, unless otherwise noted.)
Unit kHz min MHz max tSCLK ns min ns min ns max ns max ns max ns min ns min ns min ns min/max ns min ns min ns min s max Minimum Quiet Time Required between Bus Relinquish and Start of Next Conversion CS to SCLK Setup Time Delay from CS until DOUT Three-State Disabled Delay from CS to DOUT Valid Data Access Time after SCLK Falling Edge SCLK Low Pulsewidth SCLK High Pulsewidth SCLK to DOUT Valid Hold Time SCLK Falling Edge to DOUT High Impedance DIN Setup Time prior to SCLK Falling Edge DIN Hold Time after SCLK Falling Edge Sixteenth SCLK Falling Edge to CS High Power-Up Time from Full Power-Down/ Auto Shutdown/Auto Standby Modes Description
Limit at TMIN, TMAX VDD = 3 V VDD = 5 V 10 20 16 50
tSCLK
12 20 30 60 0.4 tSCLK 0.4 tSCLK 15 15/50 20 5 20 1
10 14 20 40 0.4 tSCLK 0.4 tSCLK 15 15/50 20 5 20 1
NOTES 1 Sample tested at 25C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V DD) and timed from a voltage level of 1.6 V. (See Figure 1.) The 3 V operating range spans from 2.7 V to 3.6 V. The 5 V operating range spans from 4.75 V to 5.25 V. 2 Mark/Space ratio for the SCLK input is 40/60 to 60/40. The maximum SCLK frequency is 16 MHz with VDD = 3 V to give a throughput of 870 kSPS. Care must be taken when interfacing to account for data access time t 4, and the setup time required for the user's processor. These two times will determine the maximum SCLK frequency with which the user's system can operate. (See Serial Interface section.) 3 Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.4 V or 0.7 VDRIVE V. 4 t3b represents a worst-case figure for having ADD3 available on the DOUT line, i.e., if the AD7490 went back into three-state at the end of a conversion and some other device took control of the bus between conversions, the user would have to wait a maximum time of t3b before having ADD3 valid on DOUT line. If the DOUT line is weakly driven to ADD3 between conversions, then the user would typically have to wait 17 ns at 3 V and 12 ns at 5 V after the CS falling edge before seeing ADD3 valid on DOUT. 5 t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back to remove the effects of charging or discharging the 25 pF capacitor. This means that the time, t8, quoted in the timing characteristics, is the true bus relinquish time of the part and is independent of the bus loading. Specifications subject to change without notice.
-4-
REV. A
AD7490
ABSOLUTE MAXIMUM RATINGS 1
(TA = 25C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V VDRIVE to GND . . . . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Analog Input Voltage to GND . . . . . . . -0.3 V to VDD + 0.3 V Digital Input Voltage to GND . . . . . . . . . . . . . -0.3 V to +7 V Digital Output Voltage to GND . . . . . -0.3 V to VDD + 0.3 V REFIN to GND . . . . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies2 . . . . . . . . 10 mA Operating Temperature Ranges Commercial (B Version) . . . . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150C
LFCSP, TSSOP Package, Power Dissipation . . . . . . 450 mW JA Thermal Impedance . . . . . . . . . . . 108.2C/W (LFCSP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97.9C/W (TSSOP) JC Thermal Impedance . . . . . . . . . . . 32.71C/W (LFCSP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14C/W (TSSOP) Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 220C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 kV
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Transient currents of up to 100 mA will not cause SCR latch up.
200 A
IOL
TO OUTPUT PIN CL 25pF 200 A IOH
1.6V
Figure 1. Load Circuit for Digital Output Timing Specifications
ORDERING GUIDE
Model AD7490BCP AD7490BRU EVAL-AD7490CB2 EVAL-CONTROL BRD23
Temperature Range -40C to +85C -40C to +85C Evaluation Board Controller Board
Linearity Error (LSB)1 1 1
Package Option CP-32 RU-28
Package Description LFCSP TSSOP
NOTES 1 Linearity error refers to integral linearity error. 2 This can be used as a stand-alone evaluation board or in conjunction with the Evaluation Controller Board for evaluation/ demonstration purposes. 3 This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To order a complete evaluation kit, you will need to order the particular ADC evaluation board, e.g., EVAL-AD7490CB, the EVAL-CONTROL-BRD2, and a 12 V ac transformer. See relevant evaluation board technical note for more information.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7490 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. A
-5-
AD7490
PIN CONFIGURATIONS* 28-Lead TSSOP
NC
VIN11 1 VIN10 2 VIN9 3 NC 4 VIN8 5 VIN7 6 VIN6 7
28 27 26 25 24
32-Lead LFCSP
VIN10 VIN11 VIN12 VIN13 VIN9 VIN14 NC
24 VIN15 23 NC 22 AGND 21 REFIN 20 VDD 19 AGND 18 CS 17 DIN 9 10 11 12 13 14 15 16
VIN12 VIN13 VIN14 VIN15 AGND REFIN
32 31 30 29 28 27 26 25
NC 1 VIN8 2 VIN7 3 VIN6 4 VIN5 5 VIN4 6 VIN3 7 NC 8 TOP VIEW (Not to Scale) TOP VIEW
TOP VIEW 22 VDD VIN5 8 (Not to Scale) 21 AGND
20 19 18 17 16 15
AD7490
23
AD7490
(Not to Scale)
VIN4 9 VIN3 10 VIN2 11 VIN1 12 VIN0 13 AGND 14
CS DIN NC VDRIVE SCLK DOUT
AGND
DOUT
VDRIVE
SCLK
VIN2
VIN1
NC = NO CONNECT
NC = NO CONNECT
EXPOSED PAD SHOULD BE TIED TO AGND
*ALL NC PINS SHOULD BE CONNECTED STRAIGHT TO AGND
PIN FUNCTION DESCRIPTIONS
Mnemonic CS REFIN VDD AGND
Function Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7490 and also frames the serial data transfer. Reference Input for the AD7490. An external reference must be applied to this input. The voltage range for the external reference is 2.5 V 1% for specified performance. Power Supply Input. The VDD range for the AD7490 is from 2.7 V to 5.25 V. For the 0 to 2 range, VDD should be from 4.75 V to 5.25 V. REFIN
Analog Ground. Ground reference point for all circuitry on the AD7490. All analog/digital input signals and any external reference signal should be referred to this AGND voltage. All AGND pins should be connected together. Analog Input 0 through Analog Input 15. Sixteen single-ended analog input channels that are multiplexed into the on-chip track-and-hold. The analog input channel to be converted is selected by using the address bits ADD3 through ADD0 of the control register. The address bits in conjunction with the SEQ and SHADOW bits allow the Sequence Register to be programmed. The input range for all input channels can extend from 0 V to REFIN or 0 V to 2 REFIN as selected via the RANGE bit in the Control Register. Any unused input channels should be connected to AGND to avoid noise pickup. Data In. Logic input. Data to be written to the AD7490's Control Register is provided on this input and is clocked into the register on the falling edge of SCLK (see Control Register section). Data Out. Logic output. The conversion result from the AD7490 is provided on this output as a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream consists of four address bits indicating which channel the conversion result corresponds to, followed by the 12 bits of conversion data, which is provided MSB first. The output coding may be selected as straight binary or twos complement via the CODING Bit in the Control Register. Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as the clock source for the AD7490's conversion process. Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the serial interface of the AD7490 will operate.
VIN0-VIN15
DIN DOUT
SCLK VDRIVE
-6-
VIN0
NC
REV. A
AD7490
TERMINOLOGY Integral Nonlinearity PSR (Power Supply Rejection)
This is the maximum deviation from a straight line passing through the endpoints of the ADC transfer function. The endpoints of the transfer function are zero scale, a point 1 LSB below the first code transition, and full scale, a point 1 LSB above the last code transition.
Differential Nonlinearity
Variations in power supply will affect the full scale transition, but not the converter's linearity. Power supply rejection is the maximum change in full-scale transition point due to a change in powersupply voltage from the nominal value. (See Typical Performance Characteristics.)
Track/Hold Acquisition Time
This is the difference between the measured and the ideal 1 LSB change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00...000) to (00...001) from the ideal, i.e., AGND 1 LSB.
Offset Error Match
The track/hold amplifier returns into track on the 14th SCLK falling edge. Track/hold acquisition time is the minimum time required for the track and hold amplifier to remain in track mode for its output to reach and settle to within 1 LSB of the applied input signal, given a step change to the input signal.
Signal to (Noise + Distortion) Ratio
This is the difference in offset error between any two channels.
Gain Error
This is the deviation of the last code transition (111...110) to (111...111) from the ideal (i.e., REFIN 1 LSB) after the offset error has been adjusted out.
Gain Error Match
This is the measured ratio of signal to (noise + distortion) at the output of the A/D converter. The signal is the rms amplitude of the fundamental. Noise is the sum of all nonfundamental signals up to half the sampling frequency (fS/2), excluding dc. The ratio is dependent on the number of quantization levels in the digitization process; the more levels, the smaller the quantization noise. The theoretical signal to (noise + distortion) ratio for an ideal N-bit converter with a sine wave input is given by:
Signal to ( Noise + Distortion) = (6.02 N + 1.76 ) dB
This is the difference in gain error between any two channels.
Zero Code Error
This applies when using the twos complement output coding option, in particular to the 2 REFIN input range with -REFIN to +REFIN biased about the REFIN point. It is the deviation of the midscale transition (all 0s to all 1s) from the ideal VIN voltage, i.e., REFIN - 1 LSB.
Zero Code Error Match
Thus for a 12-bit converter, this is 74 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of harmonics to the fundamental. For the AD7490, it is defined as:
THD ( dB ) = 20 x log V2 + V3 + V4 + V5 + V6 V1
2 2 2 2 2
This is the difference in zero code error between any two channels.
Positive Gain Error
This applies when using the twos complement output coding option, in particular to the 2 REFIN input range with -REFIN to +REFIN biased about the REFIN point. It is the deviation of the last code transition (011...110) to (011...111) from the ideal (i.e., +REFIN 1 LSB) after the Zero Code Error has been adjusted out.
Positive Gain Error Match
where V1 is the rms amplitude of the fundamental and V2, V3, V4, V5, and V6 are the rms amplitudes of the second through the sixth harmonics.
Peak Harmonic or Spurious Noise
This is the difference in Positive Gain Error between any two channels.
Negative Gain Error
Peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the ADC output spectrum (up to fS/2 and excluding dc) to the rms value of the fundamental. Normally, the value of this specification is determined by the largest harmonic in the spectrum, but for ADCs where the harmonics are buried in the noise floor, it will be a noise peak.
Intermodulation Distortion
This applies when using the twos complement output coding option, in particular to the 2 REFIN input range with -REFIN to +REFIN biased about the REFIN point. It is the deviation of the first code transition (100...000) to (100...001) from the ideal (i.e., -REFIN + 1 LSB) after the Zero Code Error has been adjusted out.
Negative Gain Error Match
With inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa nfb, where m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms are those for which neither m nor n are equal to zero. For example, the second order terms include (fa + fb) and (fa - fb), while the third order terms include (2fa + fb), (2fa - fb), (fa + 2fb) and (fa - 2fb). The AD7490 is tested using the CCIF standard where two input frequencies near the top end of the input bandwidth are used. In this case, the second order terms are usually distanced in frequency from the original sine waves while the third order terms are usually at a frequency close to the input frequencies. As a result, the second and third order terms are specified separately. The calculation of the intermodulation distortion is as per the THD specification, where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the sum of the fundamentals expressed in dBs.
This is the difference in negative gain error between any two channels.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of crosstalk between channels. It is measured by applying a full-scale 400 kHz sine wave signal to all 15 nonselected input channels and determining how much that signal is attenuated in the selected channel with a 50 kHz signal. The figure is given worst case across all 16 channels for the AD7490.
REV. A
-7-
AD7490-Typical Performance Characteristics
TPC 1 shows a typical FFT plot for the AD7490 at 1 MSPS sample rate and 50 kHz input frequency. TPC 3 shows the power supply rejection ratio versus supply ripple frequency for the AD7490. The power supply rejection ratio is defined as the ratio of the power in the ADC output at full-scale frequency f, to the power of a 200 mV p-p sine wave applied to the ADC VDD supply of frequency fS.
Pf PSRR ( dB ) = 10 x log PfS
-20 -30 -40
PSRR - dB
VDD 3V/5V, 10nF CAP 200mV p-p SINE WAVE ON V DD REFIN 2.5V, 1 F CAP TA 25 C
-50 -60 -70 -80 VDD -90 0 3V 1M
VDD
5V
Pf is equal to the power at frequency f in ADC output; PfS is equal to power at frequency fS coupled onto the ADC VDD supply input. Here, a 200 mV p-p sine wave is coupled onto the VDD supply. 10 nF decoupling was used on the supply and a 1 F decoupling cap on the REFIN pin.
100k 200k 300k 400k 500k 600k 700k 800k 900k INPUT FREQUENCY - Hz
TPC 3. PSRR vs. Supply Ripple Frequency
5 8192 POINT FFT fSAMPLE 1MSPS fIN 50kHz SINAD 70.697dB THD -79.171dB SFDR -79.93dB
THD - dB
-50 -55 -60 -65 -70 -75 VDD V DRIVE 3.6V
-15
fS MAX THROUGHPUT TA 25 C RANGE 0 TO REFIN
VDD
V DRIVE
2.7V
-35
SNR - dB
-55
-75
-80
-95
-85 -90
0 50 100 150 200 250 300 350 400 450 500
VDD VDD
V DRIVE V DRIVE
4.75V 5.25V
-115 FREQUENCY - kHz
10
100 INPUT FREQUENCY - kHz
1000
TPC 1. Dynamic Performance at 1 MSPS
TPC 4. THD vs. Analog Input Frequency for Various Supply Voltages at 1 MSPS
75 VDD VDD 70 VDD 65 V DRIVE 3.6V V DRIVE V DRIVE 5.25V 4.75V
-50 -55 1 MSPS TA 25 C VDD 5.25 V RANGE 0 TO REFIN
fS
-60
THD - dB
RIN
1000
SINAD - dB
-65 -70 RIN -75 100
60 MAX THROUGHPUT TA 25 C RANGE 0 TO REFIN 10
fS
VDD
V DRIVE
2.7V
RIN -80
50 RININ 1000 R 10
55
-85 1000 10 100 INPUT FREQUENCY - kHz 1000
100 INPUT FREQUENCY - kHz
TPC 2. SINAD vs. Analog Input Frequency for Various Supply Voltages at 1 MSPS
TPC 5. THD vs. Analog Input Frequency for Various Analog Source Impedances
-8-
REV. A
AD7490
1.0 0.8 0.6
DNL ERROR - LSB
1.0
VDD V DRIVE TEMP 25 C
5V
0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8
VDD V DRIVE TEMP 25 C
5V
INL ERROR - LSB
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 512 1024 1536 2048 CODE 2560 3072 3584 4096
-1.0
0
512
1024
1536
2048 CODE
2560
3072
3584
4096
TPC 6. Typical INL
TPC 7. Typical DNL
CONTROL REGISTER
The Control Register on the AD7490 is a 12-bit, write-only register. Data is loaded from the DIN pin of the AD7490 on the falling edge of SCLK. The data is transferred on the DIN line at the same time as the conversion result is read from the part. The data transferred on the DIN line corresponds to the AD7490 configuration for the next conversion. This requires 16 serial clocks for every data transfer. Only the information provided on the first 12 falling clock edges (after CS falling edge) is loaded to the Control Register. MSB denotes the first bit in the data stream. The bit functions are outlined in Table I.
Table I. Control Register Bit Functions
MSB
WRITE SEQ ADD3 ADD2 ADD1 ADD0 PM1 PM0 SHADOW WEAK/TRI RANGE
LSB
CODING
Bit 11
Name WRITE
Description The value written to this bit of the Control Register determines whether the following 11 bits will be loaded to the Control Register or not. If this bit is a 1, the following 11 bits will be written to the Control Register; if it is a 0, the remaining 11 bits are not loaded to the Control Register and so it remains unchanged. The SEQ Bit in the Control Register is used in conjunction with the Shadow Bit to control the use of the sequencer function and access the Shadow Register. (See Table IV.) These four address bits are loaded at the end of the present conversion sequence, and select which analog input channel is to be converted on in the next serial transfer, or may select the final channel in a consecutive sequence as described in Table IV. The selected input channel is decoded as shown in Table II. The address bits corresponding to the conversion result are also output on DOUT prior to the 12 bits of data (see Serial Interface section). The next channel to be converted on will be selected by the mux on the 14th SCLK falling edge. Power Management Bits. These two bits decode the mode of operation of the AD7490 as shown in Table III. The Shadow Bit in the Control Register is used in conjunction with the SEQ Bit to control the use of the sequencer function and access the Shadow Register. (See Table IV.) This bit selects the state of the DOUT line at the end of the current serial transfer. If it is set to 1, the DOUT line will be weakly driven to the channel address bit ADD3 of the ensuing conversion. If this bit is set to 0, then DOUT will return to three-state at the end of the serial transfer. See the Serial Interface section for more details. This bit selects the analog input range to be used on the AD7490. If it is set to 0, then the analog input range will extend from 0 V to 2 REFIN. If it is set to 1, then the analog input range will extend from 0 V to REFIN (for the next conversion). For 0 V to 2 REFIN, VDD = 4.75 V to 5.25 V. This bit selects the type of output coding the AD7490 will use for the conversion result. If this bit is set to 0, the output coding for the part will be twos complement. If this bit is set to 1, the output coding from the part will be straight binary (for the next conversion). -9-
10 9-6
SEQ ADD3-ADD0
5, 4 3 2
PM1, PM0 SHADOW WEAK/TRI
1
RANGE
0
CODING
REV. A
AD7490
Table II. Channel Selection SEQUENCER OPERATION
ADD3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
ADD2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
ADD1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
ADD0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Analog Input Channel VIN0 VIN1 VIN2 VIN3 VIN4 VIN5 VIN6 VIN7 VIN8 VIN9 VIN10 VIN11 VIN12 VIN13 VIN14 VIN15
The configuration of the SEQ and Shadow Bits in the Control Register allows the user to select a particular mode of operation of the sequencer function. Table IV outlines the four modes of operation of the Sequencer.
Table IV. Sequence Selection
SEQ 0
SHADOW 0
Sequence Type This configuration means the sequence function is not used. The analog input channel selected for each individual conversion is determined by the contents of the channel address bits ADD0 through ADD3 in each prior write operation. This mode of operation reflects the normal operation of a multichannel ADC, without sequencer function being used, where each write to the AD7490 selects the next channel for conversion. (See Figure 2.) This configuration selects the Shadow Register for programming. After the write to the Control Register, the following write operation will load the contents of the Shadow Register. This will program the sequence of channels to be converted on continuously with each successive valid CS falling edge. (See Shadow Register, Table V, and Figure 3.) The channels selected need not be consecutive. If the SEQ and SHADOW Bits are set in this way, then the sequence function will not be interrupted upon completion of the WRITE operation. This allows other bits in the Control Register to be altered while in a sequence without terminating the cycle. This configuration is used in conjunction with the channel address bits ADD3 to ADD0 to program continuous conversions on a consecutive sequence of channels from Channel 0 through to a selected final channel as determined by the channel address bits in the Control Register. (See Figure 4.)
Table III. Power Mode Selection
0
1
PM1 1
PM0 1
Mode Normal Operation In this mode, the AD7490 remains in full power mode regardless of the status of any of the logic inputs. This mode allows the fastest possible throughput rate from the AD7490. Full Shutdown In this mode, the AD7490 is in full shut-down mode, with all circuitry on the AD7490 powering down. The AD7490 retains the information in the Control Register while in full shutdown. The part remains in full shutdown until these bits are changed in the Control Register. Auto Shutdown In this mode, the AD7490 automatically enters shutdown mode at the end of each conversion when the Control Register is updated. Wake-up time from shutdown is 1 s and the user should ensure that 1 s has elapsed before attempting to perform a valid conversion on the part in this mode. Auto Standby In this standby mode, portions of the AD7490 are powered down, but the on-chip bias generator remains powered-up. This mode is similar to Auto Shutdown and allows the part to power-up within one dummy cycle, i.e., 1 s with a 20 MHz SCLK.
1
0
1
0
0
1
1
1
0
0
For more information, see the Modes of Operation section.
-10-
REV. A
AD7490
SHADOW REGISTER
The Shadow Register on the AD7490 is a 16-bit, write-only register. Data is loaded from the DIN Pin of the AD7490 on the falling edge of SCLK. The data is transferred on the DIN line at the same time as a conversion result is read from the part. This requires 16 serial falling edges for the data transfer. The information is clocked into the Shadow Register provided the SEQ and Shadow Bits were set to 0, 1 respectively in the previous write to the Control Register. MSB denotes the first bit in the data stream. Each bit represents an analog input from channel 0 through to channel 15. A sequence of channels may be selected through which the AD7490 will cycle with each consecutive CS falling edge after the write to the Shadow Register. To select a sequence of channels, the associated channel bit must be set for each analog input. The AD7490 will continuously cycle through the selected channels in ascending order, beginning with the lowest channel, until a write operation occurs (i.e., the WRITE Bit is set to 1) with the SEQ and Shadow Bits configured in any way except 1, 0 (see Table IV). The bit functions are outlined in Table V.
Table V. Shadow Register Bit Functions
MSB VIN0 VIN1 VIN2 VIN3 VIN4 VIN5 VIN6 VIN7 VIN8 VIN9 VIN10 VIN11 VIN12 VIN13 VIN14 LSB VIN15
POWER ON
DUMMY CONVERSIONS DIN = ALL 1s
POWER ON
DUMMY CONVERSIONS DIN = ALL 1s
CS
DIN: WRITE TO CONTROL REGISTER, WRITE BIT = 1, SELECT CODING, RANGE, AND POWER MODE SELECT CHANNEL A3-A0 FOR CONVERSION, SEQ = SHADOW = 0
CS
DIN: WRITE TO CONTROL REGISTER, WRITE BIT = 1, SELECT CODING, RANGE, AND POWER MODE SELECT CHANNEL A3-A0 FOR CONVERSION, SEQ = 0 SHADOW = 1
DOUT: CONVERSION RESULT FROM PREVIOUSLY SELECTED CHANNEL A3-A0
CS
DOUT: CONVERSION RESULT FROM PREVIOUSLY SELECTED CHANNEL A3-A0 DIN: WRITE TO SHADOW REGISTER, SELECTING WHICH CHANNELS TO CONVERT ON; CHANNELS SELECTED NEED NOT BE CONSECUTIVE WRITE BIT = 1, SEQ = SHADOW = 0 WRITE BIT = 1, SEQ = 1, SHADOW = 0 CONTINUOUSLY CONVERTS ON THE SELECTED SEQUENCE OF CHANNELS BUT WILL ALLOW RANGE, CODING, AND SO ON, TO CHANGE IN THE CONTROL REGISTER WITHOUT INTERRUPTING THE SEQUENCE PROVIDED, SEQ = 1 SHADOW = 0
CS
DIN: WRITE TO CONTROL REGISTER, WRITE BIT = 1, SELECT CODING, RANGE, AND POWER MODE SELECT A3-A0 FOR CONVERSION, SEQ = SHADOW = 0
WRITE BIT = 0
Figure 2. SEQ Bit = 0, SHADOW Bit = 0 Flowchart
CS
Figure 2 reflects the normal operation of a multichannel ADC, where each serial transfer selects the next channel for conversion. In this mode of operation, the sequencer function is not used. Figure 3 shows how to program the AD7490 to continuously convert on a particular sequence of channels. To exit this mode of operation and revert back to the normal mode of operation of a multichannel ADC (as outlined in Figure 2), ensure the WRITE Bit = 1 and the SEQ = SHADOW = 0 on the next serial transfer.
WRITE BIT = 0
CONTINUOUSLY CONVERTS ON THE SELECTED SEQUENCE OF CHANNELS
WRITE BIT = 0
WRITE BIT = 1, SEQ = 1, SHADOW = 0
Figure 3. SEQ Bit = 0, SHADOW Bit = 1 Flowchart
REV. A
-11-
AD7490
Figure 4 shows how a sequence of consecutive channels can be converted on without having to program the Shadow Register or write to the part on each serial transfer. Again, to exit this mode of operation and revert back to the normal mode of operation of a multichannel ADC (as outlined in Figure 2), ensure the WRITE Bit = 1 and the SEQ = SHADOW = 0 on the next serial transfer.
POWER ON
DUMMY CONVERSIONS DIN = ALL 1s
Figures 5 and 6 show simplified schematics of the ADC. The ADC comprises Control Logic, SAR, and a Capacitive DAC, which are used to add and subtract fixed amounts of charge from the sampling capacitor to bring the comparator back into a balanced condition. Figure 5 shows the ADC during its acquisition phase. SW2 is closed and SW1 is in position A. The comparator is held in a balanced condition and the sampling capacitor acquires the signal on the selected VIN channel.
CAPACITIVE DAC A SW1 B 4k SW2 COMPARATOR CONTROL LOGIC
CS
DIN: WRITE TO CONTROL REGISTER, WRITE BIT = 1, SELECT CODING, RANGE, AND POWER MODE SELECT CHANNEL A3-A0 FOR CONVERSION, SEQ = 1 SHADOW = 1
VIN0 . . VIN15 AGND
Figure 5. ADC Acquisition Phase
DOUT: CONVERSION RESULT FROM CHANNEL 0
CS
CONTINUOUSLY CONVERTS ON A CONSECUTIVE SEQUENCE OF CHANNELS FROM CHANNEL 0 UP TO AND INCLUDING THE PREVIOUSLY SELECTED A3-A0 IN THE CONTROL REGISTER WRITE BIT = 1, SEQ = 1, SHADOW = 0
WRITE BIT = 0
CS
CONTINUOUSLY CONVERTS ON THE SELECTED SEQUENCE OF CHANNELS BUT WILL ALLOW RANGE, CODING, AND SO ON, TO CHANGE IN THE CONTROL REGISTER WITHOUT INTERRUPTING WRITE BIT = 1, THE SEQUENCE PROVIDED, SEQ = 1, SHADOW = 0 SEQ = 1, SHADOW = 0
When the ADC starts a conversion (see Figure 6), SW2 will open and SW1 will move to position B causing the comparator to become unbalanced. The Control Logic and the Capacitive DAC are used to add and subtract fixed amounts of charge from the sampling capacitor to bring the comparator back into a balanced condition. When the comparator is rebalanced, the conversion is complete. The Control Logic generates the ADC output code. Figure 8 shows the ADC transfer function.
CAPACITIVE DAC A SW1 B 4k SW2 COMPARATOR CONTROL LOGIC
Figure 4. SEQ Bit = 1, SHADOW Bit = 1 Flowchart
CIRCUIT INFORMATION
VIN0 . . VIN15 AGND
The AD7490 is a fast, 16-channel, 12-bit, single-supply, A/D converter. The parts can be operated from a 2.7 V to 5.25 V supply. When operated from a 5 V supply, the AD7490 is capable of throughput rates of up to 1 MSPS when provided with a 20 MHz clock. The AD7490 provides the user with an on-chip track/hold, A/D converter, and a serial interface housed in either 28-lead TSSOP or 32-lead LFCSP package. The AD7490 has 16 single-ended input channels with a channel sequencer, allowing the user to select a sequence of channels through which the ADC can cycle with each consecutive CS falling edge. The serial clock input accesses data from the part, controls the transfer of data written to the ADC, and provides the clock source for the successive-approximation A/D converter. The analog input range for the AD74790 is 0 to REFIN or 0 to 2 REFIN depending on the status of Bit 1 in the Control Register. For the 0 to 2 REFIN range, the part must be operated from a 4.75 V to 5.25 V supply. The AD7490 provides flexible power management options to allow the user to achieve the best power performance for a given throughput rate. These options are selected by programming the Power Management bits in the Control Register.
CONVERTER OPERATION
Figure 6. ADC Conversion Phase
Analog Input
Figure 7 shows an equivalent circuit of the analog input structure of the AD7490. The two diodes, D1 and D2, provide ESD protection for the analog inputs. Care must be taken to ensure that the analog input signal never exceeds the supply rails by more than 200 mV. This will cause these diodes to become forward biased and start conducting current into the substrate. 10 mA is the maximum current these diodes can conduct without causing irreversible damage to the part. The capacitor C1 in Figure 7 is typically about 4 pF and can primarily be attributed to pin capacitance. The resistor R1 is a lumped component made up of
VDD
D1 R1 VIN C1 4pF D2
C2 30pF
CONVERSION PHASE--SWITCH OPEN TRACK PHASE--SWITCH CLOSED
The AD7490 is a 12-bit successive approximation analog-to-digital converter based around a capacitive DAC. The AD7490 can convert analog input signals in the range 0 V to VREF IN or 0 V to 2 VREF IN.
Figure 7. Equivalent Analog Input Circuit
-12-
REV. A
AD7490
the on resistance of a switch (track and hold switch) and also includes the on resistance of the input multiplexer. The total resistance is typically about 400 . The capacitor C2 is the ADC sampling capacitor and typically has a capacitance of 30 pF. For ac applications, removing high frequency components from the analog input signal is recommended by use of an RC low-pass filter on the relevant analog input pin. In applications where harmonic distortion and signal-to-noise ratio are critical, the analog input should be driven from a low impedance source. Large source impedances will significantly affect the ac performance of the ADC. This may necessitate the use of an input buffer amplifier. The choice of the op amp will be a function of the particular application. When no amplifier is used to drive the analog input, the source impedance should be limited to low values. The maximum source impedance will depend on the amount of total harmonic distortion (THD) that can be tolerated. The THD will increase as the source impedance increases, and performance will degrade (see TPC 5).
ADC TRANSFER FUNCTION
011...111 011...110 * * 000...001 000...000 111...111 * * 100...010 100...001 100...000 -VREF
ADC CODE
1 LSB
2
VREF 4096
1 LSB +VREF 1 LSB VREF 1 LSB ANALOG INPUT
Figure 9. Twos Complement Transfer Characteristic with REFIN REFIN Input Range
Handling Bipolar Input Signals
The output coding of the AD7490 is either straight binary or twos complement depending on the status of the LSB (RANGE Bit) in the Control Register. The designed code transitions occur midway between successive LSB values (i.e., 1 LSB, 2 LSBs, and so on). The LSB size is equal to REFIN/4096. The ideal transfer characteristic for the AD7490 when straight binary coding is selected is shown in Figure 8.
Figure 10 shows how useful the combination of the 2 REFIN input range and the twos complement output coding scheme is for handling bipolar input signals. If the bipolar input signal is biased about REFIN and twos complement output coding is selected, then REFIN becomes the zero code point, -REFIN is negative fullscale and +REFIN becomes positive full scale, with a dynamic range of 2 REFIN.
TYPICAL CONNECTION DIAGRAM
111...111 111...110 * * 111...000 * 011...111 * * 000...010 000...001 000...000 0V 1 LSB
1 LSB
VREF/4096
+VREF ANALOG INPUT REFIN
1 LSB
Figure 11 shows a typical connection diagram for the AD7490. In this setup, the AGND pin is connected to the analog ground plane of the system. In Figure 11, REFIN is connected to a decoupled 2.5 V supply from a reference source, the AD780, to provide an analog input range of 0 V to 2.5 V (if RANGE Bit is 1) or 0 V to 5 V (if RANGE Bit is 0). Although the AD7490 is connected to a VDD of 5 V, the serial interface is connected to a 3 V microprocessor. The VDRIVE pin of the AD7490 is connected to the same 3 V supply of the microprocessor to allow a 3 V logic interface (see Digital Inputs section.) The conversion result is output in a 16-bit word. This 16-bit data stream consists of four address bits indicating which channel the conversion result corresponds to, followed by the 12 bits of conversion data. For applications where
VREF IS EITHER REFIN OR 2
Figure 8. Straight Binary Transfer Characteristic
VDD VREF VDD ( 0.1 F V R3 0V V R2 R1 VDRIVE R4 REFIN 000...000 2 +REFIN REFIN) 011...111
REFIN
AD7490
VIN0 * * VIN15 DOUT
TWOS COMPLEMENT DSP/ P -REFIN ( 0V) 100...000
R1
R2
R3
R4
Figure 10. Handling Bipolar Signals
REV. A
-13-
AD7490
power consumption is of concern, the power-down modes should be used between conversions or bursts of several conversions to improve power performance. (See Modes of Operation section.)
0.1 F 10 F 5V SUPPLY
SERIAL INTERFACE
0V TO REFIN
VIN 0 * * VIN 15
VDD
SCLK
AD7490
DOUT CS VDRIVE DIN
C/ P
AGND REF IN
through ADD0 will then determine the final channel in the consecutive sequence. The next conversion will be on Channel 0, then Channel 1 and so on until the channel selected via the address bits ADD3 through ADD0 is reached. The cycle will begin again on the next serial transfer provided the WRITE Bit is set to low or, if high, that the SEQ and Shadow Bits are set to 1, 0; then the ADC will continue its preprogrammed automatic sequence uninterrupted. Regardless of which channel selection method is used, the 16-bit word output from the AD7490 during each conversion will always contain the channel address that the conversion result corresponds to followed by the 12-bit conversion result (see Serial Interface section).
Digital Inputs
0.1 F
2.5V
0.1 F
10 F 3V SUPPLY
AD780
The digital inputs applied to the AD7490 are not limited by the maximum ratings that limit the analog inputs. Instead, the digital inputs applied can go to 7 V and are not restricted by the VDD + 0.3 V limit as on the analog inputs. Another advantage of SCLK, DIN, and CS not being restricted by the VDD + 0.3 V limit is the fact that power supply sequencing issues are avoided. If CS, DIN, or SCLK are applied before VDD, then there is no risk of latch-up as there would be on the analog inputs if a signal greater than 0.3 V was applied prior to VDD.
VDRIVE
ALL UNUSED INPUT CHANNELS SHOULD BE CONNECTED TO GND
Figure 11. Typical Connection Diagram
Analog Input
Any one of 16 analog input channels may be selected for conversion by programming the multiplexer with the address bits ADD3-ADD0 in the Control Register. The channel configurations are shown in Table II. The AD7490 may also be configured to automatically cycle through a number of channels as selected. The sequencer feature is accessed via the SEQ and SHADOW Bits in the Control Register (see Table IV). The AD7490 can be programmed to continuously convert on a selection of channels in ascending order. The analog input channels to be converted on are selected through programming the relevant bits in the Shadow Register (see Table V). The next serial transfer will then act on the sequence programmed by executing a conversion on the lowest channel in the selection. The next serial transfer will result in a conversion on the next highest channel in the sequence and so on. It is not necessary to write to the Control Register once a sequencer operation has been initiated. The WRITE Bit must be set to zero or the DIN line tied low to ensure the Control Register is not accidently overwritten, or the sequence operation interrupted. If the Control Register is written to at any time during the sequence, then it must be ensured that the SEQ and Shadow Bits are set to 1, 0 to avoid interrupting the automatic conversion sequence. This pattern will continue until such time as the AD7490 is written to and the SEQ and Shadow Bits are configured with any bit combination except 1, 0. On completion of the sequence, the AD7490 sequencer will return to the first selected channel in the Shadow Register and commence the sequence again if uninterrupted. Rather than selecting a particular sequence of channels, a number of consecutive channels beginning with channel 0 may also be programmed via the Control Register alone without needing to write to the Shadow Register. This is possible if the SEQ and Shadow Bits are set to 1, 1. The channel address bits ADD3
The AD7490 also has the VDRIVE feature. VDRIVE controls the voltage at which the serial interface operates. VDRIVE allows the ADC to easily interface to both 3 V and 5 V processors. For example, if the AD7490 were operated with a VDD of 5 V, the VDRIVE Pin could be powered from a 3 V supply. The AD7490 has better dynamic performance with a VDD of 5 V while still being able to interface to 3 V processors. Care should be taken to ensure VDRIVE does not exceed VDD by more than 0.3 V. (See Absolute Maximum Ratings section.)
Reference Section
An external reference source should be used to supply the 2.5 V reference to the AD7490. Errors in the reference source will result in gain errors in the AD7490 transfer function and will add to the specified full scale errors of the part. A capacitor of at least 0.1 F should be placed on the REFIN Pin. Suitable reference sources for the AD7490 include the AD780, REF193, and the AD1852. If 2.5 V is applied to the REFIN Pin, the analog input range can either be 0 V to 2.5 V or 0 V to 5 V, depending on the RANGE Bit in the Control Register.
MODES OF OPERATION
The AD7490 has a number of different modes of operation. These modes are designed to provide flexible power management options. These options can be chosen to optimize the power dissipation/ throughput rate ratio for differing application requirements. The mode of operation of the AD7490 is controlled by the power management bits, PM1 and PM0, in the Control Register, as detailed in Table III. When power supplies are first applied to the AD7490, care should be taken to ensure the part is placed in the required mode of operation (see Powering Up the AD7490 section.)
-14-
REV. A
AD7490
Normal Mode (PM1 = PM0 = 1)
This mode is intended for the fastest throughput rate performance as the user does not have to worry about any power-up times with the AD7490 remaining fully powered at all times. Figure 12 shows the general diagram of the operation of the AD7490 in this mode.
CS 1 12 16
both loaded with 1 on every data transfer. Sixteen serial clock cycles are required to complete the conversion and access the conversion result. The track and hold will go back into track on the 14th SCLK falling edge. CS may then idle high until the next conversion or may idle low until sometime prior to the next conversion, (effectively idling CS low). Once a data transfer is complete (DOUT has returned to threestate WEAK/TRI Bit 0), another conversion can be initiated after the quiet time, tQUIET, has elapsed by bringing CS low again.
Full Shutdown (PM1 = 1, PM0 = 0)
SCLK
DOUT
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DIN
DATA IN TO CONTROL/SHADOW REGISTER
NOTES 1. CONTROL REGISTER DATA IS LOADED ON FIRST 12 SCLK CYCLES 2. SHADOW REGISTER DATA IS LOADED ON FIRST 16 SCLK CYCLES
In this mode, all internal circuitry on the AD7490 is powered down. The part retains information in the Control Register during full shutdown. The AD7490 remains in full shutdown until the power management bits in the Control Register, PM1 and PM0, are changed. If a write to the Control Register occurs while the part is in Full Shutdown, with the power management bits changed to PM0 = PM1 = 1, Normal Mode, the part will begin to power up on the CS rising edge. The track and hold that was in hold while the part was in Full Shutdown will return to track on the 14th SCLK falling edge. To ensure that the part is fully powered up, tPOWER UP (t12) should have elapsed before the next CS falling edge. Figure 13 shows the general diagram for this sequence.
Auto Shutdown (PM1 = 0, PM0 = 1)
Figure 12. Normal Mode Operation
The conversion is initiated on the falling edge of CS and the track and hold will enter hold mode as described in the Serial Interface section. The data presented to the AD7490 on the DIN line during the first 12 clock cycles of the data transfer is loaded to the Control Register (provided WRITE Bit is 1). If data is to be written to the Shadow Register (SEQ 0, SHADOW 1 on previous write), data presented on the DIN line during the first 16 SCLK cycles is loaded into the Shadow Register. The part will remain fully powered up in Normal Mode at the end of the conversion as long as PM1 and PM0 are set to 1 in the write transfer during that conversion. To ensure continued operation in Normal Mode, PM1 and PM0 are
PART IS IN FULL SHUTDOWN CS 1 14 16 PART BEGINS TO POWER UP ON CS RISING EDGE AS PM1 1, PM0 1
In this mode, the AD7490 automatically enters shutdown at the end of each conversion when the Control Register is updated. When the part is in shutdown, the track and hold is in hold mode. Figure 14 shows the general diagram of the operation of the
PART IS FULLY POWERED UP ONCE TPOWER UP HAS ELAPSED
t12
SCLK
1
14
16
DOUT
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DIN
DATA IN TO CONTROL REGISTER CONTROL REGISTER IS LOADED ON THE FIRST 12 CLOCKS, PM1 1, PM0 1
DATA IN TO CONTROL/SHADOW REGISTER TO KEEP PART IN NORMAL MODE, LOAD PM1 1, PM0 1 IN CONTROL REGISTER
Figure 13. Full Shutdown Mode Operation
PART ENTERS SHUTDOWN ON CS RISING EDGE AS PM1 0, PM0 1 CS 1 16 1 PART BEGINS TO POWER UP ON CS FALLING EDGE PART ENTERS SHUTDOWN ON CS RISING EDGE AS PM1 0, PM0 1
PART IS FULLY POWERED UP
DUMMY CONVERSION 16 1 16
SCLK
DOUT
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
INVALID DATA
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DIN
DATA IN TO CONTROL/SHADOW REGISTER CONTROL REGISTER IS LOADED ON THE FIRST 12 CLOCKS, PM1 0, PM0 1 CONTROL REGISTER CONTENTS SHOULD NOT CHANGE, WRITE BIT 0
DATA IN TO CONTROL/SHADOW REGISTER TO KEEP PART IN THIS MODE, LOAD PM1 0, PM0 IN CONTROL REGISTER OR SET WRITE BIT = 0 1
Figure 14. Auto Shutdown Mode Operation
REV. A
-15-
AD7490
AD7490 in this mode. In Shutdown Mode, all internal circuitry on the AD7490 is powered down. The part retains information in the Control Register during shutdown. The AD7490 remains in shutdown until the next CS falling edge it receives. On this CS falling edge, the track and hold that was in hold while the part was in shutdown will return to track. Wake-up time from auto shutdown is 1 s, and the user should ensure that 1 s has elapsed before attempting a valid conversion. When running the AD7490 with a 20 MHz clock, one dummy cycle of 16 SCLKs should be sufficient to ensure the part is fully powered up. During this dummy cycle, the contents of the Control Register should remain unchanged; therefore the WRITE Bit should be 0 on the DIN line. This dummy cycle effectively halves the throughput rate of the part, with every other conversion result being valid. In this mode, the power consumption of the part is greatly reduced with the part entering shutdown at the end of each conversion. When the Control Register is programmed to move into auto shutdown, it does so at the end of the conversion. The user can move the ADC in and out of the low power state by controlling the CS signal.
Auto Standby (PM1 = PM0 = 0)
hold that was in hold while the part was in standby will return to track. Wake-up time from standby is 1 s; the user should ensure that 1 s has elapsed before attempting a valid conversion on the part in this mode. When running the AD7490 with a 20 MHz clock, one dummy cycle of 16 SCLKs should be sufficient to ensure the part is fully powered up. During this dummy cycle, the contents of the Control Register should remain unchanged, therefore the WRITE Bit should be set to 0 on the DIN line. This dummy cycle effectively halves the throughput rate of the part with every other conversion result being valid. In this mode, the power consumption of the part is greatly reduced with the part entering standby at the end of each conversion. When the Control Register is programmed to move into Auto Standby, it does so at the end of the conversion. The user can move the ADC in and out of the low power state by controlling the CS signal.
Powering Up the AD7490
When supplies are first applied to the AD7490, the ADC may power up in any of the operating modes of the part. To ensure the part is placed into the required operating mode, the user should perform a dummy cycle operation as outlined in Figure 16. The three dummy conversion operations outlined in Figure 16 must be performed to place the part into either of the auto modes. The first two conversions of this dummy cycle operation are performed with the DIN line tied HIGH, and for the third conversion of the dummy cycle operation, the user should write the desired control register configuration to the AD7490 in order to place the part into the required Auto Mode. On the third CS rising edge after the
PART ENTERS STANDBY ON CS RISING EDGE AS PM1 0, PM0 0
In this mode, the AD7490 automatically enters Standby Mode at the end of each conversion when the Control Register is updated. Figure 15 shows the general diagram of the operation of the AD7490 in this mode. When the part is in standby, portions of the AD7490 are power-down but the on-chip bias generator remains powered up. The part retains information in the Control Register during standby. The AD7490 remains in standby until it receives the next CS falling edge. On this CS falling edge, the track and
PART ENTERS STANDBY ON CS RISING EDGE AS PM1 0, PM0 0 CS 1 12 16 1 PART BEGINS TO POWER UP ON CS FALLING EDGE
PART IS FULLY POWERED UP
DUMMY CONVERSION 12 16 1 12 16
SCLK
DOUT
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
INVALID DATA
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DIN
DATA IN TO CONTROL/SHADOW REGISTER CONTROL REGISTER IS LOADED ON THE FIRST 12 CLOCKS, PM1 0, PM0 0 CONTROL REGISTER SHOULD REMAIN UNCHANGED, WRITE BIT 0
DATA IN TO CONTROL/SHADOW REGISTER TO KEEP PART IN THIS MODE, LOAD PM1 PM0 0 IN CONTROL REGISTER 0,
Figure 15. Auto Standby Mode Operation
CORRECT VALUE IN CONTROL REGISTER VALID DATA FROM NEXT CONVERSION USER CAN WRITE TO SHADOW REGISTER IN NEXT CONVERSION CS 1
DUMMY CONVERSION 12 16 1
DUMMY CONVERSION 12 16 1 12 16
SCLK
DOUT
INVALID DATA
INVALID DATA
INVALID DATA
DIN KEEP DIN LINE TIED HIGH FOR FIRST TWO DUMMY CONVERSIONS
DATA IN TO CONTROL CONTROL REGISTER IS LOADED ON THE FIRST 12 CLOCK EDGES
Figure 16. Placing into the Required Operating Mode after Supplies are Applied
-16-
REV. A
AD7490
supplies are applied, the Control Register will contain the correct information and valid data will result from the next conversion. Therefore, to ensure the part is placed into the correct operating mode when supplies are first applied to the AD7490, the user must first issue two serial write operations with the DIN line tied high. On the third conversion cycle, the user can then write to the Control Register to place the part into any of the operating modes. The user should not write to the Shadow Register until the fourth conversion cycle after the supplies are applied to the ADC in order to guarantee the Control Register contains the correct data. If the user wishes to place the part into either Normal Mode or Full Shutdown Mode, the second dummy cycle with DIN tied high can be omitted from the three dummy conversion operation outlined in Figure 16.
SERIAL INTERFACE
preceded by the four channel address bits ADD3 to ADD0, identifying which channel the conversion result corresponds to. CS going low provides address bit ADD3 to be read in by the microprocessor or DSP. The remaining address bits and data bits are then clocked out by subsequent SCLK falling edges beginning with the second address bit ADD2; thus the first SCLK falling edge on the serial clock has address bit ADD3 provided and also clocks out address bit ADD2. The final bit in the data transfer is valid on the 16th falling edge, having being clocked out on the previous (15th) falling edge. Writing of information to the Control Register takes place on the first 12 falling edges of SCLK in a data transfer, assuming the MSB, i.e., the WRITE Bit, has been set to 1. If the Control Register is programmed to use the Shadow Register, writing of information to the Shadow Register will take place on all 16 SCLK falling edges in the next serial transfer (see Figure 18). The Shadow Register will be updated upon the rising edge of CS and the track and hold will begin to track the first channel selected in the sequence. If the WEAK/TRI Bit in the Control Register is set to 1, rather than returning to true three-state upon the 16th SCLK falling edge, the DOUT line will instead be pulled weakly to the logic level corresponding to ADD3 of the next serial transfer. This is done to ensure that the MSB of the next serial transfer is set up in time for the first SCLK falling edge after the CS falling edge. If the WEAK/TRI Bit is set to 0 and the DOUT line has been in true three-state between conversions, then depending on the particular DSP or microcontroller interfacing to the AD7490, address bit ADD3 may not be set up in time for the DSP/micro to clock it in successfully. In this case, ADD3 would only be driven from the falling edge of CS and must then be clocked in by the DSP on the following falling edge of SCLK. However, if the WEAK/TRI Bit had been set to 1, then although DOUT is driven with address bit ADD3 since the last conversion, it is nevertheless so weakly driven
Figure 17 shows the detailed timing diagram for serial interfacing to the AD7490. The serial clock provides the conversion clock and also controls the transfer of information to and from the AD7490 during each conversion. The CS signal initiates the data transfer and conversion process. The falling edge of CS puts the track and hold into hold mode, takes the bus out of three-state, and the analog input is sampled at this point. The conversion is also initiated at this point and will require 16 SCLK cycles to complete. The track and hold will go back into track on the 14th SCLK falling edge as shown in Figure 17 at point B, except when the write is to the Shadow Register, in which case the track and hold will not return to track until the rising edge of CS, i.e., point C in Figure 18. On the 16th SCLK falling edge, the DOUT line will go back into three-state (assuming the WEAK/TRI Bit is set to 0). Sixteen serial clock cycles are required to perform the conversion process and to access data from the AD7490. The 12 bits of data are
CS
t2
SCLK 1 2 3 4
t6 t3b
ADD2 THREESTATE ADD3 ADD1
tCONVERT
5 6 13
B
14
15
16
t3
DOUT
t4
ADD0 DB11
t7
DB10 DB2
t5
DB1
t11
DB0
tQUIET
THREESTATE
t9
SEQ
FOUR IDENTIFICATION BITS t10 ADD3 ADD2 ADD1 ADD0 DONTC DONTC
t8
DONTC
DIN
WRITE
Figure 17. Serial Interface Timing Diagram
C CS
t2
SCLK 1 2 3 4
t6 t3 t4
ADD2 THREESTATE ADD3 VIN0 ADD1 ADD0 DB11
tCONVERT
5 6 13 14 15 16
t7
DB10 DB2
t5
DB1
t11
DB0
DOUT
t9
VIN1
FOUR IDENTIFICATION BITS t10 VIN2 VIN3 VIN4 VIN5 VIN13 VIN14
t8
VIN15
THREESTATE
DIN
Figure 18. Writing to Shadow Register Timing Diagram
REV. A
-17-
AD7490
that another device may still take control of the bus. It will not lead to a bus contention (e.g., a 10 k pull-up or pull-down resistor would be sufficient to overdrive the logic level of ADD3 between conversions) and all 16 channels may be identified. However, if this does happen and another device takes control of the bus, it is not guaranteed that DOUT will be fully driven to ADD3 again in time for the read operation when control of the bus is taken back. This is especially useful if using an automatic sequence mode to identify to which channel each result corresponds. Obviously, if only the first eight channels are in use, then address bit ADD3 does not need to be decoded, and whether it is successfully clocked in as a 1 or 0 will not matter as long as it is still counted by the DSP/micro as the MSB of the 16-bit serial transfer.
POWER VERSUS THROUGHPUT RATE
compared to Standby. However as the throughput rate is increased, the part spends less time in power-down states, hence difference in power dissipated is negligible between modes. For 3 V supplies, the power consumption of the AD7490 decreases. Similar power calculations can be done at 3 V.
10 VDD 5V
AUTO STANDBY AUTO SHUTDOWN
POWER - mW
1
0.1
By operating the AD7490 in Auto Shutdown or Auto Standby Mode, the average power consumption of the ADC decreases at lower throughput rates. Figure 19 shows how as the throughput rate is reduced, the part remains in its shutdown state longer and the average power consumption over time drops accordingly. For example if the AD7490 is operated in a continuous sampling mode with a throughput rate of 100 kSPS and an SCLK of 20 MHz (VDD = 5 V), with PM1 = 0 and PM0 = 1, i.e., the device is in Auto Shutdown Mode, then the power consumption is calculated as follows: The maximum power dissipation during normal operation is 12.5 mW (VDD = 5 V). If the power-up time from Auto Shutdown is one dummy cycle, i.e., 1 s, and the remaining conversion time is another cycle, i.e., 1 s, then the AD7490 can be said to dissipate 12.5 mW for 2 s during each conversion cycle. For the remainder of the conversion cycle, 8 s, the part remains in Shutdown Mode. The AD7490 can be said to dissipate 2.5 W for the remaining 8 s of the conversion cycle. If the throughput rate is 100 kSPS, the cycle time is 10 s and the average power dissipated during each cycle is 2 8 x 12.5 mW + x 2.5 W = 2.502 mW 10 10 When operating the AD7490 in Auto Standby Mode, PM1 = PM0 = 0 at 5 V, 100 kSPS, the AD7490 power dissipation is calculated as follows: The maximum power dissipation is 12.5 mW at 5 V during normal operation. Again the power-up time from Auto Standby is one dummy cycle, 1 s, and the remaining conversion time is another dummy cycle, 1 s. The AD7490 dissipates 12.5 mW for 2 s during each conversion cycle. For the remainder of the conversion cycle, 8 s, the part remains in Standby Mode, dissipating 460 W for 8 s. If the throughput rate is 100 kSPS, the cycle time is 10 s and the average power dissipated during each conversion cycle is 8 2 x 12.5 mW + x 460 W = 2.868 mW 10 10 Figure 19 shows the power versus throughput rate when using both the Auto Shutdown Mode and Auto Standby Mode with 5 V supplies. At the lower throughput rates, power consumption for the Auto Shutdown Mode is lower than that for the Auto Standby Mode, with the AD7490 dissipating less power when in Shutdown
0.01
0
50
100
150 200 250 THROUGHPUT - kSPS
300
350
Figure 19. Power vs. Throughput Rate in Auto Shutdown and Auto Standby Mode
MICROPROCESSOR INTERFACING
The serial interface on the AD7490 allows the part to be directly connected to a range of many different microprocessors. This section explains how to interface the AD7490 with some of the more common microcontroller and DSP serial interface protocols.
AD7490 to TMS320C541
The serial interface on the TMS320C541 uses a continuous serial clock and frame synchronization signals to synchronize the data transfer operations with peripheral devices like the AD7490. The CS input allows easy interfacing between the TMS320C541 and the AD7490 without any glue logic required. The serial port of the TMS320C541 is set up to operate in burst mode with internal CLKX0 (TX serial clock on serial port 0) and FSX0 (TX frame sync from serial port 0). The Serial Port Control Register (SPC) must have the following setup: FO = 0, FSM = 1, MCM = 1, and TXM = 1. The connection diagram is shown in Figure 20. It should be noted that for signal processing applications, it is imperative that the frame synchronization signal from the TMS320C541 will provide equidistant sampling. The VDRIVE pin of the AD7490 takes the same supply voltage as that of the TMS320C541. This allows the ADC to operate at a higher voltage than the serial interface, i.e., TMS320C541, if necessary.
AD7490
SCLK
TMS320C541*
CLKX CLKR
DOUT DIN CS VDRIVE
DR DT FSX FSR
*ADDITIONAL PINS REMOVED FOR CLARITY
VDD
Figure 20. Interfacing to the TMS320C541
-18-
REV. A
AD7490
AD7490 to ADSP-21xx
The ADSP-21xx family of DSPs are interfaced directly to the AD7490 without any glue logic required. The VDRIVE Pin of the AD7490 takes the same supply voltage as that of the ADSP-218x. This allows the ADC to operate at a higher voltage than the serial interface, i.e., ADSP-218x, if necessary. The SPORT0 Control Register should be set up as follows: TFSW INVRFS DTYPE SLEN ISCLK TFSR IRFS ITFS RFSW 1, Alternate Framing INVTFS 1, Active Low Frame Signal 00, Right Justify Data 1111, 16-Bit Datawords 1, Internal Serial Clock RFSR 1, Frame Every Word 0 1
AD7490
SCLK DOUT CS
ADSP-218x*
SCLK DR RFS TFS
VDRIVE
DIN
DT
*ADDITIONAL PINS REMOVED FOR CLARITY VDD
Figure 21. Interfacing to the ADSP-218x
AD7490 to DSP563xx
The connection diagram is shown in Figure 21. The ADSP-218x has the TFS and RFS of the SPORT tied together, with TFS set as an output and RFS set as an input. The DSP operates in Alternate Framing Mode and the SPORT Control Register is set up as described. The frame synchronization signal generated on the TFS is tied to CS, and as with all signal processing applications, equidistant sampling is necessary. However in this example, the timer interrupt is used to control the sampling rate of the ADC and under certain conditions, equidistant sampling may not be achieved. The Timer Register for example is loaded with a value that will provide an interrupt at the required sample interval. When an interrupt is received, a value is transmitted with TFS/DT (ADC control word). The TFS is used to control the RFS and thus the reading of data. The frequency of the serial clock is set in the SCLKDIV Register. When the instruction to transmit with TFS is given, (i.e., AX0 TX0), the state of the SCLK is checked. The DSP will wait until the SCLK has gone high, low and high before transmission will start. If the timer and SCLK values are chosen such that the instruction to transmit occurs on or near the rising edge of SCLK, then the data may be transmitted or it may wait until the next clock edge. For example, if the ADSP-2189 with a 20 MHz crystal has an overall master clock frequency of 40 MHz, then the master cycle time would be 25 ns. If the SCLKDIV Register is loaded with the value 3, a SCLK of 5 MHz is obtained, and eight master clock periods will elapse for every 1 SCLK period. Depending on the throughput rate selected, if the timer registers are loaded with the value 803, 100.5 SCLKs will occur between interrupts and subsequently between transmit instructions. This situation will result in nonequidistant sampling as the transmit instruction is occurring on a SCLK edge. If the number of SCLKs between interrupts is a figure of N, then equidistant sampling will be implemented by the DSP.
The connection diagram in Figure 22 shows how the AD7490 can be connected to the ESSI (Synchronous Serial Interface) of the DSP563xx family of DSPs from Motorola. Each ESSI (2 on board) is operated in Synchronous Mode (SYN bit in CRB 1) with internally generated 1-bit clock period frame sync for both Tx and Rx (bits FSL1 0 and FSL0 0 in CRB). Normal operation of the ESSI is selected by making MOD 0 in the CRB. Set the word length to 16 by setting bits WL1 1 and WL0 0 in CRA. The FSP Bit in the CRB should be set to 1 so the frame sync is negative. It should be noted that for signal processing applications, it is imperative that the frame synchronization signal from the DSP563xx will provide equidistant sampling.
AD7490
SCLK DOUT CS VDRIVE DIN
DSP563xx*
SCK SRD STD SC2
*ADDITIONAL PINS REMOVED FOR CLARITY
VDD
Figure 22. Interfacing to the DSP563xx
In the example shown in Figure 22, the serial clock is taken from the ESSI so the SCK0 Pin must be set as an output, SCKD 1. The VDRIVE Pin of the AD7490 takes the same supply voltage as that of the DSP563xx. This allows the ADC to operate at a higher voltage than the serial interface, i.e., DSP563xx, if necessary.
REV. A
-19-
AD7490
APPLICATION HINTS Grounding and Layout
The AD7490 has very good immunity to noise on the power supplies as can be seen by the PSRR vs. Supply Ripple Frequency plot, TPC 3. However, care should still be taken with regard to grounding and layout. The printed circuit board that houses the AD7490 should be designed such that the analog and digital sections are separated and confined to certain areas of the board. This facilitates the use of ground planes that can be separated easily. A minimum etch technique is generally best for ground planes as it gives the best shielding. All three AGND pins of the AD7490 should be sunk in the AGND plane. Digital and analog ground planes should be joined at only one place. If the AD7490 is in a system where multiple devices require an AGND to DGND connection, the connection should still be made at one point only, a star ground point which should be established as close as possible to the AD7490. Avoid running digital lines under the device as these will couple noise onto the die. The analog ground plane should be allowed to run under the AD7490 to avoid noise coupling. The power supply lines to the AD7490 should use as large a trace as possible to provide low impedance paths and reduce the effects of glitches on the power supply line. Fast switching signals like clocks should be shielded with digital ground to avoid radiating noise to other sections of the board, and clock signals should never be run near the analog inputs. Avoid crossover of digital and analog signals. Traces on opposite sides of the board should run at right angles to each other. This will reduce the effects of feedthrough through the board. A microstrip technique is by far the best but is not always possible with a double-sided board. In this technique, the component side of the board is dedicated to ground planes while signals are placed on the solder side. Good decoupling is also important. All analog supplies should be decoupled with 10 F tantalum in parallel with 0.1 F capacitors to AGND. To achieve the best from these decoupling components,
they must be placed as close as possible to the device, ideally right up against the device. The 0.1 F capacitors should have low Effective Series Resistance (ESR) and Effective Series Inductance (ESI), such as the common ceramic types or surface mount types, which provide a low impedance path to ground at high frequencies to handle transient currents due to internal logic switching.
PCB Design Guidelines For Chip Scale Package
The lands on the chip scale package (CP-32), are rectangular. The printed circuit board pad for these should be 0.1 mm longer than the package land length and 0.05 mm wider than the package land width. The land should be centered on the pad. This will ensure that the solder joint size is maximized. The bottom of the chip scale package has a central thermal pad. The thermal pad on the printed circuit board should be at least as large as this exposed pad. On the printed circuit board, there should be a clearance of at least 0.25 mm between the thermal pad and the inner edges of the pad pattern. This will ensure that shorting is avoided. Thermal vias may be used on the printed circuit board thermal pad to improve thermal performance of the package. If vias are used, they should be incorporated in the thermal pad at 1.2 mm pitch grid. The via diameter should be between 0.3 mm and 0.33 mm and the via barrel should be plated with 1 oz. copper to plug the via. The user should connect the printed circuit board thermal pad to AGND.
Evaluating the AD7490 Performance
The recommended layout for the AD7490 is outlined in the evaluation board for the AD7490. The evaluation board package includes a fully assembled and tested evaluation board, documentation, and software for controlling the board from the PC via the EVAL-BOARD CONTROLLER. The EVAL-BOARD CONTROLLER can be used in conjunction with the AD7490 Evaluation board, as well as many other Analog Devices evaluation boards ending in the CB designator, to demonstrate/ evaluate the ac and dc performance of the AD7490. The software allows the user to perform ac (fast Fourier transform) and dc (histogram of codes) tests on the AD7490. The software and documentation are on a CD shipped with the evaluation board.
-20-
REV. A
AD7490
OUTLINE DIMENSIONS 28-Lead Thin Shrink Small Outline Package [TSSOP] (RU-28)
Dimensions shown in millimeters
9.80 9.70 9.60
28
15
4.50 4.40 4.30
1 14
6.40 BSC
PIN 1 0.65 BSC 0.15 0.05 0.30 0.19 1.20 MAX
COPLANARITY 0.10
SEATING PLANE
0.20 0.09
8 0
0.75 0.60 0.45
COMPLIANT TO JEDEC STANDARDS MO-153AE
32-Lead Frame Chip Scale Package [LFCSP] (CP-32)
Dimensions shown in millimeters
5.00 BSC SQ 0.60 MAX 0.60 MAX
25 24 32 1
PIN 1 INDICATOR
PIN 1 INDICATOR
TOP VIEW
4.75 BSC SQ
0.50 BSC
BOTTOM VIEW
3.25 3.10 SQ 2.95
8
0.50 0.40 0.30 12 MAX 0.70 MAX 0.65 NOM 0.05 MAX 0.02 NOM 0.30 0.23 0.18 0.25 REF COPLANARITY 0.08
17 16
9
3.50 REF
1.00 0.90 0.80 SEATING PLANE
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
REV. A
-21-
AD7490 Revision History
Location 10/02--Data Sheet changed from REV. 0 to REV. A. Page
Addition to GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Changes to TIMING SPECIFICATIONS Notes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Change A Grade to B Grade in ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Addition to ORDERING GUIDE Note 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Changes to TYPICAL PERFORMANCE CHARACTERISTICS text . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Added new TPC 5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Text Changes to Figures 2-4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Changes to Figure 10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Text Changes to Figures 11-16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Addition to Analog Input section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Change to Figure 19 caption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Change to Figures 20-22 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Added APPLICATION HINTS section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
-22-
REV. A
-23-
-24-
C02691-0-10/02(A)
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD7490BRU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X