Part Number Hot Search : 
090A0 UN211T SK033 NJM2153 20001 MBR20100 BL55024 SS3P3L
Product Description
Full Text Search
 

To Download ACSC04-41PBWAA-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT DISPLAY
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
P/N: ACSC04-41PBWA/A-F01
BLUE
PRELIMINARY SPEC Features
0.4INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE. MECHANICALLY RUGGED. GRAY FACE,WHITE SEGMENT. PACKAGE:400PCS/ REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. 3.The gap between the reflector and PCB shall not exceed 0.25mm.
SPEC NO: DSAG0294 APPROVED: J. Lu
REV NO: V.2 CHECKED: Joe Lee
DATE: MAR/24/2006 DRAWN: Y.W.WANG
PAGE: 1 OF 5 ERP: 1351000438
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. ACSC04-41PBWA/A-F01 BLUE (InGaN) WHITE DIFFUSED 1200 Typ. 4700 Common Cathode, Rt. Hand Decimal. Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 21 100 3.3 3.8 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 114 30 100 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG0294 APPROVED: J. Lu
REV NO: V.2 CHECKED: Joe Lee
DATE: MAR/24/2006 DRAWN: Y.W.WANG
PAGE: 2 OF 5 ERP: 1351000438
Blue
ACSC04-41PBWA/A-F01
SPEC NO: DSAG0294 APPROVED: J. Lu
REV NO: V.2 CHECKED: Joe Lee
DATE: MAR/24/2006 DRAWN: Y.W.WANG
PAGE: 3 OF 5 ERP: 1351000438
ACSC04-41PBWA/A-F01
Recommended Soldering Pattern (Units : mm)
Reel Dimension
Tape Specifications (Units : mm)
SPEC NO: DSAG0294 APPROVED: J. Lu
REV NO: V.2 CHECKED: Joe Lee
DATE: MAR/24/2006 DRAWN: Y.W.WANG
PAGE: 4 OF 5 ERP: 1351000438
PACKING & LABEL SPECIFICATIONS
ACSC04-41PBWA/A-F01
SPEC NO: DSAG0294 APPROVED: J. Lu
REV NO: V.2 CHECKED: Joe Lee
DATE: MAR/24/2006 DRAWN: Y.W.WANG
PAGE: 5 OF 5 ERP: 1351000438


▲Up To Search▲   

 
Price & Availability of ACSC04-41PBWAA-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X