|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SURFACE MOUNT DISPLAY ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES P/N: ACDA04-41PBWA/A-F01 BLUE PRELIMINARY SPEC Description The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded. Features 0.4INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE. MECHANICALLY RUGGED. GRAY FACE,WHITE SEGMENT. PACKAGE: 250PCS/ REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT. Package Dimensions & Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. 3.The gap between the reflector and PCB shall not exceed 0.25mm. SPEC NO: DSAG0238 APPROVED: J. Lu REV NO: V.2 CHECKED: Joe Lee DATE: MAR/22/2006 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP: 1352000314 Selection Guide Iv (ucd) [1] @ 10mA Min. ACDA04-41PBWA/A-F01 BLUE (InGaN) WHITE DIFFUSED 1900 Typ. 9000 Common Anode, Rt. Hand Decimal. Part No. Dice Lens Type Description Note: 1.Luminous Intensity/ Luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D[1] 1/2 C VF[2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 21 100 3.3 3.8 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V Notes: 1.Wavelength: +/-1nm 2.Forward Voltage: +/-0.1V Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Blue 114 30 100 5 -40C To +85C Units mW mA mA V SPEC NO: DSAG0238 APPROVED: J. Lu REV NO: V.2 CHECKED: Joe Lee DATE: MAR/22/2006 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP: 1352000314 Blue ACDA04-41PBWA/A-F01 SPEC NO: DSAG0238 APPROVED: J. Lu REV NO: V.2 CHECKED: Joe Lee DATE: MAR/22/2006 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP: 1352000314 ACDA04-41PBWA/A-F01 Recommended Soldering Pattern (Units : mm) Reel Dimension Tape Specifications (Units : mm) SPEC NO: DSAG0238 APPROVED: J. Lu REV NO: V.2 CHECKED: Joe Lee DATE: MAR/22/2006 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP: 1352000314 PACKING & LABEL SPECIFICATIONS ACDA04-41PBWA/A-F01 SPEC NO: DSAG0238 APPROVED: J. Lu REV NO: V.2 CHECKED: Joe Lee DATE: MAR/22/2006 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP: 1352000314 |
Price & Availability of ACDA04-41PBWAA-F01 |