Part Number Hot Search : 
00900 00900 4001B 00900 MUR440 BUT12 2KMD20SJ D52W20
Product Description
Full Text Search
 

To Download ABX0037TSC-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
ABX0027T/37T
Low Power 3 Outputs XO 10MHz to 52MHz
FEATURES
* * 3 CMOS outputs with OE tri-state control Low current consumption: ABX0027T: <4.5mA @ 27MHz with standard CMOS buffer (3.3V) ABX0037T: <3.0mA @ 27MHz with CMOS compatible Clipped buffer, offering the lowest current consumption (3.3V) 10 to 52MHz fundamental crystal input. Low phase noise (-130 dBc @ 10kHz offset). Low jitter (RMS): 2.5ps period jitter. 12mA drive capability at TTL output. 1.62V to 3.63V DC operation. Available in 8 pin SOIC.
PIN ASSIGNMENT
XIN/FIN OE^ CLK1 GND
1 ABX00x7T 2 3 4
8 7 6 5
XOUT CLK0 VDD CLK2
* * * * * *
^: Denotes internal Pull-up
DESCRIPTION
The ABX0027T/-37T form a low cost family of XO IC's, designed to replace multiple XO solutions saving the cost and board space of clock distribution buffers. In addition, they provide among the lowest current on the market for the 10MHz to 52MHz range. They accept input crystals from 10 to 52MHz (fundamental resonant mode) and provide low phase noise (<-130dBc at 10kHz offset at 30MHz), and very low jitter (2.5 ps RMS period jitter) outputs.
BLOCK DIAGRAM
XIN/FIN XOUT
XTAL OSC
CLK0 CLK1 CLK2
OE
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 1
Preliminary
ABX0027T/37T
Low Power 3 Outputs XO 10MHz to 52MHz
PIN DESCRIPTION
Name XIN/FIN OE CLK1 GND CLK2 VDD CLK0 XOUT Pin # 1 2 3 4 5 6 7 8 Type I I O P O P O I Description Crystal input ( 10MHz to 52MHz ) or Ref Clock input. Output Enable input. This pin has internal pull-up resistor. All outputs will be tri-stated when low. Output clock. Ground. Output clock. Power supply. Output clock. Crystal output.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature* Junction Temperature Lead Temperature (soldering, 10s) ESD Protection, Human Body Model
SYMBOL
VDD VI VO TS TA TJ
MIN.
-0.5 -0.5 -65 -40
MAX.
4.6 VDD+0.5 VDD+0.5 150 85 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Electrical Specifications PARAMETERS
Input Crystal Frequency Settling time Output Clock Rise/Fall Time VDD sensitivity Output Clock Duty Cycle Short Circuit Current At power-up (VDD reaches 1.62V) 0.8V ~ 2.0V with 10 pF load 0.3V ~ 3.0V with 15 pF load Frequency vs. VDD +/- 10% Measured @ 50% VDD
CONDITIONS
MIN.
10
TYP.
MAX.
52 10
UNITS
MHz ms ns
1.15 2.4 0.8 45 50 50 0.8 55
ppm % mA
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 2
Preliminary
ABX0027T/37T
MAX.
2.5
Low Power 3 Outputs XO 10MHz to 52MHz
3. Jitter and Phase Noise Specifications PARAMETERS
RMS Period Jitter (1 sigma - 1000 samples) Phase Noise relative to carrier Phase Noise relative to carrier Phase Noise relative to carrier Phase Noise relative to carrier Phase Noise relative to carrier
CONDITIONS
With capacitive decoupling between VDD and GND. 30MHz @100Hz offset 30MHz @1kHz offset 30MHz @10kHz offset 30MHz @100kHz offset 30MHz @1MHz offset
MIN.
TYP.
2.1 -80 -110 -130 -138 -145
UNITS
ps dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz
4. DC Specifications PARAMETERS
Supply Current, Dynamic, with Loaded Outputs (at VDD = 3.3V) Respectively for PLL600 -27T/-37T Supply Current in tri-state Operating Voltage Output High Voltage Output Low Voltage Output High Voltage at CMOS level (ABX0027T) Output drive current (ABX0027T)
(1):
SYMBOL
CONDITIONS
At 10MHz, Cload=15pF At 13.5MHz, Cload=15pF At 17.7MHz, Cload=15pF At 27MHz, Cload=15pF At 48MHz, Cload=15pF Output disabled -27T IOH = (3.3V) -37T (1) , IOH = -12mA (1) (3.3V) -27T IOL = 12mA (1) (3.3V) -37T (1) , IOL = 12mA (1) (3.3V) IOH = -4mA At TTL level (3.3V) -12mA (1)
MIN.
TYP.
2.0 2.4 3.0 4.0 7.0 / / / / / 1.5 1.6 2.0 2.5 4.0
MAX.
2.5 / 2.0 3.0 / 2.0 3.5 / 2.5 4.5 / 3.0 7.5 / 4.5 520 3.63
UNITS
IDD
mA
IDD VDD VOH VOL VOHC
1.62 2.4 2.4
2.9 0.32 0.4 0.4
A V V V V V V
VDD - 0.4 12 17
mA
ABX0037T has non-standard CMOS VOH and VOL levels for lower current consumption, but meets CMOS input stage needs. ABX0037T should be used to drive pure capacitive loads only.
5. Crystal Specifications PARAMETERS
Crystal Resonator Frequency Crystal Loading Rating Maximum Sustainable Drive Level Operating Drive Level C0 (for frequencies below 30MHz) C0 (for frequencies above 30MHz) ESR
SYMBOL
FXIN CL (xtal)
MIN.
10
TYP.
8.5
MAX.
52 200
UNITS
MHz pF W W pF pF
50 5 4 30
RS
Note: A detailed crystal specification document is also available for this part
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 3
Preliminary
ABX0027T/37T
Low Power 3 Outputs XO 10MHz to 52MHz
PACKAGE INFORMATION
8 PIN ( dimensions in mm )
Narrow SOIC Symbol A A1 B C D E H L e Min. 1.47 0.10 0.33 0.19 4.80 3.80 5.80 0.38 Max. 1.73 0.25 0.51 0.25 4.95 4.00 6.20 1.27 1.27 BSC A A 1 B e C L D E H
ORDERING INFORMATION
For part ordering, please contact our Sales Department:
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
ABX00X7T
PART NUMBER
SC
TEMPERATURE C=COMMERCIAL I=INDUSTRIAL PACKAGE TYPE S=SOIC
Order Number ABX0027T SC ABX0027T SC-T ABX0037T SC ABX0037T SC-T
Marking ABX0027T ABX0027T ABX0037T ABX0037T
SC SC SC SC
Package Option 8 pin SOIC - Tubes 8 pin SOIC - Tape and Reel 8 pin SOIC - Tubes 8 pin SOIC - Tape and Reel
Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: Abracon's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of Abracon Corporation.
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 4


▲Up To Search▲   

 
Price & Availability of ABX0037TSC-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X