Part Number Hot Search : 
TC74AC 4PC50F TL062AM 9F0S500 FDU6688 IRFR9310 MB10B MAX3108
Product Description
Full Text Search
 

To Download ABR2510W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ABR2500W - ABR2510W
PRV : 50 - 1000 Volts Io : 25 Amperes
FEATURES :
* * * * * * * High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop ldeal for printed circuit board Pb / RoHS Free
AVALANCHE BRIDGE RECTIFIERS BR50W
0.732 (18.6) 0.692 (17.5)
1.130 (28.7) 1.120 (28.4)
0.470 (11.9) 0.430 (10.9)
0.21 (5.3) 0.20 (5.1)
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency * Weight : 15.95 grams
0.042 (1.06) 0.038 (0.96) 1.2 (30.5) MIN. 0.310 (7.87) 0.280(7.11)
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Minimum Avalanche Breakdown Voltage at 100 A Maximum Avalanche Breakdown Voltage at 100 A Maximum Average Forward Current Tc = 50C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Rating for fusing at ( t < 8.3 ms. ) Maximum Forward Voltage per Diode at IF = 12.5 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance Storage Temperature Range Ta = 25 C Ta = 100 C (Note 1)
SYMBOL VRRM VRMS VDC VBO(min.) VBO(max.) IF(AV) IFSM It VF IR IR(H) RJC TJ TSTG
2
ABR ABR ABR ABR ABR ABR ABR UNIT 2500W 2501W 2502W 2504W 2506W 2508W 2510W 50 100 200 400 600 800 1000 V 35 50 100 550 70 100 150 600 140 200 250 700 280 400 450 900 25 300 375 1.1 10 200 1.45 - 50 to + 150 - 50 to + 150 420 600 700 1150 560 800 900 1350 700 1000 1100 1550 V V V V A A A 2S V A A C/W C C
Operating Junction Temperature Range
Note :
1 ) Thermal resistance from Junction to case with units mounted on a 5" x 6" x 4.9" (12.8cm x 15.2cm x 12.4 cm) Al. plate.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( ABR2500W - ABR2510W )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
50 300
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
40
240
TJ = 55 C
30
180
20
120
10
HEAT-SINK MOUNTING, Tc 5"x6"x4.9" THK (12.8cm x 15.2cm x 12.4cm) Al. Finned Plate
0 25 50 75 100 125 150 175
60
8ms SINGLE HALF SINE WAVE JEDEC METHOD
0
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CURRENT, AMPERES
TJ = 100 C
REVERSE CURRENT, MICROAMPERES
10 Pulse Width = 300 s 1 % Duty Cycle 1.0
1.0
0.1
TJ = 25 C
TJ = 25 C
0.1 0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of ABR2510W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X