Part Number Hot Search : 
CNQ04 TC12V 1N6050 LBN70 LM780 BF245A HA1743 L7585G
Product Description
Full Text Search
 

To Download ABMM2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
ABMM2
Pb RoHS Compliant
APPLICATIONS: * Computers, Modems, Microprocessors * Communication, Test equipment * PCMCIA
6.0 x 3.6 x 1.2 mm
|||||||||||||||
FEATURES: * Suitable for solder reflow * Low in height - suitable for thin equipment * ATstrip cut offers a tight tolerance & stability
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N Frequency Range Operation Mode Operating Temperature Storage Temperature Frequency Tolerance @ 25C
TABLE 1
ABMM2 Series 8.00 MHz - 110.00 MHz 8.00 MHz ~ 50.00 MHz (Fundamental) 30.01 MHz ~ 100.00 MHz (3rd Overtone) 90.00 MHz ~ 110.00 MHz (5thOvertone) -10C to + 60C (See Options) - 40C to + 85C 20 ppm max. (See Options)
8.0 - 9.9 (Fund) 10.0 - 50.0 (Fund) 30 - 100 (3rd OT) 90 - 110 (5th O/T)
Frequency (MHz) ESR ()
72 50 60 80
Frequency Stability over Operating Temp. (Ref to +25C) 20 ppm max. (See Table 1) Equivalent Series Resistance See Table 1 Shunt Capacitance C0 7pF max. Load Capacitance CL 18pF (see options) Drive Level 500W max., 100W correlation Aging at 25C First Year 2ppm max. Insulation Resistance 500M min. @ 100Vdc 15V
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
ABMM2 - Frequency Frequency
-R
-
-
-
Packaging
XX.XXXX MHz
Freq. Tolerance 1 10 ppm 7 15 ppm ESR
T for Tape and Reel
Load Capacitance
Please specify CL in pF or S for Series
RXXX (Value in )
F for Fund. AT>30MHz FB for Fund BT>30MHz
Mode
Temp. Range C 0C to +50C
-10C to +50C -10C to +60C -20C to +70C -40C to +85C
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Frequency -vs.- Temperature 4 ppm 5 ppm 10 ppm max. max. max.
A1 B1 A2 B2 C2 A3 B3 C1 E1
20 ppm max.
A4 B4 Standard E2 D1
Revised: 05.01.07
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
ABMM2
Pb RoHS Compliant
6.0 x 3.6 x 1.2 mm
|||||||||||||||
OUTLINE DRAWING:
Dimensions: mm
Note 1: A chamfer of 0.3mm may appear on pad 4. Note 2: A rounded pad may appear on pad 1.
TAPE & REEL:
Dimensions: mm
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Revised: 05.01.07
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ABMM2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X