Part Number Hot Search : 
AQV215AZ C1226A BA311 CA3493 TGA1055 AGB3311 MAX7316 65647
Product Description
Full Text Search
 

To Download ABMM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
ABMM1
FEATURES: * Suitable for reflow * Low in height - suitable for thin equipment * AT-strip cut offers a tight tolerance & stability APPLICATIONS: * Computers, Modems, Microprocessors * Communication, Test equipment * PCMCIA
Pb RoHS Compliant
7.0 x 5.0 x 1.0 mm
|||||||||||||||
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N Frequency Range Operation Mode ABMM1 Series 8.0 MHz to 125 MHz AT (see option) Fundamental 8.0 MHz - 33.0 MHz Third-Overtone for F ~ 33.01 MHz - 125 MHz - 10C to + 60C (see options) - 40C to + 85C 50 ppm max. (see options) 50 ppm max. (see Table 1); 100 ppm @ -10 C to + 60 C for Fundamental BT See Table 1 7pF max. 18pF (see options) 500W max., 100W typical 5ppm max. 500MW min at 100Vdc 15V
TABLE 1 Frequency (MHz) 8.000 - 11.999(Fund) 12.000 - 20.000(Fund) 20.000 - 33.000(Fund) 33.000 - 125.00(3rd O/T) ESR () 70 50 40 80
Operating Temperature Storage Temperature Frequency Tolerance at +25C Frequency Stability over the Operating Temp. (Ref to +25C) Equivalent Series Resistance Shunt Capacitance C0 Load Capacitance CL Drive Level Aging at 25C Per Year Insulation Resistance
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
ABMM1 - Frequency Frequency
XX.XXXX MHz
-R
-
-
-
-
-
Packaging
T for Tape and Reel
Load Capacitance
Please specify CL in pF or S for Series
Freq. Tolerance 1 10 ppm max. 7 15 ppm max. 2 20 ppm max. 3 25 ppm max. 4 30 ppm max.
Mode
F for Fund. AT>=33MHz FB for Fund BT* (*) Note: 100ppm max stability from -10C to +60C only.
ESR
RXXX (Value in )
Operating Temp. E 0C ~ +70C B -20C ~ +70C C -30C ~ +70C N -30C ~ +85C D -40C ~ +85C
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Freq. Stability U 10 ppm max. G 15 ppm max. X 20 ppm max. W 25 ppm max. Y 30 ppm max. H 35 ppm max.
Lid material K for Ceramic lid
Visit www.abracon.com for Terms & Conditions of Sale Revised: 07.10.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
ABMM1
OUTLINE DRAWING:
Pb RoHS Compliant
1.6 x 1.1 x 0.45 mm
|||||||||||||||
Dimensions: mm
TAPE & REEL:
Dimensions: mm
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 07.10.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ABMM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X