Part Number Hot Search : 
IS42S16 57330 LT418 FA5310BP IS42S16 T106A1 98463 EA09541
Product Description
Full Text Search
 

To Download ABM63C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT-CUT LOW COST CERAMIC SMD CRYSTAL
ABM63C
FEATURES: * Industrial standard package 6.0x3.5, 4 pads * Ideal for Cost Sensitive Commercial Electronics * Suitable for High Volume Applications APPLICATIONS: * Laptop computers * Computer peripherals * Home network modem
Pb RoHS Compliant
6.0 x 3.5 x 1.2 mm
|||||||||||||||
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N: Frequency range: Operation Mode: Operating temperature: Storage temperature: Freq. Tolerance at +25 C: Freq. stability over operating temperature (Ref to +25 C): Equivalent series resistance: Shunt capacitance C0: Load capacitance CL: Drive Level: Aging @ 25C per year: Insulation Resistance:
TABLE 1 Frequency (MHz) 8.000 - 11.999 12.000 - 16.000 16.001 - 40.000 40.001 - 48.008
ABM63C Series 8.0 MHz to 48 MHz AT-cut (Fundamental for <40MHz, 3rd OT for >40MHz) -10C to + 60C (see options) -40C to +85C 30ppm max. (Contact ABRACON for tighter tolerance) 50ppm max. (Contact ABRACON for tighter stability) See Table 1 7pF max 18pF (see option) 100uW max 10ppm max 500Mohms min at 100Vdc 15V
ESR ( ) 80 60 40
Contact ABRACON
Test Condition Parts shall be tested under the condition of +2015C of the temperature, +65%20%RH of the humidity unless the standard condition of +252C of the temperature, +65%5%RH of the humidity is specified.
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
ABM63C - Frequency -
-
-
Frequency
XX.XXXX MHz
Operating Temp. E 0C ~ +70C B -20C ~ +70C
Packaging Blank Bulk
T Tape & Reel
Load Capacitance
Please specify CL in pF (From 12 to 30)
Please NOTE: This part is not recommended for high reliability applications such as automotive, medical, or safety related applications. Please contact ABRACON for information regarding our high reliability products and for application assistance.
Visit www.abracon.com for Terms & Conditions of Sale Revised: 08.02.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
AT-CUT LOW COST CERAMIC SMD CRYSTAL
ABM63C
OUTLINE DRAWING:
Pb RoHS Compliant
6.0 x 3.5 x 1.2 mm
|||||||||||||||
Dimensions: inches (mm)
TAPE & REEL: T = Tape and reel 1,000pcs/reel
Dimensions: mm
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Please NOTE: This part is not recommended for high reliability applications such as automotive, medical, or safety related applications. Please contact ABRACON for information regarding our high reliability products and for application assistance.
Visit www.abracon.com for Terms & Conditions of Sale Revised: 08.02.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ABM63C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X