Part Number Hot Search : 
LB064V02 00MHZ LD120 LB064V02 D1555 A116J L201E8 DS1707
Product Description
Full Text Search
 

To Download ABL1601A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ABL1601A
SILICON BEAM LEAD SCHOTTKY DIODES
SERIES TEE
DESCRIPTION:
The ABL1601A is Designed for Low Noise Mixer, Phase Detector and Sampler Applications up to 18.0 GHz.
FEATURES INCLUDE:
* NF = 7.2 dB Max. @ 16 GHz * Excellent Matching Characteristics * Lead Strength = 4 Grams min.
PACKAGE STYLE - BL711A
MAXIMUM RATINGS
IF VR PDISS TJ TSTG JC
O O
100 mA 2V 100 mW
(per junction)
O O
-65 C to +175 C -65 C to +200 C 1.5 C/mW
TC = 25 C
O
O
ORDER CODE: ABL1601A
CHARACTERISTICS
SYMBOL
VBR VF CJ0 CJ0 RS RS NF IR = 10 A
TEST CONDITIONS
IF = 1.0 mA VR = 0 V f = 1.0 MHz
MINIMUM TYPICAL MAXIMUM
2.0 270 0.08 10 320 0.1 0.02 12 2.0 7.2
UNITS
V mV pF dB
RS = [( VF10 mA - VF 1 mA) - ( VF100 A - VF10 A)] / 0.009 RF = 16 GHz NF(IF) = 1.5 dB LO = 0 dBm RL = 0 IF = 30 MHz
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A 1/1


▲Up To Search▲   

 
Price & Availability of ABL1601A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X