Part Number Hot Search : 
EN25Q40 HSIP185 00002 A2V15 BZT52B75 BZT52B75 BZX51 259685
Product Description
Full Text Search
 

To Download AAT4680IGV-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electronic Resettable Fuse General Description
The AAT4680 electronic resettable fuse is a member of AnalogicTech's Application Specific Power MOSFETTM (ASPMTM) product family. It is a 1A current limited P-channel MOSFET power device that remains fully enhanced as long as the input power supply is above an under-voltage lockout threshold and the load is below the current limit setting. If the load increases above the current limit setting, as is the case during a short circuit, the MOSFET effectively becomes a constant current source equal to the current limit. If the current limit condition persists long enough to heat the MOSFET to an extreme temperature, the device will thermal cycle off and on until the current limit condition is removed. An open drain FAULT flag signals an over-current or over-temperature condition. Quiescent current is typically a low 10A. The AAT4680 is available in a Pb-free, 5-pin SOT23 package and is specified over the -40C to +85C temperature range.
AAT4680
Features
* * * * * * * * * *
SmartSwitchTM
500mA Steady State Load Current 600mA Minimum Current Limit Trip Point Low Quiescent Current: Typically 10A Over-Temperature Protection Fast Transient Tesponse: -- <1s Response to Short Circuit 400m Typical RDS(ON) Under-Voltage Lockout FAULT Flag with 3ms Blanking 5-Pin SOT23 Package Temperature Range: -40C to +85C
Applications
* * * * Cell Phone Ports Desktop PCs Peripheral Ports USB Ports
Typical Application
INPUT
5
IN
OUT
1
AAT4680
FAULT CIN 1F GND
2 3
OUT FAULT COUT 1F
GND
GND
4680.2006.05.1.2
1
Electronic Resettable Fuse Pin Descriptions
Pin #
1 2 3 4 5
AAT4680
Symbol
OUT GND FAULT N/C IN
Function
P-channel MOSFET drain. Ground connection. Open drain output; signals over-current and over-temperature condition. Not internally connected. P-channel MOSFET source.
Pin Configuration
SOT23-5
OUT GND FAULT
1 2 3
5
IN N/C
4
2
4680.2006.05.1.2
Electronic Resettable Fuse Absolute Maximum Ratings1
TA = 25C, unless otherwise noted. Symbol
VIN VOUT VFLG IOUT TJ VESD TLEAD
AAT4680
Description
IN to GND OUT to GND FAULT to GND Output Current Operating Junction Temperature Range ESD Rating2 - HBM Maximum Soldering Temperature (at Leads)
Value
-0.3 to 6 -0.3 to 6 -0.3 to 6 Internally Limited -40 to 150 5000 300
Units
V V V A C V C
Thermal Characteristics3
Symbol
JA PD
Description
Maximum Thermal Resistance Maximum Power Dissipation
Value
150 667
Units
C/W mW
1.Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin. 3. Mounted on a demo board. 4680.2006.05.1.2
3
Electronic Resettable Fuse Electrical Characteristics
VIN = 5V, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = 25C; bold values designate full temperature range. Symbol
VIN IQ VUVLO VUVLO(HYS) RDS(ON) ILIM tRESP VFAULTLOW ISINK Tblank TSD
AAT4680
Description
Operation Voltage Quiescent Current Under-Voltage Lockout Under-Voltage Lockout Hysteresis On Resistance Current Limit Current Loop Response FAULT Logic Output Low FAULT Logic Output High Leakage Current FAULT Blanking Time Over-Temperature Threshold
Conditions
VIN = 5V, IOUT = 0 VIN Falling VIN = 5.0V, TA = 25C VIN = 3.V, TA = 25C OUT < IN - 0.5V VIN = 5V ISINK = 1mA VFAULT = 5.5V
Min
1.8
Typ
10 1.5 0.3 400 525 0.875 500 0.5 3 125
Max
5.5 20 1.8 500 650 1.25 0.4 1
Units
V A V V m A ns V A ms C
0.6
4
4680.2006.05.1.2
Electronic Resettable Fuse Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25C.
Quiescent Current vs. Temperature
20
12
AAT4680
Quiescent Current vs. Input Voltage
Quiescent Current (A)
Quiescent Current (A)
18 16 14 12 10 8 6 4 2 0 -40 -20 0 20 40 60 80 100 120
10 8 6 4 2 0 0 1 2 3 4 5 6
Temperature (C)
Input Voltage (V)
Current Limit vs. Output Voltage
1 700 650
RDS(ON) vs. Temperature
Output Current (A)
0.8
RDS(ON) (m)
600 550 500 450 400 350
VIN = 3V
0.6 0.4 0.2 0 0 1 2 3 4 5
VIN = 5V
300 -40 -20 0 20 40 60 80 100 120
Output Voltage (V)
Temperature (C)
Short Circuit Through 0.3
Input and Output Voltage (V)
Short Circuit Through 0.6
Input and Output Voltage (V)
7
6
6
5
Output Current (A)
Output Current (A)
4
Input Voltage
5
4
Input Voltage Output Current
3
2
3
Output Voltage
0 1
2
1
Output Current
-2 -0.5 -1 0.0 0.5 1.0 1.5 2.0
Output Voltage
0 -0.5 -1 0.0 0.5 1.0 1.5 2.0
Time (s)
Time (s)
4680.2006.05.1.2
5
Electronic Resettable Fuse Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25C.
Thermal Shutdown Response
AAT4680
Fault Delay
FAULT (5V/div)
FAULT (5V/div) VOUT (2V/div)
VOUT (2V/div) IIN (500mA/div)
IIN (500mA/div) Time (2ms/div)
Time (50ms/div)
6
4680.2006.05.1.2
Electronic Resettable Fuse Functional Block Diagram
AAT4680
IN
Over-Temperature Protection
OUT
Under-Voltage Lockout
Current Limit
FAULT
3ms Blanking
GND
Functional Description
The AAT4680 is a single channel electronic resettable fuse that protects against short-circuit conditions by current limiting to a preset level. A patented fast acting current limit loop limits load current in a fraction of a microsecond and instantly resets to low impedance once the short-circuit condition is removed. A current limit condition is reported by the open drain FAULT output after a three millisecond blanking interval. The blanking prevents false reporting during the charging of a capacitive load, which typically occurs when a load is connected. The AAT4680 is internally protected from thermal damage by an over-temperature detection circuit. If the die temperature reaches the internal thermal
limit, the power device is switched off until the die temperature cools to a level below the thermal limit threshold. The device will thermal cycle indefinitely until the over-current condition is removed. The AAT4680 operates with input voltages ranging from 1.8V to 5.5V which, along with extremely low operating current, makes it ideal for battery-powered applications. In cases where the input voltage drops below 1.8V, the AAT4680 internal MOSFET is protected from entering the saturated region of operation by being automatically shut down by an under-voltage lockout circuit. The AAT4680 is ideally suited for protection of peripheral ports such as USB, RS232, and parallel ports.
4680.2006.05.1.2
7
Electronic Resettable Fuse Applications Information
Input Capacitor
The input capacitor, CIN, protects the power supply from current transients generated by the load attached to the AAT4680. If a short circuit is suddenly applied to the output of the AAT4680, there is a 500 nanosecond long period during which a large current can flow before current limit circuitry activates. (See characteristic curve "Short Circuit Through 0.3.") In this event, a properly sized input capacitor can dramatically reduce the voltage transient seen by the power supply and other circuitry upstream from the AAT4680. CIN should be located as close to the device VIN pin as practically possible. Ceramic, tantalum, or aluminum electrolytic capacitors may be selected for CIN. There is no specific capacitor equivalent series resistance (ESR) requirement for CIN. However, for higher current operation, ceramic capacitors are recommended for CIN due to their inherent capability over tantalum capacitors to withstand input current surges from low impedance sources such as batteries in portable devices. ture circuits in any combination are active for more than approximately three milliseconds, FAULT is pulled to ground through approximately 100. Removal of voltage or current transients of less than two milliseconds prevents capacitive loads connected to the AAT4680 output from activating the FAULT flag when they are initially attached. Pull-up resistances of 1k to 100k are recommended. Since FAULT is an open drain terminal, it may be pulled up to any voltage rail less than the maximum operating voltage of 5.5V, allowing for level shifting between circuits.
AAT4680
Thermal Considerations
Since the AAT4680 has internal current limit and over-temperature protection, junction temperature is rarely a concern. However, if the application requires large currents in a hot environment, it is possible that temperature, rather than current limit, will be the dominant regulating condition. In these applications, the maximum current available without risk of an over-temperature condition must be calculated. The maximum internal temperature while current limit is not active can be calculated using Equation 1. Eq. 1: TJ(MAX) = IMAX2 * RDS(ON)(MAX) * RJA + TA(MAX)
Output Capacitor
In order to insure stability while current limit is active, a small output capacitance of approximately 1F is required. No matter how big the output capacitor, output current is limited to the value set by the AAT4680 current limiting circuitry, allowing very large output capacitors to be used. For example, USB ports are specified to have at least 120F of capacitance downstream from their controlling power switch. The current limiting circuit will allow an output capacitance of 1000F or more without disturbing the upstream power supply.
In Equation 1, IMAX is the maximum current required by the load. RDS(ON)(MAX) is the maximum rated RDS(ON) of the AAT4680 at high temperature. RJA is the thermal resistance between the AAT4680 die and the board onto which it is mounted. TA(MAX) is the maximum temperature that the PCB under the AAT4680 would be if the AAT4680 were not dissipating power. Equation 1 can be rearranged to solve for IMAX; Equation 2.
Attaching Loads
Capacitive loads attached to the AAT4680 will charge at a rate no greater than the current limit setting. Eq. 2:
IMAX =
TSD(MIN) - TA(MAX) RDS(ON)(MAX) * RJA
FAULT Output
A FAULT flag is provided to alert a system if the AAT4680 load is not receiving sufficient voltage to operate properly. If current limit or over-tempera-
TSD(MIN) is the minimum temperature required to activate the AAT4680 over-temperature protection. With typical specification of 125C, 115C is a safe minimum value to use.
8
4680.2006.05.1.2
Electronic Resettable Fuse
For example, if an application is specified to operate in 50C environments, the PCB operates at temperatures as high as 85C. The application is sealed and its PCB is small, causing RJA to be approximately 150C/W. Using Equation 2:
AAT4680
Eq. 3:
IMAX =
115 - 85 = 575mA 600 * 150
To prevent thermal limiting, the operating load current in the application must be less than 575mA.
4680.2006.05.1.2
9
Electronic Resettable Fuse Ordering Information
Package
SOT23-5
AAT4680
Marking1
BWXYY
Part Number (Tape and Reel)2
AAT4680IGV-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
Package Information
2.85 0.15 1.90 BSC 0.95 BSC
1.575 0.125
1.10 0.20
0.60 REF
2.80 0.20
1.20 0.25
0.15 0.07
4 4
GAUGE PLANE
10 5
0.40 0.10
0.075 0.075
0.60 REF
0.45 0.15
0.10 BSC
All dimensions in millimeters.
1. XYY = assembly and date code. 2. Sample stock is generally held on all part numbers listed in BOLD.
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611 10
4680.2006.05.1.2


▲Up To Search▲   

 
Price & Availability of AAT4680IGV-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X