Part Number Hot Search : 
4043B APW7136A 1N5818WB 74LVC08 82536110 MB39A13 AN6500 48F6H1
Product Description
Full Text Search
 

To Download AAT3564 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AAT3560/2/4
NanoPowerTM Voltage Detector General Description
The AAT3560/2/4 series of PowerManager products are part of AnalogicTech's Total Power Management ICTM (TPMICTM) product family. These voltage detectors are ideal for monitoring voltage supplies in portable systems, where extended battery life is critical. They provide a lowcost, reliable solution by eliminating several external components. The AAT3560 series operates by monitoring the system power supply voltage. When the input voltage drops below a fixed threshold, the device output changes state depending upon configuration. When the input voltage rises above the threshold, the device output reverts back to the previous state. The AAT3560 series is available with three different output stages: AAT3560 push-pull active high output; AAT3562 push-pull active low output; and AAT3564 open drain active low output. The quiescent supply current is extremely low, typically 1A , making it ideal for portable batteryoperated equipment. AAT3560/2/4 devices are available in a Pb-free, 3-pin SOT23 package and are specified over the -40C to +85C operating temperature range.
Features
* * * * * * *
PowerManagerTM
* *
Input Voltage Range: 1.2V to 5.5V Operates Down to 1.2V Extremely Low Quiescent Current: Less Than 2A High Accuracy Detection Threshold: 1.5% Monitor Power Supply Voltages -- Fixed Thresholds from 2.2V to 4.6V Active Noise Suppression Available Output Configurations: -- Open-Drain Output -- CMOS Active High Output -- CMOS Active Low Output Temperature Range: -40C to +85C 3-Pin SOT23 Package
Applications
* * * * * * * Battery Charger Circuits Battery Packs Data Acquisition Systems Intelligent Instruments Notebook Computers Portable Electronics Power Supplies
Typical Application
DC/DC Converter
VCC
P
+
Li-Ion
VCC
AAT3560 AAT3562 RESET (RESET) AAT3564 GND
SUSPEND
3560.2006.03.1.2
1
AAT3560/2/4
NanoPowerTM Voltage Detector Pin Descriptions
Pin #
1 2 3
Symbol
GND RESET (RESET) VCC
Function
Ground Reset output. See table below for output configurations. Supply voltage (+1.2V to +5.5V).
Part Number Descriptions
SOT23-3 Part Number
AAT3560 AAT3562 AAT3564
Part Description
RESET Push Pull Active High RESET Push Pull Active Low RESET Open Drain, Active Low
Pin Configuration
SOT23-3 (Top View) GND
1
3
VCC
(RESET) RESET
2
2
3560.2006.03.1.2
AAT3560/2/4
NanoPowerTM Voltage Detector Absolute Maximum Ratings1
TA = 25C, unless otherwise noted. Symbol
VCC VRESET IMAX IRESET TJ TLEAD
Description
VCC to GND RESET to GND (Push-Pull Output) RESET to GND (Open-Drain Output) Maximum Continuous Input Current RESET/RESET Current Operating Junction Temperature Range Maximum Soldering Temperature (at Leads) for 10s
Value
-0.3 to 5.5 -0.3 to VCC+0.3 -0.3 to 5.5 20 20 -40 to 150 300
Units
V V mA mA C C
Thermal Information2
Symbol
JA PD
Description
Maximum Thermal Resistance Maximum Power Dissipation
Value
200 320
Units
C/W mW
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on an FR4 board. 3560.2006.03.1.2
3
AAT3560/2/4
NanoPowerTM Voltage Detector Electrical Characteristics
VIN = 5V; TA = -40C to +85C, unless otherwise noted. Typical values are at TA = 25C; VCC = 5V for 4.63/4.38V versions; VCC = 3.3V for 3.08/2.93V versions; VCC = 3.0V for 2.63V version; VCC = 2.5V for 2.32/2.2V versions. Symbol Description
VCC IQ VTH dVTH/C VOL Operation Voltage Quiescent Current RESET Threshold (Table 1) RESET Threshold Tempco RESET Low Output Voltage AAT3562, AAT3564 ISINK = 1.2mA, VCC = VTH(min), VTH 3.08V, RESET Asserted ISINK = 3.2mA, VCC = VTH(min), VTH > 3.08V, RESET Asserted ISOURCE = 800A, VTH > 3.08V, VCC > VTH (max) ISOURCE = 500A, VTH 3.08V, VCC > VTH (max) ISINK = 1.2mA, VCC > VTH (max), VTH 3.08V, RESET Not Asserted ISINK = 3.2mA, VCC > VTH (max), VTH > 3.08V, RESET Not Asserted ISOURCE = 500A, VCC > 2.1V, RESET Asserted ISOURCE = 50A, VCC > 1.2V, RESET Asserted VCC > VTH
Conditions
TA = 0C to +70C TA = -40C to +85C VCC = 3V VCC = 5.5V TA = 25C TA = -40C to +85C
Min
1.0 1.2
Typ
Max
Units
5.5 V 5.5 0.85 2 A 1.05 3 VTH - 1.5% VTH VTH+1.5% V VTH - 2.5% VTH VTH+2.5% 40 ppm/C 0.3 V 0.4 VCC -1.5 V 0.8 VCC 0.3 V 0.4 0.8VCC V 0.8VCC 1 A
VOH
RESET High Output Voltage, AAT3562
VOL
RESET Low Output Voltage AAT3560
VOH
RESET High Output Voltage AAT3560 RESET Leakage Current, AAT3564
IDOFF
4
3560.2006.03.1.2
AAT3560/2/4
NanoPowerTM Voltage Detector Typical Characteristics
VIN = 5V; TA = 25C, unless otherwise noted. Supply Current vs. Temperature
1.40
Normalized Reset Threshold vs. Temperature
Normalized Threshold
1.003 1.002 1.001 1.000 0.999 0.998 0.997 -40 -20 0 20 40 60 80
Supply Current (A)
1.20 1.00 0.80 0.60 0.40 0.20 0.00 -40 -20
VCC = 5V
VCC = 3V
0
20
40
60
80
Temperature (C)
Temperature (C)
Power-Down Reset Propagation Delay vs. Temperature
Reset Propagation Delay (s)
30 25 20 15 10 5 0 -40 400
Maximum Transient Duration vs. Reset Threshold Overdrive
Maximum Transient Duration (s)
350 300 250 200 150 100 50 0 1 10 100 1000
VOD = 10mV
VOD = 100mV
-20
0
20
40
60
80
Temperature (C)
Reset Threshold Overdrive, VTH - VCC (mV)
3560.2006.03.1.2
5
AAT3560/2/4
NanoPowerTM Voltage Detector Functional Block Diagram
VCC + RESET (RESET) -
+ -
VREF
GND
Functional Description
General
The AAT3560 series of NanoPower voltage detectors monitor a system power supply and assert an output signal (low for AAT3562 and AAT3564; high for AAT3560) when the supply voltage drops below a factory-programmed threshold voltage. The output signal will remain valid until the input voltage
VIN
falls below the minimum operating voltage of 1V. Below this value, the output voltage is undefined. When the input voltage rises above the factory-programmed threshold, the output signal will resume its inactive state. An active noise-suppression circuit in the AAT3560/2/4 gives the output excellent immunity from power supply transients. See graph titled "Maximum Transient Duration vs. Reset Threshold Overdrive" for further information.
Minimum Operating Voltage Output Voltage
Detection Voltage Level Ground
Ground Output Voltage Undefined
Figure 1: AAT3562 Timing Diagram. 6
3560.2006.03.1.2
AAT3560/2/4
NanoPowerTM Voltage Detector Factory-Trimmed Reset Thresholds1 and Ordering Information
Reset Threshold Voltage, VTH (V) Ordering Part Number2 AAT3560IGY-2.20-T1 AAT3562IGY-2.20-T1 AAT3562IGY-2.30-T1 AAT3560IGY-2.50-T1 AAT3562IGY-2.50-T1 AAT3562IGY-2.70-T1 AAT3562IGY-3.10-T1 Package Marking Code3 EBXYY FWXYY FXXYY ECXYY IPXYY FOXYY KOXYY TA = 25C MIN 2.167 2.266 2.463 2.660 3.054 TYP 2.200 2.300 2.500 2.700 3.100 MAX 2.233 2.335 2.538 2.741 3.147 TA = -40C to +85C MIN 2.145 2.243 2.438 2.633 3.023 MAX 2.255 2.358 2.563 2.768 3.178
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
1 Contact local sales office for custom trim options. 2. Sample stock is generally held on part numbers listed in BOLD. 3. XYY = assembly and date code. 3560.2006.03.1.2
7
AAT3560/2/4
NanoPowerTMTM Voltage Detector Package Information
SOT23-3
2.92 0.12
1.30 0.10
0.95 BSC 1.90 BSC
2.37 0.27
0.86 0.16
0.075 0.075
0.96 0.21
0.40 0.10 x 3
0.50 0.10
0.54 REF
All dimensions in millimeters.
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611 8
3560.2006.03.1.2
0.14 0.06
4 4


▲Up To Search▲   

 
Price & Availability of AAT3564

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X