Part Number Hot Search : 
1N5713 44050 D1585 PR500 25F80 74ACT86 2SB1287 0498050
Product Description
Full Text Search
 

To Download AA3528YC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.5x2.8 mm SMD CHIP LED LAMP
AA3528YC
YELLOW
Features
SINGLE COLOR. SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER PROCESS. AVAILABLE ON TAPE AND REEL. IDEAL FOR BACKLIGHTING. PACKAGE : 1500PCS / REEL. RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAB4001 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/21/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 4 ERP:1201000429
Selection Guide
Iv (mcd) @ 20mA Min. AA3528YC YELLOW (GaAsP/GaP) WATER CLEAR 4 Typ. 15 Viewing Angle 21/2 120
Part No.
Dice
Lens Type
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Yellow Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Yellow 75 30 140 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAB4001 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/21/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 4 ERP:1201000429
Yellow
AA3528YC
SPEC NO: DSAB4001 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/21/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 4 ERP:1201000429
AA3528YC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage,luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
D i g i t a l l y s i g n e d b y N I N G T I N G c n = N I N G T I N G , o = N I N G T I N G , c = C N D a t e : 2 0 0 5 . 0 3 . 2 2 1 8 : 4 8 : 2 6 + 0 8 '0 0 'R e a s o n : < n o n e >
SPEC NO: DSAB4001 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/21/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 4 ERP:1201000429


▲Up To Search▲   

 
Price & Availability of AA3528YC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X