Part Number Hot Search : 
ADM3310E 003900 MB90V378 1545C BAT54AWT MN101 M83401 UD0016
Product Description
Full Text Search
 

To Download AA3020SURCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020SURCK
HYPER RED
Features
z 3.0MM X 2.0MM, 1.4MM HIGH, ONLY MINIMUM z SUITABLE FOR COMPACT OPTOELECTRONIC z LOW POWER CONSUMPTION. z PACKAGE : 2000PCS / REEL. z RoHS COMPLIANT
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
SPACE REQUIRED.
APPLICATIONS.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAD1214 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/17/2005 DRAWN: H.Q.YUAN
PAGE: 1 OF 4 ERP:1201000146
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AA3020SURCK HYPER RED (InGaAlP) WATER CLEAR 70 Typ. 200 Viewing Angle 21/2 90
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1214 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/17/2005 DRAWN: H.Q.YUAN
PAGE: 2 OF 4 ERP:1201000146
Hyper Red
AA3020SURCK
SPEC NO: DSAD1214 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/17/2005 DRAWN: H.Q.YUAN
PAGE: 3 OF 4 ERP:1201000146
AA3020SURCK
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD1214 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/17/2005 DRAWN: H.Q.YUAN
PAGE: 4 OF 4 ERP:1201000146


▲Up To Search▲   

 
Price & Availability of AA3020SURCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X