|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.0x2.0mm SURFACE MOUNT LED LAMP AA3020SURC HYPER RED Features 3.0MM X 2.0MM, 1.4MM HIGH, ONLY MINIMUM SPACE REQUIRED. SUITABLE FOR COMPACT OPTOELECTRONIC APPLICATIONS. LOW POWER CONSUMPTION. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT. Description The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. SPEC NO: DSAD1213 APPROVED: J. Lu REV NO: V.3 CHECKED: Allen Liu DATE: MAR/05/2005 DRAWN: Y.W.WANG PAGE: 1 OF 4 ERP:1201000144 Selection Guide Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AA3020SURC HYPER RED (InGaAlP) WATER CLEAR 110 Typ. 230 Viewing Angle 21/2 90 Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Electrical / Optical Characteristics at TA=25C Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 640 628 27 45 1.9 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Hyper Red 170 30 185 5 -40C To +85C Units mW mA mA V SPEC NO: DSAD1213 APPROVED: J. Lu REV NO: V.3 CHECKED: Allen Liu DATE: MAR/05/2005 DRAWN: Y.W.WANG PAGE: 2 OF 4 ERP:1201000144 Hyper Red AA3020SURC SPEC NO: DSAD1213 APPROVED: J. Lu REV NO: V.3 CHECKED: Allen Liu DATE: MAR/05/2005 DRAWN: Y.W.WANG PAGE: 3 OF 4 ERP:1201000144 AA3020SURC Recommended Soldering Pattern (Units : mm) Tape Specifications (Units : mm) Remarks: If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength), the condition as follows: 1.Wavelength: +/-1nm (Test condition is based on the sorting standard). 2.Luminous intensity: +/-15% (Test condition is based on the sorting standard). 3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard). SPEC NO: DSAD1213 APPROVED: J. Lu REV NO: V.3 CHECKED: Allen Liu DATE: MAR/05/2005 DRAWN: Y.W.WANG PAGE: 4 OF 4 ERP:1201000144 |
Price & Availability of AA3020SURC |