|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
XPower PRELIMINARY SPEC Part Number : AA1010SEC28 Reddish-Orange Features PLCC-4 PACKAGE. SINGLE COLOR. HIGH LUMINANCE. HIGH POWER,OPERATING CURRENT @350mA. SUITABLE FOR ALL SMT ASSEMBLY METHODS. PACKAGE : 500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. PATENT PENDING. RoHS COMPLIANT. Applications traffic signaling backlighting (illuminated advertising , general lighting) interior and exterior automotive lighting substitution of micro incandescent lamps portable light source (e.g. bicycle flashlight) signal and symbol luminaire for orientation marker lights (e.g. steps, exit ways, etc) Package Dimensions decorative and entertainment lighting indoor and outdoor commercial and residential architectural lighting Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. SPEC NO: DSAE5270 APPROVED: J. Lu REV NO: V.19 CHECKED: Allen Liu DATE: AUG/01/2006 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP:1201001417 Selection Guide Part No. Dice Lens Type luminous Intensity Iv(cd)@ 350 mA [2] Min. AA1010SEC28 Reddish-Orange (InGaAlP) WATER CLEAR 16 Typ. 32 v (lm) @ 350mA [2] Min. 10 Typ. 20 Viewing Angle [1] 21/2 120 Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity / luminous Flux: +/-15%. Absolute Maximum Ratings at TA=25C Parameter Power dissipation Reverse Voltage Junction temperature Operating Temperature Storage Temperature DC Forward Current [1] Peak Forward Current [2] Thermal resistance [1] Symbol Pt VR TJ Top Tstg IF IFM Rth Value 1.2 5 110 -40 To +85 -40 To +85 350 500 60 Unit W V C C C mA mA C/W Notes: 1.Results from mounting on PC board FR4(pad size100mm 2 per pad), mounted on pc board-metal core PCB is recommend for lowest thermal Resistance. 2.1/10 Duty Cycle, 0.1ms Pulse Width. Electrical / Optical Characteristics at TA=25C Parameter Wavelength at peak emission Dominant Wavelength IF=350mA [Typ.] Symbol peak Dom [1] Value 640 625 30 120 2.0 VF [2] 2.5 3.0 IR TCpeak 10 0.14 A nm/C V Unit nm nm nm IF=350mA [Typ.] Spectral bandwidth at 50%REL MAX IF=350mA [Typ.] Viewing angle at 50%V Forward Voltage Forward Voltage Forward Voltage IF=350mA IF=350mA IF=350mA [Typ.] [Min.] [Typ.] [Max.] [Max.] Reverse Current (VR=5V) Temperature coefficient of peak IF=350mA, -10C T100C [Typ.] Temperature coefficient of dom IF=350mA, -10C T100C [Typ.] Temperature coefficient of VF IF=350mA, -10C T100C [Typ.] Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. TCdom 0.12 nm/C TCV -3.0 mV/C SPEC NO: DSAE5270 APPROVED: J. Lu REV NO: V.19 CHECKED: Allen Liu DATE: AUG/01/2006 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP:1201001417 AA1010SEC28 SPEC NO: DSAE5270 APPROVED: J. Lu REV NO: V.19 CHECKED: Allen Liu DATE: AUG/01/2006 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP:1201001417 AA1010SEC28 Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) Reel Dimension Tape Specifications (Units : mm) SPEC NO: DSAE5270 APPROVED: J. Lu REV NO: V.19 CHECKED: Allen Liu DATE: AUG/01/2006 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP:1201001417 PACKING & LABEL SPECIFICATIONS AA1010SEC28 SPEC NO: DSAE5270 APPROVED: J. Lu REV NO: V.19 CHECKED: Allen Liu DATE: AUG/01/2006 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP:1201001417 |
Price & Availability of AA1010SEC28 |