Part Number Hot Search : 
74HC595A BUT11ATU 1N400 2N548400 1PMT5312 3100L ATS03 CR123
Product Description
Full Text Search
 

To Download AA022N1-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 21-24 GHz GaAs MMIC Low Noise Amplifier
AA022N1-00 Features
I Single Bias Supply Operation (4.5 V) I 2.6 dB Typical Noise Figure at 23 GHz I 19 dB Typical Small Signal Gain I 0.25 m Ti/Pd/Au Gates I 100% On-Wafer RF, DC and Noise Figure Testing I 100% Visual Inspection to MIL-STD-883 MT 2010
0.493 0.087 0.000 0.000 0.235 1.056 1.957 2.268 2.355 0.124 0.087
Chip Outline
1.084 1.605 1.829 2.091 1.250 1.172 2.245
1.162
Description
Alpha's three-stage reactively-matched 21-24 GHz MMIC low noise amplifier has typical small signal gain of 19 dB with a typical noise figure of 2.6 dB at 23 GHz. The chip uses Alpha's proven 0.25 m low noise PHEMT technology, and is based upon MBE layers and electron beam lithography for the highest uniformity and repeatability. The FETs employ surface passivation to ensure a rugged reliable part with through-substrate via holes and gold-based backside metallization to facilitate a conductive epoxy die attach process.
Dimensions indicated in mm. All DC (V) pads are 0.1 x 0.1 mm and RF In, Out pads are 0.07 mm wide. Chip thickness = 0.1 mm.
Absolute Maximum Ratings
Characteristic Operating Temperature (TC) Storage Temperature (TST) Bias Voltage (VD) Power In (PIN) Junction Temperature (TJ) Value -55C to +90C -65C to +150C 6 VDC 10 dBm 175C
Electrical Specifications at 25C (VDS = 4.5 V)
Parameter Drain Current Small Signal Gain Noise Figure Input Return Loss Output Return Loss Output Power at 1 dB Gain Compression1 Thermal Resistance2
1. Not measured on a 100% basis. 2. Calculated value based on measurement of discrete FET. 3. Typical represents the median parameter value across the specified frequency range for the median chip.
Condition F = 21-24 GHz F = 23 GHz F = 21-24 GHz F = 21-24 GHz F = 23 GHz
Symbol IDS G NF RLI RLO P1 dB JC
Min. 16
Typ.3 35 19 2.6 -7 -14 8 92
Max. 50 2.8 -6 -10
Unit mA dB dB dB dB dBm C/W
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 12/99A
1
21-24 GHz GaAs MMIC Low Noise Amplifier
AA022N1-00
Typical Performance Data
30 20 10 0 S11 S21
Bias Arrangement
VD2 .01 F 50 pF
(dB)
-10 -20 -30 -40 -50 -60 17 18 19 20 21 22 23 24 25 26 27 28 29 30 S12 .01 F VD1 50 pF S22 RF IN RF OUT
Frequency (GHz)
Typical Small Signal Performance S-Parameters (VD = 4.5 V)
4.5 4.0 Noise Figure (dB) 3.5 3.0 2.5 2.0 17 18 19 20 21 22 23 24 25 26 27 28 29 30 NF 4.5 V NF 3.5 V NF* 2.5 V-5 V Gain* 2.5 V-5 V Gain 3.5 V Gain 4.5 V 25 24 23 22 21 20 19 18 17 16 15 Gain (dB)
For biasing on, adjust VDS from zero to the desired value (4.5 V recommended). For biasing off, reverse the biasing on procedure.
Circuit Schematic
D
G
Detail A
VD2
Frequency (GHz)
Typical Gain and Noise Figure Performance for Three Bias Conditions
*Special Bias: VD1 = 2.5 V, VD2 = 5.0 V
G 37 35 33 31 29 27 25 23 21 19 17 15 RF IN SEE DETAIL A D
G D
G D RF OUT VD1
24 22 20 18 16 14 12 10 8 6 4 2 1.0
23 GHz Gain (dB) and 23 GHz Noise Figure (dB)
Gain
Drain Current (mA)
ID NF 2.0 3.0 4.0 5.0 6.0
VD1 and VD2 (V)
Typical Gain and Noise Figure Performance vs. Drain Bias (VD1 = VD2)
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 12/99A


▲Up To Search▲   

 
Price & Availability of AA022N1-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X