Part Number Hot Search : 
04365 FU9120N 02201 T0805BH SRA2206 1227A LTC26 AT5660H
Product Description
Full Text Search
 

To Download A442S002300104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCHARGE TUBE GAS DISCHARGE TUBE
8x10mm No. A440/A441/A442
This product is not recommended for new designs. Please refer to Littelfuse series SL1024A.
3-electrode (10kA/10A) Standard Series Features
Non-radioactive Lead Free Failsafe Option
Specifications
Packaging A440: 00=Bulk (2.000 pcs.) A440/F 00=Bulk (500 pcs.) A441: 04=Tray (250 pcs.) A442: 04=Tray (500 pcs.) A442/F: 04=Tray (500 pcs.) Materials Housing: Ceramic Gas: non-radioactive Leads: tin plated Arc Voltage @ 1A
~ 35V
Applications
Telecommunication Data Transmission Subscriber protection Underground cables
Transition Glow to Arc @
~ 1.0A
Standard
UL-497B complies to ITU-T K.12 (formerly CCITT) complies to DIN 57845/VDE 0845 UL-rec.
Approvals
WebLinks
Further info see: http://www.wickmanngroup.com/ download/orderinfo_surgearr.pdf http://www.wickmanngroup.com/ download/crossref_surgearr.pdf
Operating temperature -40C to +90C Climatic Category complies to IEC 60068-1 +40C, 21 days, <93% humidity Soldering characteristics complies to IEC 60068-2-20 Soldering Heat Resistance complies to IEC 60068-2-58 Time Transverse Delay Time complies to ITU-T K.12
< 0.2s
Marking , Type, Nom. Voltage, Date Unit Weight ca. 2.2g Characteristics
Type/ Order Code DC Tolerance Impulse sparkover sparkover voltage voltage (1kV/s) typ. Glow Voltage Insulation Capacitance 8/20s Resistance (@1MHZ) Nominal (@100 Vdc or Impulse @50Vdc for 90V) Discharge E1/M;E2/M E1/M;E2/M Current (10 times) E1+E2/M 8/20s AC Single Nominal Impulse Discharge Discharge Current Current (50Hz; 1s; (1 time) (10 times) E1+E2/M E1+E2/M AC Alternating Discharge Current (50Hz; 9 cycles) E1+E2/M Approval
UL-rec.
A440 S0 0090 01 00 A441 S0 0090 01 04 A442 S0 0090 01 04 90V A442 F0 0090 01 04* A440 S0 0230 01 00 A440 F0 0230 01 00* A441 S0 0230 01 04 230V A442 S0 0230 01 04 A442 F0 0230 01 04* A440 F0 0250 01 00* 250V A440 S0 0350 01 00 A440 F0 0350 01 00* A441 S0 0350 01 04 350V A442 F0 0350 01 04* A440 F0 0420 01 00* 420V A440 S0 0600 01 00 A441 S0 0600 01 04 600V other values on request
+/- 20%
< 450V
~ 60V
> 10G
< 1.5 pF
10kA
15kA
10A
40A
*
+/- 20%
< 550V
~ 200V
> 10G
< 1.5 pF
10kA
15kA
10A
40A
*
+/- 20%
< 550V
~ 200V
> 10G
< 1.5 pF
10kA
15kA
10A
40A
*
+/- 20%
< 800V
~ 200V
> 10G
< 1.5 pF
10kA
15kA
10A
40A
*
+/- 20% +/- 20%
< 850V < 1000V
~ 200V ~ 200V
> 10G > 10G
< 1.5 pF < 1.5 pF
10kA 10kA
15kA 15kA
10A 10A
40A 40A
* *
* with failsafe
Specifications are subject to change without notice.
Order Example
Qty.
OrderNumber
Type A420
Failsafe Option Sparkover Volt. S0 0090
Tolerance 01
Packaging 00
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
DISCHARGE TUBE GAS DISCHARGE TUBE
Dimensions (mm) A440/A441/A442 A440 A440 with Failsafe
A441
A442 with Failsafe
A442
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of A442S002300104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X