Part Number Hot Search : 
85HF10M BY8110 AT90S23 MAX155 M54HC112 100505 CZRA3014 SFH4203
Product Description
Full Text Search
 

To Download A44-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
TO-92 Plastic-Encapsulate Transistors
A44
FEATURES
TRANSISTORNPN (c)
TO 92
1.EMITTER
Power dissipation PCM : 0.625 W Collector current ICM : 0.2 A Collector-base voltage V(BR)CBO : 400 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO HFE(c) 1 DC current gain HFE(c) 2 HFE(c) 3 VCE(sat) Collector-emitter saturation voltage VCE(sat) Base-emitter sataration voltage VBE(sat) IC=50 mA, IB=5mA IC=10 mA, IB= 1 mA VCE=20V, Transition frequency fT f =30MHz I =10mA C 50 MHz 0.3 0.75 V V
Tamb=25ae(c)
2.BASE
3. COLLECTOR
123
unless
Test
otherwise
MIN
specified(c)
TYP MAX UNIT V V V 0.1 5 |I A |I A |I A
conditions
Ic= 100|I IE=0 A IC= 1 mA , IB=0 IC=0 IE=0
400 400 5
IE=100|I A VCB=400 V , VCE=400 V , VEB= 4 V,
IC=0 80 70 60
0.1 300
VCE=10V , IC=10 mA VCE=10V, IC=1mA VCE=10V ,IC=100 mA IC=10 mA, IB=1mA
0.2
V
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of A44-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X