Part Number Hot Search : 
12N60B3D 2SK13 60NE10 010012TD ACT4418D 4HAC10J LM3876 U200008
Product Description
Full Text Search
 

To Download A2111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A2111 Preliminary Product Brief
Skyhawk
10 Gigabit Ethernet LAN/WAN PHY
Overview
The Skyhawk is a highly integrated, ultra-low-power frame processing solution for 10 Gigabit Ethernet (10 GbE) physical layer applications. The device provides complete PCS-R, PCS-W, and WIS functionality and can operate as a 10 GbE LAN or WAN PHY. In 10 GbE WAN PHY mode, the line-side supports a standard 16-bit, 622.08 MHz XSBI / SFI-4 interface. In 10 GbE LAN PHY mode, the line-side supports a standard 16-bit, 644.53 MHz XSBI interface. The system-side interface is a selectable standard HSTL XGMII or SSTL-2 XGMII interface. PCS layer functions include 64b/66b encoding and decoding, X58 scrambling and descrambing, gear boxing, and rate matching. Block-lock detection and remote and local fault handling are also supported. WIS functions include WIS framing, pointer processing, and X7 scrambling and descrambling, as well as error rate monitoring and alarm processing per ANSI T1-416 - 1999. For device control and configuration, the Skyhawk provides a standard 32-bit processor interface, as well as a Management Data I/O (MDIO) interface and MDIO registers. The device conforms to the IEEE serial LAN-PHY and WAN-PHY proposals. A key application for the device is to facilitate cost-effective interfacing between standard 10 Gbps optical modules with XSBI interfaces and link layer devices with XGMII interfaces. Other applications include optical core routers, enterprise switches, and Ethernet line terminating equipment.
Block Diagram
XSBI / SFI-4
TX Optical I/F
WIS Framer
TX 10 GbE Data Engine
TX XGMII I/F
XGMII (HSTL) XGMII (SSTL-2)
Optical Loopback
WIS Loopback
WIS Bypass for LAN PHY WIS Bypass for LAN PHY
PCS Loopback
System Loopback
XSBI / SFI-4
RX Optical I/F
WIS Framer
RX 10 GbE Data Engine
RX XGMII I/F
XGMII (HSTL) XGMII (SSTL)
CPU I/F
MDIO CPU
Confidential and Proprietary
Ample Communications 4034 Clipper Court * Fremont, CA 94538 Phone: 510-657-1500 * Email: info@amplecomm.com 7/8/02
Skyhawk A2111
Features
WIS Layer Processing Line-Side Interface
* Support for all WIS framing and frame synchronization functions * Complete section, line, and path overhead layer termination * Generation and verification of BIP-8 parity * Pointer processing for receive payload extraction and transmit payload mapping * Extraction and insertion of transport and path overhead from/to dedicated external pins or from registers * WIS alarm insertion and detection * Frame-synchronous X7 + X6 + 1 scrambling and descrambling * Error rate monitoring
10 GbE Processing
* Support for two configurations * Standard XSBI (SFI-4) 16-bit, 622.08 MHz, LVDS interface for 10 GbE WAN PHY mode * Standard XSBI 16-bit, 644.53 MHz, LVDS interface for 10 GbE LAN PHY mode
System-Side Interfaces
* Selectable XGMII interface: HSTL2 or SSTL
CPU Interface
* 32-bit synchronous CPU interface; support for both Intel and Motorola-type processors * MDIO and MDC management interface and registers
Test and Diagnostic Support
* Built-in pattern generators and verifiers * Multiple diagnostic loopbacks * IEEE 1149.1 port with memory BIST, scan, and JTAG boundary scan
General Specifications
* 10 GbE WAN and LAN PHY functionality * Complete PCS-R and PCS-W functionality including: * 64b/66b encoding and decoding * X58 + X39 + 1 scrambling and descrambling * 66:16 gearboxing * Block synchronization * Rate matching * Block_lock detection * Remote and local fault handling
* Packaging: 672-pin flip-chip BGA * Technology: low-power CMOS 1.8V, 3.3V-tolerant I/Os on CPU and other interfaces * Ambient operating temperature: 0C to 70C * Power dissipation: 3.5 W max, 2.7 W typical
Standards Compliance
* IEEE 802.3ae-D3.1 draft specification * ANSI T1.416 - 1999
Applications
* 10 GbE LAN or WAN switching equipment * 10 GbE WAN or LAN PHYs * Ethernet line-terminating equipment (ELTE) * Edge and core routers * Multiservice switches * Uplink cards * 10 GbE test equipment
Confidential and Proprietary
Ample Communications 4034 Clipper Court * Fremont, CA 94538 Phone: 510-657-1500 * Email: info@amplecomm.com 7/8/02


▲Up To Search▲   

 
Price & Availability of A2111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X