Part Number Hot Search : 
74LVT1 15KPA1 78020 15KPA1 1205E V2010 K9WAG08U ESAC25D
Product Description
Full Text Search
 

To Download 995060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Blade Terminal & Special Purpose Fuses
Low Voltage
RoHS
JCASE(R) 42V Slo-Blo(R) Cartridge Fuse
As power demand in vehicles continues to grow, the need for electrival and fuel economy is driving the necessity for a more efficient automotive electrical system. Littelfuse is working closely with major automakers and wire harness suppliers to develop and establish new standars of circuit protection for 42 volt automotive electrical systems. Advantages include: * * * 42 Volt nominal rating / 58 Volt interrupting rating Unique keying design prevents lower rated fuses from being inserted into the circuit Same performance characteristics as industry standard JCASE fuse but modified to work in the 42 volt environment
ELECTRICAL CHARACTERISTICS: % of Opening (Rating) Time 110% 100 hrs., Minimum 135% 60 sec., Min.; 1800 sec., Max. 200% 4.00 sec., Min.; 60.0 sec., Max. 350% 0.20 sec., Min.; 17.0 sec., Max. 600% 0.04 sec., Min.; 1.0 sec., Max.
5.50 (.22")
14.10 (.56")
12.00 (.47")
+
+
+
6.75 (.27") 1.00 (.039")
Interrupting Rating: 1000A @ 58 VDC Voltage Rating: 58 VDC Ambient Temp: -40oC to +125oC ORDERING INFORMATION:
Catalog Number 995 020 995 025 995 030 995 040 995 050 995 060 Typical Voltage Nominal Cold Ampere Rating Voltage Rating Body Drop at Rated Resistance () (A) (VDC) Color Current (mV) 20 25 30 40 50 60 58 58 58 58 58 58 Blue Natural Pink Green Red Yellow 125 120 115 115 115 115 .00486 .00328 .00245 .00152 .00118 .00095
27.0 (1.06") 18.7 (.74") 0.38 (.015") 10.10 (.40") 12.10 (.48") 4.40 (.17") 10.00 (.39")
24.4 (.96")
10.00 (.39")
45
Avera ge Time Current Cur ves
20A 30A 40A 50A 60A 1000 100
12
10
1
0.1
0.01 1 10 100 1000 CURRENT IN AMPERES 10000
w w w. l i t t e l f u s e . c o m
457
BLADE TERMINAL AND SPECIAL PURPOSE FUSES
TIME IN SECONDS


▲Up To Search▲   

 
Price & Availability of 995060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X