Part Number Hot Search : 
DTA143X 11100 BU2280FV PC113 03N60 T1212DH IP4504A LVC245A
Product Description
Full Text Search
 

To Download 9012LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN ICHN ELECTRONICS TECH. CO., LTD
SOT-23 Plastic-Encapsulate Transistors
SOT 23
1. BASE
9012LT1
FEATURES
TRANSISTOR PNP (c)
2. EMITTER 3. COLLECTOR
Power dissipation PCM : 0.3 W Tamb=25ae(c) Collector current ICM : -0.5 A Collector-base voltage V(BR)CBO : -40 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae unless otherwise specified(c)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency VCE(sat) VBE(sat) VCE=-1V, IC=-500mA IC=-500 mA, IB= -50m A IC=-500 mA, IB= -50m A VCE=-6V, I = -20mA C 150 40 Test conditions MIN -40 -25 -5 TYP
Unit : mm
MAX
UNIT V V V
Ic= -100|I A IE=0 Ic= -1mAIB=0 IE=-100|I AIC=0 VCB=-40 V , IE=0 VCE=-20V , IB=0 VEB= -5V , IC=0
-0.1 -0.1 -0.1 120 350
|I A |I A |I A
VCE=-1V, IC= -50m A
-0.6 -1.2
V V MHz
fT
f=30MHz
CLASSIFICATION OF h FE(1) Rank Range
L 120- 200
H 200- 350
DEVICE MARKING: 9012LT1=2T1
HTTP: WWW. SZXC. COM. CN


▲Up To Search▲   

 
Price & Availability of 9012LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X