Part Number Hot Search : 
AS3BJ SD1015 1N5227 075783 2SC5858 LH008B 2M100 P6KE33C
Product Description
Full Text Search
 

To Download 8EWF12STRRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2203 03/05
QUIETIR Series 8EWF12S
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
Lead-Free ("PbF" suffix)
VF trr
< 1.3V @ 8A = 80ns
VRRM = 1200V
Description/ Features
The 8EWF12SPbF fast soft recovery QUIETIR rectifier series has been optimized for combined short reverse recovery time, low forward voltage drop and low leakage current The glass passivation ensures stable reliable operation in the most severe temperature and power cycling conditions. Typical applications are both: Output rectification and freewheeling diode in inverters, choppers and converters. Input rectifications where severe restrictions on conducted EMI should be met.
Major Ratings and Characteristics Characteristics
IF(AV) Sinusoidal waveform VRRM IFSM VF trr TJ @ 8 A, TJ = 25C @ 1A, 100A/s range
Package Outline Units
A V A V ns C
Values
8 1200 170 1.3 80 - 40 to 150
TO-252AA (D-Pak)
www.irf.com
1
8EWF12SPbF QUIETIR Series
Bulletin I2203 03/05
Voltage Ratings
VRRM, maximum Part Number peak reverse voltage V
8EWF12SPbF 1200
VRSM , maximum non repetitive peak reverse voltage V
1300
IRRM 150C mA
4
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM I2t I2t Max. Peak One Cycle Non-Repetitive Surge Current Max. I2t for fusing Max. I2t for fusing
8EWF
8 170 200 144 200 2000
Units
A A As A2s
2
Conditions
@ TC = 94 C, 180 conduction half sine wave 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied t = 0.1 to 10ms, no voltage reapplied
Electrical Specifications
Parameters
VFM rt Max. Forward Voltage Drop Forward slope resistance
8EWF
1.3 25.6 0.93 0.1 4
Units
V m V mA
Conditions
@ 8A, TJ = 25C TJ = 150C TJ = 25 C TJ = 150 C
VF(TO) Threshold voltage IRM Max. Reverse Leakage Current
VR = rated VRRM
Typical Reverse Recovery Characteristics
Parameters
trr Irr Qrr S Reverse Recovery Time Reverse Recovery Current Reverse Recovery Charge Typical Snap Factor tb/ta
8EWF
270 4.2 1 0.6
Units
ns A C -
Conditions
IF @ 8Apk @ 25A/s @ TJ = 25C
IFM
trr
ta di dt Irr tb Qrr t
2
www.irf.com
8EWF12SPbF QUIETIR Series
Bulletin I2203 03/05
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range Soldering Temperature RthJC Max. Thermal Resistance Junction to Case RthJA Typ. Thermal Resistance Junction to Ambient (PCB Mount)** wt T Approximate Weight Case Style Marking Device
2
8EWF
- 40 to 150 - 40 to 150 240 2.5 50 1(0.03)
Units
C C C C/W C/W g (oz.)
Conditions
for 10 seconds DC operation
TO-252AA (D-Pak) 8EWF12S
** When mounted on 1" square (650mm ) PCB of FR-4 or G-10 material 4 oz (140m) copper 40C/W For recommended footprint and soldering techniques refer to application note #AN-994
Maximum Allowable Case T emperature (C)
Maximum Allowable Case T emperat ure (C)
150 140 130 120 110 100 90 80 70 60 0 1 2 3 30
8EWF..SS eries R thJC (DC) = 2.5 C/ W
150 140 130 120 110 100 90 80 70 60 0 2 4 30 60
8EWF..SS eries RthJC (DC) = 2.5 C/ W
Conduction Angle
Cond uction Period
90 60 120 180 6 7 8 9
90 120 180 6 8 10
DC
4
5
12
14
Average Forward Current (A)
Average Forward Current (A)
Fig. 1 - Current Rating Characteristics
Maximum Average F orward Power Loss(W) 180 120 90 60 30 RMSLimit 6 4 2 0 0 1 2 3 4 5 6 7 8 9 Average Forward Current (A)
Cond uction Angle
Fig. 2 - Current Rating Characteristics
Ma ximum Average F orward Power Loss (W) 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 R Limit MS
Conduction Period
12 10 8
DC 180 120 90 60 30
8EWF..SS eries TJ = 150C
8EWF S ..S eries TJ = 150C 10 12 14
Average F orward Current (A)
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
www.irf.com
3
8EWF12SPbF QUIETIR Series
Bulletin I2203 03/05
180 170 160 150 140 130 120 110 100 90 80 1 8EWF..S S eries 10 100
Peak Half S Wave Forward Current (A) ine
At Any R ated Load Condition And With R ated V ollowing S urge. RRM Applied F
Peak Half S Wave F ine orward Current (A)
200 190 180 170 160 150 140 130 120 110 100 90 80 0.01
Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non R epetitive S urge Current Vers Pulse T us rain Duration.
Initial T = 150C J No Voltage Reapplied R ated VRRM Reapplied
8E ..S S WF eries
0.1 Pulse T rain Duration (s)
1
Number Of E qual Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
1000 Instantaneous Forward Current (A)
Fig. 6 - Maximum Non-Repetitive Surge Current
T = 25C J 100 TJ= 150C
10
8EWF..SS eries 1 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Instantaneous F orward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Maximum Revers R e ecovery T ime - T (s) rr
Maximum R everse R ecovery T ime - T (s) rr 0.6 0.5 0.4 0.3 0.2 0.1 0
I FM = 10 A 8A 5A 2A 1A
0.8 8EWF..SS eries TJ = 150 C 0.6
8EWF..SS eries TJ = 25 C
0.4
I FM = 10 A 8A 5A 2A 1A
0.2
0
40
80
120
160
200
0
0
40
80
120
160
200
Rate Of F Of F all orward Current - di/ dt (A/ s)
Rate Of Fall Of F orwa rd Current - di/ dt (A/ s)
Fig. 8 - Recovery Time Characteristics, TJ = 25C
Fig. 9 - Recovery Time Characteristics, TJ = 150C
4
www.irf.com
8EWF12SPbF QUIETIR Series
Bulletin I2203 03/05
Maximum Revers R e ecovery Charge - Qrr (C)
Maximum R everse R ecovery Charge - Qrr (C) 2 8EWF S ..S eries TJ = 25 C
I FM = 10 A
5 8EWF..SS eries TJ = 150 C 4
8A IFM = 10 A
1.6
8A
1.2
5A
3
5A
0.8
2A
2
2A
0.4
1A
1
1A
0
0
0
40
80
120
160
200
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ s)
R ate Of F Of F all orward Current - di/ dt (A/ s)
Fig. 10 - Recovery Charge Characteristics, TJ = 25C
Maximum R everse R ecovery Current - Irr (A) 20 8E WF..SS eries TJ = 25 C 16
I FM = 10 A 8A 5A 2A
Fig. 11 - Recovery Charge Characteristics, TJ = 150C
Maximum Revers Recovery Current - Irr (A) e 25 8EWF..S S eries TJ = 150 C
I FM = 10 A
20
8A
12
15
5A 2A
8
1A
10
1A
4
5
0
0
40
80
120
160
200
0
0
40
80
120
160
200
R ate Of Fall Of F orward Current - di/ dt (A/ s)
Rate Of Fall Of F orward Current - di/ dt (A/ s)
Fig. 12 - Recovery Current Characteristics, TJ = 25C
T ransient T hermal Impedanc e Z thJC(C/W) 10
Fig. 13 - Recovery Current Characteristics, TJ = 150C
S teady S tate Value (DC Operation)
1
D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08
S ingle Pulse
8E WF..S S eries 0.1 0.0001 0.001 0.01 S quare Wave Pulse Duration (s) 0.1 1
Fig. 14 - Thermal Impedance ZthJC Characteristics
www.irf.com
5
8EWF12SPbF QUIETIR Series
Bulletin I2203 03/05
Outline Table
6.73 (0.26) 6.35 (0.25) 5.46 (0.21) 5.21 (0.20)
4
1.27 (0.05) 0.88 (0.03)
2.38 (0.09) 2.19 (0.08) 1.14 (0.04) 0.89 (0.03) 0.58 (0.02) 0.46 (0.02) 6.45 (0.24)
MINIMUM RECOMMENDED FOOTPRINT 5.97 (0.24)
1.64 (0.02)
1 2 3
6.22 (0.24) 5.97 (0.23) 10.42 (0.41) 9.40 (0.37)
5.68 (0.22)
6.48 (0.26) 10.67 (0.42)
1.52 (0.06) 1.15 (0.04) 1.14 (0.04) 2x 0.76 (0.03) 2.28 (0.09) 2x 3x 0.89 (0.03) 0.64 (0.02) 1234Anode Cathode Anode Cathode
0.51 (0.02) MIN. 0.58 (0.02) 0.46 (0.02)
2x 2.54 (0.10) 1.65 (0.06) 2x 2.28 (0.09) 2x
4.57 (0.18)
BASE CATHODE
4
Dimensions in millimeters and (inches)
1
2
3
ANODE CATHODE ANODE
Marking Information
THIS IS A 8EWF12S WITH LOT CODE 5K3A ASSEMBLED ON WW 12, 2003 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
8EWF12S
DATE CODE P = LEAD-FREE YEAR 3 = 2003 WEEK 12 LINE C
6
www.irf.com
8EWF12SPbF QUIETIR Series
Bulletin I2203 03/05
Tape & Reel Information
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
4.1 (0.16) 3.9 (0.15) TR 2.1 (0.83) 1.9 (0.07)
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
www.irf.com
7
8EWF12SPbF QUIETIR Series
Bulletin I2203 03/05
Ordering Information Table
Device Code
8
1
E
2
W
3
F
4
12
5
S
6
TR PbF
7 8
1 2 3 4 5 6 7
-
Current Rating (8 = 8A) Circuit Configuration: E = Single Diode Package: W = D-Pak Type of Silicon: F = Fast Soft Recovery Rectifier Voltage Rating (12 = 1200V) S = Surface Mountable TR = Tape & Reel TRR = Tape & Reel (Right Oriented) TRL = Tape & Reel (Left Oriented)
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/05
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 8EWF12STRRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X