Part Number Hot Search : 
XC3S250 L540NS XC3S250 C7SZ02 6KE120AP AD1849 00502 101M10
Product Description
Full Text Search
 

To Download 8EWF12STRR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I2126 rev. B 10/99
QUIETIR Series 8EWF..S
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE VF trr < 1.3V @ 8A = 80ns
VRRM 1000 to 1200V
Description/Features
The 8EWF..S fast soft recovery QUIETIR rectifier series has been optimized for combined short reverse recovery time, low forward voltage drop and low leakage current The glass passivation ensures stable reliable operation in the most severe temperature and power cycling conditions. Typical applications are both: Output rectification and freewheeling diode in inverters, choppers and converters. Input rectifications where severe restrictions on conducted EMI should be met.
Major Ratings and Characteristics Characteristics
IF(AV) Sinusoidal waveform VRRM IFSM VF trr TJ @ 8 A, TJ = 25C @ 1A, 100A/s range
Package Outline Units
A V A V ns C
8EWF..S
8 1000 to 1200 170 1.3 80 - 40 to 150
TO-252AA (D-Pak)
1
8EWF..S QUIETIR Series
I2126 rev. B 10/99
Voltage Ratings
Part Number VRRM, maximum peak reverse voltage V
8EWF10S 8EWF12S 1000 1200
VRSM , maximum non repetitive peak reverse voltage V
1100 1300
IRRM 150C mA
4
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM It I t
2 2
8EWF..S
8 170 200 144 200
Units
A A A2 s A s
2
Conditions
@ TC = 94 C, 180 conduction half sine wave 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied t = 0.1 to 10ms, no voltage reapplied
Max. Peak One Cycle Non-Repetitive Surge Current Max. I t for fusing Max. I t for fusing
2 2
2000
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop rt Forward slope resistance
8EWF..S
1.3 25.6 0.93 0.1 4
Units
V m V mA
Conditions
@ 8A, TJ = 25C TJ = 150C TJ = 25 C TJ = 150 C
VF(TO) Threshold voltage IRM Max. Reverse Leakage Current
VR = rated VRRM
Typical Reverse Recovery Characteristics
Parameters
trr Irr Qrr S Reverse Recovery Time Reverse Recovery Current Reverse Recovery Charge Typical Snap Factor tb/ta
8EWF..S
270 4.2 1 0.6
Units
ns A C -
Conditions
I F @ 8Apk @ 25A/s @ T J = 25C
di dt Irr IFM
trr
ta tb Qrr t
2
8EWF..S QUIETIR Series
I2126 rev. B 10/99
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range Soldering Temperature RthJC Max. Thermal Resistance Junction to Case RthJA Typ. Thermal Resistance Junction to Ambient (PCB Mount)** wt T Approximate Weight Case Style 1(0.03) g (oz.)
8EWF..S
- 40 to 150 - 40 to 150 240 2.5 50
Units
C C C C/W C/W
Conditions
for 10 seconds DCoperation
TO-252AA (D-Pak)
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140m) copper 40C/W For recommended footprint and soldering techniques refer to application note #AN-994
Maximum Allowable Case Temperature (C)
140 130 120
8EWF..S Series R thJC(DC) = 2.5 C/W
Maximum Allowable Case Temperat ure (C)
150
150 140 130 120 110 100 90 80 70 60 0 2 4 6 8 10 12 14 Average Forward Current (A) 30 60 90 120 180 DC
Conduction Period
8EWF..S Series R thJC (DC) = 2.5 C/W
Conduction Angle
110 100 90 80 70 60 0 1 2 3 4 5 6 7 8 9 Average Forward Current (A) 30 60 90 120 180
Fig. 1 - Current Rating Characteristics
Maximum Average Forward Power Loss (W) 180 120 90 60 30 RMS Limit 6 4 2 0 0 1 2 3 4 5 6 7 8 9 Average Forward Current (A)
Conduction Angle
Fig. 2 - Current Rating Characteristics
Maximum Average Forward Power Loss (W) 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 Average Forward Current (A) RMS Limit
Conduction Period
12 10 8
DC 180 120 90 60 30
8EWF..S Series T J = 150C
8EWF..S Series T J = 150C
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
3
8EWF..S QUIETIR Series
I2126 rev. B 10/99
180 170 160 150 140 130 120 110 100 90 80 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated VRRM Applied Following Surge.
200 190 180 170 160 150 140 130 120 110 100 90 80 0.01
Maximum Non Repetitive Surge Current Versus Pulse Train Duration.
Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Initial TJ = 150C No Voltage Reapplied Rated VRRM Reapplied
8EWF..S Series
8EWF..S Series
0.1 Pulse Train Duration (s)
1
Fig. 5 - Maximum Non-Repetitive Surge Current
1000 Instantaneous Forward Current (A)
Fig. 6 - Maximum Non-Repetitive Surge Current
TJ = 25C 100 T J= 150C
10
8EWF..S Series 1 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Maximum Reverse Recovery Time - Trr (s)
Maximum Reverse Recovery Time - Trr (s) 0.6 0.5 0.4 0.3 0.2 0.1 0 0 40 80 120 160 200 Rate Of Fall Of Forward Current - di/dt (A/s)
I FM = 10 A 8A 5A 2A 1A
0.8 8EWF..S Series T J = 150 C 0.6
8EWF..S Series T J = 25 C
0.4
I FM = 10 A 8A 5A 2A 1A
0.2
0 0 40 80 120 160 200 Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 8 - Recovery Time Characteristics, TJ = 25C
Fig. 9 - Recovery Time Characteristics, TJ = 150C
4
8EWF..S QUIETIR Series
I2126 rev. B 10/99
Maximum Reverse Recovery Charge - Qrr (C)
Maximum Reverse Recovery Charge - Qrr (C)
2 8EWF..S Series T J = 25 C 1.6
8A I FM = 10 A
5 8EWF..S Series T J = 150 C 4
8A I FM = 10 A
1.2
5A
3
5A
0.8
2A
2
2A
0.4
1A
1
1A
0 0 40 80 120 160 200 Rate Of Fall Of Forward Current - di/dt (A/s)
0 0 40 80 120 160 200 Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 10 - Recovery Charge Characteristics, TJ = 25C
Maximum Reverse Recovery Current - Irr (A) 20 8EWF..S Series T J = 25 C 16
I FM = 10 A 8A 5A 2A
Fig. 11 - Recovery Charge Characteristics, TJ = 150C
Maximum Reverse Recovery Current - Irr (A) 25 8EWF..S Series T J = 150 C 20
8A I FM = 10 A
12
15
5A 2A
8
1A
10
1A
4
5
0 0 40 80 120 160 200 Rate Of Fall Of Forward Current - di/dt (A/s)
0 0 40 80 120 160 200 Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 12 - Recovery Current Characteristics, TJ = 25C
Transient Thermal Impedance Z thJC(C/W) 10
Fig. 13 - Recovery Current Characteristics, T J = 150C
Steady State Value (DC Operation)
1
D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08
Single Pulse
8EWF..S Series 0.1 0.0001 0.001 0.01 Square Wave Pulse Duration (s) 0.1 1
Fig. 14 - Thermal Impedance ZthJC Characteristics
5
8EWF..S QUIETIR Series
I2126 rev. B 10/99
Ordering Information Table
Device Code
8
1 1 2 3 4 5 6 7 Current Rating Circuit Configuration: E = Single Diode Package: W = D-Pak Type of Silicon:
E
2
W
3
F
4
12
5
S TRL
6 7
BASE CATHODE
4
1
2
3
ANODE CATHODE ANODE
F = Fast Soft Recovery Rectifier Voltage code: Code x 100 = VRRM S = Surface Mountable Tape and Reel Option: TRL = Left Orientation Reel TRR = Right Orientation Reel
10 = 1000V 12 = 1200V
Outline Table
2.38 (0.09) 6.73 (0.26) 6.35 (0.25) 5.46 (0.21) 5.21 (0.20)
4
1.27 (0.05) 0.88 (0.03)
2.19 (0.08) 1.14 (0.04) 0.89 (0.03) 0.58 (0.02) 0.46 (0.02) 6.45 (0.24)
MINIMUM RECO MMENDED FOOTPRINT 5.97 (0.24)
1.64 (0.02)
1 2 3
6.22 (0.24) 5.97 (0.23) 10.42 (0.41) 9.40 (0.37)
5.68 (0.22)
6.48 (0.26) 10.67 ( 0.42)
1.52 (0.06) 1.15 (0.04) 2x 1.14 (0.04) 0.76 (0.03) 2.28 (0.09) 2x 4.57 (0.18) 3x 0.89 (0.03) 0.64 (0.02) 1 - Anode 2 - Cathode 3 - Anode 4 - Cathode
0.51 (0.02) MIN. 0.58 (0.02) 0.46 (0.02)
2x 2.54 (0.10) 1.65 (0.06) 2x 2.28 ( 0.09) 2x
Dimensions in millimeters and (inches)
6
8EWF..S QUIETIR Series
I2126 rev. B 10/99
Marking Information
EXAMPLE: THIS IS AN 8EWF12S
INTERNATIONAL RECTIFIER LOGO 4 (K) PART NUMBER
8EWF12S 9712 5K3A
ASSEMBLY LOT CODE 2 (K) DATE CODE (YYWW) YY = YEAR WW = WEEK
1 (A)
3 (A)
Tape & Reel Information
4.1 (0.16) 3.9 (0.15) 2.1 (0.83) 1.9 (0.07) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01)
TR
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
7
8EWF..S QUIETIR Series
I2126 rev. B 10/99
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
8


▲Up To Search▲   

 
Price & Availability of 8EWF12STRR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X