Part Number Hot Search : 
14600 3842P HPR120W HPR120W 35003 ML5203 LM555CN HY5PS128
Product Description
Full Text Search
 

To Download 8ETU04STRRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21076 08/05
8ETU04SPbF 8ETU04-1PbF
Ultrafast Rectifier
Features
* * * * Ultrafast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature
trr = 60ns IF(AV) = 8Amp VR = 400V
Description/ Applications International Rectifier's FRED.. series are the state of the art Ultra fast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as free-wheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM IFRM TJ, TSTG Peak Repetitive Peak Reverse Voltage Average Rectified Forward Current, TC = 155C Non Repetitive Peak Surge Current, TC = 25C Peak Repetitive Forward Current Operating Junction and Storage Temperatures
Max
400 8 100 16 - 65 to 175
Units
V A
C
Case Styles
8ETU04SPbF
8ETU04-1PbF
Base Cathode
2
2
1
3
1
3
N/C
Anode
N/C
Anode
D2PAK www.irf.com
TO-262 1
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
400 1.19 0.94 0.2 20 14 8.0 1.3 1.0 10 500 V V V A A pF nH IR = 100A IF = 8A IF = 8A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 400V Measured lead to lead 5mm from package body
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
35 43 67 60 ns IF = 1.0A, diF/dt = 50A/A, VR = 30V TJ = 25C TJ = 125C nC A TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 8A VR = 200V diF /dt = 200A/s
IRRM
Peak Recovery Current
-
2.8 6.3 60 210
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC RthJA RthCS Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight Mounting Torque Marking Device
Min
- 65 - 65 6.0 5.0
Typ
1.8 0.5 2.0 0.07 -
Max
175 175 2.0 50 12 10
Units
C C/W
g (oz) Kg-cm lbf.in
8ETU04S 8ETU04-1
Case style D2Pak Case style TO-262
Typical Socket Mount Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
100
1000 100
Reverse Current - I R (A)
Tj = 175C Tj = 150C Tj = 125C
10 1
Tj = 100C
0.1 0.01 0.001 0 100
Tj = 25C
Instantaneous Forward Current - I F (A)
10
0.0001
T J = 175C T = 150C
J J
200
300
400
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
T = 25C
1000
Junction Capacitance - C T (pF)
T = 25C
J
1
100
0.1 0 0.5 1 1.5 2 2.5
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
10 0 100 200 300 400
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
Notes:
PDM
t1 t2
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC+ Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
180
Allowable Case Temperature (C) Average Power Loss ( Watts )
14 12 10 8 6 4 2 0 0 2 4 6 8
D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 DC
RMS Limit
170
DC
160 150
Square wave (D = 0.50)
140 Rated Vr applied
see note (3)
130 0 2 4 6 8 10 12
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
10
12
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics
90 80 70
trr ( ns )
500 450
If = 16A If = 8A
Vr = 200V Tj = 125C Tj = 25C
400 350
Qrr ( nC )
If = 16A If = 8A
60 50 40 30 20 100
di F /dt (A/s ) Fig. 7 - Typical Reverse Recovery vs. di F /dt
Vr = 200V Tj = 125C Tj = 25C
300 250 200 150 100 50
1000
0 100
di F /dt (A/s )
1000
Fig. 8 - Typical Stored Charge vs. di F /dt
(3) Formula used: TC = T J - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR1 = rated VR
4
www.irf.com
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
di F /dt dif/dt ADJUST
D G IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
t rr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
/dt di fF/dt
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
Outlines Table
Base Cathode
2
1
3
N/C
Anode
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
2
1
3
N/C
Anode
NC
6
www.irf.com
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
Part Marking Information
D2PAK
PART NUMBER
8ETU04S
THIS IS A 8ETU04S LOT CODE 8024 ASSEMBLED ON WW 02, 2000
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
TO-262
THIS IS A 8ETU04-1 LOT CODE 8024 ASSEMBLED ON WW 02, 2000
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
8ETU04-1
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
www.irf.com
7
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532) 12.80 (0.504)
DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) D IA . MIN.
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and T RR.
Dimensions in millimeters and (inches)
8
www.irf.com
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
Ordering Information Table
Device Code
8
1
E
2
T
3
U
4
04
5
S
6
TRL PbF
7 8
1 2 3 4 5 6 7 6 8
-
Current Rating (8A) E T U S = Single Diode = TO-220, D2Pak = Ultrafast Rectifier = D 2Pak
Voltage Rating (04 = 400V) -1 = TO-262 none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented, for D2PAk package) TRR = Tape & Reel (Right Oriented, for D 2PAk package)
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/05
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of 8ETU04STRRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X