Part Number Hot Search : 
IRFR410 ZMDK85WA 9004FC FRE9160R MAZX200 080CT 1N415 1N5397G
Product Description
Full Text Search
 

To Download 8ETLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20888 rev. A 10/06
8ETL06PbF 8ETL06FPPbF
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
Features
* * * * * * * Benchmark Ultra-low Forward Voltage Drop Hyperfast Recovery Time Low Leakage Current 175C Operating Junction Temperature Fully Isolated package (VINS = 2500 VRMS) UL E78996 approved Lead-Free ("PbF" suffix)
VF = 0.96V typ. IF(AV) = 8Amp VR = 600V
Description
State of the art, ultra-low VF, soft-switching Hyperfast Rectifiers optimized for Discontinuous (Critical) Mode (DCM) Power Factor Correction (PFC). The minimised conduction loss, optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers. The device is also intended for use as a free wheeling diode in power supplies and other power switching applications.
Applications
AC-DC SMPS 70W-400W e.g. Laptop & Printer AC Adaptors, Desktop PC, TV & Monitor, Games units and DVD AC-DC power supplies.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM IFM TJ, TSTG Peak Repetitive Reverse Voltage Average Rectified Forward Current @ TC = 160C @ TC = 142C (FULLPACK) Non Repetitive Peak Surge Current @ TJ = 25C Peak Repetitive Forward Current Operating Junction and Storage Temperatures 175 16 - 65 to 175 C
Max
600 8
Units
V A
Case Styles
8ETL06PbF
8ETL06FPPbF
Base Cathode
2
1
3
Cathode
1 3
Anode
Cathode
Anode
TO-220AC www.irf.com
TO-220 FULLPACK 1
8ETL06PbF, 8ETL06FPPbF
Bulletin PD-20888 rev. A 10/06
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
600 V V V A A pF nH IR = 100A IF = 8A, TJ = 25C IF = 8A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 600V Measured lead to lead 5mm from package
0.96 1.05 0.81 0.86 0.05 20 17 8.0 5 100 -
IR
Reverse Leakage Current
-
CT LS body
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TC = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
60 150 170 250 15 20 1.3 2.6 100 250 C A ns IF = 1A, diF/dt = 100A/s, VR = 30V IF = 8A, diF/dt = 100A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 8A diF /dt = 200A/s VR = 390V
IRRM
Peak Recovery Current
-
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Per Leg
Min
- 65 -
Typ
1.4 3.4 0.5 2.0 0.07 -
Max
175 175 2 4.3 70 12 10
Units
C
C/W
Fullpack (Per Leg) RthJA RthCS Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight Per Leg
g (oz) Kg-cm lbf.in
Mounting Torque
6.0 5.0
Typical Socket Mount Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
8ETL06PbF, 8ETL06FPPbF
Bulletin PD-20888 rev. A 10/06
100
100 10 1 0.1 0.01
Tj = 175C 150C 125C 100C 75C 50C 25C
Instantaneous Forward Current - I F (A)
10
T = 175C J T = 150C J T = 25C J
Reverse Current - I R (A)
0.001 100
200
300
400
500
600
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
100
1
Junction Capacitance - C T (pF)
T J = 25C
0.1 0.4
10
0.8
1.2
1.6
2
0
100
200
300
400
500
600
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
Notes:
PDM
t1 t2
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.001 0.01 0.1 t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
0.0001
1
www.irf.com
3
8ETL06PbF, 8ETL06FPPbF
Bulletin PD-20888 rev. A 10/06
10
(C/W)
Thermal Impedance Z
1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
thJC
PDM
t1 t2
0.1
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1, Rectangular Pulse Duration (Seconds) Fig. 5 - Max. Thermal Impedance Z thJC Characteristics (FULLPACK)
180
Allowable Case Temperature (C)
180
Allowable Case Temperature (C)
175 170 165 160 155
see note (3)
160
DC
140 120
DC
Square wave (D = 0.50) Rated Vr applied
Square wave (D = 0.50) Rated Vr applied
100 see note (3) 80
150 0 2 4 6 8 10 12 14
Average Forward Current - IF(AV) (A) Fig. 6 - Max. Allowable Case Temperature Vs. Average Forward Current
0
2 4 6 8 10 12 14 Average Forward Current - IF(AV) (A)
Fig. 7 - Max. Allowable Case Temperature Vs. Average Forward Current (FULLPACK)
12
Average Power Loss ( Watts )
10 8 6 4 2 0 0 2 4 6 8 10 12
Average Forward Current - IF(AV) (A) Fig. 8 - Forward Power Loss Characteristics
DC D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 8); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
RMS Limit
4
www.irf.com
8ETL06PbF, 8ETL06FPPbF
Bulletin PD-20888 rev. A 10/06
450 400 350 300
Qrr ( nC ) trr ( ns )
IF = 16 A IF = 8 A
5000 4500 4000 3500 3000 2500 2000 1500
V R = 390V T J = 125C T J = 25C
IF = 16 A IF = 8 A
250 200 150 100 50 0 100
di F /dt (A/s ) Fig. 9 - Typical Reverse Recovery vs. di F /dt
1000 500 100
V R = 390V T J = 125C T J = 25C
1000
1000
di F /dt (A/s )
Fig. 10 - Typical Stored Charge vs. di F /dt
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T. dif/dt ADJUST
diF /dt
D G IRFP250 S
Fig. 11- Reverse Recovery Parameter Test Circuit
www.irf.com
5
8ETL06PbF, 8ETL06FPPbF
Bulletin PD-20888 rev. A 10/06
3
IF 0
t rr ta tb
4
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
diF /dt f
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
Fig. 12 - Reverse Recovery Waveform and Definitions
Outline Table
Conforms to JEDEC Outline TO-220AC Dimensions in millimeters and (inches)
6
www.irf.com
8ETL06PbF, 8ETL06FPPbF
Bulletin PD-20888 rev. A 10/06
Outline Table
10.6 10.4 HOLE o 3.4 3.1 2.8 2.6
3.7 3.2
1
7.1 6.7
3
Cathode
15.8
Anode
16.4
15.4
16.0
10
3.1 3.3
13.7
2.54 TYP.
0.9 0.7 2.54 TYP.
0.48 0.44 2.85 2.65
1.15 1.4 1.3 1.05
TYP
R0.7 (2 PLACES) R0.5
4.8 4.6
Conforms to JEDEC Outline TO-220 FULLPACK Dimensions in millimeters and (inches)
5 0.5 5 0.5
Part Marking Information (TO-220)
IRXC Assembly Line EXAMPLE: THIS IS A 8ETL06 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO DATE CODE ASSEMBLY LOT CODE P = LEAD-FREE YEAR 1 = 2001 WEEK 19 LINE C PART NUMBER
IRMX Assembly Line EXAMPLE: THIS IS A 8ETL06 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO
PART NUMBER
DATE CODE ASSEMBLY LOT CODE YEAR 1 = 2001 WEEK 19 P = LEAD-FREE
www.irf.com
13.5
7
8ETL06PbF, 8ETL06FPPbF
Bulletin PD-20888 rev. A 10/06
Part Marking Information (TO-220 FULL-PAK)
PART NUMBER FP = Fullpack
EXAMPLE: THIS IS A 8ETL06FP LOT CODE 1789 ASSEMBLED ON WW 19, 2002 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE YEAR = 2002 WEEK 19 P = Lead-Free
Ordering Information Table
Device Code
8
1 1 2 3 4 5 6 7 -
E
2
T
3
L
4
06
5
FP
6
PbF
7
Current Rating (8 = 8A) E T L = Single Diode = TO-220, D2Pak = Ultra-low VF HyperFast Recovery none = TO-220AC FP = TO-220 FULLPACK none = Standard Production PbF = Lead-Free
Voltage Rating (06 = 600V)
Tube Standard Pack Quantity: 50 pieces
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 10/06
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 8ETLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X