Part Number Hot Search : 
74HCT485 MAC7121 PTB20146 CLL4448 24C01 KAD5512P SKY65015 MMI4832
Product Description
Full Text Search
 

To Download 89LV1632RPQK-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 89LV1632
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
16 Megabit (512k x 32-bit) SRAM MCM
CS 1-4
Address
OE, WE
89LV1632
Power
4Mb SRAM
4Mb SRAM
4Mb SRAM
4Mb SRAM
Ground
MCM
Memory
I/O 0-7
I/O 8-15
I/O 16-23
I/O 24-31
Logic Diagram
FEATURES:
* Four 512k x 8 SRAM die * RAD-PAK(R) technology hardens against natural space radiation technology * Total dose hardness: - > 100 krad (Si), depending upon space mission * Excellent Single Event Effects: - SEL > 101MeV-cm2/mg - SEU threshold = 3 MeV-cm2/mg - SEU saturated cross section: 8E-9 cm2/bit * Package: 68-pin quad flat package * Completely static memory - no clock or timing strobe required * Internal bypass capacitor * High-speed silicon-gate CMOS technology * 3.3 V 10% power supply * Equal address and chip enable access times * Three-state outputs * All inputs and outputs are TTL compatible
DESCRIPTION:
Maxwell Technologies' 89LV1632 high-performance 16 Megabit Multi-Chip Module (MCM) Static Random Access Memory features a greater than 100 krad(Si) total dose tolerance, depending upon space mission. The four 4-Megabit SRAM die and bypass capacitors are incorporated into a high-reliable hermetic quad flat-pack ceramic package. With high-performance silicon-gate CMOS technology, the 89LV1632 reduces power consumption and eliminates the need for external clocks or timing strobes. It is equipped with output enable (OE) and four byte chip enable (CS1 - CS4) inputs to allow greater system flexibility. When OE input is high, the output is forced to high impedance. Maxwell Technologies' patented RAD-PAK(R) packaging technology incorporates radiation shielding in the microcircuit package. In a GEO orbit, RAD-PAK(R) packaging provides greater than 100 krad(Si) total radiation dose tolerance, dependent upon space mission. It eliminates the need for box shielding while providing the required radiation shielding for a lifetime in orbit or a space mission. This product is available in with screening up to Maxwell Technologies self-defined Class K.
08.18.05 Rev 3
All data sheets are subject to change without notice
1
(619) 503-3300 - Fax: (619) 503-3301 - www.maxwell.com
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
TABLE 1. PINOUT DESCRIPTION
PIN 34-28, 42-36, 62-64, 7, 8 65 66 3-6 43-46, 48-51,53-56, 58-61, 9-12, 14-17, 19-22, 24-27 2, 67, 68 1, 18, 35, 52 13, 23, 47, 57 SYMBOL A0-A18 WE OE CS1 - CS4 I/O0-I/O31 NC VCC VSS DESCRIPTION Address Enable WriteEnable Output Enable Chip Enable Data Input/Output No Connection +3.3V Power Supply Ground
89LV1632
TABLE 2. 89LV1632 ABSOLUTE MAXIMUM RATINGS
(VOLTAGE REFERENCED TO VSS = 0V) PARAMETER Power Supply Voltage Relative to VSS Voltage Relative to VSS for Any Pin Except VCC Weight Thermal Resistance Power Dissipation Operating Temperature Storage Temperature FJC PD TA TS --55 -65 SYMBOL VCC VIN, VOUT MIN -0.5 -0.5 MAX +7.0 VCC+0.5 42 3.6 4.0 +125 +150 UNITS V V Grams
C/W
Memory
W
C C
TABLE 3. 89LV1632 RECOMMENDED OPERATING CONDITIONS
(VCC = 3.3+ 10%, TA = -55 TO +125 C, UNLESS OTHERWISE NOTED) PARAMETER Supply Voltage, (Operating Voltage Range) Input High Voltage Input Low Voltage 1. VIH (max) = VCC + 2V ac (pulse width < 10ns) for I < 80 mA. 2. VIL (min) = -2.0V ac; (pulse width < 20 ns) for I < 80 mA. SYMBOL VCC VIH VIL MIN 3.0 2.2 -0.5
(2)
MAX 3.6 VCC + 0.5 (1) 0.8
UNITS V V V
08.18.05 REV 3
All data sheets are subject to change without notice
2
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
TABLE 4. 89LV1632 DELTA LIMITS
PARAMETER ICC ISB ISB1 ILI VARIATIONL +10% of stated value in table 5 +10% of stated value in table 5 +10% of stated value in table 5 +10% of stated value in table 5
89LV1632
TABLE 5. 89LV1632 DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3+ 10%, TA = -55 TO +125 C, UNLESS OTHERWISE NOTED) PARAMETER Input Leakage Current Output Leakage Current Average Operating Current Cycle Time: 35 ns Standby Power Supply Current CMOS Standby Power Supply Current Output Low Voltage Output High Voltage Input Capacitance1 CS1 - CS4, OE, WE I/O0-7, I/O8-15, I/O16-23, I/O24-31 A0 - A18 Output Capacitance1 1. Guaranteed by design. SYMBOL TEST CONDITIONS ILI ILO ICC VIN = 0 to VCC CS = VIH, VOUT = VSS to VCC Min. Cycle, 100% Duty, CS = VIL, IOUT = 0 mA VIN = VIH or VIL CS= VIH, Min Cycle CS > VCC - 0.2V, f = 0 MHz, VIN > VCC - 0.2V or VIN < 0.2V IOL = + 8.0 mA IOH = -4.0 mA VIN = 0 V SUBGROUPS 1, 2, 3 1, 2, 3 1, 2, 3 -1, 2, 3 1, 2, 3 ----MIN -8.0 -8.0 TYP ---640 240 40 mA mA MAX +8.0 +8.0 UNITS uA uA
Memory
mA
ISB ISB1
VOL VOH CIN
1, 2, 3 1, 2, 3 4, 5, 6
-2.4
---
0.4 -7 28 7 7 28
V V pF
COUT
VI/O = 0 V
4, 5, 6
8
pF
TABLE 6. 89LV1632 AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 3.3+ 10%, TA = -55 TO +125 C, UNLESS OTHERWISE NOTED) PARAMETER Input Pulse Level Output Timing Measurement Reference Level
08.18.05 REV 3
MIN 0.0 --
TYP ---
MAX 3.0 1.5
UNITS V V
All data sheets are subject to change without notice
3
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
(VCC = 3.3+ 10%, TA = -55 TO +125 C, UNLESS OTHERWISE NOTED) PARAMETER Input Rise/Fall Time Input Timing Measurement Reference Level MIN --TYP ---
89LV1632
MAX 3.0 1.5 UNITS ns V
TABLE 6. 89LV1632 AC OPERATING CONDITIONS AND CHARACTERISTICS
TABLE 7. 89LV1632 READ CYCLE
(VCC = 3.3+ 10%, TA = -55 TO +125 C, UNLESS OTHERWISE NOTED) PARAMETER Read Cycle Time -30 Address Access Time -30 Chip Select to Output -30 Output Enable to Output -30 Output Enable to Low-Z Output -30 Chip Enable to Low-Z Output -30 Output Disable to High-Z Output -30 Chip Disable to High-Z Output -30 Output Hold from Address Change -30 Chip Select to Power Up Time -30 Chip Select to Power DownTime -30 SYMBOL tRC tAA tCO tOE tOLZ tLZ tOHZ tHZ tOH TPU TPD SUBGROUPS 9, 10, 11 30 9, 10, 11 -9, 10, 11 -9, 10, 11 -9, 10, 11 -9, 10, 11 -9, 10, 11 -9, 10, 11 -9, 10, 11 3 9, 10, 11 9, 10, 11 ---0 20 ---ns ns 8 -ns 8 -ns 3 -ns 0 -ns --30 -30 ns --ns MIN TYP MAX UNITS ns
Memory
ns 14 ns
TABLE 8. 89LV1632 FUNCTIONAL DESCRIPTION
CS H L L L 1. X = don't care.
08.18.05 REV 3
WE X1 H H L
OE X1 H L X1
MODE Not Select Output Disable Read Write
I/O PIN High-Z High-Z DOUT DIN
SUPPLY CURRENT ISB, ISB1 ICC ICC ICC
All data sheets are subject to change without notice
4
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
TABLE 9. 89LV1632 WRITE CYCLE
(VCC = 3.3+ 10%, TA = -55 TO +125 C, UNLESS OTHERWISE NOTED) PARAMETER Write Cycle Time -30 Chip Select to End of Write -30 Address Set-up Time -30 Address Valid to End of Write -30 Write Pulse Width (OE High) -30 Write Pulse Width (OE Low) -30 Write Recovery Time -30 Write to Output High-Z -30 Data to Write Time Overlap -30 Data Hold from Write Time -30 End Write to Output Low-Z -30 SYMBOL tWC tCW tAS tAW tWP tWP1 tWR tWHZ tDW tDH tOW SUBGROUPS 9, 10, 11 30 9, 10, 11 20 9, 10, 11 0 9, 10, 11 20 9, 10, 11 20 9, 10, 11 30 9, 10, 11 0 9, 10, 11 -9, 10, 11 14 9, 10, 11 0 9, 10, 11 -3 9 MIN TYP
89LV1632
MAX --
UNITS ns ns
-ns -ns -ns -ns -ns -ns -ns -ns -ns --
Memory
08.18.05 REV 3
All data sheets are subject to change without notice
5
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
FIGURE 1. AC TEST LOADS
89LV1632
+ 3.3V
FIGURE 2. TIMING WAVEFORM OF READ CYCLE (1) (ADDRESS CONTROLLED)
Memory
FIGURE 3. TIMING WAVEFORM OF READ CYCLE (2) (WE = VIH)
1. WE is high for read cycle. 2. All read cycle timing is referenced from the last valid address to the first transition address.
08.18.05 REV 3
All data sheets are subject to change without notice
6
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
89LV1632
3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or VOL levels. 4. At any given temperature and voltage conditions, tHZ (max) is less than tLZ (min) both for a given device and from device to device. 5. Transition is measured +200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested. 6. Device is continuously selected with CS = VIL. 7. Address valid prior to coincident with CS transition low. 8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
FIGURE 4. TIMING WAVEFORM OF WRITE CYCLE (1) (OE CLOCK)
Memory
08.18.05 REV 3
All data sheets are subject to change without notice
7
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
89LV1632
FIGURE 5. TIMING WAVEFORM OF WRITE CYCLE (2) (OE LOW FIIXED)
FIGURE 6. TIMING WAVEFORM OF WRITE CYCLE (3) (CS CONTROLLED)
Memory
1. All write cycle timing is referenced from the last valid address to the first transition address. 2. A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE going low. A write ends at the earliest transition CS going high or WE going high. tWP is measured from the beginning of write to the end of write. 3. tCW is measured from the later of CS going low to end of write. 4. tAS is measured from the address valid to the beginning of write. 5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high. 6. If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase of the output must not be applied because bus contention can occur. 7. For common I/O applications, minimization of elimination of bus contention conditions is necessary during read and write cycle. 8. If CS foes low simultaneously with WE going or after WE going low, the outputs remain high impedance state. 9. DOUT is the read data of the new address. 10.When CS is low, I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be applied.
08.18.05 REV 3
All data sheets are subject to change without notice
8
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
89LV1632
FIGURE 7. SRAM HEAVY ION CROSS SECTION
Memory
FIGURE 8. SRAM PROTON SEU CROSS SECTION STATIC
08.18.05 REV 3
All data sheets are subject to change without notice
9
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
89LV1632
Memory
68 PIN RAD-PAK(R) QUAD FLAT PACKAGE
SYMBOL MIN A b c D D1 e S1 F1 F2 L L1 L2 A1 N -1.239 1.429 2.485 2.485 1.690 0.180 0.206 0.015 0.008 1.479 DIMENSION NOM 0.225 0.017 0.009 1.494 0.800 0.050 BSC 0.339 1.244 1.434 2.510 2.500 1.700 0.195 68 -1.249 1.439 2.545 2.505 1.710 0.210 MAX 0.244 0.018 0.12 1.509
Q68-04 Note: All dimensions in inches
08.18.05 REV 3
All data sheets are subject to change without notice
10
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
Important Notice:
89LV1632
These data sheets are created using the chip manufacturers published specifications. Maxwell Technologies verifies functionality by testing key parameters either by 100% testing, sample testing or characterization. The specifications presented within these data sheets represent the latest and most accurate information available to date. However, these specifications are subject to change without notice and Maxwell Technologies assumes no responsibility for the use of this information. Maxwell Technologies' products are not authorized for use as critical components in life support devices or systems without express written approval from Maxwell Technologies. Any claim against Maxwell Technologies must be made within 90 days from the date of shipment from Maxwell Technologies. Maxwell Technologies' liability shall be limited to replacement of defective parts.
Memory
08.18.05 REV 3
All data sheets are subject to change without notice
11
(c)2005 Maxwell Technologies. All rights reserved.
16 Megabit (512K x 32-Bit)Low Voltage MCM SRAM
Product Ordering Options
Model Number 89LV1632 RP Q X -XX Feature Access Time
89LV1632
Option Details
30 = 30 ns
Screening Flow
Multi Chip Module (MCM)1 K = Maxwell Self-Defined Class K H = Maxwell Self-DefinedClass H I = Industrial (testing at-55C, +25C, +125C) E = Engineering (testing at +25C)
Memory
Package
Q = Quad Flat Pack
Radiation Feature
RP = RAD-PAK(R) package
Base Product Nomenclature
16 Megabit (512K x 32-Bit) MCM SRAM
1) Products are manufactured and screened to Maxwell Technologies self-defined Class H and Class K flows.
08.18.05 REV 3
All data sheets are subject to change without notice
12
(c)2005 Maxwell Technologies. All rights reserved.


▲Up To Search▲   

 
Price & Availability of 89LV1632RPQK-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X