Part Number Hot Search : 
MM1224 EDZ13B 2SA2030 LC75345 FSF0610 BD235NPN MF100 AL8807A
Product Description
Full Text Search
 

To Download 856331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
Features
* * * * * * * * * * For AMPS, CDMA and TDMA applications Usable bandwidth 25 MHz (each band) High Tx-Rx isolation Low insertion loss High attenuation Single-ended operation No matching required for operation at 50 Ceramic Surface Mount Package (SMP) Hermetic RoHS compliant (2002/95/EC), Pb-free Pb
Part Number 856331 836.5/881.5 MHz SAW Duplexer
*
Package
Surface Mount 3.80 x 3.80 x 1.47 mm
Pin Configuration
Bottom View
1 2 3
1.47 NOM. 1.65 MAX.
12 4 5 6
0.86
11 10
3.80 1.60 0.80 0.60 0.90
9 8 7
3.80
0.45
0.41 SQ.
0.15x45 CHAMFER
Pin No. 5 8 11 1,2,3,4,6 7,9,10,12
Description Tx Antenna Rx Case ground Case ground
Dimensions shown are nominal in millimeters All tolerances are 0.15mm except overall length and width 0.10mm Body: Al2O3 ceramic Lid: Kovar, Ni plated Terminations: Au plating 0.5 - 1.0m, over a 2 - 6m Ni plating
Subject to change or obsolescence without notice
Rev E
12-Sep-2005
Page 1 of 6
Data Sheet
Operating Temperature: (2) +25 oC
Part Number 856331 836.5/881.5 MHz SAW Duplexer
Electrical Specifications (1)
Parameter (3)
Center Frequency Maximum Insertion Loss (4) 824 - 849 MHz Amplitude Ripple 824 - 849 MHz Absolute Attenuation 869 - 894 MHz 1050 - 1100 MHz 1250 - 1325 MHz Second Harmonic Attenuation 1648 - 1698 MHz Third Harmonic Attenuation 2472 - 2547 MHz Return Loss at Tx Terminal (4) 824 - 849 MHz Center Frequency Maximum Insertion Loss (4) 869 - 894 MHz Amplitude Ripple 869 - 894 MHz Absolute Attenuation 779 - 804 MHz 824 - 849 MHz 1039 - 1065 MHz 1100 - 1270 MHz 1648 - 1698 MHz 2472 - 2547 MHz Return Loss at Rx Terminal (4) 869 - 894 MHz Tx to Rx Isolation 824 - 849 MHz 869 - 894 MHz Notes:
1. 2. 3. 4.
Minimum Tx-Ant Specification
45 18 12 7 8 10
Typical
836.5 1.8 0.4 49 22 16 9 10 13 881.5 2.5 1.0 40 55 40 45 41 20 13
Maximum
2.3 0.9 3.0 1.4 -
Unit
MHz dB dB dB dB dB dB dB dB MHz dB dB dB dB dB dB dB dB dB
Ant-Rx Specification
35 51 35 38 30 15 10
Tx-Rx Specification
55 45 59 48 dB dB
All specifications are based on the test circuit shown on page 5 This specification is valid for room temperature only. The specification over the full temperature range(s) is available on the next page(s) Electrical margin has been built into the design to account for the variations due to manufacturing tolerances Excluding losses due to PCB
Subject to change or obsolescence without notice
Rev E
12-Sep-2005
Page 2 of 6
Data Sheet
Operating Temperature Range: (2)
Part Number 856331 836.5/881.5 MHz SAW Duplexer
Electrical Specifications (1)
-30 to +85 oC
Parameter (3)
Center Frequency Maximum Insertion Loss (4) 824 - 849 MHz Amplitude Ripple 824 - 849 MHz Absolute Attenuation 869 - 894 MHz 1050 - 1100 MHz 1250 - 1325 MHz Second Harmonic Attenuation 1648 - 1698 MHz Third Harmonic Attenuation 2472 - 2547 MHz Return Loss at Tx Terminal (4) 824 - 849 MHz Center Frequency Maximum Insertion Loss (4) 869 - 894 MHz Amplitude Ripple 869 - 894 MHz Absolute Attenuation 779 - 804 MHz 824 - 849 MHz 1039 - 1065 MHz 1100 - 1270 MHz 1648 - 1698 MHz 2472 - 2547 MHz Return Loss at Rx Terminal (4) 869 - 894 MHz Tx to Rx Isolation 824 - 849 MHz 869 - 894 MHz Notes:
1. 2. 3. 4.
Minimum Tx-Ant Specification
45 18 12 7 8 10
Typical
836.5 1.8 0.4 48 22 16 9 10 13 881.5 2.5 1.0 40 54 40 45 41 20 12
Maximum
2.5 1.1 3.5 2.2 -
Unit
MHz dB dB dB dB dB dB dB dB MHz dB dB dB dB dB dB dB dB dB
Ant-Rx Specification
35 50 35 38 30 15 9
Tx-Rx Specification
54 44 58 48 dB dB
All specifications are based on the test circuit shown on page 5 In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances Excluding losses due to PCB
Subject to change or obsolescence without notice
Rev E
12-Sep-2005
Page 3 of 6
Data Sheet
Part Number 856331 836.5/881.5 MHz SAW Duplexer
Typical Performance
Subject to change or obsolescence without notice
Rev E
12-Sep-2005
Page 4 of 6
Data Sheet
Part Number 856331 836.5/881.5 MHz SAW Duplexer
Test Circuits
ANT 8 50 1,2,3,4,6 7,9,10,12 5 11 50 50
50 Single-ended
No impedance matching required
ANT
8 50 1,2,3,4,6 7,9,10,12
5 11 50 50
50 Single-ended
No impedance matching required
Marking
0.80
Sawtek logo Marking code
PCB Footprint
1.60 0.15x45 CHAMFER 4.01 0.14
W JJJYM
ID dot Date code
1.11
0.65
The date code consists of: JJJ = Julian day, Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only Dimensions shown are nominal in millimeters
Tape and Reel
2.7 12.8 O330 ID dot
0.3 2.0 4.0 O1.5 A 1.75 5.5 4.1 1.8 Section A-A 4.1 8.0 O1.5
A
Sawtek logo O102 O20.2 O13.0
12.0
2.0
Direction of travel
Dimensions shown are nominal in millimeters Packaging quantity: 4000 units/reel
Subject to change or obsolescence without notice
Rev E
12-Sep-2005
Page 5 of 6
Data Sheet
Parameter
Operating Temperature Range Storage Temperature Range RF Power
Part Number 856331 836.5/881.5 MHz SAW Duplexer
Maximum Ratings
Symbol
T Tstg Pin
Minimum
-30 -40 -
Maximum
+85 +85 +31
Unit
C C dBm
o o
Important Notes
Warnings
* * * * Electrostatic Sensitive Device (ESD) Avoid ultrasonic exposure
RoHS Compliance
This product complies with EU directive 2002/95/EC (RoHS)
Pb
Solderability
Compatible with JEDEC J-STD-020C Pb-free process, 260C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips S-Parameters Qualification Flowchart RoHS information Soldering Profile Other Technical Information
Sawtek's liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. Sawtek does not accept any liability for applications, processes, circuits or assemblies, which are implemented using any Sawtek component described in this data sheet.
Contact Information
PO Box 609501 Orlando, FL 32860-9501 USA
Subject to change or obsolescence without notice
Phone: +1 (407) 886-8860 Fax: +1 (407) 886-7061 Email: custservice@sawtek.com Web: www.sawtek.com
Rev E
Or contact one of our worldwide Network of sales offices, representatives or distributors
12-Sep-2005
Page 6 of 6


▲Up To Search▲   

 
Price & Availability of 856331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X