Part Number Hot Search : 
LC864328 E001475 IRL6903 60B06 56F8367 HC32C 2SK3109 TC1952
Product Description
Full Text Search
 

To Download 855874 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
Features
* * * * * * * For GSM applications, IF stage Usable bandwidth 166 KHz Low loss Low group delay variation Single-ended or balanced operation Ceramic Surface Mount Package (SMP) Small size
Part Number 855874 400 MHz SAW Filter
*
Package
Surface Mount 5.00 x 3.00 x 1.24 mm
Pin Configuration
Bottom View
1.24 NOM. 1.35 MAX. 0.69
1
2
3
4
8
5.00 1.27
7
6
5
1.30
3.00 0.79 0.51
Pin No. 1 2 5 6 8 3,4,7
Description Input Input return or ground Output Output return or ground Coupling inductor Case ground
Dimensions shown are nominal in millimeters All tolerances are 0.15mm except overall length +0.15/-0.10mm and width +0.15/-0.10mm Body: Al2O3 ceramic Lid: Kovar, Ni plated Terminations: Au plating 0.5 - 1.0m, over a 2 - 6m Ni plating
Subject to change or obsolescence without notice
Rev B
16-Jan-2002
Page 1 of 5
Data Sheet
Operating Temperature Range: (2) -40 to +85 oC
Part Number 855874 400 MHz SAW Filter
Electrical Specifications (1)
Parameter (3)
Center Frequency, fo Insertion Loss at 400 MHz
Excluding losses due to matching Including losses in matching test circuit shown below
Minimum
400.083 -
Typical
400 2.6 4.4 399.8 400.2 0.55 0.58 0.69 0.21 300 37 34 28 26 34 37 45 45 560||44nH 860||34nH
Maximum
4.2 6.0 399.917 0.8 1.2 1.6 2 1000 -
Unit
MHz dB dB MHz MHz MHz MHz MHz dB nsec dB dB dB dB dB dB dB dB
Lower 2 dB Bandedge Upper 2 dB Bandedge 9 dB Bandwidth 12 dB Bandwidth 22 dB Bandwidth Amplitude Variation 399.917 - 400.083 MHz Group Delay Variation 399.917 - 400.083 MHz Rejection (4) 398.5 - 399.2 MHz 399.2 - 399.4 MHz 399.4 - 399.6 MHz 400.4 - 400.6 MHz 400.6 - 400.8 MHz 400.8 - 401.5 MHz Out of Band Rejection 50 - 398.5 MHz 401.5 - 500 MHz Optimal Source Impedance (5) Optimal Impedance (5) Notes:
1. 2. 3. 4. 5.
22 12 9 9 12 22 37 37 -
All specifications are based on the test circuit shown below In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances Relative to insertion loss at 400 MHz This is the complex conjugate of the unmatched filter's impedance resulting in maximum power transfer
Test Circuit:
2.5pF 1 5 8 2,3,4,6,7 47nH 30nH 50 2pF
50 Single-ended
50
30nH
Subject to change or obsolescence without notice
Rev B
16-Jan-2002
Page 2 of 5
Data Sheet
Part Number 855874 400 MHz SAW Filter
Typical Performance (at +25oC)
Subject to change or obsolescence without notice
Rev B
16-Jan-2002
Page 3 of 5
Data Sheet
Actual matching values may vary due to PCB layout and parasitics
2.5pF 1 5 8 2,3,4,6,7 47nH 2pF
Part Number 855874 400 MHz SAW Filter
Matching Schematics
50 Single-ended
50
30nH
30nH
50
Marking
.71
Sawtek logo Marking code
PCB Footprint
.56 1.22 1.50 3.20 .99
N JJJYM
ID dot Date code
4.52
The date code consists of: JJJ = Julian day, Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only Dimensions shown are nominal in millimeters
Tape and Reel
2.7 12.8 O330 ID dot Sawtek logo
0.3 2.0 4.0 O1.5 A 1.75 5.5 5.3
12.0
O102
O20.2 O13.0
2.0
Direction of travel
1.8 Section A-A
3.3
8.0
O1.5
A
Dimensions shown are nominal in millimeters Packaging quantity: 4000 units/reel
Subject to change or obsolescence without notice
Rev B
16-Jan-2002
Page 4 of 5
Data Sheet
Maximum Ratings
Parameter
Operating Temperature Range Storage Temperature Range
Part Number 855874 400 MHz SAW Filter
Symbol
T Tstg
Minimum
-40 -40
Maximum
+85 +85
Unit
o o
C C
Warnings
* * Electrostatic Sensitive Device (ESD) Avoid ultrasonic exposure
Links to Additional Technical Information
PCB Layout Tips S-Parameters Qualification Flowchart Soldering Profile Other Technical Information
Contact Information
PO Box 609501 Orlando, FL 32860-9501 USA
Subject to change or obsolescence without notice
Phone: +1 (407) 886-8860 Fax: +1 (407) 886-7061 Email: custservice@sawtek.com Web: www.sawtek.com
Rev B
Or contact one of our worldwide Network of sales offices, Representatives or distributors
16-Jan-2002
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of 855874

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X