Part Number Hot Search : 
V285ME10 01900 6V8BC UM3433 K2744 C5121 M1MA15 TLGE62
Product Description
Full Text Search
 

To Download 855068 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 202.752 MHz Bandpass Filter Data Sheet
Typical Performance
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 197.752 198.752 199.752 1 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 205.752 206.752 207.752 201.752 201.952 202.152 300 240 180 120 60 0 -60 -120 -180 -240 -300 203.352 203.552 7.6 1.5 1.5 10 1 500 2.0:1 85 203.752 5/2/00
1.100 MHz Bandwidth Part Number 855068
200.752
201.752
202.752
203.752
204.752
202.352
202.552
202.752
202.952
Parameter
Center Frequency Insertion Loss(@ 25 C) Insertion Loss Variation(from 25 C) 3 dB Bandwidth 40 dB Bandwidth Amplitude Ripple: fo 150 kHz Delay Ripple: fo 150 kHz VSWR at fo Triple Transit Suppression Substrate Material Operating Temperature Range
Specifications Unit Minimum
MHz dB MHz MHz MHz dB nsec dB C 5.6 0.5 36 -40
Typical
202.752 6.6 0.6 0.99 2.54 0.6 52 1.4:1 42 Quartz 25
203.152
Horizontal: 1 MHz/Div Vertical: 10 dB/Div
Horizontal: 200 kHz/Div Vertical: 1 dB/Div Vertical: 60 nsec/Div
Maximum
Package Outline
Specifications subject to change or obsolescence without notice.
Matching Configuration
L1 = 56 nH , L2 = 41 nH C1 = 33 pf , C2 = 33 pf Nominal Source/Load Impedance = 50 Package Style SMP-53 Sawtek Inc. Telephone: (407) 886-8860 Fax: (407) 886-7061


▲Up To Search▲   

 
Price & Availability of 855068

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X