Part Number Hot Search : 
AD943 CM2009 6NH0G ER208 PE9811 FMM5057X 05LC07 TSOP2
Product Description
Full Text Search
 

To Download 8497 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAN
Isolation Transformer
8497
* Isolation transformers for Ethernet * Low leakage inductance and coupling capacitance for faster rise times * Small size Designed to be used with the following device: Level One LXT914
Mechanical and Schematic
(All dimensions in inches)
ELECTRICAL SPECIFICATION @ 25C
Primary Sine Wave L (H20%) 75 Interwinding Capacitance Cww (pF MAX) 8 Leakage Inductance LL (H MAX) 0.20
Part Number
8497
Turns Ratio (5%)
Primary Pins
Primary ET-Constant (V-s MIN)
Rise Time (ns MAX)
DCR ( MAX)
Hipot (Vrms)
ISSUE: A
05/01
8497
1:1
1-2/4-5/7-8
1.8
3.0
0.30
2000
NOTES: 1. L, Cww and LL are measured at 20 mVrms, 100 kHz. 2. Rise time is measured in 75 systems.
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


▲Up To Search▲   

 
Price & Availability of 8497

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X