Part Number Hot Search : 
41010 8TQ080 HT46R01 BUL38 BZX84C33 D1857A OP565B 2N5551HR
Product Description
Full Text Search
 

To Download 83PR5KLFTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 83
1/4" Single Turn Surface Mount Cermet Trimming Potentiometer
ELECTRICAL
1
Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Slider Current, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum
ENVIRONMENTAL
10 to 1Meg 10%(<100 Ohms = 20%) 200 Vdc or rms not to exceed power rating 100mA or within rated power, whichever is less 0.5 at 70C derating to 0 at 150C 2 Ohms 220 400 Vrms 100 Megohms Essentially infinite 1% or 1 Ohms, whichever is greater
Seal Temperature Coefficient, Maximum Operating Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat
85C Fluorinert(R) (No Leaks) 100ppm/C -55C to +125C 5 cycles, - 55C to +125C (1% RT, 1% VR) Ten 24 hour cycles (1% RT, IR 1,000 Megohms Min.) 100G's (1% RT, 1% VR) 20G's, 10 to 2,000 Hz (1% RT, 1% VR) 250 hours at 125C (2% RT, 2% VR) 200 cycles (3% RT) 1,000 hours at 70C (2% RT) 350C for 3 sec. (1% RT) 260C for 10 sec. (1% RT) 215C for 120 sec. (1% RT)
MECHANICAL
Mechanical Stops Torque, Starting Maximum Weight, Nominal
Fluorinert(R) is a registered trademark of 3M Company. Specifications subject to change without notice.
Solid 3 oz.-in. (0.021 N-m) .03 oz. (0.85 grams)
1-69
Model 83
TOP ADJUSTMENT (Inch/mm) Model 83P
SIDE ADJUSTMENT (Inch/mm) Model 83Y
Electrical Adjustment .110 .005 Long X 2.79 0.13 .025 .005 Wide X 0.64 0.13 .035 .005 Deep Slot 0.89 0.13
.185 .005 4.69 0.13 .270 .005 6.86 0.13 Standard Marking This Surface
.015 Max. 0.38
Metal Housing Plastic Case
.250 .015 6.35 0.38 Dia. Metal Housing .180 4.57 .040 1.02 .017 .003 Dia. 0.43 0.08 Terminal Pins (3) Solderable
.355 .005 9.02 0.13 .210 5.30 (3) (2) (1)
.017 .003 0.43 0.08 Dia. Solderable Lead (3)
Electrical Adjustment .110 .005 Long X 2.79 0.13 .025 .005 Wide X 0.64 0.13 .035 .005 Deep Slot 0.89 .013 .060 Typ. 1.52
.100 2.54
.160 4.06 (3) .160 4.06
.030 Max. 0.76
(2) (1) .100 2.54 Recommended Solder Pad Layout .340 8.64 .100 2.54 (1) (2) .100 2.54 .100 2.54 (3) .040 Typ. 1.02 .071 .005 1.80 0.13
.071 .005 1.80 0.13
Recommended Solder Pad Layout .040 Typ. 1.02 (2) (3) (1) .240 Typ. 6.10 .071 1.80
.071 1.80
STANDARD RESISTANCE VALUES, OHMS
10 20 50
100 200 500
1K 2K 5K
10K 20K 25K
50K 100K 200K
250K 500K 1Meg
1-70
Model 83
PACKAGING
1 Standard: Boxes Capacity Option: = 100 Units
Tubes (83Y only) All units oriented with #1 pin to same side. Magazine: Width Height Length Capacity = = = = 0.30" 0.35" 19.1" 50 Units
Option:
Embossed Tape & Reel (83P only) All units oriented with #1 pin to the right of the direction of feed. Tape: Width Sprocket Capacity Diameter = = = = 16 mm 4 mm pitch 1,000 Units 14" (356 mm)
Reel:
ORDERING INFORMATION
Standard: Model Series Pin Style
83 P R 10K LF RoHS Compliant Product Code - Optional Resistance Value Resistance Prefix
Options: Pin Style
83 P R 10K LF XX Packaging Option: TB = Tubes (83Y only) TR = Tape & Reel (83P only) RoHS Compliant Product Code - Optional
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
(2) (1) CW (3)
INCH mm
1-71
Model 83


▲Up To Search▲   

 
Price & Availability of 83PR5KLFTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X