Part Number Hot Search : 
2NF40 BR52XX TRB6124 968CE 03101 1N756A E914IT DG212ETE
Product Description
Full Text Search
 

To Download 8136R5KL25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 8136
7/8" Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
FEATURES
2
Plastic Shaft & Bushing
ELECTRICAL
Resistance Range, Ohms Standard Resistance Tolerance Independent Linearity Power Rating, Watts Dielectric Strength Insulation Resistance, Minimum Output Smoothness, Maximum Actual Electrical Travel, Nominal Tap Tolerance (Voltage Tap Only) End Voltage, Maximum Resolution Temperature Coefficient
ENVIRONMENTAL (MIL-R-12934)
1K to 100K 10% 0.25% 2.0 at 25C derating to 0 at 105C 1,000V rms 1,000 Megohms 100 Ohms 3600 0.05% of input voltage 0.2% of input voltage Essentially Infinite +100ppm/C, -150ppm/C
Operating Temperature Range Temperature Cycling Shock, 6ms Sawtooth Vibration Moisture Resistance High Temperature Exposure Rotational Load Life
Specifications subject to change without notice.
-25C to +105C 5 cycles, -25C to +105C (5% R) 100G's (0.1ms discontinuity max.) 10G's, 10 to 500 Hz (5% R, 0.1ms discontinuity max.) Five 24 hour cycles (3% R) 1,000 hours at 105C (5% R) 1 mil. shaft rev. + 900 hrs. at rated wattage at 25C (5% R)
2-119
Model 8136
MECHANICAL
Total Mechanical Travel Number of Gangs, Maximum Weight, Nominal Static Stop Strength Backlash, Maximum Panel Nut Tightening Torque, Maximum Shaft End Play, Maximum Start/Run Torque, Maximum
OUTLINE DIMENSIONS (Inch/mm)
3600 + 15 - 0 1 0.42 oz. 60 oz.-in. 2 8 lb.-in. .010" 1.5 oz.-in.
.750.040 19.11.02
Mounting Surface .249.001 Dia. 6.330.03
Slider CCW CW
.812.031 20.60.79
Adjustment Slot: .047.005/1.190.13 Wide X +.015 +0.38 .063 -.000/1.60 -0.00 Deep X .195.015/4.950.38 Long 75 Max. .625 R Max. 15.9
.404.002 Dia. 10.30.05
+.000 .062 -.010 +0.00 1.58 -0.25
Anti-Rotation Pin .060.005/1.520.13 Dia. on .290.005/7.370.13 Radius. Extends .040.010/1.020.25 From Mounting Surface 3/8 - 32 UNEF Thread .312.016 7.930.41 .875.016 Dia. 22.20.41
OPTIONAL TERMINAL CONFIGURATION
40 VIEW B SLIDER .625 R MAX 15.9 R MAX
.110 2.794 .020 Thickness .060 .003 Dia. 1.524 .076
.062 .003 1.524 .076
Use Special Feature Code "FT" to order.
Enlarged View B
2-120
Model 8136
STANDARD RESISTANCE VALUES, OHMS
1K
2K
5K
10K
20K
50K
100K
SPECIAL FEATURES
Center Tap Linearity Tape Flatted Shaft Shaft Lock Gold Plated Solder Lug Terminals (see optional terminal configuration)
ORDERING INFORMATION
CT LT FS SL FT
2
8136 R 10K L .25 Model Series Resistance Prefix Linearity Resistance Value
MATCHING TURNS COUNTING DIALS
2606, 2606S, 2607, 2607S, 2626, 2627, 2646, 2646S, 2647, 2647S, 2126, RB
METRIC CONVERSIONS
1 in. 1 oz.
CIRCUIT DIAGRAM
25.4 mm 28.4 gm
1 oz.-in. 1 lb.-in.
NOTES
0,007 N-m 0,113 N-m
(S) (CCW) (CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
INCH mm
2-121
Model 8136


▲Up To Search▲   

 
Price & Availability of 8136R5KL25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X