Part Number Hot Search : 
MR852 D8222 SN74L 2SK1918 24WC16 90010 CAR6AC MJ14000
Product Description
Full Text Search
 

To Download 80SQ05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 80SQ05
80SQ05
Schottky Barrier Rectifiers Schottky-Barrier-Gleichrichter Version 2006-12-08 Nominal Current Nennstrom
O 5.2 0.2
8A 50 V ~ DO-27 1g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
62.5 0.5
Type
8.41.0
O 1.2
0.1
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings and Characteristics Type Typ Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50
Grenz- und Kennwerte Forward Voltage Durchlass-Spannung VF [V] 1) IF = 5 A IF = 8 A < 0.55 < 0.50
80SQ05
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur ... at reduced reverse voltage - bei reduzierter Sperrspannung ... in DC forward mode - bei Gleichstrom-Durchlassbetrieb Storage temperature - Lagerungstemperatur
TA = 75C f > 15 Hz TA = 25C TA = 25C VR 80% VRRM VR 50% VRRM
IFAV IFRM IFSM i2t Tj Tj Tj TS
8 A 2) 30 A 2) 155/180 A 132 A2s -50...+150C 180C 200C -50...+175C
1 2
Tj = 25C Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
80SQ05 Characteristics Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Tj = 25C Tj = 100C VR = VRRM IR RthA RthL Kennwerte < 150 A < 10 mA < 15 K/W 1) < 6 K/W
120 [%] 100
DC Vr < 80% Vrrm
102 [A]
80SQ05
10
80
60
Vr < 50% Vrrm
1
40
10-1
20 IFAV 0 0 TA 50 100 150 [C]
Rated forward current vs. ambient temperature Zul. Richtstrom in Abh. v. d. Umgebungstemp.
IF 10-2
0
0.4 0.6 1.0 VF [V] Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of 80SQ05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X