Part Number Hot Search : 
D1202 AON7406 DS99144 TEC1033N 03994 09231 D1200 IDT5V996
Product Description
Full Text Search
 

To Download 80EBU02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20740 rev. A 01/01
80EBU02
Ultrafast Soft Recovery Diode
Features * Ultrafast Recovery * 175C Operating Junction Temperature Benefits * Reduced RFI and EMI * Higher Frequency Operation * Reduced Snubbing * Reduced Parts Count
trr = 35ns IF(AV) = 80Amp VR = 200V
Description/ Applications These diodes are optimized to reduce losses and EMI/ RFI in high frequency power conditioning systems. The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for HF welding, power converters and other applications where switching losses are not significant portion of the total losses.
Absolute Maximum Ratings Parameters
VR IF(AV) IFSM IFRM ! TJ, TSTG Cathode to Anode Voltage Continuous Forward Current, TC = 112C Single Pulse Forward Current, TC = 25C Maximum Repetitive Forward Current Operating Junction and Storage Temperatures
Max
200 80 800 160 - 55 to 175
Units
V A
C
!"Square Wave, 20kHz
Case Styles
PowIRtab
1
80EBU02
Bulletin PD-20740 rev. A 01/01
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
200 V V V A mA pF nH IR = 50A IF = 80A IF = 80A, TJ = 175C VR = VR Rated TJ = 150C, VR = VR Rated VR = 200V Measured lead to lead 5mm from package body
0.98 1.13 0.79 0.92 89 3.5 50 2 -
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
-
32 52 4.4 8.8 70 240
35 -
ns
IF = 1.0A, diF/dt = 200A/s, VR = 30V TJ = 25C TJ = 125C IF = 80A VR = 160V diF /dt = 200A/s
IRRM
Peak Recovery Current
-
A
TJ = 25C TJ = 125C
Qrr
Reverse Recovery Charge
-
nC
TJ = 25C TJ = 125C
Thermal - Mechanical Characteristics
Parameters
RthJC RthCS # Wt Thermal Resistance, Junction to Case Thermal Resistance, Case to Heatsink Weight 0.18 T Mounting Torque 1.2 10
#"Mounting Surface, Flat, Smooth and Greased
Min
Typ
0.2
Max
0.70
Units
K/W
5.02
g (oz)
2.4 20
N*m lbf.in
2
80EBU02
Bulletin PD-20740 rev. A 01/01
1000
Reverse Current - I R (A)
1000 100
T J = 175C 125C
10 1
25C
0.1 0.01 0.001 0 50 100 150 200
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
Instantaneous Forward Current - I F (A)
100
T = 175C
J J J
T = 125C T = 25C
10000
10
Junction Capacitance - C T (pF)
T J = 25C
1000
100
1 0 0.5 1 1.5 2 2.5
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
10 1 10 100 1000
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
1
Thermal Impedance Z thJC (C/W)
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
PDM
0.1
t1 t2 Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001 0.01 0.1 t1, Rectangular Pulse Duration (Seconds)
1
10
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
3
80EBU02
Bulletin PD-20740 rev. A 01/01
180
Allowable Case Temperature (C) Average Power Loss ( Watts )
120
RMS Limit
160 140 120 100 80
see note (3)
Square wave (D = 0.50) 80% Rated Vr applied
100 80 60 40 20 0
D = 0.01 D = 0.02 D = 0.05 D = 0.10 D = 0.20 D = 0.50 DC
DC
60 0 20 40 60 80 100 120
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
0
20
40
60
80
100
120
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics
70
IF = 160A IF = 80A IF = 40A
1200
Vr = 160V Tj = 125C Tj = 25C
60
1000
50
Qrr ( nC ) trr ( ns )
800
IF = 160A IF = 80A IF = 40A
40
600
30
400
20
Vr = 160V Tj = 125C Tj = 25C
200
10 100
di F /dt (A/s )
1000
0 100
di F /dt (A/s )
1000
Fig. 7 - Typical Reverse Recovery time vs. di F /dt
Fig. 8 - Typical Stored Charge vs. di F /dt
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
80EBU02
Bulletin PD-20740 rev. A 01/01
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
di F /dt dif/dt ADJUST
D G IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
trr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
di fF/dt /dt
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 10 - Reverse Recovery Waveform and Definitions
5
80EBU02
Bulletin PD-20740 rev. A 01/01
Outline Table
Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
80
1 1 2 3 4 5 -
E
2
B
3
U
4
02
5 (80 = 80A) (Ultrafast/Hyperfast only) (02 = 200V)
Current Rating Single Diode PowIRtab Ultrafast Recovery Voltage Rating
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/01
6


▲Up To Search▲   

 
Price & Availability of 80EBU02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X