Part Number Hot Search : 
CY7C6 STMP3600 30203 TDA6060G CZRB2320 4N25M 420HWB LMR61W
Product Description
Full Text Search
 

To Download 805-99-016-10-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 800
22
PCB connectors 2.54 mm Single row / double row / triple row Solder tail
Receptacles, solder tail Accept square pins s 0.635 mm and round pins 0.70-0.80 mm For corresponding pin connectors see pages 30 to 35
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xxx with the number of poles, e.g. 803-91-xxx-10-001 for a double row version with 8 pins per row becomes: 803-91-016-10-001
801-91-xxx-10-001 801-93-xxx-10-001 801-99-xxx-10-001
Straight receptacle: solder tail, single row Availability from: 1 to 50 contacts Standard number of contacts 24, 28, 29, 30, 36, 42, 48, 50 Option On request with clinched (right/left) solder tails
803-91-xxx-10-001 803-93-xxx-10-001 803-99-xxx-10-001
Straight receptacle: solder tail, double row Availability from: 4 to 100 contacts Standard number of contacts 72 and 100
805-91-xxx-10-001 805-93-xxx-10-001 805-99-xxx-10-001
Straight receptacle: solder tail, triple row Availability from: 9 to 96 contacts Standard number of contacts 96


▲Up To Search▲   

 
Price & Availability of 805-99-016-10-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X