Part Number Hot Search : 
A2CP2520 120N1 ISP847X BCR8PM BP02057 1N5632 11SRW 2132FNG
Product Description
Full Text Search
 

To Download 803-99-016-30-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 800
26
PCB connectors 2.54 mm Single row / double row Surface mount
Receptacles, surface mount Accept square pins s 0.635 mm and round pins 0.70-0.80 mm For corresponding pin connectors see pages 30 to 35
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xxx with the number of poles, e.g. 803-91-xxx-30-001 for a double row version with 8 pins per row becomes: 803-91-016-30-001
801-91-xxx-30-001 801-93-xxx-30-001 801-99-xxx-30-001
SMD receptacle: single row perpendicular mount Availability from: 3 to 50 contacts Standard number of contacts 24, 28, 29, 30, 36, 42, 48 and 50
803-91-xxx-30-001 803-93-xxx-30-001 803-99-xxx-30-001
SMD receptacle: double row perpendicular mount Availability from: 4 to 100 contacts Standard number of contacts 72 and 100
801-91-xxx-30-002 801-93-xxx-30-002 801-99-xxx-30-002
SMD receptacle: single row, low profile, perpendicular mount Availability from: 3 to 32 contacts Standard number of contacts 32
803-91-xxx-30-002 803-93-xxx-30-002 803-99-xxx-30-002
SMD receptacle: double row, low profile, perpendicular mount Availability from: 4 to 72 contacts Standard number of contacts 40, 44, 56, 64 and 72


▲Up To Search▲   

 
Price & Availability of 803-99-016-30-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X