Part Number Hot Search : 
48D05 56F8366 2SC44 M5148 IDT74F TDA20 MIC24420 63D18
Product Description
Full Text Search
 

To Download 803-91-016-40-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 800
PCB connectors 2.54 mm Single row / double row / surface mount
27
Receptacles, surface mount Accept square pins s 0.635 mm and round pins 0.70-0.80 mm For corresponding pin connectors see pages 30 to 35
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xxx with the number of poles, e.g. 803-91-xxx-40-001 for a double row version with 8 pins per row becomes: 803-91-016-40-001
801-91-xxx-40-001 801-93-xxx-40-001 801-99-xxx-40-001
SMD receptacle: single row parallel mount Availability from: 1 to 50 contacts Standard number of contacts 24, 28, 29, 30, 36, 42, 48 and 50
801-91-xxx-40-002 801-93-xxx-40-002 801-99-xxx-40-002
SMD receptacle: single row, low profile, parallel mount Availability from: 1 to 32 contacts Standard number of contacts 32


▲Up To Search▲   

 
Price & Availability of 803-91-016-40-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X