Part Number Hot Search : 
1212S 1212S 1SV294 1212S BUT22B 1212S DB106S 1212S
Product Description
Full Text Search
 

To Download 7720-3A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 7720 SERIES
Power Factor Correction Module
MODELS/RANGE
7720-1A 7720-2A 7720-3A
FEATURES AND BENEFITS
1,500 Watts / 3,000 Watts* 1,000 Watts / 2,250 Watts* 500 Watts / 1,500 Watts*
* Module contains all power components necessary to provide power factor correction in a switching power supply. - Rectifier bridge - Ultrafast platinum output diode - 500V .1 Max. FET (7720-1A) * Provides optimum use of available line current * Allows power supply to meet harmonic requirement * Module design reduces cost of heat sink * Saves significant space and assembly time * Low cost * Internal temperature sensing * Replaces up to 10 each TO-220 or TO-247 discrete power semiconductors * Custom module versions available to meet specific requirements such as: - Motor drives - Power servo amplifiers - Solenoid drivers - Solid state relays - 3 phase rectifier bridges
7
APPLICATIONS
Designed to optimally facilitate a boost type power factor correction (PFC) system for designs with up to 20 A rms input current.
* Based on minimun line voltage of 84 V rms / 168 V rms. Specifications subject to change without notice.
Standard applications include switching power supplies from 500 watts to 3,000 watts with line voltages up to 300 V rms.
7-27
Model 7720 Series
ELECTRICAL CHARACTERISTICS
FET
Parameter Drain Leakage Current
Symbol IDSS
On-State Voltage
VDS(on)
Threshold Voltage Gate Leakage Current
VGS(th) IGSS
Diode Forward Voltage
VSD
Input Capacitance
Ciss
Gate Resistor
RG
Junction Temperature Thermal Resistance
Tj Rthjc
D1-D4 Reverse Leakage Current Forward Voltage Junction Temperature Thermal Resistance D5 Forward Voltage Forward Voltage Reverse Leakage Current Reverse Leakage Current Reverse Recovery Time Reverse Recovery Time Junction Temperature Thermal Resistance TH1 Resistance Resistance Ratio
IR VF Tj Rthjc VF VF IR IR trr trr Tj Rthjc R25 RT/R25
7720-X -1 -2 -3 IDS = 28A, VGS = 10V -1 IDS = 21A -2 IDS = 14A -3 VDS = 4V, IDS = 1mA -1,-2,-3 VGS = 15V, VDS = 0V -1 -2 -3 ISD = 50A, VGS = 0V -1 ISD = 37.5A -2 ISD = 25A -3 VGS = 0V, VDS = 25V, f = 1.0MHz -1 -2 -3 -1 -2 -3 -1,-2,-3 -1 -2 -3 VR = 600V -1,-2,-3 IF = 25A -1,-2 IF = 18A -3 -1,-2,-3 -1,-2 -3 IF = 25A -1,-2 IF = 18A -3 IF = 25A, t = 150C -1,-2 IF = 18A -3 VR = 600V -1,-2,-3 VR = 600V, t = 150C -1,-2,-3 IF = 1.0A, di/dt = 100A/s -1,-2,-3 IF = 25A, di/dt = 100A/s -1,-2,-3 -1,-2,-3 -1,-2 -3 I = 1mA t = 80 t = 90 t = 100 t = 110
Conditions1 VDS = 500V, VGS = 0V
Min.
Typ.
2.0
2.2 2.2 2.2 3.0
0.95 0.95 0.95 12 9 6 1.28 1.70 2.55 0.19 0.25 0.38 1 1.0 1.0 1.3 1.4 1.5 1.5 1.3 1.3 1 0.3 30 40
Max. 1.0 750 500 2.9 2.9 2.9 4.0 2 1.5 1 1.5 1.5 1.5
150
250 1.2 1.2 150
2.8 2.8 2.5 2.5 500 1.5 40 45 175
22.5
1.3 1.4 25 27.5 0.126 0.0916 0.0679 0.0511 10
Units mA A A V V V V A A A V V V nF nF nF C C/W C/W C/W A V V C C/W C/W V V V V A mA ns ns C C/W C/W K
Dissipation Constant Thermal Time Constant
PD t
1.0
mW/C sec
1 - TCase = 25C unless otherwise specified.
7-28
Model 7720 Series
ENVIRONMENTAL
Storage Temperature Range Operating Temperature Range Recommended Operating Case Temperature, Max.
SYSTEM DIAGRAM
-55C to +125C -40C to +125C +100C
In Rush Control Circuit
5 2 3 4
6
390 Vdc
25A EMI Filter 1 10 AC Line 420 L40
D G S +
13 T
Dotted Line denotes - BI Model 7720 and associated pins. Pin 1: AC 1 Pin 2: + Pin 3: Drain Pin 4: Drain Pin 5: Anode Pin 6: Cathode Pin 7: TH 1 Pin 8: TH 2 Pin 9: Gate Pin 10: Source Pin 11: Source Pin 12: Pin 13: AC 2
12
11
10
9
8
7
+18 Vdc Gate Driver PWM Thermal Shutdown Circuitry
Aux Power with UVLO
7
7-29
Model 7720 Series
OUTLINE DIMENSIONS (Inch)
2.230 Max. 1.800 .200 6x
4x O .280 x .060 Deep 4x O .150 Thru
4x R.215 1.100.015 (CL to CL)
1.380 Max.
.950
Pin #1 .300.010 Marking Surface
Pin .020 x .040 13 Places
.240.015 .200 7720-1A Lot No. Date Code
ORDERING INFORMATION
77 Model Package Size
2
0
1A Power Level: -1A = 1,500W to 3,000W -2A = 1,000W to 2,250W -3A = 500W to 1,500W Circuit Function: 0 = Power Factor Correction
7-30
Model 7720 Series


▲Up To Search▲   

 
Price & Availability of 7720-3A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X