Part Number Hot Search : 
5248B 1N4742A 4028B TDA1387T 4028B BU7231G K4H560 FP25S
Product Description
Full Text Search
 

To Download 769D306X9006A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 769D (CECC 30202-013)
Vishay Tansitor
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX(R) Capacitors CECC 30202-013 Approved
FEATURES
* For 125C operation * Very high CV per unit volume * Long shelf life in excess of ten years * Extremely low leakage current * Epoxy end-filled for better shock and vibration performance
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 125C Capacitance Tolerance: 20% is standard; 10% and 5% available as specials. Capacitance Range: 3.6F to 2200F Life Test: Capacitors are capable of withstanding a 2000 hour life test at a temperature of + 85C or + 125C at the applicable rated DC working voltage.
APPROVALS
* CECC 30202-013 (6-125 Volts)
APPLICATIONS
* Designed for industrial and telecommunications applications, offers higher microfarad value per unit volume than any other type. The epoxy resin end-fill construction also offers improved mechanical strength, outstanding resistance to temperature cycling, and trouble-free application when flow-soldering capacitors to printed circuit board.
ORDERING INFORMATION
769D MODEL
306 CAPACITANCE
X0 CAPACITANCE TOLERANCE X0 = 20% X9 = 10% X5 = 5% Special Order.
006 DC VOLTAGE RATING AT + 85C
A CASE CODE
2 STYLE NUMBER
This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
This is expressed in volts. See Ratings and Case To complete the three-digit block, zeros precede the Codes Table. voltage rating.
0 = Bare case. 2 = Outer plastic-film insulation.
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to the unit weight.
www.vishay.com 36
For technical questions, contact eurowettant@vishay.com
Document Number: 40055 Revision 17-Oct-03
769D (CECC 30202-013)
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode TANTALEX(R) Capacitors CECC 30202-013 Approved
DIMENSIONS in inches [millimeters]
EPOXY RESIN Od
Vishay Tansitor
+
L2 L1 L2 D
CASE CODE A B C D
L1 + 031 - 0.078 [+ 0.8 - 2.0] 0.535 [13.6] 0.724 [18.4] 0.846 [21.5] 1.129 [28.7]
WITH OUTER PLASTIC -FILM INSULATION D 0.015 L2 MIN. [ 0.4] 0.192 [4.9] 0.283 [7.2] 0.377 [9.6] 0.377 [9.6] 0.984 [25] 0.984 [25] 0.984 [25] 0.984 [25]
o d 0.002 [- 0.05] 0.023 [0.6] 0.023 [0.6] 0.023 [0.6] 0.023 [0.6]
+ 10%
STANDARD RATINGS
Max. DF at + 25C (%) Max. IMP. at - 55C 120 Hz (Ohms) Max. DCL (A) at + 25C + 85C + 125C Max. CAPACITANCE CHANGE (%) at - 55C Max. RMS RIPPLE 120 Hz + 85C + 125C (mA)
CAPACITANCE (F)
CASE CODE
PART NUMBER*
6 VDC at + 85C, 4 VDC at + 125C 30 68 140 220 270 330 560 820 1200 1500 2200 A A B A B C C B D C D 769D306X0006A2 769D686X0006A2 769D147X0006B2 769D227X0006A2 769D277X0006B2 769D337X0006C2 769D567X0006C2 769D827X0006B2 769D128X0006D2 769D158X0006C2 769D228X0006D2 8 18 18 40 70 43 110 68 60 82 80 100 59 40 22 22 25 20 20 20 10 15 1 1 1 2 1 2 2 3 3 5 9 2 2 3 9 7 8 13 14 12 20 30 -40 -40 -40 -65 -44 -44 -64 -80 -80 -85 -80 +12 +16 +16 +16 +20 +16 +20 +20 +25 +25 +25 +12 +16 +16 +16 +20 +16 +20 +20 +25 +25 +25 70 80 300 90 270 500 500 280 800 540 800
8 VDC at + 85C, 5 VDC at + 125C 25 56 180 220 430 430 620 680 850 850 1200 1600 1800 A A A B B C B B C D C D D 769D256X0008A2 769D566X0008A2 769D187X0008A2 769D227X0008B2 769D437X0008B2 769D437X0008C2 769D627X0008B2 769D687X0008B2 769D857X0008C2 769D857X0008D2 769D128X0008C2 769D168X0008D2 769D188X0008D2 7 15 36 57 42 84 53 55 65 50 82 68 70 100 60 28 30 25 25 20 20 20 22 15 18 18 1 1 2 1 3 2 3 3 4 4 5 7 8 2 2 9 7 14 14 14 14 16 16 20 25 28 -40 -40 -60 -44 -80 -64 -80 -80 -80 -80 -80 -80 -80 +12 +12 +16 +20 +20 +20 +20 +20 +25 +25 +25 +25 +25 +12 +12 +16 +20 +20 +20 +20 +20 +25 +25 +25 +25 +25 70 80 90 250 270 500 280 280 500 850 520 800 800
Document Number: 40055 Revision 17-Oct-03
For technical questions, contact eurowettant@vishay.com
www.vishay.com 37
769D (CECC 30202-013)
Vishay Tansitor
STANDARD RATINGS
Max. DF at + 25C (%) Max. IMP. at - 55C 120 Hz (Ohms) Max. DCL (A) at + 25C + 85C + 125C Max. CAPACITANCE CHANGE (%) at - 55C Max. RMS RIPPLE 120 Hz + 85C + 125C (mA)
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode TANTALEX(R) Capacitors CECC 30202-013 Approved
CAPACITANCE (F)
CASE CODE
PART NUMBER*
10 VDC at + 85C, 7 VDC at + 125C 20 47 100 120 140 150 180 250 390 470 510 560 750 1000 1300 1500 A A A A A A B C C B B B D C D D 769D206X0010A2 769D476X0010A2 769D107X0010A2 769D127X0010A2 769D147X0010A2 769D157X0010A2 769D187X0010B2 769D257X0010C2 769D397X0010C2 769D477X0010B2 769D517X0010B2 769D567X0010B2 769D757X0010D2 769D108X0010C2 769D138X0010D2 769D158X0010D2 5 15 13 32 32 32 46 32 75 35 45 50 44 67 63 66 120 90 60 50 46 40 40 35 25 21 21 21 22 12 18 17 1 1 1 2 2 2 1 2 2 3 3 3 4 5 7 8 2 2 4 9 9 9 7 10 16 16 16 16 16 20 25 28 -32 -36 -36 -50 -50 -50 -36 -40 -64 -70 -70 -70 -80 -75 -75 -75 +12 +16 +16 +16 +16 +16 +16 +16 +20 +20 +20 +20 +25 +25 +25 +25 +12 +16 +16 +16 +16 +16 +16 +16 +20 +20 +20 +20 +25 +25 +25 +25 70 80 80 80 90 90 250 500 500 280 280 280 850 540 800 800
15 VDC at + 85C, 10 VDC at + 125C 15 33 70 100 120 170 270 360 390 540 540 680 750 820 1100 1200 A A B A B C C B B C D C C C D D 769DL56X0015A2 769D336X0015A2 769D706X0015B2 769D107X0015A2 769D127X0015B2 769D177X0015C2 769D277X0015C2 769D367X0015B2 769D397X0015B2 769D547X0015C2 769D547X0015D2 769D687X0015C2 769D757X0015C2 769D827X0015C2 769D118X0015D2 769D128X0015D2 5 10 11 28 27 22 50 38 38 45 15 50 52 60 53 55 145 100 63 40 50 38 30 22 21 25 23 13 13 13 18 17 1 1 1 2 1 2 2 3 3 5 3 5 6 6 8 8 2 2 4 9 7 10 16 16 16 20 24 20 24 24 25 28 -24 -28 -28 -40 -28 -32 -56 -60 -60 -70 -80 -70 -70 -70 -70 -70 +12 +16 +16 +16 +20 +16 +20 +20 +20 +25 +25 +25 +25 +25 +25 +25 +12 +16 +16 +16 +20 +16 +20 +20 +20 +25 +25 +25 +25 +25 +25 +25 70 80 250 80 250 500 500 280 280 500 850 510 510 510 750 750
20 VDC at + 85C, 13 VDC at + 125C 82 330 560 1000 A B C D 769D826X0020A2 769D337X0020B2 769D567X0020C2 769D108X0020D2 25 30 40 40 50 21 20 21 2 3 5 8 9 16 20 28 -40 -60 -70 -70 +16 +20 +25 +25 +16 +20 +25 +25 70 280 510 750
25 VDC at + 85C, 15 VDC at + 125C 10 22 50 68 100 180 270 350 350 470 510 750 820 A A A A B C B C D C C D D 769D106X0025A2 769D226X0025A2 769D506X0025A2 769D686X0025A2 769D107X0025B2 769D187X0025C2 769D277X0025B2 769D357X0025C2 769D357X0025D2 769D477X0025C2 769D517X0025C2 769D757X0025D2 769D827X0025D2 4 7 18 22 15 46 24 27 25 33 33 36 40 190 140 80 50 50 32 22 26 24 18 16 18 17 1 1 2 2 1 2 3 7 7 6 7 8 9 2 2 9 9 10 18 16 28 28 24 28 29 30 -16 -20 -35 -35 -28 -48 -45 -60 -80 -60 -60 -60 -60 +9 +12 +15 +15 +15 +15 +16 +25 +25 +25 +25 +25 +25 +9 +12 +15 +15 +15 +15 +16 +25 +25 +25 +25 +25 +25 70 80 80 80 250 500 280 500 850 510 510 750 750
www.vishay.com 38
For technical questions, contact eurowettant@vishay.com
Document Number: 40055 Revision 17-Oct-03
769D (CECC 30202-013)
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode TANTALEX(R) Capacitors CECC 30202-013 Approved
STANDARD RATINGS
Max. DF at + 25C (%) Max. IMP. at - 55C 120 Hz (Ohms) Max. DCL (A) at + 25C + 85C + 125C Max. CAPACITANCE CHANGE (%) at - 55C Max. RMS RIPPLE 120 Hz + 85C + 125C (mA)
Vishay Tansitor
CAPACITANCE (F)
CASE CODE
PART NUMBER*
30 VDC at + 85C, 20 VDC at + 125C 8 15 40 56 68 100 150 180 200 220 300 300 390 430 620 680 A A B A B C C B B B C D C C D D 769D805X0030A2 769D156X0030A2 769D406X0030B2 769D566X0030A2 769D686X0030B2 769D107X0030C2 769DL57X0030C2 769D187X0030B2 769D207X0030B2 769D227X0030B2 769D307X0030C2 769D307X0030D2 769D397X0030C2 769D437X0030C2 769D627X0030D2 769D687X0030D2 4 8 10 20 26 16 38 21 21 23 25 27 27 27 32 36 235 175 80 55 60 45 35 27 25 25 18 25 15 15 22 20 1 1 1 2 1 2 2 3 3 3 7 4 6 7 8 7 2 2 5 9 8 12 18 16 16 16 28 31 24 28 29 25 -16 -20 -24 -32 -24 -28 -48 -40 -40 -40 -55 -60 -55 -55 -60 -60 +12 +12 +12 +15 +15 +12 +15 +16 +16 +16 +25 +25 +20 +25 +20 +25 +12 +12 +12 +15 +15 +12 +15 +16 +16 +16 +25 +25 +25 +25 +25 +25 60 80 250 70 250 500 500 280 280 280 500 820 510 510 750 750
35 VDC at + 85C, 23 VDC at + 125C 39 47 150 330 470 480 560 A A B C D D D 769D396X0035A2 769D476X0035A2 769D157X0035B2 769D337X0035C2 769D477X0035D2 769D487X0035D2 769D567X0035D2 18 18 20 26 28 28 29 80 60 30 20 25 25 24 2 2 3 6 7 8 8 9 9 16 24 25 29 32 -32 -32 -40 -55 -60 -60 -60 +15 +15 +16 +25 +25 +25 +25 +15 +15 +16 +25 +25 +25 +25 70 70 270 500 750 750 750
50 VDC at + 85C, 30 VDC at + 125C 5 10 25 25 33 47 60 82 120 160 160 270 360 390 A A A B A B C B B C D C D D 769D505X0050A2 769D106X0050A2 769D256X0050A2 769D256X0050B2 769D336X0050A2 769D476X0050B2 769D606X0050C2 769D826X0050B2 769D127X0050B2 769D167X0050C2 769D167X0050D2 769D277X0050C2 769D367X0050D2 769D397X0050D2 3 5 14 10 16 18 12 21 18 30 15 24 24 25 355 250 135 90 120 70 50 45 26 35 27 16 22 20 1 1 3 1 2 1 2 2 3 12 5 7 8 8 2 2 12 5 9 9 12 16 18 48 40 28 32 32 -16 -24 -24 -20 -24 -28 -16 -32 -35 -40 -50 -40 -45 -45 +6 +9 +12 +12 +12 +15 +12 +15 +15 +25 +20 +25 +25 +25 +6 +9 +12 +12 +12 +15 +12 +15 +15 +25 +20 +25 +25 +25 60 80 70 250 70 250 500 270 280 500 750 510 750 750
60 VDC at + 85C, 40 VDC at + 125C 4 8.2 20 20 27 39 50 50 68 100 140 140 220 300 330 A A A B A B B C C B C D C D D 763D405X0060A2 769D825X0060A2 769D206X0060A2 769D206X0060B2 769D276X0060A2 769D396X0060B2 769D506X0060B2 769D506X0060C2 769D686X0060C2 769D107X0060B2 769D147X0060C2 769D147X0060D2 769D227X0060C2 769D307X0060D2 769D337X0060D2 3 4 7 6 14 18 9 9 27 15 18 21 18 21 23 405 275 120 105 90 90 75 55 50 28 32 28 17 21 23 1 1 1 1 3 1 2 2 2 4 7 8 7 8 9 2 2 5 5 12 9 12 12 16 20 28 32 28 32 36 -16 -24 -20 -16 -20 -28 -30 -16 -32 -30 -35 -40 -35 -45 -45 +6 +9 +12 +12 +12 +12 +15 +12 +12 +15 +20 +20 +20 +20 +20 +6 +9 +12 +12 +12 +12 +15 +12 +12 +15 +20 +20 +20 +20 +20 50 60 70 250 70 250 250 500 500 280 500 750 510 750 750
Document Number: 40055 Revision 17-Oct-03
For technical questions, contact eurowettant@vishay.com
www.vishay.com 39
769D (CECC 30202-013)
Vishay Tansitor
STANDARD RATINGS
Max. DF at + 25C (%) Max. IMP. at - 55C 120 Hz (Ohms) Max. DCL (A) at + 25C + 85C + 125C Max. CAPACITANCE CHANGE (%) at - 55C Max. RMS RIPPLE 120 Hz + 85C + 125C (mA)
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode TANTALEX(R) Capacitors CECC 30202-013 Approved
CAPACITANCE (F)
CASE CODE
PART NUMBER*
75 VDC at + 85C, 50 VDC at + 125C 6.8 8.2 12 15 15 18 22 33 40 47 56 56 68 82 100 110 110 120 150 180 220 240 270 A A A A B A A B C B B C B B C C D C C C D D D 769D685X0075A2 769D825X0075A2 769D126X0075A2 769D156X0075A2 769D156X0075B2 769D186X0075A2 769D226X0075A2 769D336X0075B2 769D406X0075C2 769D476X0075B2 769D566X0075B2 769D566X0075C2 769D686X0075B2 769D826X0075B2 769D107X0075C2 769D117X0075C2 769D117X0075D2 769D127X0075C2 769D157X0075C2 769D187X0075C2 769D227X0075D2 769D247X0075D2 769D277X0075D2 4 12 12 12 6 12 12 15 13 20 20 22 12 12 18 18 15 18 18 18 16 17 18 300 200 155 130 135 100 80 90 60 75 70 60 42 30 33 33 29 28 24 17 24 24 22 1 1.5 2 3 1 3 3 1 2 3.5 2 2 4 4 8 8 5 6 7 8 9 9 10 2 7 9 12 5 12 12 10 12 20 16 17 24 24 32 32 36 26 28 32 36 36 40 -20 -16 -16 -16 -16 -16 -16 -24 -16 -25 -25 -28 -25 -25 -30 -30 -35 -30 -30 -30 -40 -40 -30 +9 +12 +12 +12 +9 +12 +12 +15 +12 +15 +15 +15 +15 +15 +20 +20 +20 +20 +20 +20 +20 +20 +20 +9 +12 +12 +12 +9 +12 +12 +15 +12 +15 +15 +15 +15 +15 +20 +20 +20 +20 +20 +20 +20 +20 +20 60 60 70 70 250 70 70 250 500 260 260 500 280 280 500 500 750 500 500 510 750 750 750
100 VDC at + 85C, 70 VDC at + 125C 4.7 10 11 22 30 39 43 68 86 120 A A B B C B C C D D 769D475X0100A2 769D106X0100A2 769D116X0100B2 769D226X0100B2 769D306X0100C2 769D396X0100B2 769D436X0100C2 769D686X0100C2 769D866X0100D2 769D127X0100D2 3 12 4 10 8 20 16 18 15 25 500 200 200 100 85 80 70 40 30 36 1 3 1 1 2 5 2 10 5 12 2 12 4 9 12 24 17 40 35 48 -16 -16 -16 -16 -16 -25 -20 -30 -25 -40 +6 +12 +6 +6 +8 +15 +8 +20 +20 +20 +6 +12 +6 +6 +8 +15 +8 +20 +20 +20 60 60 250 250 500 250 500 500 750 750
125 VDC at + 85C, 85 VDC at + 125C 3.6 6.8 9 9 14 25 27 47 80 82 A A A B B C B C D D 769D365X0125A2 769D685X0125A2 769D905X0125A2 769D905X0125B2 769D146X0125B2 769D256X0125C2 769D276X0125B2 769D476X0125C2 769D806X0125D2 769D826X0125D2 4 12 12 9 10 16 20 18 20 25 615 300 240 220 160 120 90 50 34 40 1 3 4 1 1 2 5 10 9 12 2 12 15 5 7 13 24 40 50 48 -16 -16 -16 -16 -16 -16 -25 -30 -20 -40 +8 +12 +12 +6 +7 +10 +15 +20 +20 +20 +8 +12 +12 +6 +7 +10 +15 +20 +20 +20 50 50 50 250 250 500 250 500 750 750
www.vishay.com 40
For technical questions, contact eurowettant@vishay.com
Document Number: 40055 Revision 17-Oct-03


▲Up To Search▲   

 
Price & Availability of 769D306X9006A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X