Part Number Hot Search : 
B0416 AOL1436 SMF36CA NTE336 SM4112 U7004B T7500 MCJ10A
Product Description
Full Text Search
 

To Download 7511IB7D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED SPECIFICATION
Part No.7511IB7D
Features
Single color High bright output Low power consumption High reliability and long life
5.20.1
3.80.1
10.60.5 1.00.1
CATHODE
7.00.1
1.0Max
1.10.1 25.4Min
Descriptions
Dice materialInGaN Emitting ColorSuper Bright Blue Device Outline5.2x3.8mm Oval Type Lens TypeBlue Diffused
NOTE:
1.50.5 2.54 0.1
0.50.1
All dimensions are millimetres. Tolerance is +/-0.25mm unless otherivise noted
DIRECTIVITY
1.0 0 Ta=25 C X IF=20mA Y 30
Y X
Relative Luminous
0.5
60
0
90
60
30
0
0.5
90 1.0
Radiation Angle
Page: 1 of 1
LED SPECIFICATION
Part No.7511IB7D
Absolute maximum ratingsTa = 25
Parameter Reverse Voltage Forward Current Power Dissipation Pulse Current Operating Temperature Storage Temperature Symbol VR IF Pd Ipeak Topr Tstr Test Condition Value Min. 5 ----------20 -25 Max. -30 105 100 +85 +100 Unit V mA mW mA
IR = 30A ------Duty=0.1mS1kHz -------
Electrical and optical characteristics Ta = 25
Parameter Forward Voltage Reverse Current Dominate Wavelength Spectral Line half-width Luminous Intensity Viewing Angle Symbol VF IR d IV 21/2 Test Condition Value Min. ------------------Typ. 3.2 ---470 22 400 110/50 Max. 3.5 30 ------------Unit V A nm nm mcd Deg.
IF = 20mA VR = 5V IF = 20mA IF = 20mA IF = 20mA IF = 20mA
Page: 2 of 3
LED SPECIFICATION
Part No.7511IB7D
Typical electrical/optical characteristic curves
50 Forward Current(mA) 40 30 20 10 0 2.0 2.4 2.8 3.2 3.6 Forward Voltage(V) 4.0 FORWARD CURRENT Vs FORWARD VOLTAGE 2.5 Luminous Intensity Relative Value at IF=20mA 2.0 1.5 1.0 0.5 0 0 30 40 10 20 IF-Forward Current (mA) 50 LUMINOUS INTENSITY Vs. FORWARD CURRENT
50 Forward Current(mA) 40 30 20 10 0 0
FORWARD CURRENT DERATING CURVE Relative Luminous Intensity
LUMINOUS INTENSITY Vs. AMBIENT TEMPERATURE 2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20 60 80 40 Ambient Temperature TA () 100
20
40
60
80
100
Ambient Temperature TA ()
Relative Luminous Intensity
100 75 50 25 0 400 450 500 550 600 650 700
Wavelength (nm)
Page: 3 of 3


▲Up To Search▲   

 
Price & Availability of 7511IB7D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X