Part Number Hot Search : 
R7807Z 2SK304 GL3T422 MP7641 KBJ401G IRF4905 HC20FK M0205H
Product Description
Full Text Search
 

To Download 74VCX162244MTDX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VCX162244 Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26: Series Resistor in Outputs
August 1997 Revised June 2005
74VCX162244 Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26: Series Resistor in Outputs
General Description
The VCX162244 contains sixteen non-inverting buffers with 3-STATE outputs to be employed as a memory and address driver, clock driver, or bus oriented transmitter/ receiver. The device is nibble (4-bit) controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation. The 74VCX162244 is designed for low voltage (1.2V to 3.6V) VCC applications with I/O capability up to 3.6V. The 74VCX162244 is also designed with 26: series resistors in the outputs. This design reduces line noise in applications such as memory address drivers, clock drivers, and bus transceivers/transmitters. The 74VCX162244 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.
Features
s 1.2V to 3.6V VCC supply operation s 3.6V tolerant inputs and outputs s 26: series resistors in outputs s tPD
3.3 ns max for 3.0V to 3.6V VCC
s Power-off high impedance inputs and outputs s Supports live insertion and withdrawal s Static Drive (IOH/IOL)
r12 mA @ 3.0V VCC
s Uses patented noise/EMI reduction circuitry s Latch-up performance exceeds 300 mA s ESD performance:
Human body model ! 2000V Machine model ! 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA)
Note 1: To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Order Number 74VCX162244G (Note 2)(Note 3) 74VCX162244MTD (Note 3) Package Number BGA54A MTD48 Package Description 54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Note 2: Ordering Code "G" indicates Trays. Note 3: Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbol
(c) 2005 Fairchild Semiconductor Corporation
DS500040
www.fairchildsemi.com
74VCX162244
Connection Diagrams
Pin Assignment for TSSOP
Pin Descriptions
Pin Names OEn I0-I15 O0-O15 NC Description Output Enable Input (Active LOW) Inputs Outputs No Connect
FBGA Pin Assignments
1 A B C D E F G H J O0 O2 O4 O6 O8 O10 O12 O14 O15 2 NC O1 O3 O5 O7 O9 O11 O13 NC 3 OE1 NC VCC GND GND GND VCC NC OE4 4 OE2 NC VCC GND GND GND VCC NC OE3 5 NC I1 I3 I5 I7 I9 I11 I13 NC 6 I0 I2 I4 I6 I8 I10 I12 I14 I15
Truth Tables
Pin Assignment for FBGA OE1 L L H Inputs OE2 L L H (Top Thru View) Inputs OE3 L L H Inputs OE4 L L H I12-I15 L H X I8-I11 L H X Outputs O8-O11 L H Z Outputs O12-O15 L H Z I4-I7 L H X Inputs I0-I3 L H X Outputs O0-O3 L H Z Outputs O4-O7 L H Z
H HIGH Voltage Level L LOW Voltage Level X Immaterial (HIGH or LOW, inputs may not float) Z High Impedance
www.fairchildsemi.com
2
74VCX162244
Functional Description
The 74VCX162244 contains sixteen non-inverting buffers with 3-STATE outputs. The device is nibble (4 bits) controlled with each nibble functioning identically, but independent of each other. The control pins may be shorted together to obtain full 16-bit operation.The 3-STATE outputs are controlled by an Output Enable (OEn) input. When OEn is LOW, the outputs are in the 2-state mode. When OEn is HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the inputs.
Logic Diagram
3
www.fairchildsemi.com
74VCX162244
Absolute Maximum Ratings(Note 4)
Supply Voltage (VCC) DC Input Voltage (VI) Output Voltage (VO) Outputs 3-STATE Outputs Active (Note 5) DC Input Diode Current (IIK) VI 0V DC Output Diode Current (IOK) VO 0V VO ! VCC DC Output Source/Sink Current (IOH/IOL) DC VCC or GND Current per Supply Pin (ICC or GND) Storage Temperature Range (TSTG)
0.5V to 4.6V 0.5V to 4.6V 0.5V to 4.6V 0.5V to VCC 0.5V 50 mA 50 mA 50 mA r50 mA r100 mA 65qC to 150qC
Recommended Operating Conditions (Note 6)
Power Supply Operating Data Retention Only Input Voltage Output Voltage (VO) Output in Active States Output in 3-State Output Current in IOH/IOL VCC VCC VCC VCC VCC 3.0V to 3.6V 2.3V to 2.7V 1.65V to 2.3V 1.4V to 1.6V 1.2V 0V to VCC 0.0V to 3.6V 1.2V to 3.6V 1.2V to 3.6V
0.3V to 3.6V
Free Air Operating Temperature (TA) Minimum Input Edge Rate ('t/'V) VIN 0.8V to 2.0V, VCC 3.0V
r12 mA r8 mA r3 mA r2 mA r100 PA 40qC to 85qC
10 ns/V
Note 4: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 5: IO Absolute Maximum Rating must be observed. Note 6: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics (2.7V VCC d 3.6V)
Symbol VIH Parameter HIGH Level Input Voltage Conditions VCC (V) 2.7 - 3.6 2.3 - 2.7 1.65 - 2.3 1.4 - 1.6 1.2 VIL LOW Level Input Voltage 2.7 - 3.6 2.3 - 2.7 1.65 - 2.3 1.4 - 1.6 1.2 VOH HIGH Level Output Voltage IOH IOH IOH IOH IOH IOH IOH IOH IOH IOH IOH IOH IOH Min 2.0 1.6 0.65 x VCC 0.65 x VCC 0.65 x VCC 0.8 0.7 0.35 x VCC 0.35 x VCC 0.5 x VCC VCC - 0.2 2.2 2.4 2.2 VCC - 0.2 2.0 1.8 1.7 VCC - 0.2 1.25 VCC - 0.2 1.05 VCC - 0.1 V V V Max Units
100 PA 6 mA 8 mA 12 mA 100 PA 4 mA 6 mA 8 mA 100 PA 3 mA 100 PA 1 mA 100 PA
2.7 - 3.6 2.7 3.0 3.0 2.7 - 3.6 2.3 2.3 2.3 1.65 - 2.3 1.65 1.4 - 1.6 1.4 1.2
www.fairchildsemi.com
4
74VCX162244
DC Electrical Characteristics (2.7V < VCC 3.6V)
Symbol VOL Parameter LOW Level Output Voltage IOL IOL IOL IOL IOL IOL IOL IOL IOL IOL IOL IOL II IOZ IOFF ICC Input Leakage Current 3-STATE Output Leakage Power-OFF Leakage Current Quiescent Supply Current Increase in ICC per Input 100 PA 6 mA 8 mA 12 mA 100 PA 6 mA 8 mA 100 PA 3 mA 100 PA 1 mA 100 PA Conditions
(Continued)
VCC (V) 2.7 - 3.6 2.7 3.0 3.0 2.7 - 3.6 2.3 2.3 0.2 0.4 0.55 0.8 0.2 0.4 0.6 0.2 0.3 0.2 0.35 0.1 V
Min
Max
Units
1.65 - 2.3 1.65 1.4 - 1.6 1.4 1.2 1.2 - 3.6 1.2 - 3.6 0 1.2 - 3.6 1.2 - 3.6 2.7 - 3.6
0 d VI d 3.6V 0 d VO d 3.6V VI VI VIH V IH or VIL V CC or GND VCC 0.6V 0 d (VI, VO) d 3.6V VCC d (VI, VO) d 3.6V (Note 7)
r5.0 r10
10 20
PA PA PA PA PA
r20
750
'ICC
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 8)
Symbol tPHL, tPLH CL tPZL, tPZH CL tPLZ, tPHZ CL tOSHL tOSLH Output to Output Skew (Note 9) CL
Note 8: For CL
Parameter Propagation Delay CL
Conditions 30 pF, RL 500:
VCC (V) 3.3 r 0.3 2.5 r 0.2 1.8 r 0.15
TA
40qC to 85qC
Max 3.3 3.8 7.6 15.2 38 3.8 5.1 9.8 19.6 49 3.6 4.0 7.2 14.4 36 0.5 0.5 0.75 1.5 1.5
Min 0.8 1.0 1.5 1.0 1.5 0.8 1.0 1.5 1.0 1.5 0.8 1.0 1.5 1.0 1.5
Units
Figure Number Figures 1, 2
ns Figures 5, 6 Figures 1, 3, 4 ns Figures 5, 7, 8 Figures 1, 3, 4 ns Figures 5, 7, 8
15 pF, RL 30 pF, RL
2k: 500:
1.5 r 0.1 1.2 3.3 r 0.3 2.5 r 0.2 1.8 r 0.15
Output Enable Time
CL
15 pF, RL 30 pF, RL
2k: 500:
1.5 r 0.1 1.2 3.3 r 0.3 2.5 r 0.2 1.8 r 0.15
Output Disable Time
CL
15 pF, RL 30 pF, RL
2k: 500:
1.5 r 0.1 1.2 3.3 r 0.3 2.5 r 0.2 1.8 r 0.15
CL
ns
15 pF, RL
2k:
1.5 r 0.1 1.2
50 PF, add approximately 300 ps to the AC maximum specification.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
5
www.fairchildsemi.com
74VCX162244
Dynamic Switching Characteristics
Symbol VOLP Parameter Quiet Output Dynamic Peak VOL CL 30 pF, VIH Conditions VCC, VIL 0V VCC (V) 1.8 2.5 3.3 VOLV Quiet Output Dynamic Valley VOL CL 30 pF, VIH VCC, VIL 0V 1.8 2.5 3.3 VOHV Quiet Output Dynamic Valley VOH CL 30 pF, VIH VCC, VIL 0V 1.8 2.5 3.3 TA 25qC Typical 0.15 0.25 0.35 V Units
0.15 0.25 0.35
1.55 2.05 2.65 V V
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter VCC VI VI Conditions 1.8, 2.5V or 3.3V, VI 0V or VCC, VCC 0V or VCC, f 0V or VCC 1.8V, 2.5V or 3.3V TA 25qC Typical 6 7 20 Units pF pF pF
1.8V, 2.5V or 3.3V
10 MHz, VCC
www.fairchildsemi.com
6
74VCX162244
AC Loading and Waveforms (VCC 3.3V r 0.3V to 1.8V r 0.15V)
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
SWITCH Open 6V at VCC 3.3 r 0.3V; VCC x 2 at VCC 2.5 r 0.2V; 1.8 r 0.15V GND FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
FIGURE 3. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic Symbol Vmi Vmo VX VY VCC 3.3V r 0.3V 1.5V 1.5V VOL 0.3V VOH 0.3V 2.5V r 0.2V VCC/2 VCC/2 VOL 0.15V VOH 0.15V 1.8V r 0.15V VCC/2 VCC/2 VOL 0.15V VOH 0.15V
7
www.fairchildsemi.com
74VCX162244
AC Loading and Waveforms (VCC 1.5V r 0.1V to 1.2V)
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
SWITCH Open VCC x 2 at VCC GND FIGURE 5. AC Test Circuit 1.5V r 0.1V
FIGURE 6. Waveform for Inverting and Non-Inverting Functions
FIGURE 7. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 8. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic Symbol Vmi Vmo VX VY VCC 1.5V r 0.1V VCC/2 VCC/2 VOL 0.1V VOL 0.1V
www.fairchildsemi.com
8
74VCX162244
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide Package Number BGA54A
9
www.fairchildsemi.com
74VCX162244 Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26: Series Resistor in Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 10 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74VCX162244MTDX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X