Part Number Hot Search : 
A986A KI5902DC 53100 PL4V3Z NR301E VRE111CA 05D15 X5328S8
Product Description
Full Text Search
 

To Download 74V1G384STR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74V1G384
SINGLE HIGH SPEED BUS SWITCH
s s
s
s
s s
HIGH SPEED: tPD = 0.5ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 1A(MAX.) at TA=25C LOW "ON" RESISTANCE at VCC=5.0V: RON= 7 (TYP), VIN=0V, II/O=30mA RON= 14 (TYP), VIN=2.4V, II/O=15mA OPERATING VOLATGE RANGE: VCC (OPR.) = 3.0V TO 5.5V 5V TOLERANT ON CONTROL PIN HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.)
SOT23-5L
SOT323-5L
ORDER CODES
PACKAGE SOT23-5L SOT323-5L T&R 74V1G384STR 74V1G384CTR
DESCRIPTION The 74V1G384 is an advanced high-speed CMOS SINGLE HIGH SPEED BUS SWITCH fabricated in silicon gate C2MOS technology. It's designed to operate from 3V to 5.5V, making this device ideal for portable applications. It's offers 7 Resistance typical value at VCC=5V. Additional key feature are fast switching speed (tON=3.8ns, tOFF=3.3ns Typical) and Low Power Consumption.
The OE input is provided to control the switch; the switch is ON when the OE input is held low and OFF when OE is held high. It's available in the commercial and extended temperature range in SOT23-5L and SC-70-5L package.
PIN CONNECTION AND IEC LOGIC SYMBOLS
April 2004
1/9
74V1G384
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN N 1 2 4 3 5 SYMBOL I/O O/I OE GND VCC NAME AND FUNCTION Independent Input/Output Independent Output/Input Enable Input (Active HIGH) Ground (0V) Positive Supply Voltage
TRUTH TABLE
OE L H
* High Impedance State
SWITCH FUNCTION ON OFF *
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VIC VO IIK IIK IOK IO Supply Voltage DC Input Voltage DC Control Input Voltage DC Output Voltage DC Input Diode Current DC Control Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7.0 -0.5 to VCC + 0.5 -0.5 to +7.0 -0.5 to VCC + 0.5 20 - 20 20 50 50 -65 to +150 300 Unit V V V V mA mA mA mA mA C C
ICC or IGND DC VCC or Ground Current Tstg Storage Temperature TL Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VIC VO Top dt/dv Supply Voltage Input Voltage Control Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 1) VCC = 5.0V Parameter Value 3 to 5.5 0 to VCC 0 to 5.5 0 to VCC -55 to 125 0 to 20 Unit V V V V C ns/V
1) VIN from 30% to 70% of VCC on control pin
2/9
74V1G384
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 3.0 to 5.5 2.0 3.0 to 5.5 3.0 VIC = VIL VI/O = GND II/O 30 mA VIC = VIL VI/O = GND II/O 30 mA VIC = VIL VI/O = 1.5V II/O 15 mA VIC = VIL VI/O = 2.4V II/O 15 mA VOS = VCC to GND VIS = VCC to GND VIC = VIL VIC = 5.5V or GND VI = VCC or GND TA = 25C Min. 1.5 0.7VCC 0.5 0.3VCC 9 Typ. Max. Value -40 to 85C Min. 1.5 0.7VCC 0.5 0.3VCC 13 Max. -55 to 125C Min. 1.5 0.7VCC 0.5 0.3VCC 20 V V Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage ON Resistance
VIL
RON
4.5
7
10
15
RON
ON Resistance
3.0
20
40
60
4.5
14
28
40
IOFF
Input/Output Leakage Current (SWITCH OFF) Control Input Leakage Current Quiescent Supply Current
5.5 0 to 5.5 5.5
0.1 0.1 1
1 1.0 10
10 1.0 20
A A A
IIN ICC
AC ELECTRICAL CHARACTERISTICS (CL = 50pF, Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3 5.0 tPLZ tPHZ Output Disable Time
(*)
Value TA = 25C Min. Typ. 0.8 0.5 8.5 3.8 7.3 3.3 Max. 1.2 0.8 12.0 6.5 12.0 5.0 -40 to 85C Min. Max. 1.5 1.0 14.0 9.0 14.0 7.5 -55 to 125C Min. Max. 2.0 1.5 16.0 10.0 16.0 ns 8.5 ns ns Unit
tPD
Delay Time
tr = tf = 6ns tr = tf = 6ns R1 = 500 VIN=1.5V R1 = 500 VIN=2.4V R1 = 1K VIN=1.5V R1 = 1K VIN=2.4V
(**)
3.3(*) 5.0(**) 3.3(*)
tPZL tPZH
Output Enable Time
5.0(**)
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V
3/9
74V1G384
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 4 7 3.3 5.0 2.5 3 pF Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CI/O CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
4/9
74V1G384
SOT23-5L MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b C D E e H L 2.60 0.10 0.90 0.00 0.90 0.35 0.09 2.80 1.50 0.95 3.00 0.60 102.3 3.9 TYP MAX. 1.45 0.10 1.30 0.50 0.20 3.00 1.75 MIN. 35.4 0.0 35.4 13.7 3.5 110.2 59.0 37.4 118.1 23.6 TYP. MAX. 57.1 3.9 51.2 19.7 7.8 118.1 68.8 mils
.
7049676C
5/9
74V1G384
SOT323-5L MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b C D E E1 e e1 L 0.10 0.80 0.00 0.80 0.15 0.10 1.80 1.80 1.15 0 .65 1.3 0.30 3.9 TYP MAX. 1.10 0.10 1.00 0.30 0.18 2.20 2.40 1.35 MIN. 31.5 0.0 31.5 5.9 3.9 70.9 70.9 45.3 25.6 51.2 11.8 TYP. MAX. 43.3 3.9 39.4 11.8 7.1 86.6 94.5 53.1 mils
6/9
74V1G384
Tape & Reel SOT23-xL MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 3.13 3.07 1.27 3.9 3.9 3.23 3.17 1.37 4.0 4.0 12.8 20.2 60 14.4 3.33 3.27 1.47 4.1 4.1 0.123 0.120 0.050 0.153 0.153 0.127 0.124 0.054 0.157 0.157 13.0 TYP MAX. 180 13.2 0.504 0.795 2.362 0.567 0.131 0.128 0.0.58 0.161 0.161 0.512 MIN. TYP. MAX. 7.086 0.519 inch
7/9
74V1G384
Tape & Reel SOT323-xL MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 3.9 3.8 2.25 2.7 1.2 4 4 4.1 4.2 0.153 0.149 175 12.8 20.2 59.5 60 60.5 14.4 0.088 0.106 0.047 0.157 0.157 0.161 0.165 TYP 180 13 MAX. 185 13.2 MIN. 6.889 0.504 0.795 2.362 0.567 TYP. 7.086 0.512 MAX. 7.283 0.519 inch
8/9
74V1G384
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of 74V1G384STR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X