Part Number Hot Search : 
KE180 HM63921 3425L ML4880 OM5216RT RT33L012 74AC2 GLZ12C
Product Description
Full Text Search
 

To Download 74LVX373SJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX373 Low Voltage Octal Transparent Latch with 3-STATE Outputs
June 1993 Revised April 2005
74LVX373 Low Voltage Octal Transparent Latch with 3-STATE Outputs
General Description
The LVX373 consists of eight latches with 3-STATE outputs for bus organized system applications. The latches appear transparent to the data when Latch Enable (LE) is HIGH. When LE is LOW, the data satisfying the input timing requirements is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the bus output is in the high impedance state. The inputs tolerate up to 7V allowing interface of 5V systems to 3V systems.
Features
s Input voltage translation from 5V to 3V s Ideal for low power/low noise 3.3V applications s Guaranteed simultaneous switching noise level and dynamic threshold performance
Ordering Code:
Order Number 74LVX373M 74LVX373SJ 74LVX373MTC Package Number M20B M20D MTC20 Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Pb-Free package per JEDED J-STD-020B.
Logic Symbols
Pin Descriptions
Pin Names D0-D7 LE OE Data Inputs Latch Enable Input Output Enable Input 3-STATE Latch Outputs Description
IEEE/IEC
O0-O7
Truth Table
Inputs LE X H OE H L L L Dn X L H X Outputs On Z L H O0
Connection Diagram
H L Z X O0
H L
HIGH Voltage Level LOW Voltage Level High Impedance Immaterial Previous O0 before HIGH-to-LOW transition of Latch Enable
(c) 2005 Fairchild Semiconductor Corporation
DS011613
www.fairchildsemi.com
74LVX373
Functional Description
The LVX373 contains eight D-type latches with 3-STATE standard outputs. When the Latch Enable (LE) input is HIGH, data on the Dn inputs enters the latches. In this condition the latches are transparent, i.e., a latch output will change state each time its D input changes. When LE is LOW, the latches store the information that was present on the D inputs a setup time preceding the HIGH-to-LOW transition of LE. The 3-STATE standard outputs are controlled by the Output Enable (OE) input. When OE is LOW, the standard outputs are in the 2-state mode. When OE is HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the latches.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74LVX373
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC ) DC Input Diode Current (IIK) VI
0.5V to 7.0V 20 mA 0.5V to 7V 20 mA 20 mA 0.5V to VCC 0.5V r25 mA r75 mA 65qC to 150qC
180 mW
Recommended Operating Conditions (Note 2)
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Input Rise and Fall Time ('t/'V) 2.0V to 3.6V 0V to 5.5V 0V to VCC
0.5V
DC Input Voltage (VI) DC Output Diode Current (IOK) VO VO
40qC to 85qC
0 ns/V to 100 ns/V
0.5V VCC 0.5V
DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current (ICC or IGND) Storage Temperature (TSTG) Power Dissipation
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage VIL LOW Level Input Voltage VOH HIGH Level Output Voltage VOL LOW Level Output Voltage IOZ IIN ICC 3-STATE Output Off-State Current Input Leakage Current Quiescent Supply Current 3.6 3.6 VCC 2.0 3.0 3.6 2.0 3.0 3.6 2.0 3.0 3.0 2.0 3.0 3.0 3.6 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 2.0 3.0 TA Min 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.48 0.1 0.1 0.44 V VIN V
25qC
Typ Max
TA
40qC to 85qC
Min 1.5 2.0 2.4 0.5 0.8 0.8 Max
Units
Conditions
V
V VIN VIH or VIL IOH IOH IOH VIH or VIL IOL IOL IOL VIN VOUT VIN VIN VIH or VIL VCC or GND 5.5V or GND VCC or GND
50 PA 50 PA 4 mA
50 PA 50 PA 4 mA
r0.25 r0.1
4.0
r2.5 r1.0
40.0
PA PA PA
Noise Characteristics (Note 3)
Symbol VOLP VOLV VIHD VILD Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage
tf 3 ns.
VCC (V) 3.3 3.3 3.3 3.3
TA Typ 0.5
25qC Limit 0.8
Units V V V V
CL (pF) 50 50 50 50
0.5
0.8
2.0 0.8
Note 3: Input tr
3
www.fairchildsemi.com
74LVX373
AC Electrical Characteristics
Symbol tPLH tPHL Parameter Propagation Delay Time Dn to On 3.3 r 0.3 tPLH tPHL Propagation Delay Time LE to On 3.3 r 0.3 tPZL tPZH 3-STATE Output Enable Time 3.3 r 0.3 tPLZ tPHZ tW tS tH tOSLH tOSHL 3-STATE Output Disable Time LE Pulse Width, HIGH Setup Time, Dn to LE Hold Time, Dn to LE Output to Output Skew (Note 4) 2.7 3.3 r 0.3 2.7 3.3 r 0.3 2.7 3.3 r 0.3 2.7 3.3 r 0.3 2.7 3.3
|tPLHm tPLHn|, tOSHL
VCC (V) 2.7 Min
TA
25qC
Typ 7.7 10.2 6.0 8.5 7.5 10.0 5.8 8.3 7.7 10.2 6.0 8.5 9.8 8.2 Max 15.0 18.5 9.7 13.2 14.5 18.0 9.3 12.8 15.0 18.5 9.7 13.2 18.0 12.8
TA
40qC to 85qC
Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 7.5 5.0 6.0 4.0 1.0 1.0 Max 18.5 22.0 11.5 15.0 17.5 21.0 11.0 14.5 18.5 22.0 11.5 15.0 21.0 14.5
Units CL ns CL CL CL CL ns CL CL CL CL ns CL CL CL ns ns ns ns CL CL
Conditions 15 pF 50 pF 15 pF 50 pF 15 pF 50 pF 15 pF 50 pF 15 pF, RL 50 pF, RL 15 pF, RL 50 pF, RL 50 pF, RL 50 pF, RL 1 k: 1 k: 1 k: 1 k: 1 k: 1 k:
2.7
2.7
6.5 5.0 6.0 4.0 1.0 1.0 1.5 1.5
|tPHLm tPHLn|
1.5 1.5
ns
CL
50 pF
Note 4: Parameter guaranteed by design. tOSLH
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (Note 5)
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Parameter
TA Min
25qC
Typ 4 6 27 Max 10
TA
40qC to 85qC
Min Max 10
Units pF pF pF
www.fairchildsemi.com
4
74LVX373
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
5
www.fairchildsemi.com
74LVX373
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
www.fairchildsemi.com
6
74LVX373 Low Voltage Octal Transparent Latch with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVX373SJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X