Part Number Hot Search : 
EM4222 60T04 TLR363T ST7530 KK555D C3420 C8110 C13005
Product Description
Full Text Search
 

To Download 74LVX132SJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX132 Low Voltage Quad 2-Input NAND Schmitt Trigger
October 1996 Revised February 2005
74LVX132 Low Voltage Quad 2-Input NAND Schmitt Trigger
General Description
The LVX132 contains four 2-input NAND Schmitt Trigger Gates. The pin configuration and function are the same as the LVX00 but the inputs have hysteresis between the positive-going and negative-going input thresholds, which are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals, thus providing greater noise margins than conventional gates. The inputs tolerate voltages up to 7V allowing the interface of 5V systems to 3V systems.
Features
s Input voltage level translation from 5V to 3V s Ideal for low power/low noise 3.3V applications s Guaranteed simultaneous switching noise level and dynamic threshold performance
Ordering Code:
Order Number 74LVX132M 74LVX132SJ 74LVX132MTC 74LVX132MTCX_NL (Note 1) Package Number M14A M14D MTC14 MTC14 Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Diagram
Connection Diagram
Pin Descriptions
Pin Names An, Bn Yn (c) 2005 Fairchild Semiconductor Corporation DS012159 Descriptions Inputs Outputs
www.fairchildsemi.com
74LVX132
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI
0.5V to 7.0V 20 mA 0.5V to 7V 20 mA 20 mA 0.5V to VCC 0.5V r25 mA r50 mA 65qC to 150qC
180 mW
Recommended Operating Conditions (Note 3)
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Input Rise and Fall Time ('t/'V) 2.0V to 3.6V 0V to 5.5V 0V to VCC
0.5V
DC Input Voltage (VI) DC Output Diode Current (IOK) VO VO
40qC to 85qC
0 ns/V to 100 ns/V
0.5V VCC 0.5V
DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current (ICC or IGND ) Storage Temperature (TSTG) Power Dissipation
Note 2: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol Vt Vt VH VOH Parameter Positive Threshold Negative Threshold Hysteresis HIGH Level Output Voltage VOL LOW Level Output Voltage IIN ICC Input Leakage Current Quiescent Supply Current VCC 3.0 3.0 3.0 2.0 3.0 3.0 2.0 3.0 3.0 3.6 3.6 0.9 0.3 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 2.0 3.0 1.2 TA Min
25qC
Typ Max 2.2
TA
40qC to 85qC
Min 0.9 0.3 1.9 2.9 2.48 0.1 0.1 0.44 1.2 Max 2.2
Units V V V VIN V VIN V
Conditions
VIL or VIH
IOH IOH IOH
50 PA 50 PA 4 mA
50 PA 50 PA 4 mA
VIL or VIH
IOL IOL IOL
r0.1
2.0
r1.0
20
PA PA
VIN VIN
5.5V or GND VCC or GND
Noise Characteristics
Symbol VOLP VOLV VIHD VILD Parameter
(Note 4)
VCC (V) 3.3 3.3 3.3 3.3 TA Typ 0.3 25qC Limit 0.5 Units V V V V CL (pF) 50 50 50 50
Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage
tf 3 ns
0.3
0.5
2.0 0.8
Note 4: Input tr
www.fairchildsemi.com
2
74LVX132
AC Electrical Characteristics
Symbol tPLH tPHL Parameter Propagation Delay Time 3.3 r 0.3 tOSLH tOSHL Output to Output Skew (Note 5) 2.7 3.3
|tPLHm tPLHn|, tOSHL
VCC (V) 2.7 Min
TA
25qC
Typ 7.0 10.5 6.1 9.0 Max 11.5 16.0 10.6 15.4 1.5 1.5
|t PHLm t PHLn|
TA
40qC to 85qC
Max 13.0 18.7 12.5 17.5 1.5 1.5
Min 1.0 1.0 1.0 1.0
Units
CL (pF) 15
ns
50 15 50 50
ns
Note 5: Parameter guaranteed by design. tOSLH
Capacitance
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance (Note 6) Parameter Min TA
25qC
Typ 4 18 Max 10
TA
40qC to 85qC
Max 10
Units pF pF
Min
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
3
www.fairchildsemi.com
74LVX132
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
www.fairchildsemi.com
4
74LVX132
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
5
www.fairchildsemi.com
74LVX132 Low Voltage Quad 2-Input NAND Schmitt Trigger
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVX132SJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X