Part Number Hot Search : 
2SB814 M41ST MUR220G AAMDA MFPS6S RODUCTS 1N5249 SM3K3
Product Description
Full Text Search
 

To Download 74LVQ57301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVQ573 Low Voltage Octal Latch with 3-STATE Outputs
February 1992 Revised June 2001
74LVQ573 Low Voltage Octal Latch with 3-STATE Outputs
General Description
The LVQ573 is a high-speed octal latch with buffered common Latch Enable (LE) and buffered common Output Enable (OE) inputs. The LVQ573 is functionally identical to the LVQ373 but with inputs and outputs on opposite sides of the package.
Features
s Ideal for low power/low noise 3.3V applications s Implements patented EMI reduction circuitry s Available in SOIC JEDEC, SOIC EIAJ, and QSOP packages s Guaranteed simultaneous switching noise level and dynamic threshold performance s Improved latch-up immunity s Guaranteed incident wave switching into 75 s 4 kV minimum ESD immunity
Ordering Code:
Order Number 74LVQ573SC 74LVQ573SJ 74LVQ573QSC Package Number M20B M20D MQA20 Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbols
Connection Diagram
IEEE/IEC
Truth Table
Inputs Outputs D H L X X On H L O0 Z
Pin Descriptions
Pin Names D0-D7 LE OE O0-O7 Data Inputs Latch Enable Input 3-STATE Output Enable Input 3-STATE Latch Outputs Description
OE L L L H
LE H H L X
H = HIGH Voltage L = LOW Voltage Z = High Impedance X = Immaterial O0 = Previous O0 before HIGH-to-LOW transition of Latch Enable
(c) 2001 Fairchild Semiconductor Corporation
DS011361
www.fairchildsemi.com
74LVQ573
Functional Description
The LVQ573 contains eight D-type latches with 3-STATE output buffers. When the Latch Enable (LE) input is HIGH, data on the Dn inputs enters the latches. In this condition the latches are transparent, i.e., a latch output will change state each time its D-type input changes. When LE is LOW the latches store the information that was present on the D-type inputs a setup time preceding the HIGH-to-LOW transition of LE. The 3-STATE buffers are controlled by the Output Enable (OE) input. When OE is LOW, the buffers are enabled. When OE is HIGH the buffers are in the high impedance mode but this does not interfere with entering new data into the latches.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74LVQ573
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V VI = VCC + 0.5V DC Input Voltage (VI) DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current (ICC or IGND) Storage Temperature (TSTG) DC Latch-Up Source or Sink Current
-0.5V to +7.0V -20 mA +20 mA -0.5V to VCC + 0.5V -20 mA +20 mA -0.5V to VCC + 0.5V 50 mA 400 mA -65C to +150C 300 mA
Recommended Operating Conditions (Note 2)
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate (V/t) VIN from 0.8V to 2.0V VCC @ 3.0V 125 mV/ns 2.0V to 3.6V 0V to VCC 0V to VCC
-40C to +85C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter Minimum High Level Input Voltage Maximum Low Level Input Voltage Minimum High Level Output Voltage VOL Maximum Low Level Output Voltage IIN IOLD IOHD ICC Maximum Input Leakage Current Minimum Dynamic Output Current (Note 4) Maximum Quiescent Supply Current IOZ 3-STATE Leakage Current VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Maximum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage 3.6 0.25 2.5 A VCC (V) 3.0 3.0 3.0 3.0 3.0 3.0 3.6 3.6 3.6 3.6 4.0 0.002 TA = +25C Typ 1.5 1.5 2.99 2.0 0.8 2.9 2.58 0.1 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.0 0.8 2.9 2.48 0.1 0.44 1.0 36 -25 40.0 V V V V V V A mA mA A VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50 A VIN = VIL or VIH (Note 3) IOH = -12 mA IOUT = 50 A VIN = VIL or VIH (Note 3) IOL = 12 mA VI = VCC, GND VOLD = 0.8 VMax (Note 5) VOHD = 2.0V VMin (Note 5) VIN = VCC or GND VI (OE) = V IL, VIH VI = VCC, GND VO = VCC, GND 3.3 3.3 3.3 3.3 0.4 -0.4 1.6 1.6 0.8 -0.8 2.0 0.8 V V V V (Note 6)(Note 7) (Note 6)(Note 7) (Note 6)(Note 8) (Note 6)(Note 8) Units Conditions
Note 3: All outputs loaded; thresholds on input associated with output under test. Note 4: Maximum test duration 2.0 ms, one output loaded at a time. Note 5: Incident wave switching on transmission lines with impedances as low as 75 for commercial temperature range is guaranteed for. Note 6: Worst case package. Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V; one output at GND. Note 8: Max number of Data Inputs (n) switching. (n - 1) inputs switching 0V to 3.3V. Input-under-test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD), f = 1 MHz.
3
www.fairchildsemi.com
74LVQ573
AC Electrical Characteristics
TA = +25C Symbol Parameter VCC (V) tPHL tPLH tPLH tPHL tPZL tPZH tPHZ tPLZ tOSHL tOSLH Output to Output Skew (Note 9) Dn to On Output Disable Time Propagation Delay Dn to On Propagation Delay LE to On Output Enable Time 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 Min 2.5 2.5 2.5 2.5 2.5 2.5 1.0 1.0 CL = 50 pF Typ 10.2 8.5 10.2 8.5 10.2 8.5 10.8 9.0 1.0 1.0 Max 14.8 10.5 16.9 12.0 18.3 13.0 20.4 14.5 1.5 1.5 TA = -40C to +85C CL = 50 pF Min 2.5 2.5 2.5 2.5 2.5 2.5 1.0 1.0 Max 16.0 11.0 18.0 12.5 19.0 13.5 21.0 15.0 1.5 1.5 ns ns ns ns ns Units
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements
TA = +25C Symbol Parameter VCC (V) tS tH tW Setup Time, HIGH or LOW Dn to LE Hold Time, HIGH or LOW Dn to LE LE Pulse Width, HIGH 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 Typ 0 0 0 0 2.4 2.0 CL = 50 pF 4.0 3.0 1.5 1.5 5.0 4.0 TA = -40C to +85C CL = 50 pF Guaranteed Minimum 4.5 3.0 1.5 1.5 6.0 4.0 ns ns ns Units
Capacitance
Symbol CIN CPD (Note 10) Parameter Input Capacitance Power Dissipation Capacitance Typ 4.5 37 Units pF pF VCC = Open VCC = 3.3V Conditions
Note 10: CPD is measured at 10 MHz.
www.fairchildsemi.com
4
74LVQ573
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
5
www.fairchildsemi.com
74LVQ573
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
www.fairchildsemi.com
6
74LVQ573 Low Voltage Octal Latch with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide Package Number MQA20
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVQ57301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X