Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download 74LVQ16304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVQ163
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
s
s s
s
s
s
s s
s
s
s
HIGH SPEED: fMAX = 180 MHz (TYP.) at VCC = 3.3 V COMPATIBLE WITH TTL OUTPUTS LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA=25C LOW NOISE: VOLP = 0.3V (TYP.) at VCC = 3.3V 75 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12mA (MIN) at VCC = 3.0 V PCI BUS LEVELS GUARANTEED AT 24 mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 163 IMPROVED LATCH-UP IMMUNITY
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R 74LVQ163MTR 74LVQ163TTR
DESCRIPTION The 74LVQ163 is a low voltage CMOS SYNCHRONOUS PRESETTABLE COUNTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications. It is a 4 bit binary counter with Synchronous Clear. The circuit have four fundamental modes of operation, in order of preference: synchronous reset, parallel load, count-up and hold. Four Figure 1: Pin Connection And IEC Logic Symbols
control inputs, Master Reset (CLEAR), Parallel Enable Input (LOAD), Count Enable Input (PE) and Count Enable Carry Input (TE), determine the mode of operation as shown in the Truth Table. A LOW signal on CLEAR overrides counting and parallel loading and allows all outputs to go LOW on the next rising edge of CLOCK. A LOW signal on LOAD overrides counting and allows information on Parallel Data Qn inputs to be loaded into the flip-flops on the next rising edge of CLOCK. With LOAD and CLEAR, PE and TE permit counting when both are high. Conversely, a LOW signal on either PE and TE inhibits counting. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
July 2004
Rev. 2
1/14
74LVQ163
Figure 2: Input And Output Equivalent Circuit Table 2: Pin Description
PIN N 1 2 3, 4, 5, 6 7 10 9 14, 13, 12, 11 15 8 16 SYMBOL CLEAR CLOCK A, B, C, D PE TE LOAD QA to QD NAME AND FUNCTION
Synchronous Master
Reset Clock Input (Positive Edge Trigger) Data Inputs Count Enable Input Count Enable Carry Input Parallel Enable Input Flip-Flop Outputs
CARRY OUT Terminal Count Output GND Ground (0V) VCC Positive Supply Voltage
Table 3: Truth Table
INPUTS CLEAR L H H H H H LOAD X L H H H X PE X X X L H X TE X X L X H X CK L A L B L C L D RESET TO "0" PRESET DATA NO COUNT NO COUNT COUNT NO COUNT OUTPUTS FUNCTION
NO CHANGE NO CHANGE COUNT UP NO CHANGE
X : Don't Care; A, B, C, D; Logic level of data input; CARRY OUT : TE x QA x QB x QC x QD
Figure 3: Logic Diagram
2/14
74LVQ163
Figure 4: Timing Chart
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 300 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current Storage Temperature Tstg TL Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
3/14
74LVQ163
Table 5: Recommended Operating Conditions
Symbol VCC VI VO Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 3.0V (note 2) Parameter Value 2 to 3.6 0 to VCC 0 to VCC -55 to 125 0 to 10 Unit V V V C ns/V
1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2V
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) TA = 25C Min. 2.0 0.8 IO=-50 A 3.0 IO=-12 mA IO=-24 mA VOL Low Level Output Voltage IO=50 A 3.0 3.6 3.6 3.6 IO=12 mA IO=24 mA II ICC IOLD IOHD Input Leakage Current Quiescent Supply Current Dynamic Output Current (note 1, 2) VI = VCC or GND VI = VCC or GND VOLD = 0.8 V max VOHD = 2 V min 0.1 4 36 -25 0.002 0 0.1 0.36 2.9 2.58 2.99 2.9 2.48 2.2 0.1 0.44 0.55 1 40 25 -25 Typ. Max. Value -40 to 85C Min. 2.0 0.8 2.9 2.48 2.2 0.1 0.44 0.55 1 40 A A mA mA V V Max. -55 to 125C Unit Min. 2.0 0.8 Max. V V
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
3.0 to 3.6
1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 75
Table 7: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCC (V) 3.3 3.3 3.3 CL = 50 pF TA = 25C Min. Typ. 0.3 -0.8 2 0.8 -0.3 Max. 0.8 Value -40 to 85C Min. Max. -55 to 125C Min. Max. V V V Unit
VOLP VOLV VIHD VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
4/14
74LVQ163
Table 8: AC Electrical Characteristics (CL = 50 pF, RL = 500 , Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 2.7 3.3(*) 2.7 3.3(*) 2.7 3.3
(*)
Value TA = 25C Min. Typ. 7.5 6.3 8.8 7.1 6.1 5.2 4.0 3.0 4.0 3.0 5.0 4.0 1 0.5 3.0 2.5 1 0.5 8.0 6.0 0 0 7.0 6.0 0 0 100 120 1.9 1.9 1.9 1.9 2.5 2.1 -1.6 -1.2 1.5 1.2 -0.6 -0.5 3.7 3.2 -3.0 -2.5 3.4 3.0 -2.6 -2.2 150 180 0.5 0.5 1.0 1.0 Max. 12.0 9.5 14.0 10.5 10.0 8.0 4.0 3.0 4.0 3.0 5.0 4.0 1 0.5 3.0 2.5 1 0.5 8.0 6.0 0 0 7.0 6.0 0 0 80 100 1.0 1.0 -40 to 85C Min. Max. 15.0 11.0 16.0 12.0 11.5 9.5 4.0 3.0 4.0 3.0 5.0 4.0 1 0.5 3.0 2.5 1 0.5 8.0 6.0 0 0 7.0 6.0 0 0 60 80 1.0 1.0 ns ns ns ns ns ns ns ns ns ns -55 to 125C Min. Max. 17.0 12.5 18.5 14.0 13.0 10.5 ns ns ns Unit
tPLH tPHL Propagation Delay Time CK to Q tPLH tPHL Propagation Delay Time CK to CARRY OUT tPLH tPHL Propagation Delay Time TE to CARRY OUT tW CK pulse Width, (Count) High or LOW CK pulse Width, tW (Load) High or LOW Setup Time HIGH ts or LOW (INPUT to CLOCK) Hold Time HIGH or th LOW (INPUT to CLOCK) Setup Time HIGH ts or LOW (CLEAR to CLOCK) th Hold Time HIGH or LOW (CLEAR to CLOCK) Setup Time HIGH ts or LOW (LOAD to CLOCK) th Hold Time HIGH or LOW (LOAD to CLOCK) Setup Time HIGH ts or LOW (PE or TE to CLOCK) Hold Time HIGH or th LOW (PE or TE to CLOCK) fMAX Maximum Clock Frequency tOSLH tOSHL Output To Output Skew Time (note1, 2)
2.7 3.3
(*)
2.7 3.3(*) 2.7 3.3(*) 2.7 3.3(*) 2.7 3.3
(*)
2.7 3.3(*) 2.7 3.3
(*)
2.7 3.3
(*)
2.7 3.3(*) 2.7 3.3(*) 2.7 3.3(*) 2.7 3.3(*)
MHz
ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|) 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V
5/14
74LVQ163
Table 9: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) 3.3 3.3 fIN = 10MHz TA = 25C Min. Typ. 4 33 Max. Value -40 to 85C Min. Max. -55 to 125C Min. Max. pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
Figure 5: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
Figure 6: Waveform - Propagation Delays, Count Mode (f=1MHz; 50% duty cycle)
6/14
74LVQ163
Figure 7: Waveform - Propagation Delays Clear Mode (f=1MHz; 50% duty cycle)
Figure 8: Waveform - Propagation Delays Preset Mode (f=1MHz; 50% duty cycle)
7/14
74LVQ163
Figure 9: Waveform - Propagation Delays Countable Mode (f=1MHz; 50% duty cycle)
Figure 10: Waveform - Propagation Delays Cascade Mode (f=1MHz; 50% duty cycle)
8/14
74LVQ163
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.25 1.64 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.010 0.063 0.018 0.010
0016020D
9/14
74LVQ163
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
10/14
74LVQ163
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
11/14
74LVQ163
Tape & Reel TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
12/14
74LVQ163
Table 10: Revision History
Date 29-Jul-2004 Revision 2 Description of Changes Ordering Codes Revision - pag. 1.
13/14
74LVQ163
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of 74LVQ16304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X