Part Number Hot Search : 
190HOP GRM188R6 2907A 68HC908 A2121 Z5243B VT1101 SW20N20D
Product Description
Full Text Search
 

To Download 74LVCH244APW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74LVC244A; 74LVCH244A Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
Product specification Supersedes data of 2003 May 20 2003 Oct 30
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
FEATURES * 5 V tolerant inputs/outputs for interfacing with 5 V logic * Wide supply voltage range from 1.2 to 3.6 V * CMOS low power consumption * Direct interface with TTL levels * Inputs accept voltages up to 5.5 V * High-impedance when VCC = 0 V * Bushold on all data inputs (74LVCH244A only) * Complies with JEDEC standard no. 8-1A * ESD protection: HBM EIA/JESD22-A114-A exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V. * Specified from -40 to +85 C and -40 to +125 C. DESCRIPTION
74LVC244A; 74LVCH244A
The 74LVC244A/74LVCH244A is a high performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3 or 5 V devices. In 3-state operation, outputs can handle 5 V. These features allow the use of these devices as translators in a mixed 3.3 and 5 V environment. The 74LVC244A/74LVCH244A is an octal non-inverting buffer/line driver with 3-state outputs. The 3-state outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to assume a high-impedance OFF-state. Schmitt-trigger action at all inputs makes the circuit highly tolerant for slower input rise and fall times. The 244 is functionally identical to the 240, but the 240 has inverting outputs.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf 2.5 ns. SYMBOL tPHL/tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of the outputs. 2. The condition is VI = GND to VCC. PARAMETER propagation delay 1An to 1Yn, 2An to 2Yn input capacitance power dissipation capacitance per buffer VCC = 3.3 V; notes 1 and 2 CONDITIONS CL = 50 pF; VCC = 3.3 V TYPICAL 2.8 4.0 10 ns pF pF UNIT
2003 Oct 30
2
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
ORDERING INFORMATION
74LVC244A; 74LVCH244A
PACKAGE TYPE NUMBER 74LVC244AD 74LVCH244AD 74LVC244ADB 74LVCH244ADB 74LVC244APW 74LVCH244APW 74LVC244ABQ 74LVCH244ABQ FUNCTION TABLE See note 1. INPUT nOE L L H Note 1. H = HIGH voltage level; a) L = LOW voltage level; b) X = don't care; c) Z = high-impedance OFF-state. nAn L H X OUTPUT nYn L H Z TEMPERATURE RANGE -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C PINS 20 20 20 20 20 20 20 20 PACKAGE SO20 SO20 SSOP20 SSOP20 TSSOP20 TSSOP20 DHVQFN20 DHVQFN20 MATERIAL plastic plastic plastic plastic plastic plastic plastic plastic CODE SOT163-1 SOT163-1 SOT339-1 SOT339-1 SOT360-1 SOT360-1 SOT764-1 SOT764-1
2003 Oct 30
3
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PINNING PIN 1 2 3 4 5 6 7 8 9 10 SYMBOL 1OE 1A0 2Y0 1A1 2Y1 1A2 2Y2 1A3 2Y3 GND DESCRIPTION output enable input (active LOW) data input bus output data input bus output data input bus output data input bus output ground (0 V) 20 PIN 11 12 13 14 15 16 17 18 19
74LVC244A; 74LVCH244A
SYMBOL 2A3 1Y3 2A2 1Y2 2A1 1Y1 2A0 1Y0 2OE VCC
DESCRIPTION bus input bus output bus input bus output bus input bus output bus input bus output output enable input (active LOW) supply voltage
handbook, halfpage
1OE 1
VCC 20 19 18 17 16 2OE 1Y0 2A0 1Y1 2A1 1Y2 2A2 1Y3
handbook, halfpage
1OE 1 1A0 2 2Y0 3 1A1 4 2Y1 5 1A2 6 2Y2 7 1A3 8 2Y3 9 GND 10
MNA872
20 VCC 19 2OE
1A0 2Y0
2 3 4 5
18 1Y0 17 2A0 16 1Y1 15 2A1 14 1Y2 13 2A2 12 1Y3 11 2A3
1A1 2Y1 1A2 2Y2 1A3 2Y3
GND(1)
6 7 8 9 10 Top view GND 11 2A3
MBL761
15 14 13 12
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig.1 Pin configuration SO and (T)SSOP.
Fig.2 Pin configuration DHVQFN20.
2003 Oct 30
4
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
74LVC244A; 74LVCH244A
handbook, halfpage
1A0 2 1A1 4
handbook, halfpage
1Y0 18 1Y1 16
1
EN 18 16 14 12
6
1A2
1Y2 14
2 4 6 8
8 1
1A3 1OE
1Y3 12
2A0 17 19 EN 2A1 15 11 13 15 17
MNA873
2Y0 3 2Y1 5
9 7 5 3 11 19 2A3 2OE 2Y3 9 13 2A2 2Y2 7
MNA875
Fig.3 Logic symbol (IEEE/IEC).
Fig.4 Functional diagram.
2 handbook, halfpage 1A0
18 1Y0 16 1Y1 2A1 2A0
17
3 2Y0
4 1A1 6
15
5 2Y1
14 1Y2 2A2
1A2
13
7 2Y2
1A3 1OE
8 1
12 1Y3 2A3 2OE
11 19
9 2Y3
MNA874
Fig.5 Logic symbol.
2003 Oct 30
5
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VO Tamb tr, tf PARAMETER supply voltage input voltage output voltage operating ambient temperature input rise and fall times output HIGH or LOW state output 3-state in free air VCC = 1.2 to 2.7 V VCC = 2.7 to 3.6 V CONDITIONS
74LVC244A; 74LVCH244A
MIN. 2.7 1.2 0 0 0 -40 0 0
MAX. 3.6 3.6 5.5 VCC 5.5 +125 20 10 V V V V V
UNIT
for maximum speed performance for low-voltage applications
C ns/V ns/V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK VI IOK VO IO ICC, IGND Tstg Ptot Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. For SO20 packages: above 70 C derate linearly with 8 mW/K. a) For SSOP20 and TSSOP20 packages: above 60 C derate linearly with 5.5 mW/K. b) For DHVQFN20 packages: above 60 C derate linearly with 5.5 mW/K. PARAMETER supply voltage input diode current input voltage output diode current output voltage output source or sink current VCC or GND current storage temperature power dissipation Tamb = -40 to +125 C; note 2 VI < 0 note 1 VO > VCC or VO < 0 output 3-state; note 1 VO = 0 to VCC CONDITIONS - -0.5 - -0.5 - - -65 - MIN. -0.5 MAX. +6.5 -50 +6.5 50 +6.5 50 100 +150 500 V mA V mA V mA mA C mW UNIT
output HIGH or LOW state; note 1 -0.5
VCC + 0.5 V
2003 Oct 30
6
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
74LVC244A; 74LVCH244A
DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 to +85 C VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VI = VIH or VIL IO = -100 A IO = -12 mA IO = -18 mA IO = -24 mA VOL LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 12 mA IO = 24 mA ILI IOZ input leakage current 3-state output OFF-state current power-off leakage supply current quiescent supply current VI = 5.5 V or GND; notes 2 VI = VIH or VIL; VO = 5.5 V or GND; notes 2 VI or VO = 5.5 V VI = VCC or GND; IO = 0 2.7 to 3.6 2.7 3.0 3.6 3.6 - - - - - GND - - 0.1 0.1 0.20 0.40 0.55 5 5 V V V A A 2.7 to 3.6 2.7 3.0 3.0 VCC - 0.2 VCC - 0.5 VCC - 0.6 VCC - 0.8 VCC - - - - - - - V V V V 1.2 2.7 to 3.6 1.2 2.7 to 3.6 VCC 2.0 - - - - - - - - GND 0.8 V V V V VCC (V) MIN. TYP.(1) MAX. UNIT
Ioff ICC ICC IBH(L) IBH(H) IBH(LO) IBH(HO)
0.0 3.6 2.7 to 3.6 3.0 3.0 3.6 3.6
- - - 75 -75 500 -500
0.1 0.1 5 - - - -
10 10 500 - - - -
A A A A A A A
additional quiescent supply VI = VCC - 0.6 V; current per input pin IO = 0 bushold LOW sustaining current bushold HIGH sustaining current bushold LOW overdrive current bushold HIGH overdrive current VI = 0.8 V; notes 3 and 4 VI = 2.0 V; notes 3 and 4 notes 3 and 5 notes 3 and 5
2003 Oct 30
7
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 to +125 C VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VI = VIH or VIL IO = -100 A IO = -12 mA IO = -18 mA IO = -24 mA VOL LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 12 mA IO = 24 mA ILI IOZ input leakage current 3-state output OFF-state current power-off leakage supply current quiescent supply current VI = 5.5 V or GND; notes 2 VI = VIH or VIL; VO = 5.5 V or GND; notes 2 VI or VO = 5.5 V VI = VCC or GND; IO = 0 2.7 to 3.6 2.7 3.0 3.6 3.6 2.7 to 3.6 2.7 3.0 3.0 1.2 2.7 to 3.6 1.2 2.7 to 3.6 VCC (V)
74LVC244A; 74LVCH244A
MIN.
TYP.(1)
MAX.
UNIT
VCC 2.0 - - VCC - 0.3 VCC - 0.65 VCC - 0.75 VCC - 1 - - - - -
- - - - - - - - - - - - -
- - GND 0.8 - - - - 0.3 0.6 0.8 20 20
V V V V V V V V V V V A A
Ioff ICC ICC IBH(L) IBH(H) IBH(LO) IBH(HO) Notes
0.0 3.6 2.7 to 3.6 3.0 3.0 3.6 3.6
- - - 60 -60 500 -500
- - - - - - -
20 40 5000 - - - -
A A A A A A A
additional quiescent supply VI = VCC - 0.6 V; current per input pin IO = 0 bushold LOW sustaining current bushold HIGH sustaining current bushold LOW overdrive current bushold HIGH overdrive current VI = 0.8 V; notes 3 and 4 VI = 2.0 V; notes 3 and 4 notes 3 and 5 notes 3 and 5
1. All typical values are measured at VCC = 3.3 V and Tamb = 25 C. 2. For bushold parts, the bushold circuit is switched off when VI > VCC allowing 5.5 V on the input pin. 3. Valid for data inputs of bushold parts (74LVCH244A) only. For data inputs only, control inputs do not have a bushold circuit. 4. The specified sustaining current at the data inputs do not have a bushold circuit. 5. The specified overdrive current at the data input forces the data input to the opposite logic input state.
2003 Oct 30
8
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
AC CHARACTERISTICS GND = 0 V; tr = tf 2.5 ns.
74LVC244A; 74LVCH244A
TEST CONDITIONS SYMBOL Tamb = -40 to +85 C tPHL/tPLH propagation delay 1An to 1Yn, 2An to 2Yn see Figs 6 and 8 1.2 2.7 3.0 to 3.6 tPZH/tPZL 3-state output enable time 1OE to 1Yn, 2OE to 2Yn see Figs 7 and 8 1.2 2.7 3.0 to 3.6 tPHZ/tPLZ 3-state output disable time 1OE to 1Yn, 2OE to 2Yn see Figs 7 and 8 1.2 2.7 3.0 to 3.6 tsk(0) skew note 2 Tamb = -40 to +125 C tPHL/tPLH propagation delay 1An to 1Yn, 2An to 2Yn see Figs 6 and 8 1.2 2.7 3.0 to 3.6 tPZH/tPZL 3-state output enable time 1OE to 1Yn, 2OE to 2Yn see Figs 7 and 8 1.2 2.7 3.0 to 3.6 tPHZ/tPLZ 3-state output disable time 1OE to 1Yn, 2OE to 2Yn see Figs 7 and 8 1.2 2.7 3.0 to 3.6 tsk(0) Notes 1. All typical values are measured at VCC = 3.3 V and Tamb = 25 C. 2. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design. skew note 2 - 1.5 1.5 - 1.5 1.0 - 1.5 1.5 - - - - - - - - - - - - 9.0 7.5 - 11 9.5 - 8.5 7.5 1.5 ns ns ns ns ns ns ns ns ns ns - 1.5 1.5 - 1.5 1.0 - 1.5 1.5 - 17.0 3.3 2.8(1) 24.0 3.3 3.4(1) 9.0 3.2 2.9(1) - - 6.9 5.9 - 8.6 7.6 - 6.8 5.8 1.0 ns ns ns ns ns ns ns ns ns ns PARAMETER WAVEFORMS VCC (V) MIN. TYP. MAX. UNIT
2003 Oct 30
9
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
AC WAVEFORMS
74LVC244A; 74LVCH244A
handbook, halfpage VI
nAn input GND tPLH VOH nYn output VOL
VM
VM
tPHL
VM
VM
MNA171
VM = 1.5 V at VCC 2.7 V. VM = 0.5VCC at VCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.6 Input nAn to output nYn propagation delays.
handbook, full pagewidth
VI nOE input GND tPLZ VCC output LOW-to-OFF OFF-to-LOW VOL tPHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled VY VM VM VX tPZH tPZL VM
outputs disabled
outputs enabled
MNA362
VM = 1.5 V at VCC 2.7 V. VM = 0.5VCC at VCC < 2.7 V. VX = VOL + 0.3 V at VCC 2.7 V; VX = VOL + 0.1VCC at VCC < 2.7 V. VY = VOH + 0.3 V at VCC 2.7 V; VY = VOH + 0.1VCC at VCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.7 3-state enable and disable times.
2003 Oct 30
10
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
74LVC244A; 74LVCH244A
handbook, full pagewidth
S1 VCC PULSE GENERATOR VI D.U.T. RT CL 50 pF RL 500 VO RL 500
2 x VCC open GND
MNA368
SWITCH POSITION TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH open 2 x VCC GND S1
VCC <2.7 V 2.7 to 3.6 V
VIN VCC 2.7 V
Definitions for test circuits: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to Zo of the pulse generator.
Fig.8 Load circuitry for switching times.
2003 Oct 30
11
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PACKAGE OUTLINES SO20: plastic small outline package; 20 leads; body width 7.5 mm
74LVC244A; 74LVCH244A
SOT163-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 A1 pin 1 index Lp L 1 e bp 10 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.1 A1 0.3 0.1 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 13.0 12.6 0.51 0.49 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.05 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z
(1)
0.9 0.4 0.035 0.016
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.055 0.394 0.016
8o 0o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT163-1 REFERENCES IEC 075E04 JEDEC MS-013 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2003 Oct 30
12
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
74LVC244A; 74LVCH244A
SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 pin 1 index A1 (A 3) Lp L 1 e bp 10 wM detail X A
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 7.4 7.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 0.9 0.5 8 0o
o
Note 1. Plastic or metal protrusions of 0.2 mm maximum per side are not included. OUTLINE VERSION SOT339-1 REFERENCES IEC JEDEC MO-150 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2003 Oct 30
13
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
74LVC244A; 74LVCH244A
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
D
E
A
X
c y HE vMA
Z
20
11
Q A2 pin 1 index A1 (A 3) A
Lp L
1
e bp
10
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 6.6 6.4 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.5 0.2 8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT360-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-19
2003 Oct 30
14
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
74LVC244A; 74LVCH244A
DHVQFN20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT764-1 20 terminals; body 2.5 x 4.5 x 0.85 mm
D
B
A
A A1 E c
terminal 1 index area
detail X
terminal 1 index area e 2 L
e1 b 9 vMCAB wM C y1 C
C y
1 Eh 20
10 e 11
19 Dh 0
12 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 4.6 4.4 Dh 3.15 2.85 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 3.5 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT764-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27
2003 Oct 30
15
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
74LVC244A; 74LVCH244A
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Oct 30
16
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R20/04/pp17
Date of release: 2003
Oct 30
Document order number:
9397 750 12177


▲Up To Search▲   

 
Price & Availability of 74LVCH244APW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X