Part Number Hot Search : 
HC4060Y 752C041 NTE7101 KBP306 ST779ACN FR09E DTMPU63 STA42
Product Description
Full Text Search
 

To Download 74LVC2G53GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVC2G53
2-channel analog multiplexer/demultiplexer
Rev. 02 -- 31 March 2006 Product data sheet
1. General description
The 74LVC2G53 is a high-performance, low-power, low-voltage, Si-gate CMOS device that provides superior performance to most advanced CMOS compatible TTL families. The 74LVC2G53 provides one analog multiplexer/demultiplexer with a digital select input (S), two independent inputs/outputs (B0 and B1), a common input/output (A) and an active LOW enable input (E). When pin E is HIGH, the switch is turned off. The 74LVC2G53 can handle both analog and digital signals.
2. Features
I Wide supply voltage range from 1.65 V to 5.5 V I Very low ON resistance: N 7.5 (typical) at VCC = 2.7 V N 6.5 (typical) at VCC = 3.3 V N 6 (typical) at VCC = 5 V I High noise immunity I ESD protection: N HBM JESD22-A114-C exceeds 2000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101-C exceeds 1000 V I CMOS low-power consumption I Latch-up performance meets requirements of JESD 78 Class I I Direct interface with TTL levels I Control inputs accepts voltages up to 5 V I Multiple package options I Specified from -40 C to +85 C and from -40 C to +125 C
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
3. Quick reference data
Table 1. Quick reference data GND = 0 V; tr = tf 2.5 ns; minimum and maximum values at Tamb = -40 C to +85 C; typical values at Tamb = 25 C. Symbol ton Parameter turn-on time S to A or Bn CL = 50 pF; RL = 500 VCC = 3.3 V VCC = 5.0 V E to A or Bn CL = 50 pF; RL = 500 VCC = 3.3 V VCC = 5.0 V toff turn-off time S to A or Bn CL = 50 pF; RL = 500 VCC = 3.3 V VCC = 5.0 V E to A or Bn CL = 50 pF; RL = 500 VCC = 3.3 V VCC = 5.0 V Ci CS(OFF) CS(ON) input capacitance OFF-state capacitance ON-state capacitance 2.0 1.3 3.7 2.9 2.5 6.0 18 5.0 3.8 ns ns pF pF pF 1.1 1.0 4.0 2.9 5.4 3.8 ns ns 1.2 1.0 2.2 1.7 3.8 2.6 ns ns 1.8 1.3 3.4 2.6 5.0 3.8 ns ns Conditions Min Typ Max Unit
4. Ordering information
Table 2. Ordering information Package Temperature range 74LVC2G53DP 74LVC2G53DC 74LVC2G53GT -40 C to +125 C -40 C to +125 C -40 C to +125 C Name TSSOP8 VSSOP8 XSON8 Description Version plastic thin shrink small outline package; SOT505-2 8 leads; body width 3 mm; lead length 0.5 mm plastic very thin shrink small outline package; 8 leads; body width 2.3 mm SOT765-1 Type number
plastic extremely thin small outline package; SOT833-1 no leads; 8 terminals; body 1 x 1.95 x 0.5 mm
5. Marking
Table 3. Marking Marking code V53 V53 V53 Type number 74LVC2G53DP 74LVC2G53DC 74LVC2G53GT
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
2 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
6. Functional diagram
6 B1 7 B0 E 2
S5 A1
001aad386
Fig 1. Logic symbol
B0
S A
B1
E
001aad387
Fig 2. Logic diagram
7. Pinning information
7.1 Pinning
74LVC2G53
A 1 8 VCC
74LVC2G53
A E GND GND 1 2 3 4
001aae798
8 7 6 5
VCC B0 B1 S
E
2
7
B0
GND
3
6
B1
GND
4
5
S
001aae800
Transparent top view
Fig 3. Pin configuration TSSOP8 and VSSOP8
Fig 4. Pin configuration XSON8
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
3 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
7.2 Pin description
Table 4. Symbol A E GND GND S B1 B0 VCC Pin description Pin 1 2 3 4 5 6 7 8 Description common A output or input enable input (active LOW) ground (0 V) ground (0 V) select input independent B1 input or output independent B0 input or output supply voltage
8. Functional description
8.1 Function table
Table 5. Input S L H X
[1] H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state.
Function table[1] Channel on E L L H B0 to A or A to B0 B1 to A or A to B1 Z (switch off)
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
4 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
9. Limiting values
Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC VI IIK ISK VSW ISW ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input voltage input clamping current switch clamping current switch voltage switch current quiescent supply current ground current storage temperature total power dissipation
Conditions
[1]
Min -0.5 -0.5 -0.5 -65
Max +6.5 +6.5 -50 50
Unit V V mA mA
VI < -0.5 V or VI > VCC + 0.5 VI < -0.5 V or VI > VCC + 0.5 enable and disable mode VSW = -0.5 V to (VCC + 0.5 V)
VCC + 0.5 V 50 100 -100 +150 300 mA mA mA C mW
Tamb = -40 C to +125 C
[2]
-
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. For TSSOP8 package: above 55 C the value of Ptot derates linearly with 2.5 mW/K. For VSSOP8 package: above 110 C the value of Ptot derates linearly with 8 mW/K. For XSON8 package: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
10. Recommended operating conditions
Table 7. Symbol VCC VI VSW Tamb t/V Recommended operating conditions Parameter supply voltage input voltage switch voltage ambient temperature input transition rise and VCC = 1.65 V to 2.7 V fall rate VCC = 2.7 V to 5.5 V
[2] [2]
Conditions
Min 1.65 0
Typ -
Max 5.5 5.5 VCC +125 20 10
Unit V V V C ns/V ns/V
enable and disable mode
[1]
0 -40 0 0
[1]
To avoid drawing VCC current out of terminal A when switch current flows in terminal Bn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal A, no VCC current will flow out of terminal Bn. In this case, there is no limit for the voltage drop across the switch. Applies to control signal levels.
[2]
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
5 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
11. Static characteristics
Table 8. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground 0 V). Symbol Parameter Tamb = -40 C to +85 VIH C[1] VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V VIL LOW-state input voltage VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V ILI IS(OFF) input leakage current OFF-state leakage current on pin S and pin E; VI = 5.5 V or GND; VCC = 5.5 V per channel; VSW = GND and VO = VCC or VSW = VCC and VO = GND; VCC = 5.5 V; see Figure 5 per channel; VSW = GND or VCC; VCC = 5.5 V; see Figure 6 VI = VCC or GND; VSW = GND or VCC; IO = 0 A; VCC = 5.5 V per input pin; VI = VCC - 0.6 V; VSW = GND or VCC; IO = 0 A; VCC = 5.5 V 0.65VCC 1.7 2.0 0.7VCC 0.1 0.1 0.35VCC 0.7 0.8 0.3VCC 2 5 V V V V V V V V A A HIGH-state input voltage Conditions Min Typ Max Unit
IS(ON)
ON-state leakage current
-
0.1
5
A
ICC
quiescent supply current
-
0.1
10
A
ICC
additional quiescent supply current input capacitance OFF-state capacitance ON-state capacitance HIGH-state input voltage
-
5
500
A
Ci CS(OFF) CS(ON) VIH
VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V
2.5 6.0 18
0.35VCC 0.7 0.8 0.3VCC 10 20
pF pF pF V V V V V V V V A A
Tamb = -40 C to +125 C 0.65VCC 1.7 2.0 0.7VCC -
VIL
LOW-state input voltage
VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V
ILI IS(OFF)
input leakage current OFF-state leakage current
on pin S and pin E; VI = 5.5 V or GND; VCC = 5.5 V per channel; VSW = GND and VO = VCC or VSW = VCC and VO = GND; VCC = 5.5 V; see Figure 5
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
6 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
Table 8. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground 0 V). Symbol Parameter IS(ON) ON-state leakage current Conditions per channel; VSW = GND or VCC; VCC = 5.5 V; see Figure 6 VI = VCC or GND; VSW = GND or VCC; IO = 0 A; VCC = 5.5 V per input pin; VI = VCC - 0.6 V; VSW = GND or VCC; IO = 0 A; VCC = 5.5 V Min Typ Max 20 Unit A
ICC
quiescent supply current
-
-
40
A
ICC
additional quiescent supply current
-
-
5000
A
[1]
Typical values are measured at Tamb = 25 C.
VCC
switch 1 2 switch ISW
S VIL VIH
E VIH VIH
VIL or VIH ISW VIH
VSW
S A E
B0 B1 GND
1 2
VO
001aad390
VSW = VCC or GND; VO = GND or VCC.
Fig 5. Test circuit for measuring switch OFF-state current
VCC
S VIL VIH
E VIL VIL
VIL or VIH ISW VIL
VSW
S A E
B0 B1 GND
001aad391
VSW = VCC or GND.
Fig 6. Test circuit for measuring switch ON-state current
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
7 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
Table 9. Resistance Ron At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 7. Symbol RON(rail) Parameter C[1] VSW = GND ISW = 4 mA; VCC = 1.65 V to 1.95 V ISW = 8 mA; VCC = 2.3 V to 2.7 V ISW = 12 mA; VCC = 2.7 V ISW = 24 mA; VCC = 3 V to 3.6 V ISW = 32 mA; VCC = 4.5 V to 5.5 V VSW = VCC ISW = 4 mA; VCC = 1.65 V to 1.95 V ISW = 8 mA; VCC = 2.3 V to 2.7 V ISW = 12 mA; VCC = 2.7 V ISW = 24 mA; VCC = 3 V to 3.6 V ISW = 32 mA; VCC = 4.5 V to 5.5 V RON(peak) ON resistance (peak) VSW = GND to VCC ISW = 4 mA; VCC = 1.65 V to 1.95 V ISW = 8 mA; VCC = 2.3 V to 2.7 V ISW = 12 mA; VCC = 2.7 V ISW = 24 mA; VCC = 3 V to 3.6 V ISW = 32 mA; VCC = 4.5 V to 5.5 V RON(flat) ON resistance (flatness) VSW = GND to VCC; see Figure 9 ISW = 4 mA; VCC = 1.65 V to 1.95 V ISW = 8 mA; VCC = 2.3 V to 2.7 V ISW = 12 mA; VCC = 2.7 V ISW = 24 mA; VCC = 3 V to 3.6 V ISW = 32 mA; VCC = 4.5 V to 5.5 V Tamb = -40 C to +125 C RON(rail) ON resistance (rail) VSW = GND ISW = 4 mA; VCC = 1.65 V to 1.95 V ISW = 8 mA; VCC = 2.3 V to 2.7 V ISW = 12 mA; VCC = 2.7 V ISW = 24 mA; VCC = 3 V to 3.6 V ISW = 32 mA; VCC = 4.5 V to 5.5 V VSW = VCC ISW = 4 mA; VCC = 1.65 V to 1.95 V ISW = 8 mA; VCC = 2.3 V to 2.7 V ISW = 12 mA; VCC = 2.7 V ISW = 24 mA; VCC = 3 V to 3.6 V ISW = 32 mA; VCC = 4.5 V to 5.5 V 45 30 27 23 15 27 24 21 18 15 100 17 10 5 3 57 15 13 9.0 6.0 130 30 25 20 15 12 8.3 7.8 6.7 5.2 30 20 18 15 10 8.7 7.2 7.0 6.5 5.9 18 16 14 12 10 ON resistance (rail) Conditions Min Typ Max Unit Tamb = -40 C to +85
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
8 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
Table 9. Resistance Ron ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 7. Symbol RON(peak) Parameter ON resistance (peak) Conditions VSW = GND to VCC ISW = 4 mA; VCC = 1.65 V to 1.95 V ISW = 8 mA; VCC = 2.3 V to 2.7 V ISW = 12 mA; VCC = 2.7 V ISW = 24 mA; VCC = 3 V to 3.6 V ISW = 32 mA; VCC = 4.5 V to 5.5 V
[1] Typical values are measured at Tamb = 25 C and nominal VCC.
Min -
Typ -
Max 130 55 35 25 20
Unit
VSW
VCC
switch 1 2
S VIL VIH
E VIL VIL
VIL or VIH
S A E
B0 B1 GND
1 switch 2
VIL
VSW
ISW
001aad392
RON = VSW / ISW
Fig 7. Test circuit for measuring switch ON resistance
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
9 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
40 RON () 30
001aad406
(1)
20
(2)
10
(3) (4) (5)
0 0 1 2 3 4 VSW (V) 5
(1) VCC = 1.8 V (2) VCC = 2.5 V (3) VCC = 2.7 V (4) VCC = 3.3 V (5) VCC = 5.0 V Tamb = 25 C
Fig 8. Typical switch ON resistance as a function of input voltage
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
10 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
80 RON () 60
001aad410
16 RON () 12
(1) (2)
001aad407
40
8
(3) (4)
20
(1) (2) (3) (4)
4
0 0 1 2 3 4 VSW (V) 5
0 0 1 2 3 4 VSW (V) 5
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
a. VCC = 1.8 V
16 RON () 12
(1) (2)
b. VCC = 2.5 V
001aad408
16 RON () 12
001aad409
(1)
8
(3) (4)
8
(2) (3) (4)
4
4
0 0 1 2 3 4 VSW (V) 5
0 0 1 2 3 4 VSW (V) 5
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
(1) Tamb = 125 C (2) Tamb = 85 C (3) Tamb = 25 C (4) Tamb = -40 C
c. VCC = 2.7 V Fig 9. Switch ON resistance as a function of switch voltage
d. VCC = 3.3 V
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
11 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
12. Dynamic characteristics
Table 10. Dynamic characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V); test circuit Figure 12. Symbol tPHL Parameter C[1] see Figure 10 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V tPLH LOW-to-HIGH propagation delay A to Bn or Bn to A see Figure 10 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V ton turn-on time S to A or Bn see Figure 11 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V E to A or Bn VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V toff turn-off time S to A or Bn see Figure 11 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V E to A or Bn VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V 2.1 1.4 1.4 1.1 1.0 2.3 1.2 1.4 2.0 1.3 6.8 3.7 4.9 4.0 2.9 5.6 3.2 4.0 3.7 2.9 10.0 6.1 6.2 5.4 3.8 8.6 4.8 5.2 5.0 3.8 ns ns ns ns ns ns ns ns ns ns 2.6 1.9 1.9 1.8 1.3 1.9 1.4 1.1 1.2 1.0 6.7 4.1 4.0 3.4 2.6 4.0 2.5 2.6 2.2 1.7 10.3 6.4 5.5 5.0 3.8 7.3 4.4 3.9 3.8 2.6 ns ns ns ns ns ns ns ns ns ns 2 1.2 1.0 0.8 0.6 ns ns ns ns ns 2 1.2 1.0 0.8 0.6 ns ns ns ns ns HIGH-to-LOW propagation delay A to Bn or Bn to A Conditions Min Typ Max Unit Tamb = -40 C to +85
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
12 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
Table 10. Dynamic characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V); test circuit Figure 12. Symbol tPHL Parameter HIGH-to-LOW propagation delay A to Bn or Bn to A Conditions see Figure 10 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V tPLH LOW-to-HIGH propagation delay A to Bn or Bn to A see Figure 10 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V ton turn-on time S to A or Bn see Figure 11 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V E to A or Bn VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V toff turn-off time S to A or Bn see Figure 11 VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V E to A or Bn VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V
[1] Typical values are measured at Tamb = 25 C and nominal VCC.
Min
Typ
Max
Unit
Tamb = -40 C to +125 C
-
-
2.5 1.5 1.25 1.0 0.8
ns ns ns ns ns
2.6 1.9 1.8 1.8 1.3 1.9 1.4 1.1 1.2 1.0 2.1 1.4 1.4 1.1 1.0 2.3 1.2 1.4 2.0 1.3
-
2.5 1.5 1.25 1.0 0.8 12.9 8.0 7.0 6.3 4.8 9.2 5.5 4.9 4.8 3.3 12.5 7.7 7.8 6.8 4.8 11.0 6.0 6.5 6.3 4.8
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
13 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
13. Waveforms
VI Bn or A input GND tPLH VOH A or Bn output VOL
001aac361
VM
VM
tPHL
VM
VM
Measurement points are given in Table 11. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 10. Input (Bn or A) to output (A or Bn) propagation delays
VI S, E input GND toff A, Bn output LOW to OFF OFF to LOW VCC VX toff VY VM GND switch enabled switch disabled switch enabled
001aad393
VM ton
VM ton
VOL output HIGH to OFF OFF to HIGH VOH
A, Bn
Measurement points are given in Table 11. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 11. Turn-on and turn-off times Table 11. VCC 1.65 V to 2.7 V 2.7 V to 5.5 V Measurement points Input VM 0.5VCC 0.5VCC Output VM 0.5VCC 0.5VCC VX VOL + 0.15 V VOL + 0.3 V VY VOH - 0.15 V VOH - 0.3 V
Supply voltage
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
14 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
VEXT VCC PULSE GENERATOR VI DUT
RT CL RL RL
VO
mna616
Test data is given in Table 12. Definitions test circuit: RT = termination resistance (should be equal to output impedance Zo of the pulse generator). CL = load capacitance (including jig and probe capacitance). RL = load resistance. VEXT = external voltage for measuring switching times.
Fig 12. Load circuitry for switching times Table 12. VCC Test data Input VI tr, tf Load CL RL VEXT tPLH, tPHL ton, toff HIGH to OFF LOW to OFF OFF to HIGH OFF to LOW 1.65 V to 1.95 V 2.3 V to 2.7 V 2.7 V 3 V to 3.6 V 4.5 V to 5.5 V VCC VCC VCC VCC VCC 2.0 ns 2.0 ns 2.5 ns 2.5 ns 2.5 ns 30 pF 30 pF 50 pF 50 pF 50 pF 1 k 500 500 500 500 open open open open open GND GND GND GND GND 2 x VCC 2 x VCC 2 x VCC 2 x VCC 2 x VCC
Supply voltage
14. Additional dynamic characteristics
Table 13. Additional dynamic characteristics At recommended operating conditions; typical values measured at Tamb = 25 C. Symbol THD Parameter total harmonic distortion Conditions fi = 600 Hz to 20 kHz; RL = 600 ; CL = 50 pF; Vi = 0.5 V (p-p); see Figure 13 VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V f(-3dB) -3 dB frequency response RL = 50 ; CL = 5 pF; see Figure 14 VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V
74LVC2G53_2
Min
Typ
Max
Unit
[1]
0.260 0.078 0.078 0.078
-
% % % %
-
200 300 300 300
-
MHz MHz MHz MHz
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
15 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
Table 13. Additional dynamic characteristics ...continued At recommended operating conditions; typical values measured at Tamb = 25 C. Symbol OFF(ft) Parameter OFF-state feed-through attenuation Conditions RL = 50 ; CL = 5 pF; fi = 10 MHz; see Figure 15 VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V Vct(sw-sw) crosstalk between RL = 50 ; CL = 5 pF; switches fi = 10 MHz; see Figure 16 VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V Qinj charge injection CL = 0.1 nF; Vgen = 0 V; Rgen = 0 ; fi = 1 MHz; RL = 1 M; see Figure 17 VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 4.5 V VCC = 5.5 V
[1] [2] [3]
[3] [2]
Min
Typ
Max
Unit
-
-42 -42 -40 -40
-
dB dB dB dB
-
-68 -70 -70 -70
-
dBV dBV dBV dBV
-
< 0.003 0.004 0.0045 0.0045 0.0045 -
pC pC pC pC pC
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads -3 dB. Adjust fi voltage to obtain 0 dBm level at input. Definition: Qinj = VO x CL. Guaranteed by design.
VCC
0.5VCC
RL
switch 1 2
S VIL VIH
E VIL VIL
VIL or VIH
S
0.1 F
B0 B1 E
1 2
switch
10 F
A
VIL
fi 600 CL
D
GND
001aad394
Fig 13. Test circuit for measuring total harmonic distortion
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
16 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
VCC
0.5VCC
RL
switch 1 2
S VIL VIH
E VIL VIL
VIL or VIH
S
0.1 F
B0 B1 E
1 2
switch
A
VIL
fi 50 CL
dB
GND
001aad395
Fig 14. Test circuit for measuring the frequency response when switch is in ON-state
0.5VCC VCC
RL
0.5VCC switch
RL
S VIL VIH
E VIH VIH
1 2
VIL or VIH
S
0.1 F
B0 B1 E
1 2
switch
A
VIH
fi 50 CL
dB
GND
001aad396
Fig 15. Test circuit for measuring feed-through attenuation when switch is in OFF-state
0.5VCC VCC
RL
0.5VCC E
RL
S VIL VIH
test condition 20log10(VB1/VI) 20log10(VB0/VI)
VIL VIL
VIL or VIH
S
0.1 F
B0 B1 E
A
VIL
fi 50 CL
dB
GND
001aad397
Fig 16. Test circuit for measuring crosstalk between switches
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
17 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
VCC S A E VIL logic input (S)
Rgen
B0 B1
1 2
switch
VO
RL
CL
Vgen
GND
001aad398
logic (S) off input
on
off
VO
VO
001aac478
VO = output voltage variation Rgen = generator resistance Vgen = generator voltage
Fig 17. Test circuit for measuring charge injection
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
18 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
15. Package outline
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm SOT505-2
D
E
A
X
c y HE vMA
Z
8
5
A pin 1 index
A2 A1
(A3)
Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.00 A2 0.95 0.75 A3 0.25 bp 0.38 0.22 c 0.18 0.08 D(1) 3.1 2.9 E(1) 3.1 2.9 e 0.65 HE 4.1 3.9 L 0.5 Lp 0.47 0.33 v 0.2 w 0.13 y 0.1 Z(1) 0.70 0.35 8 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT505-2 REFERENCES IEC JEDEC --JEITA EUROPEAN PROJECTION ISSUE DATE 02-01-16
Fig 18. Package outline SOT505-2 (TSSOP8)
74LVC2G53_2 (c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
19 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
D
E
A X
c y HE vMA
Z
8
5
Q A pin 1 index A2 A1 (A3) Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1 A1 0.15 0.00 A2 0.85 0.60 A3 0.12 bp 0.27 0.17 c 0.23 0.08 D(1) 2.1 1.9 E(2) 2.4 2.2 e 0.5 HE 3.2 3.0 L 0.4 Lp 0.40 0.15 Q 0.21 0.19 v 0.2 w 0.13 y 0.1 Z(1) 0.4 0.1 8 0
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT765-1 REFERENCES IEC JEDEC MO-187 JEITA EUROPEAN PROJECTION
ISSUE DATE 02-06-07
Fig 19. Package outline SOT765-1 (VSSOP8)
74LVC2G53_2 (c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
20 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm
SOT833-1
1
2
3
b 4 4x L
(2)
L1
e
8 e1
7 e1
6 e1
5
8x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 2.0 1.9 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT833-1 REFERENCES IEC --JEDEC MO-252 JEITA --EUROPEAN PROJECTION ISSUE DATE 04-07-22 04-11-09
Fig 20. Package outline SOT833-1 (XSON8)
74LVC2G53_2 (c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
21 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
16. Abbreviations
Table 14. Acronym CMOS TTL HBM ESD MM CDM DUT Abbreviations Description Complementary Metal Oxide Semiconductor Transistor-Transistor Logic Human Body Model ElectroStatic Discharge Machine Model Charged Device Model Device Under Test
17. Revision history
Table 15. Revision history Release date 20060331 Data sheet status Product data sheet Product data sheet Change notice Supersedes 74LVC2G53_1 Document ID 74LVC2G53_2 Modifications: 74LVC2G53_1
*
Added: type number 74LVC2G53DP (TSSOP8 package)
20060110
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
22 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
18. Legal information
18.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.semiconductors.philips.com.
18.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. Philips Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local Philips Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of a Philips Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. Philips Semiconductors accepts no liability for inclusion and/or use of Philips Semiconductors products in such equipment or applications and therefore such inclusion and/or use is for the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- Philips Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.semiconductors.philips.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by Philips Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
18.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, Philips Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- Philips Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- Philips Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
18.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
19. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
74LVC2G53_2
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 -- 31 March 2006
23 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
20. Contents
1 2 3 4 5 6 7 7.1 7.2 8 8.1 9 10 11 12 13 14 15 16 17 18 18.1 18.2 18.3 18.4 19 20 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 Functional description . . . . . . . . . . . . . . . . . . . 4 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 Recommended operating conditions. . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 6 Dynamic characteristics . . . . . . . . . . . . . . . . . 12 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Additional dynamic characteristics . . . . . . . . 15 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 19 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 22 Legal information. . . . . . . . . . . . . . . . . . . . . . . 23 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 23 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Contact information. . . . . . . . . . . . . . . . . . . . . 23 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) Koninklijke Philips Electronics N.V. 2006.
All rights reserved.
For more information, please visit: http://www.semiconductors.philips.com. For sales office addresses, email to: sales.addresses@www.semiconductors.philips.com. Date of release: 31 March 2006 Document identifier: 74LVC2G53_2


▲Up To Search▲   

 
Price & Availability of 74LVC2G53GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X